Part Number Hot Search : 
HTM1505 SC621A Z86E44 33SB00 ISL83740 8FE07 1SMB6 80P06P
Product Description
Full Text Search
 

To Download EPA018BV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Excelics
DATA SHEET
EPA018BV
High Efficiency Heterojunction Power FET
* * * * * * * * VERY HIGH fmax: 120GHz +20.0dBm TYPICAL OUTPUT POWER 13.0dB TYPICAL POWER GAIN AT 18 GHz TYPICAL 0.75dB NOISE FIGURE AND 12.5dB ASSOCIATED GAIN AT 12GHz 0.3 X 180 MICRON RECESSED "MUSHROOM" GATE Si3N4 PASSIVATION AND VIA HOLE GROUNDING ADVANCED EPITAXIAL HETEROJUNCTION PROFILE PROVIDES EXTRA HIGH POWER EFFICIENCY, AND HIGH RELIABILITY Idss SORTED IN 5 mA PER BIN RANGE
: Via Hole Chip Thickness: 75 13 microns All Dimensions In Microns
ELECTRICAL CHARACTERISTICS (Ta = 25 OC)
SYMBOLS P1dB G1dB PAE NF Ga Idss Gm Vp BVgd BVgs Rth PARAMETERS/TEST CONDITIONS Output Power at 1dB Compression f=12GHz Vds=6V, Ids=50% Idss f=18GHz Gain at 1dB Compression f=12GHz Vds=6V, Ids=50% Idss f=18GHz Power Added Efficiency at 1dB Compression Vds=6V, Ids=50% Idss f=12Ghz Noise Figure f=12GHz Vds=2V, Ids=15mA Associated Gain f=12GHz Vds=2V, Ids=15mA Saturated Drain Current Transconductance Pinch-off Voltage Drain Breakdown Voltage Source Breakdown Voltage Vds=3V, Vgs=0V Vds=3V, Vgs=0V Vds=3V, Ids=1.0mA Igd=0.5mA Igs=0.5mA -9 -7 MIN 18.0 13.0 TYP 20.0* 20.0* 14.5 13.0 48 0.75 12.5 30 35 55 60 -1.0 -15 -14 140
o
MAX
UNIT dBm dB % dB dB
80
mA mS
-2.5
V V V C/W
Thermal Resistance (Au-Sn Eutectic Attach)
* P1dB = 21.5dBm can be obtained with 8v/50% Idss bias. Consult factory for wafer selection.
MAXIMUM RATINGS AT 25OC
SYMBOLS Vds Vgs Ids Igsf Pin Tch Tstg Pt PARAMETERS Drain-Source Voltage Gate-Source Voltage Drain Current Forward Gate Current Input Power Channel Temperature Storage Temperature Total Power Dissipation ABSOLUTE1 12V -8V Idss 9mA 16dBm 175oC -65/175oC 950mW CONTINUOUS2 6V -3V Idss 1.5mA @3dB Compression 150oC -65/150oC 800mW
Note: 1. Exceeding any of the above ratings may result in permanent damage. 2. Exceeding any of the above ratings may reduce MTTF below design goals.
Excelics Semiconductor, Inc., 2908 Scott Blvd., Santa Clara, CA 95054
Phone: (408) 970-8664 Fax: (408) 970-8998 Web Site: www.excelics.com
EPA018BV
DATA SHEET
High Efficiency Heterojunction Power FET
S-PARAMETERS
2V, 15mA
FREQ (GHz) 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10.0 11.0 12.0 13.0 14.0 15.0 16.0 17.0 18.0 19.0 20.0 21.0 22.0 23.0 24.0 25.0 26.0 27.0 28.0 29.0 30.0 31.0 32.0 33.0 34.0 35.0 36.0 37.0 38.0 39.0 40.0 Note: --- S11 --MAG ANG 0.985 -12.3 0.979 -24.4 0.964 -36.4 0.957 -48.5 0.933 -60.2 0.920 -69.9 0.915 -79.1 0.902 -87.1 0.892 -95.4 0.864 -104.9 0.843 -115.7 0.825 -127.6 0.822 -138.3 0.808 -147.8 0.806 -158.2 0.808 -168.9 0.814 -178.1 0.823 175.9 0.809 170.2 0.806 162.6 0.792 169.1 0.813 163.4 0.788 160.3 0.787 153.7 0.774 147.2 0.789 139.7 0.798 138.7 0.817 136.4 0.823 136.5 0.814 133.7 0.819 131.4 0.807 128.7 0.817 126.1 0.815 122.9 0.838 120.4 0.828 118.5 0.854 113.2 0.843 111.0 0.861 109.2 0.848 109.9 --- S21 --MAG ANG 5.362 169.7 5.277 161.4 5.158 152.7 5.038 144.1 4.943 136.1 4.746 128.3 4.563 120.7 4.374 113.6 4.198 106.2 4.040 98.6 3.858 90.8 3.643 83.1 3.408 75.7 3.179 68.9 2.984 62.4 2.805 56.0 2.619 50.2 2.490 44.9 2.415 40.0 2.375 33.9 2.314 31.0 2.207 25.5 2.085 20.2 1.994 14.3 1.877 8.4 1.749 3.0 1.635 -1.5 1.524 -6.3 1.447 -11.0 1.363 -15.6 1.279 -19.6 1.206 -23.7 1.153 -27.3 1.096 -30.3 1.054 -33.2 1.026 -36.7 1.016 -40.4 0.983 -44.8 0.958 -49.2 0.921 -54.1 --- S12 --MAG ANG 0.017 82.3 0.034 75.5 0.048 67.6 0.063 60.7 0.076 54.2 0.087 47.8 0.097 41.7 0.105 35.9 0.112 29.3 0.119 22.8 0.123 16.3 0.126 9.6 0.128 3.8 0.127 -2.5 0.127 -7.5 0.125 -12.4 0.125 -16.3 0.126 -20.0 0.129 -23.5 0.134 -27.8 0.138 -29.0 0.137 -33.0 0.136 -36.6 0.135 -40.8 0.131 -44.9 0.126 -49.3 0.121 -51.6 0.117 -54.5 0.113 -57.6 0.110 -62.0 0.104 -65.3 0.100 -68.4 0.099 -71.5 0.098 -74.7 0.095 -79.5 0.099 -82.1 0.103 -88.7 0.108 -93.4 0.113 -99.1 0.114 -105.4 --- S22 --FREQ --- S11 --MAG ANG (GHz) MAG ANG 0.710 -5.8 1 0.984 -14.6 0.702 -11.8 2 0.975 -28.9 0.683 -17.8 3 0.952 -42.8 0.661 -23.8 4 0.938 -56.6 0.644 -30.3 5 0.911 -70.2 0.613 -36.1 6 0.891 -80.8 0.573 -41.5 7 0.882 -90.5 0.527 -47.8 8 0.866 -98.7 0.478 -54.7 9 0.856 -107 0.430 -63.5 10 0.831 -116 0.391 -72.2 11 0.817 -127 0.354 -79.8 12 0.806 -138 0.318 -86.2 13 0.81 -148 0.288 -93.9 14 0.802 -157 0.273 -99.4 15 0.807 -167 0.263 -102.7 16 0.81 -177 0.248 -102.3 17 0.818 174.2 0.221 -105.1 18 0.823 168.7 0.202 -108.8 19 0.809 163.2 0.183 -115.1 20 0.805 155.7 0.137 -146.1 21 0.791 163 0.131 -169.8 22 0.818 158 0.153 171.0 23 0.796 155.5 0.192 156.4 24 0.804 149 0.227 151.5 25 0.789 143 0.240 144.9 26 0.817 136 0.251 137.6 27 0.831 135 0.272 128.0 28 0.842 133.2 0.308 121.7 29 0.854 133.3 0.335 116.4 30 0.845 130.6 0.359 114.8 31 0.844 128.2 0.375 113.1 32 0.836 125.4 0.390 113.0 33 0.847 123.2 0.402 111.5 34 0.844 120.1 0.423 112.2 35 0.87 117.6 0.437 109.7 36 0.862 115.5 0.463 107.9 37 0.889 110 0.474 102.8 38 0.872 107.6 0.497 98.0 39 0.886 105.5 0.527 89.5 40 0.876 106.2
S-PARAMETERS
6V, 1/2 Idss
--- S21 --MAG ANG 5.256 168.2 5.134 158.5 4.956 148.7 4.783 139 4.638 129.8 4.374 121.6 4.142 113.8 3.931 106.7 3.751 99.4 3.596 91.83 3.428 83.74 3.214 75.82 2.992 68.49 2.794 61.66 2.614 55.19 2.439 48.26 2.264 42.45 2.144 37.22 2.082 32.49 2.052 26.57 2.07 24.17 2.01 18.33 1.933 12.63 1.883 5.46 1.777 -1.34 1.665 -7.64 1.578 -12.8 1.477 -18.7 1.417 -24.7 1.342 -30.7 1.256 -36.4 1.176 -41.5 1.115 -46.2 1.06 -50.5 1.011 -54.7 0.981 -58.9 0.97 -64 0.937 -69 0.917 -74.7 0.892 -81.4 --- S12 --MAG ANG 0.012 78.66 0.021 74.5 0.031 66.46 0.039 59.32 0.047 52.76 0.053 46.88 0.057 41.16 0.061 35.57 0.065 30.97 0.068 24.54 0.07 18.87 0.07 13.05 0.07 8.4 0.069 2.96 0.069 -0.85 0.068 -3.99 0.067 -6.76 0.069 -9.38 0.072 -11.2 0.075 -13.6 0.081 -13.6 0.082 -17.4 0.083 -19.6 0.085 -22.8 0.083 -26.6 0.083 -30.4 0.078 -30.7 0.077 -32.9 0.075 -36.3 0.072 -38.4 0.071 -41.7 0.067 -46.1 0.065 -50.1 0.063 -53.6 0.062 -55.9 0.063 -60.3 0.066 -64.1 0.07 -70.2 0.075 -75.9 0.084 -86.4 --- S22 --MAG ANG 0.836 -3.94 0.828 -7.92 0.813 -11.8 0.795 -15.5 0.777 -19.5 0.755 -23 0.731 -26.3 0.702 -30.2 0.671 -34.3 0.638 -39.1 0.613 -43.8 0.589 -47.8 0.57 -51.2 0.551 -55.3 0.544 -58.5 0.543 -60.5 0.547 -60.9 0.536 -62 0.533 -63.7 0.525 -65.5 0.471 -74.5 0.439 -80.4 0.415 -90.3 0.392 -102 0.393 -113 0.387 -121 0.381 -129 0.369 -141 0.379 -155 0.394 -167 0.424 -176 0.441 177.8 0.465 172.9 0.483 168.6 0.51 165.4 0.521 161 0.547 157.5 0.557 151.7 0.576 143.4 0.592 131.2
The data included 0.7 mils diameter Au bonding wires: 1 gate wire, 15 mils each; 1 drain wire, 20 mils each.


▲Up To Search▲   

 
Price & Availability of EPA018BV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X