Part Number Hot Search : 
G75CA 5370T7LC HMC29006 DD1216 78P0914 ATTINY KYW25K1 54511
Product Description
Full Text Search
 

To Download EGP10D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EGP10A THRU EGP10G
GLASS PASSIVATED FAST EFFICIENT RECTIFIER
Reverse Voltage - 50 to 400 Volts
* D
DO-204AL
Forward Current - 1.0 Ampere
FEATURES
Plastic package has Underwriters Laboratories Flammability Classification 94V-0 Glass passivated cavity-free junction Superfast recovery time for high efficiency Low forward voltage, high current capability Low leakage current High surge current capability High temperature metallurgically bonded construction High temperature soldering guaranteed: 300C/10 seconds, 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension
P A T
E
N
T
E
1.0 (25.4) MIN. 0.107 (2.7) 0.080 (2.0) DIA.
(R)
0.205 (5.2) 0.160 (4.1)
1.0 (25.4) MIN. 0.034 (0.86) 0.028 (0.71) DIA.
MECHANICAL DATA
Case: JEDEC DO-204AL molded plastic over glass body Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.012 ounce, 0.3 gram
Dimensions in inches and (millimeters) Encapsulation technique is covered by Patent No. 3,996,602, brazed-lead assembly to Patent No. 3,930,306
*Glass
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
SYMBOLS
EGP 10A
EGP 10B
EGP 10C
EGP 10D
EGP 10F
EGP 10G
UNITS
Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current 0.375" (9.5mm) lead length at TA=55C Peak forward surge current 8.3ms single half sine-wave superimposed on rated load Maximum instantaneous forward voltage at 1.0A Maximum DC reverse current at rated DC blocking voltage Maximum reverse recovery time (NOTE 1) Typical junction capacitance (NOTE 2) Typical thermal resistance (NOTE 3) Operating junction and storage temperature range TA=25C TA=125C
VRRM VRMS VDC I(AV)
50 35 50
100 70 100
150 105 150 1.0
200 140 200
300 210 300
400 280 400
Volts Volts Volts Amp
IFSM VF IR trr CJ RJA TJ, TSTG 22.0 0.95
30.0 1.25 5.0 100 50.0 15.0 50.0 -65 to +150
Amps Volts A ns pF C/W C
NOTES: (1) Reverse recovery test conditions: IF=0.5A, IR=1.0A, Irr=0.25A (2) Measured at 1.0 MHZ and applied reverse voltage of 4.0 Volts (3) Thermal resistance from junction to ambient at 0.375" (9.5mm) lead length, P.C.B. mounted
4/98
RATINGS AND CHARACTERISTICS CURVES EGP10A THRU EGP10G
AVERAGE FORWARD RECTIFIED CURRENT, AMPERES
PEAK FORWARD SURGE CURRENT, AMPERES
1.0
FIG. 1 - MAXIMUM FORWARD CURRENT DERATING CURVE
RESISTIVE OR INDUCTIVE LOAD 0.375" (9.5mm) LEAD LENGTH
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
30 25 20 15 10 5.0 0 1 10
TJ=TJ max. 8.3ms SINGLE HALF SINE WAVE (JEDEC Method)
0.5
0 0 25 50 75 100 125 150 175
AMBIENT TEMPERATURE, C
100
NUMBER OF CYCLES AT 60 HZ FIG. 3 -TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
50
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
1,000
INSTANTANEOUS FORWARD FORWARD CURRENT, AMPERES
PULSE WIDTH=300s 1% DUTY CYCLE
10
INSTANTANEOUS REVERSE LEAKAGE CURRENT, MICROAMPERES
100
TJ=150C
TJ=150C TJ=25C
10
1
TJ=100C
1
0.1
0.1
TJ=25C
0 0
EGP10A - EGP10D EGP10F & EGP10G
20
40
60
80
100
0.01 0.2
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG. 6 - TYPICAL TRANSIENT THERMAL IMPEDANCE
100
FIG. 5 - TYPICAL JUNCTION CAPACITANCE TRANSIENT THERMAL IMPEDANCE, CW
70
JUNCTION CAPACITANCE, pF
60 50 40 30 20 10 0 0.1
EGP10A - EGP10D EGP10F & EGP10G
TJ=25C f=1.0 MHZ Vsig=50mVp-p
10
1
1
10
100
REVERSE VOLTAGE, VOLTS
0.1 0.01
0.1
1
t, PULSE DURATION, sec.
10
100


▲Up To Search▲   

 
Price & Availability of EGP10D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X