|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
M * * * * * * * * * * * DSPIC30F Peripheral Features (Cont.): * I2CTM module supports Multi-Master/Slave mode and 7-bit/10-bit addressing * Addressable UART modules supporting: - Interrupt-on-address bit - Wake-up on START bit - Four characters deep TX and RX FIFO buffers * CAN bus modules DSPIC30F Enhanced FLASH 16-bit Digital Signal Controllers Sensor and General Purpose Families Product Brief High Performance Modified RISC CPU: Modified Harvard architecture C compiler optimized instruction set architecture 89 base instructions 24-bit wide instructions, 16-bit wide data path Linear program memory addressing up to 4M Instruction Words Linear data memory addressing up to 64 Kbytes Up to 144 Kbytes on-chip FLASH program space - Up to 48K Instruction Words Up to 8 Kbytes of on-chip data RAM Up to 4 Kbytes of non-volatile data EEPROM 16 x 16-bit working register array Three Address Generation Units that enable: - Dual data fetch - Accumulator write back for DSP operations Flexible Addressing modes supporting: - Indirect, Modulo and Bit-Reversed modes Two 40-bit wide accumulators with optional saturation logic 16-bit x 16-bit single cycle hardware fractional/ integer multiplier Single cycle Multiply-Accumulate (MAC) operation 40-stage Barrel Shifter Up to 30 MIPS operation: - DC to 40 MHz external clock input - 4 MHz - 10 MHz oscillator input with PLL active (4x, 8x, 16x) Up to 45 interrupt sources - 8 programmable priority levels Vector table with up to 62 vectors - 54 interrupt vectors - 8 processor exceptions and software traps Analog Features: * 12-bit A/D Converter, 1 LS bit accuracy: - 100 Ksps conversion rate - Up to 16 input channels - Conversion available during SLEEP, IDLE * Programmable Low Voltage Detection (PLVD) * Programmable Brown-out Detection and RESET generation * * * * * * Special Microcontroller Features: * Enhanced FLASH program memory - 100,000 erase/write cycle (typical) - Operating temp: Industrial temperature range * Data EEPROM memory - 1,000,000 erase/write cycle (typical) - Operating temp: Industrial temperature range - Data EEPROM Retention > 20 years * Self-reprogrammable under software control * Power-on Reset (POR), Power-up Timer (PWRT) and Oscillator Start-up Timer (OST) * Flexible Watchdog Timer (WDT) with on-chip Low Power RC Oscillator (512 kHz) * Fail safe clock monitor operation - Detects clock failure and switches to on-chip fast RC 8 MHz oscillator * Programmable code protection * In-Circuit Serial ProgrammingTM (ICSPTM) via 3 pins and power/ground * Selectable Power Management modes - SLEEP and IDLE modes * * Peripheral Features: * High current sink/source I/O pins: 25 mA/25 mA * Up to 5 external interrupt sources * Timer module with programmable prescaler: - Up to five 16-bit timers/counters; optionally pair up 16-bit timers into 32-bit timer modules * 16-bit Capture Input functions * 16-bit Compare/PWM Output functions - Dual Compare mode available * Data Converter Interface (DCI), supports common audio CODEC protocols, including I2S and AC'97 * 3-wire SPITM modules (supports 4 Frame modes) CMOS Technology: * * * * Low power, high speed FLASH technology Wide operating voltage range (2.5V to 5.5V) Industrial and Extended temperature ranges Low Power consumption 2001 Microchip Technology Inc. Advance Information DS70035B-page 1 DSPIC30F TABLE 1: Device DSPIC30F SENSOR PROCESSOR FAMILY VARIANTS UART SPITM 1 1 1 1 SPITM I2CTM 1 1 1 1 1 1 1 1 1 1 1 1 1 1 2 2 2 2 2 2 2 2 2 2 Pins Bytes Instructions 4K 8K 4K 8K SRAM EEPROM Timer Bytes Bytes 16-bit 1024 2048 1024 2048 0 1024 0 1024 3 3 3 3 Input Cap 2 2 2 2 A/D 12-bit 100 Ksps 8 ch 8 ch 10 ch 10 ch I2CTM 1 1 1 1 CAN 1 1 2 2 2 2 1 2 2 2 2 Program Memory Output Comp/Std PWM 2 2 2 2 DSPIC30F2011 DSPIC30F3012 DSPIC30F2012 DSPIC30F3013 18 18 28 28 12K 24K 12K 24K 1 1 1 2 TABLE 2: Device DSPIC30F GENERAL PURPOSE CONTROLLER FAMILY VARIANTS Pins SRAM EEPROM Timer Input Bytes 16-bit Cap Bytes Instructions Bytes 24K 48K 36K 66K 96K 132K 144K 36K 66K 96K 132K 144K 8K 16K 12K 22K 32K 44K 48K 12K 22K 32K 44K 48K 2048 2048 2048 4096 4096 6144 8192 2048 4096 4096 6144 8192 1024 1024 1024 1024 2048 2048 4096 1024 1024 2048 2048 4096 3 5 5 5 5 5 5 5 5 5 5 5 2 4 8 8 8 8 8 8 8 8 8 8 UART 2 2 2 2 2 2 2 2 2 2 2 2 Program Memory Output CODEC A/D 12-bit Comp/ Interface 100 Ksps Std PWM 2 4 8 8 8 8 8 8 8 8 8 8 AC97, I S AC97, I2S AC97, I2S AC97, I2S AC97, I S AC97, I S AC97, I2S 2 2 2 DSPIC30F3014* 40/44 DSPIC30F4013* 40/44 DSPIC30F4014* DSPIC30F5011 DSPIC30F5012 DSPIC30F6011 DSPIC30F6012 DSPIC30F4015* DSPIC30F5013 DSPIC30F5014 DSPIC30F6013 DSPIC30F6014 64 64 64 64 64 80 80 80 80 80 13 ch 13 ch 16 ch 16 ch 16 ch 16 ch 16 ch 16 ch 16 ch 16 ch 16 ch 16 ch *Proposed products (others are committed). FIGURE 1: PART NUMBER STRUCTURE d s P I C 3 0 L F 1 0 0 1 AT P - I / P T - 0 0 0 Trademark Family L = Low Voltage Memory Type FLASH = F PT PT PF SO SP P S W = = = = = = = = Custom ID Package TQFP 10x10 TQFP 12x12 TQFP 14x14 SOIC SDIP DIP Die (Waffle Pack) Die (Wafers) Memory Size in Bytes 0 = ROMless 1 = 1K to 6K 2 = 7K to 12K 3 = 13K to 24K 4 = 25K to 48K 5 = 49K to 96K 6 = 97K to 192K 7 = 193K to 384K 8 = 385K to 768K 9 = 769K and Up Temperature I = Industrial -40C to +85C E = Extended High Temp -40C to +125C P = Pilot T = Tape and Reel A,B,C... = Revision Device ID DS70035B-page 2 Advance Information 2001 Microchip Technology Inc. DSPIC30F FIGURE 2: PIN DIAGRAMS Part No.: 30F2011 / 30F3012 18-Pin SOIC and PDIP AN6/SCK1/INT0/OCFA/RB6 AN5/U1RX/SDI1/SDA/CN7/RB5 AN4/U1TX/SDO1/SCL/CN6/RB4 MCLR Vss AN0/VREF+/CN2/RB0 AN1/VREF-/CN3/RB1 AVDD AVSS 1 2 3 4 5 6 7 8 9 18 17 16 15 14 13 12 11 10 AN7/IC2/OC2/RB7 IC1/OC1/RD8 OSC1/CLKIN OSC2/CLKO/RC15 VDD SOSC2/T2CK/U1ATX/CN1/RC13 SOSC1/T1CK/U1ARX/CN0/RC14 AN3/CN5/RB3 AN2/CN4/RB2 DSPIC30FXXXX Note: Pinout subject to change. 28-Pin SDIP Part No.: 30F2012 / 30F3013 MCLR AN0/VREF+/CN2/RB0 AN1/VREF-/CN3/RB1 AN2/CN4/RB2 AN3/CN5/RB3 AN4/CN6/RB4 AN5/CN7/RB5 VSS OSC1/CLKIN OSC2/CLKO/RC15 SOSC2/T2CK/U1ATX/CN1/RC13 SOSC1/T1CK/U1ARX/CN0/RC14 VDD IC2/INT2/RD9 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 AVDD AVSS AN6/OCFA/RB6 AN7/RB7 AN8/OC1/RB8 AN9/OC2/RB9 U2RX/RF4 U2TX/RF5 VDD VSS U1RX/SDI1/SDA/RF2 U1TX/SDO1/SCL/RF3 SCK1/INT0/RF6 IC1/INT1/RD8 DSPIC30FXXXX Note: Pinout subject to change. 2001 Microchip Technology Inc. Advance Information DS70035B-page 3 DSPIC30F FIGURE 3: PIN DIAGRAMS (CONT.) Part No.: 30F3014 / 30F4013 40-Pin PDIP MCLR AN0/VREF+/CN2/RB0 AN1/VREF-/CN3/RB1 AN2/CN4/RB2 AN3/CN5/RB3 AN4/IC7/CN6/RB4 AN5/IC8/CN7/RB5 AN6/OCFA/RB6 AN7/RB7 AN8/RB8 VDD VSS OSC1/CLKIN OSC2/CLKO/RC15 SOSC2/T2CK/U1ATX/CN1/RC13 SOSC1/T1CK/U1ARX/CN0/RC14 INT0/RA11 IC2/INT2/RD9 OC4/RD3 VSS 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21 AVDD AVSS AN9/CSCK/RB9 AN10/CSDI/RB10 AN11/CSDO/RB11 AN12/COFS/RB12 OC1/RD0 OC2/RD1 VDD VSS C1RX/RF0 C1TX/RF1 U2RX/RF4 U2TX/RF5 U1RX/SDI1/SDA/RF2 U1TX/SDO1/SCL/RF3 SCK1/RF6 IC1/INT1/RD8 OC3/RD2 VDD DSPIC30FXXXX Note: Pinout subject to change. DS70035B-page 4 Advance Information 2001 Microchip Technology Inc. DSPIC30F FIGURE 4: PIN DIAGRAMS (CONT.) Part No.: 30F3014 / 30F4013 44-Pin TQFP 44 43 42 41 40 39 38 37 36 35 34 AN3/CN5/RB3 AN2/CN4/RB2 AN1/VREF-/CN3/RB1 AN0/VREF+/CN2/RB0 MCLR NC AVDD AVSS AN9/CSCK/RB9 AN10/CSDI/RB10 AN11/CSDO/RB11 AN4/IC7/CN6/RB4 AN5/IC8/CN7/RB5 AN6/OCFA/RB6 AN7/RB7 AN8/RB8 NC VDD VSS OSC1/CLKIN OSC2/CLKO/RC15 SOSC2/T2CK/U1ATX/CN1/RC13 1 2 3 4 5 6 7 8 9 10 11 DSPIC30FXXXX 33 32 31 30 29 28 27 26 25 24 23 AN12/COFS/RB12 OC1/RD0 OC2/RD1 VDD VSS NC C1RX/RF0 C1TX/RF1 U2RX/RF4 U2TX/RF5 U1RX/SDI1/SDA/RF2 22 21 20 19 18 17 16 15 14 13 12 U1TX/SDO1/SCL/RF3 SCK1/RF6 IC1/INT1/RD8 OC3/RD2 VDD NC VSS OC4/RD3 IC2/INT2/RD9 INT0/RA11 SOSC1/T1CK/U1ARX/CN0/RC14 Note: Pinout subject to change. 2001 Microchip Technology Inc. Advance Information DS70035B-page 5 DSPIC30F FIGURE 5: PIN DIAGRAMS (CONT.) Part No.: 30F4014 / 30F5011 / 30F5012 / 30F6011 / 30F6012 64-Pin TQFP 64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 CSDO/RG13 CSDI/RG12 CSCK/RG14 C2RX/RG0 C2TX/RG1 C1TX/RF1 C1RX/RF0 VDD VSS OC8/CN16/RD7 OC7/CN15/RD6 OC6/IC6/CN14/RD5 OC5/IC5/CN13/RD4 OC4/RD3 OC3/RD2 OC2/RD1 COFS/RG15 T2CK/RC1 T3CK/RC2 SCK2/CN8/RG6 SDI2/CN9/RG7 SDO2/CN10/RG8 MCLR SS2/CN11/RG9 VSS VDD AN5/IC8/CN7/RB5 AN4/IC7/CN6/RB4 AN3/CN5/RB3 AN2/CN4/RB2 AN1/VREF-/CN3/RB1 AN0/VREF+/CN2/RB0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 DSPIC30FXXXX SOSC1/T1CK/CN0/RC14 SOSC2/T4CK/CN1/RC13 OC1/RD0 IC4/INT4/RD11 IC3/INT3/RD10 IC2/INT2/RD9 IC1/INT1/RD8 VSS OSC2/CLKO/RC15 OSC1/CLKIN VDD SCL/RG2 SDA/RG3 SCK1/INT0/RF6 U1RX/SDI1/RF2 U1TX/SDO1/RF3 Note: Pinout subject to change. AN6/OCFA/RB6 AN7/RB7 AVDD AVSS AN8/RB8 AN9/RB9 AN10/RB10 AN11/RB11 VSS VDD AN12/RB12 AN13/RB13 AN14/RB14 AN15/OCFB/CN12/RB15 U2RX/CN17/RF4 U2TX/CN18/RF5 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 DS70035B-page 6 Advance Information 2001 Microchip Technology Inc. DSPIC30F FIGURE 6: PIN DIAGRAMS (CONT.) 80-Pin TQFP Part No.: 30F4015 / 30F5013 / 30F5014 / 30F6013 / 30F6014 C2TX/RG1 C1TX/RF1 C1RX/RF0 VDD VSS OC8/CN16/RD7 CSDO/RG13 CSDI/RG12 CSCK/RG14 RA7/CN23 RA6/CN22 C2RX/RG0 OC6/CN14/RD5 OC5/CN13/RD4 IC6/CN19/RD13 OC7/CN15/RD6 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 IC5/RD12 OC4/RD3 OC3/RD2 OC2/RD1 COFS/RG15 T2CK/RC1 T3CK/RC2 T4CK/RC3 T5CK/RC4 SCLK2/CN8/RG6 SDI2/CN9/RG7 SDO2/CN10/RG8 MCLR SS2/CN11/RG9 VSS VDD INT1/RA12 INT2/RA13 AN5/CN7/RB5 AN4/CN6/RB4 AN3/CN5/RB3 AN2/CN4/RB2 AN1/CN3/RB1 AN0/CN2/RB0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 34 35 36 37 38 39 40 23 24 25 26 27 28 29 30 31 32 33 60 59 58 57 56 55 54 53 52 SOSC1/T1CK/CN0/RC14 SOSC2/CN1/RC13 OC1/RD0 IC4/RD11 IC3/RD10 IC2/RD9 IC1/RD8 INT4/RA15 INT3/RA14 VSS OSC2/CLKO/RC15 OSC1/CLKIN VDD SCL/RG2 SDA/RG3 SCK1/INT0/RF6 SDI1/RF7 SDO1/RF8 U1RX/RF2 U1TX/RF3 DSPIC30FXXXX 51 50 49 48 47 46 45 44 43 42 41 AVSS VSS AN15/OCFB/CN12/RB15 IC7/CN20/RD14 Note: Pinout subject to change. 2001 Microchip Technology Inc. Advance Information U2RX/CN17/RF4 U2TX/CN18/RF5 IC8/CN21/RD15 AN12/RB12 AN13/RB13 AN10/RB10 AN6/OCFA/RB6 VREF+/RA10 AN14/RB14 AN11/RB11 VREF-/RA9 AVDD AN8/RB8 AN7/RB7 AN9/RB9 VDD DS70035B-page 7 DSPIC30F NOTES: DS70035B-page 8 Advance Information 2001 Microchip Technology Inc. Note the following details of the code protection feature on PICmicro(R) MCUs. * * * The PICmicro family meets the specifications contained in the Microchip Data Sheet. Microchip believes that its family of PICmicro microcontrollers is one of the most secure products of its kind on the market today, when used in the intended manner and under normal conditions. There are dishonest and possibly illegal methods used to breach the code protection feature. All of these methods, to our knowledge, require using the PICmicro microcontroller in a manner outside the operating specifications contained in the data sheet. The person doing so may be engaged in theft of intellectual property. Microchip is willing to work with the customer who is concerned about the integrity of their code. Neither Microchip nor any other semiconductor manufacturer can guarantee the security of their code. Code protection does not mean that we are guaranteeing the product as "unbreakable". Code protection is constantly evolving. We at Microchip are committed to continuously improving the code protection features of our product. * * * If you have any further questions about this matter, please contact the local sales office nearest to you. Information contained in this publication regarding device applications and the like is intended through suggestion only and may be superseded by updates. It is your responsibility to ensure that your application meets with your specifications. No representation or warranty is given and no liability is assumed by Microchip Technology Incorporated with respect to the accuracy or use of such information, or infringement of patents or other intellectual property rights arising from such use or otherwise. Use of Microchip's products as critical components in life support systems is not authorized except with express written approval by Microchip. No licenses are conveyed, implicitly or otherwise, under any intellectual property rights. Trademarks The Microchip name and logo, the Microchip logo, FilterLab, KEELOQ, MPLAB, PIC, PICmicro, PICMASTER, PICSTART, PRO MATE, SEEVAL and The Embedded Control Solutions Company are registered trademarks of Microchip Technology Incorporated in the U.S.A. and other countries. dsPIC, ECONOMONITOR, FanSense, FlexROM, fuzzyLAB, In-Circuit Serial Programming, ICSP, ICEPIC, microID, microPort, Migratable Memory, MPASM, MPLIB, MPLINK, MPSIM, MXDEV, PICC, PICDEM, PICDEM.net, rfPIC, Select Mode and Total Endurance are trademarks of Microchip Technology Incorporated in the U.S.A. Serialized Quick Term Programming (SQTP) is a service mark of Microchip Technology Incorporated in the U.S.A. All other trademarks mentioned herein are property of their respective companies. (c) 2001, Microchip Technology Incorporated, Printed in the U.S.A., All Rights Reserved. Printed on recycled paper. Microchip received QS-9000 quality system certification for its worldwide headquarters, design and wafer fabrication facilities in Chandler and Tempe, Arizona in July 1999. The Company's quality system processes and procedures are QS-9000 compliant for its PICmicro(R) 8-bit MCUs, KEELOQ(R) code hopping devices, Serial EEPROMs and microperipheral products. In addition, Microchip's quality system for the design and manufacture of development systems is ISO 9001 certified. 2001 Microchip Technology Inc. Advance Information DS70035B - page 9 M WORLDWIDE SALES AND SERVICE AMERICAS Corporate Office 2355 West Chandler Blvd. Chandler, AZ 85224-6199 Tel: 480-792-7200 Fax: 480-792-7277 Technical Support: 480-792-7627 Web Address: http://www.microchip.com ASIA/PACIFIC Australia Microchip Technology Australia Pty Ltd Suite 22, 41 Rawson Street Epping 2121, NSW Australia Tel: 61-2-9868-6733 Fax: 61-2-9868-6755 Japan Microchip Technology Japan K.K. Benex S-1 6F 3-18-20, Shinyokohama Kohoku-Ku, Yokohama-shi Kanagawa, 222-0033, Japan Tel: 81-45-471- 6166 Fax: 81-45-471-6122 Rocky Mountain 2355 West Chandler Blvd. Chandler, AZ 85224-6199 Tel: 480-792-7966 Fax: 480-792-7456 China - Beijing Microchip Technology Consulting (Shanghai) Co., Ltd., Beijing Liaison Office Unit 915 Bei Hai Wan Tai Bldg. No. 6 Chaoyangmen Beidajie Beijing, 100027, No. China Tel: 86-10-85282100 Fax: 86-10-85282104 Korea Microchip Technology Korea 168-1, Youngbo Bldg. 3 Floor Samsung-Dong, Kangnam-Ku Seoul, Korea 135-882 Tel: 82-2-554-7200 Fax: 82-2-558-5934 Atlanta 500 Sugar Mill Road, Suite 200B Atlanta, GA 30350 Tel: 770-640-0034 Fax: 770-640-0307 Singapore Microchip Technology Singapore Pte Ltd. 200 Middle Road #07-02 Prime Centre Singapore, 188980 Tel: 65-334-8870 Fax: 65-334-8850 Boston 2 Lan Drive, Suite 120 Westford, MA 01886 Tel: 978-692-3848 Fax: 978-692-3821 China - Chengdu Microchip Technology Consulting (Shanghai) Co., Ltd., Chengdu Liaison Office Rm. 2401, 24th Floor, Ming Xing Financial Tower No. 88 TIDU Street Chengdu 610016, China Tel: 86-28-6766200 Fax: 86-28-6766599 Taiwan Microchip Technology Taiwan 11F-3, No. 207 Tung Hua North Road Taipei, 105, Taiwan Tel: 886-2-2717-7175 Fax: 886-2-2545-0139 Chicago 333 Pierce Road, Suite 180 Itasca, IL 60143 Tel: 630-285-0071 Fax: 630-285-0075 Dallas 4570 Westgrove Drive, Suite 160 Addison, TX 75001 Tel: 972-818-7423 Fax: 972-818-2924 China - Fuzhou Microchip Technology Consulting (Shanghai) Co., Ltd., Fuzhou Liaison Office Rm. 531, North Building Fujian Foreign Trade Center Hotel 73 Wusi Road Fuzhou 350001, China Tel: 86-591-7557563 Fax: 86-591-7557572 EUROPE Denmark Microchip Technology Nordic ApS Regus Business Centre Lautrup hoj 1-3 Ballerup DK-2750 Denmark Tel: 45 4420 9895 Fax: 45 4420 9910 Dayton Two Prestige Place, Suite 130 Miamisburg, OH 45342 Tel: 937-291-1654 Fax: 937-291-9175 Detroit Tri-Atria Office Building 32255 Northwestern Highway, Suite 190 Farmington Hills, MI 48334 Tel: 248-538-2250 Fax: 248-538-2260 China - Shanghai Microchip Technology Consulting (Shanghai) Co., Ltd. Room 701, Bldg. B Far East International Plaza No. 317 Xian Xia Road Shanghai, 200051 Tel: 86-21-6275-5700 Fax: 86-21-6275-5060 France Microchip Technology SARL Parc d'Activite du Moulin de Massy 43 Rue du Saule Trapu Batiment A - ler Etage 91300 Massy, France Tel: 33-1-69-53-63-20 Fax: 33-1-69-30-90-79 Kokomo 2767 S. Albright Road Kokomo, Indiana 46902 Tel: 765-864-8360 Fax: 765-864-8387 China - Shenzhen Microchip Technology Consulting (Shanghai) Co., Ltd., Shenzhen Liaison Office Rm. 1315, 13/F, Shenzhen Kerry Centre, Renminnan Lu Shenzhen 518001, China Tel: 86-755-2350361 Fax: 86-755-2366086 Los Angeles 18201 Von Karman, Suite 1090 Irvine, CA 92612 Tel: 949-263-1888 Fax: 949-263-1338 Germany Microchip Technology GmbH Gustav-Heinemann Ring 125 D-81739 Munich, Germany Tel: 49-89-627-144 0 Fax: 49-89-627-144-44 New York 150 Motor Parkway, Suite 202 Hauppauge, NY 11788 Tel: 631-273-5305 Fax: 631-273-5335 Hong Kong Microchip Technology Hongkong Ltd. Unit 901-6, Tower 2, Metroplaza 223 Hing Fong Road Kwai Fong, N.T., Hong Kong Tel: 852-2401-1200 Fax: 852-2401-3431 Italy Microchip Technology SRL Centro Direzionale Colleoni Palazzo Taurus 1 V. Le Colleoni 1 20041 Agrate Brianza Milan, Italy Tel: 39-039-65791-1 Fax: 39-039-6899883 San Jose Microchip Technology Inc. 2107 North First Street, Suite 590 San Jose, CA 95131 Tel: 408-436-7950 Fax: 408-436-7955 India Microchip Technology Inc. India Liaison Office Divyasree Chambers 1 Floor, Wing A (A3/A4) No. 11, O'Shaugnessey Road Bangalore, 560 025, India Tel: 91-80-2290061 Fax: 91-80-2290062 United Kingdom Arizona Microchip Technology Ltd. 505 Eskdale Road Winnersh Triangle Wokingham Berkshire, England RG41 5TU Tel: 44 118 921 5869 Fax: 44-118 921-5820 10/01/01 Toronto 6285 Northam Drive, Suite 108 Mississauga, Ontario L4V 1X5, Canada Tel: 905-673-0699 Fax: 905-673-6509 DS70035B-page 10 Advance Information 2001 Microchip Technology Inc. |
Price & Availability of DSPIC30F |