Part Number Hot Search : 
IH0515S D2164 40ST1092 07197 LC100 XPT8863 B32672P 3433EFE
Product Description
Full Text Search
 

To Download DM74ALS153 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DM74ALS153 Dual 1-of-4 Line Data Selector/Multiplexer
April 1984 Revised February 2000
DM74ALS153 Dual 1-of-4 Line Data Selector/Multiplexer
General Description
This Data Selector/Multiplexer contains full on-chip decoding to select one-of-four data sources as a result of a unique two-bit binary code at the Select inputs. Each of the two Data Selector/Multiplexer circuits have their own separate Data and Strobe inputs and a non-inverting output buffer. The Select inputs A and B are common to both sections. The Strobe inputs, when at the HIGH level, disable their associated data inputs and force the corresponding output to the LOW state. The Select input buffers incorporate internal overlap features to ensure that select input changes do not cause invalid output transients.
Features
s Advanced oxide-isolated, ion-implanted Schottky TTL process s Switching performance is guaranteed over full temperature and VCC supply range s Pin and functional compatible with LS family counterpart s Improved output transient handling capability
Ordering Code:
Order Number DM74ALS153M DM74ALS153SJ DM74ALS153N Package Number M16A M16D N16E Package Description 16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow 16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Devices also available in Tape and Reel. Specify by appending the suffix letter "X" to the ordering code.
Connection Diagram
Function Table
Select Inputs B X L L L L H H H H A X L L H H L L H H C0 X L H X X X X X X Data Inputs C1 X X X L H X X X X C2 X X X X X L H X X C3 X X X X X X X L H Strobe G H L L L L L L L L Output Y L L H L H L H L H
Select inputs A and B are common to both sections. H = HIGH Level L = LOW Level X = Don't Care
(c) 2000 Fairchild Semiconductor Corporation
DS006204
www.fairchildsemi.com
DM74ALS153
Logic Diagram
www.fairchildsemi.com
2
DM74ALS153
Absolute Maximum Ratings(Note 1)
Supply Voltage Input Voltage Operating Free Air Temperature Range Storage Temperature Range Typical JA N Package M Package 78.0C/W 107.0C/W 7V 7V 0C to +70C -65C to +150C
Note 1: The "Absolute Maximum Ratings" are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the absolute maximum ratings. The "Recommended Operating Conditions" table will define the conditions for actual device operation.
Recommended Operating Conditions
Symbol VCC VIH VIL IOH IOL TA Supply Voltage HIGH Level Input Voltage LOW Level Input Voltage HIGH Level Output Current LOW Level Output Current Free Air Operating Temperature 0 Parameter Min 4.5 2 0.8 -2.6 24 70 Nom 5 Max 5.5 Units V V V mA mA C
Electrical Characteristics
over recommended operating free air temperature range. All typical values are measured at VCC = 5V, TA = 25C. Symbol VIK VOH VOL II IIH IIL IO ICC Parameter Input Clamp Voltage HIGH Level Output Voltage LOW Level Output Voltage Input Current at Max Input Voltage High Level Input Current Low Level Input Current Output Drive Current Supply Current Conditions VCC = 4.5V, IIN = -18 mA VCC = 4.5V, IOH = Max IOH = -400 A, VCC = 4.5V to 5.5V VCC = 4.5V VCC = 5.5V, VIN = 7V VCC = 5.5V, VIN = 2.7V VCC = 5.5V, VIN = 0.4V VCC = 5.5V, VOUT = 2.25V VCC = 5.5V All Inputs = 4.5V -30 7.5 IOL = 24 mA 2.4 VCC - 2 0.35 0.5 0.1 20 -0.1 -112 14 3.2 Min Typ Max -1.5 Units V V V V mA A mA mA mA
Switching Characteristics
over recommended operating free air temperature range. Symbol tPLH tPHL tPLH tPHL tPLH tPHL Parameter Propagation Delay Time LOW-to-HIGH Level Output Propagation Delay Time HIGH-to-LOW Level Output Propagation Delay Time LOW-to-HIGH Level Output Propagation Delay Time HIGH-to-LOW Level Output Propagation Delay Time LOW-to-HIGH Level Output Propagation Delay Time HIGH-to-LOW Level Output Conditions VCC = 4.5V to 5.5V CL = 50 pF RL = 500 From Select Select Data Data Strobe Strobe To Y Y Y Y Y Y Min 5 5 3 4 5 5 Max 21 21 10 15 18 18 Units ns ns ns ns ns ns
3
www.fairchildsemi.com
DM74ALS153
Physical Dimensions inches (millimeters) unless otherwise noted
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow Package Number M16A
www.fairchildsemi.com
4
DM74ALS153
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide Package Number M16D
5
www.fairchildsemi.com
DM74ALS153 Dual 1-of-4 Line Data Selector/Multiplexer
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide Package Number N16E
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. www.fairchildsemi.com 6 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of DM74ALS153

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X