Part Number Hot Search : 
XMEGA 24128 W6612 BY1800 HAT2105T R05G12 ES5136 2SC17
Product Description
Full Text Search
 

To Download DFA200AA160 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 THREE PHASE DIODE THYRISTOR
DFA200AA80/160
UL;E76102 M SanRex Power Module, DFA200AA, is complex isolated module which is designed for rash current circuit. It contains six diodes connected in a three phase bridge configuration, and a thyristor connected to a direct current line. This Module is designed very compactly. Because diode module and thyristor put together. This Module is also isolated type between electorode terminal and mounting base. So you can put this Module and other one together in a same fin. Application Inverter for AC or DC motor control, Current stabilized power supply, Switching power supply.
Unit
DIODE Mximum Ratings
Symbol VRRM VRSM Symbol ID IFSM Tj Tstg VISO Item Repetitive Peak Reverse Voltage Non-Repetitive Peak Reverse Voltage Item Output Current (D.C.) Surge forward current Operating Junction Temperature Storage Temperature Isolation Breakdown Voltage (R.M.S.) Mounting M5 Mounting Torque Mass Terminal M6 Terminal M4 A.C. 1minute Recommended Value 1.5-2.5 15-25 Recommended Value 2.5-3.9 25-40 Recommended Value 1.0-1.4 10-14 Typical Value Ratings DFA200AA80 800 960 Conditions Three phase full wave, Tc 96 cycle, 50/60HZ, peak value, non-repetitive DFA200AA160 1600 1700 Ratings 200 1850/2000 30 to 30 to 2500 2.7 28 4.7 48 1.5 15 460 g Nm fB 150 135 V Unit V V Unit A kA
Electrical Characteristics
Symbol IRRM VFM Rth j-c Item Repetitive Peak Reverse Current,max. Forward Voltage Drop,max. Thermal Impedance, max. Conditions Tj 150 , VR=VRRM IF 200A Inst. measurement Junction to Case TOTAL Ratings 20 1.35 0.10 Unit mA V /W
SanRex(R)
50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 E-mail: semi@sanrex.com
DFA200AA80/160
THYRISTOR Maximum Ratings
Symbol VRRM VRSM VDRM Symbol IT
AV
Item Repetitive Peak Reverse Voltage Non-Repetitive Peak Reverse Voltage Repetitive Peak Off-State Voltage Item Average On-State Current Surge On-State Current I2t (for fusing) Critical Rate of Rise of On-State Current Isolation Breakdown Voltage (R.M.S.) Operating Junction Temperature Storage Temperature Mounting M5 Mounting Torque Mass Terminal M6 Terminal M4
1 2cycle,
Ratings DFA200AA80 800 960 800 Conditions Singl phase half wave. 180 conduction, Tc 93 50/60HZ, peak value, non-repetitive
1 2VDRM
DFA200AA160 1600 1700 1600 Ratings 200 1850/2000 17000 200 2500 30 to 30 to 135 135
Unit V V V Unit A A A2S A/ s V
ITSM I2t di dt VISO Tj Tstg
Value for one of surge current IG 100mA VD A.C. 1minute Tj 125 135 diG/dt 0.1A/ s
Recommended Value 1.5-2.5 15-25 Recommended Value 2.5-3.9 15-25 Recommended Value 1.0-1.4 15-25 Typical Value
2.7 28 4.7 48 1.5 15 460 g Nm fB
Electrical Characteristics
Symbol IDRM IRRM VTM IGT VGT dv dt Rth j-c Item Repetitive Peak off-State Current,max. Repetitive Peak Reverse Current,max. Peak on-State Voltagea,max. Gate Trigger Current,max. Gate Trigger Voltage,max. Critical Rate of off-State Voltaget,min. Thermal Impedance, max. Tj 135 Tj 135 Conditions VD VDRM VD VDRM Ratings 50 50 1.15 100 3
2 3VDRM
Unit mA mA V mA V V/ s /W
IT 200A Inst. measurement VD 6V IT 1A VD 6V IT 1A Tj 125 VD Junction to Case
500 0.18
SanRex 50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 E-mail: semi@sanrex.com
DFA200AA80/160
SanRex 50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 E-mail: semi@sanrex.com


▲Up To Search▲   

 
Price & Availability of DFA200AA160

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X