Part Number Hot Search : 
DS016 TA1281F AZP9212 IC16C58 IRFP150A 8097JF 03515 BLF245B
Product Description
Full Text Search
 

To Download C25P40FR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FRD
Type :
C25P40FR
OUTLINE DRAWING
FEATURES
* Similar to TO-247AC (TO-3P) Case * Dual Diodes - Anode Common * Ultra - Fast Recovery * Low Forward Voltage Drop * High Surge Capability * 200 Volts thru 400 Volts Types Available
Maximum Ratings
Rating
Repetitive Peak Reverse Voltage Non-repetitive Peak Reverse Voltage Average Rectified Output Current RMS Forward Current Surge Forward Current Operating JunctionTemperature Range Storage Temperature Range Mounting torque Symbol VRRM VRSM IO IF(RMS) IFSM Tjw Tstg 0.5 150 25
Approx Net Weight:5.55g C25P40FR 400 440 50 Hz,Full Sine Wave Tc=85C Resistive Load 28 50 Hz Full Sine Wave,1cycle Non-repetitive - 40 to + 150 - 40 to + 150 Recommended value
Unit
V V A A A C C Nm
Electrical * Thermal Characteristics
Characteristics
Peak Reverse Current Peak Forward Voltage Reverse Recovery Time Thermal Resistance Symbol IRM VFM Conditions Min. Typ. Max. Unit 50 1.25 50 2 A V ns C/W Tj=25C,VRM=VRRM per Arm Tj=25C, IFM=12.5A per Arm IFM=10 A, trr -di/dt= 50 A/s, Ta= 25C Rth(j-c) Junction to Case
C25P40FR OUTLINE DRAWING (Dimensions in mm)


▲Up To Search▲   

 
Price & Availability of C25P40FR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X