Part Number Hot Search : 
IRL3705N LCD10 N74F842D 24M00 0EVKI 4732A HER3003 AT508
Product Description
Full Text Search
 

To Download BZY93 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Zeners/Studs
BZY93 Series
FEATURES
* Voltage Range 7.5 -75 Volts * 1500 Watt Peak Pulse Power * 20 Watt Steady State @ 75C * 15 Watt Steady State @ 100C * Glass passivated junction * 1500 Watt surge capability at 1 ms * Typically IR less than 5 A above 10V * Excellent clamping capability * Stud cathode & stud anode * Operating temperature -55C to +175C * 100% tested
MECHANICAL CHARACTERISTICS
* Case: Hermetically sealed DO-4 outline * Finish: All external surfaces are corrosion resistant and
AVAILABLE IN THE FOLLOWING CONFIGURATIONS
terminal solderable
* Polarity: Indicated by direction of zener symbol * Weight: 4.2 grammes excluding mounting kit (approx) * Torque setting 13inch/lb
ELECTRICAL DATA
* Forward voltage VF1.5V max @ IF 5A 300S square
wave pulse
* Vz measured with pulse 100S and duty cycle 0.001 * Rz determined with DC plus 10% superimposed AC @ 1KHz STUD CATHODE NORMAL
ORDERING INFORMATION
BZY93C Voltage
STUD ANODE REVERSE
All dimensions in mm
N = Stud Cathode Normal R = Stud Anode Reverse
324
w w w. l i t t e l f u s e . c o m
Zeners/Studs
BZY93 Series
100
Ptot max (W) 15
Peak Pulse Power - Pp (kW)
20
Exponential wave-form 10 Square wave-pulse 1
10
5.0
0
0
-50
0
50
100
1 mb
0.1 100ns
1s
10s
100s
1ms
10ms
Figure 1. Maximum total dissapation plotted against mounting base temp
Pulse Time (tp) Figure 2. Non-repetitive peak pulse power rating curve
7
ZENERS/STUDS
325
ELECTRICAL SPECIFICATION @ Tamb 25C
Stud Cathode Part Number BZY93C7V5* BZY93C8V2 BZY93C9V1* BZY93C10 BZY93C11 BZY93C12* BZY93C13* BZY93C15 BZY93C16 BZY93C18* BZY93C20 BZY93C22 BZY93C24 BZY93C27 BZY93C30* BZY93C33 BZY93C36 BZY93C39 BZY93C43 BZY93C47 BZY93C51 BZY93C56* BZY93C62 BZY93C68 BZY93C75* Stud Anode Part Number BZY93C7V5R BZY93C8V2R BZY93C9V1R BZY93C10R BZY93C11R BZY93C12R* BZY93C13R* BZY93C15R* BZY93C16R BZY93C18R* BZY93C20R BZY93C22R BZY93C24R BZY93C27R* BZY93C30R BZY93C33R BZY93C36R* BZY93C39R BZY93C43R BZY93C47R BZY93C51R BZY93C56R BZY93C62R BZY93C68R* BZY93C75R Zener Voltage VZ (Volts) @ IZ MIN 7.0 7.7 8.5 9.4 10.4 11.4 12.4 13.8 15.3 16.8 18.8 20.8 22.7 25.1 28.0 31.0 34.0 37.0 40.0 44.0 48.0 52.0 58.0 64.0 70.0 MAX 7.9 8.7 9.6 10.6 11.6 12.7 14.1 15.6 17.1 19.1 21.2 23.3 25.9 28.9 32.0 35.0 38.0 41.0 46.0 50.0 54.0 60.0 66.0 72.0 79.0 IZ (A) 2.0 2.0 1.0 1.0 1.0 1.0 1.0 1.0 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 Zener Resistance RZ () @ IZ Max Typ 0.04 0.3 0.05 0.07 0.09 0.08 0.08 0.08 0.10 0.18 0.20 0.20 0.21 0.22 0.25 0.30 0.75 0.85 0.90 1.00 1.00 1.20 1.30 1.50 1.80 2.00 0.3 0.5 0.5 1.0 1.0 1.0 1.2 1.2 1.5 1.5 1.8 2.0 2.0 2.5 4.0 5.0 6.5 7.0 7.5 8.0 9.0 10.0 11.0 15.0 Maximum Reverse Leakage IR @ VR (mA) 0.10 0.10 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 (Volts) 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51
* Preferred voltages.
w w w. l i t t e l f u s e . c o m


▲Up To Search▲   

 
Price & Availability of BZY93

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X