Part Number Hot Search : 
PHC20306 2SD2556 NTE616 XXXGP MAX20271 1002D SD850 2SK22
Product Description
Full Text Search
 

To Download BZT52C47 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BZT52C2V4 ... C56 Surface mount Zener Diodes Zener-Dioden fur die Oberflachenmontage
Version 2004-07-26
Zener-Diodes
Power dissipation - Verlustleistung
2.7
410 mW 2.4...56 V SOD-123 0.01 g
Nominal Zener voltage Nominale Zener-Spannung
0.6
Type Code
1.1
0.1 1.6
Plastic case Kunststoffgehause Weight approx. - Gewicht ca. Standard packaging taped and reeled Standard Lieferform gegurtet auf Rolle
0.6
3.8
Dimensions / Mae in mm
Standard Zener voltage tolerance is graded to the international E 24 (~ 5%) standard. Other voltage tolerances and higher Zener voltages on request. Die Toleranz der Zener-Spannung ist in der Standard-Ausfuhrung gestuft nach der internationalen Reihe E 24 (~ 5%). Andere Toleranzen und hohere Spannungen auf Anfrage.
Maximum ratings and Characteristics Power dissipation Verlustleistung
Grenz- und Kennwerte BZT52C2V4 ... C56 TA = 50C IFAV Tj TS RthA 410 mW 1) 150C - 55...+ 150C 400 K/W 1)
Junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft
Zener voltages see table on next page - Zener-Spannungen siehe Tabelle auf der nachsten Seite
BZT52C2V4 = WX BZT52C2V7 = W1 BZT52C3V0 = W2 BZT52C3V3 = W3 BZT52C3V6 = W4 BZT52C3V9 = W5 BZT52C4V3 = W6 BZT52C4V7 = W7 BZT52C5V1 = W8 Marking - Stempelung BZT52C5V6 = W9 BZT52C6V2 = WA BZT52C6V8 = WB BZT52C7V5 = WC BZT52C8V2 = WD BZT52C9V1 = WE BZT52C10 = WF BZT52C11 = WG BZT52C12 = WH BZT52C13 = WI BZT52C15 = WJ BZT52C16 = WK BZT52C18 = WL BZT52C20 = WM BZT52C22 = WN BZT52C24 = WO BZT52C27 = WP BZT52C30 = WQ BZT52C33 = WR BZT52C36 = WS BZT52C39 = WT BZT52C43 = WU BZT52C47 = WV BZT52C51 = WW BZT52C56 = XW
1
) Mounted on P.C. board with 25 mm2 copper pads at each terminal Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lotpad) an jedem Anschluss 2 ) Tested with pulses tp = 5 ms - Gemessen mit Impulsen tp = 5 ms
1
Small Signal Si-Diodes
BZT52C2V4 ... C56
Maximum ratings
Type Typ Zener voltage ) Zener-Spanng. 2) IZ = 5 mA Vzmin [V] Vzmax 2,2 2,5 2,8 3,1 3,4 3,7 4,0 4,4 4,8 5,2 5,8 6,4 7,0 7,7 8,5 9,4 10,4 11,4 12,4 13,8 15,3 16,8 18,8 20,8 22,8 25,1 28 31 34 37 40 44 48 52 2,6 2,9 3,2 3,5 3,8 4,1 4,6 5,0 5,4 6,0 6,6 7,2 7,9 8,7 9,6 10,6 11,6 12,7 14,1 15,6 17,1 19,1 21,2 23,3 25,6 28,9 32 35 38 41 46 50 54 60
2
Grenzwerte
Dynamic resistance Inhar. diff. Widerstand rzj [] at f = 1 kHz IZ = 1 mA IZ = 5 mA <85 <85 <85 <85 <85 <85 <75 <60 <35 <25 <10 <8 (7 <7 <10 <15 <20 <20 <26 <30 <40 <50 <55 <55 <80 <80 <80 <80 <80 <90 <90 <110 <125 <135 < 600 < 600 < 600 < 600 < 600 < 600 < 600 < 600 < 550 < 450 < 200 < 150 < 50 < 50 < 50 < 70 < 70 < 90 < 110 < 110 < 170 < 170 < 220 < 220 < 220 < 220 < 220 < 220 < 220 < 500 < 500 < 600 < 700 < 700 Temp. Coeffiz. of Z-voltage ...der Z-spanng. VZ10-4 [C] -9...-6 -9...-6 -8...-5 -8...-5 -8...-5 -8...-5 -6...-3 -5...+2 -2...+2 -5...+5 +3...+6 +3...+7 +3...+7 +3...+8 +3...+9 +3...+10 +3...+11 +3...+11 +3...+11 +3...+11 +3...+11 +3...+11 +3...+11 +4...+12 +4...+12 +4...+12 +4...+12 +4...+12 +4...+12 +4...+12 +4...+12 +4...+12 +4...+12 +4...+12 Reverse volt. Sperrspanng. IR = 100 nA VR [V] 1 (50A) 1 (10A) 1 (4A) 1 (2A) 1 (2A) 1 (2A) 1 (1A) 1 (0,5A) 1 1 2 3 5 6 6 7 8 9 9 10 11 13 14 16 17 19 21 23 26 28 30 33 36 39 Z-current 1) Z-Strom 1) TA = 25C IZmax [mA] 158 141 128 117 108 100 89 82 76 68 62 57 52 47 43 39 35 32 29 26 24 21 19 18 16 14 13 12 11 10 9 8 8 7
BZT52C2V4 BZT52C2V7 BZT52C3V0 BZT52C3V3 BZT52C3V6 BZT52C3V9 BZT52C4V3 BZT52C4V7 BZT52C5V1 BZT52C5V6 BZT52C6V2 BZT52C6V8 BZT52C7V5 BZT52C8V2 BZT52C9V1 BZT52C10 BZT52C11 BZT52C12 BZT52C13 BZT52C15 BZT52C16 BZT52C18 BZT52C20 BZT52C22 BZT52C24 BZT52C27 BZT52C30 BZT52C33 BZT52C36 BZT52C39 BZT52C43 BZT52C47 BZT52C51 BZT52C56
1
) Notes see previous page - Funoten siehe vorhergehende Seite
2


▲Up To Search▲   

 
Price & Availability of BZT52C47

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X