Part Number Hot Search : 
LZ951600 FT825 SMAJ10 1N756D 04560 APC78169 6ESB1 5ETP12
Product Description
Full Text Search
 

To Download BYW32 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BYW32...BYW36
Vishay Telefunken
Fast Silicon Mesa Rectifiers
Features
D D D D
Glass passivated junction Hermetically sealed package Low reverse current Soft recovery characteristics
Applications
Fast rectifier and switch for example for TV-line output circuits and switch mode power supply
94 9539
Absolute Maximum Ratings
Tj = 25_C Parameter Reverse voltage g =Repetitive peak reverse voltage Test Conditions Type BYW32 BYW33 BYW34 BYW35 BYW36 Symbol VR=VRRM VR=VRRM VR=VRRM VR=VRRM VR=VRRM IFSM IFRM IFAV Tj=Tstg Value 200 300 400 500 600 50 12 2 -55...+175 Unit V V V V V A A A C
Peak forward surge current
tp=10ms, half sinewave
Repetitive peak forward current Average forward current =180 Junction and storage temperature range
Maximum Thermal Resistance
Tj = 25_C Parameter Junction ambient Test Conditions l=10mm, TL=constant on PC board with spacing 25mm Symbol RthJA RthJA Value 45 100 Unit K/W K/W
Electrical Characteristics
Tj = 25_C Parameter Forward voltage Reverse current Reverse recovery time Test Conditions IF=1A VR=VRRM VR=VRRM, Tj=150C IF=0.5A, IR=1A, iR=0.25A Type Symbol VF IR IR trr Min Typ 0.95 1 60 Max 1.1 5 150 200 Unit V
mA mA
ns
Document Number 86048 Rev. 2, 24-Jun-98
www.vishay.de * FaxBack +1-408-970-5600 1 (4)
BYW32...BYW36
Vishay Telefunken Characteristics (Tj = 25_C unless otherwise specified)
R thJA - Therm. Resist. Junction / Ambient ( K/W ) 120 I R - Reverse Current ( mA ) 100 80 60 l 40 20 0 0 5 10 15 TL=constant 20 25 30
94 9560
1000 Scattering Limit 100
10 VR = VR RM 1
l
0.1 0 40 80 120 160 200 Tj - Junction Temperature ( C )
94 9552
l - Lead Length ( mm )
Figure 1. Max. Thermal Resistance vs. Lead Length
1.2 I FAV- Average Forward Current ( A )
Figure 4. Reverse Current vs. Junction Temperature
100 IF - Forward Current ( A )
1.0 0.8 0.6 0.4 0.2 0 0 40 80
RthJA=100K/W fv20kHz PC Board
Tj = 175C 10
1 Tj = 25C
0.1
0.01 120 160 200
94 9555
0
0.6
1.2
1.8
2.4
3.0
94 9558
Tamb - Ambient Temperature ( C )
VF - Forward Voltage ( V )
Figure 2. Max. Average Forward Current vs. Ambient Temperature
Figure 5. Max. Forward Current vs. Forward Voltage
20 I FAV- Average Forward Current ( A ) 2.0 CD - Diode Capacitance ( pF ) 200
94 9557
16
1.6 1.2 0.8 0.4 0 0 40 80 120 160 fv20kHz RthJA=45K/W l=10mm
12
8
4 0 0.1 1 10 100
94 9559
Tamb - Ambient Temperature ( C )
VR - Reverse Voltage ( V )
Figure 3. Max. Average Forward Current vs. Ambient Temperature
Figure 6. Typ. Diode Capacitance vs. Reverse Voltage
www.vishay.de * FaxBack +1-408-970-5600 2 (4)
Document Number 86048 Rev. 2, 24-Jun-98
BYW32...BYW36
Vishay Telefunken
Z thp - Thermal Resistance for Pulse Cond. (K/W) 1000 VR RM=600V RthJA=100K/W 100 tp/T=0.5 tp/T=0.2 10 tp/T=0.1 tp/T=0.02 tp/T=0.01 1 10-5 10-4 10-3 10-2 Single pulse 100C 10-1 100 101 100 101 IFRM - Repetitive Peak Forward Current ( A ) 50C 70C Tamb= 25C 45C
94 9561
tp - Pulse Length ( s )
Figure 7. Thermal Response
Dimensions in mm
3.6 max. Sintered Glass Case SOD 57 Weight max. 0.5 g Cathode Identification
technical drawings according to DIN specifications 94 9538
0.82 max.
26 min.
4.2 max.
26 min.
Document Number 86048 Rev. 2, 24-Jun-98
www.vishay.de * FaxBack +1-408-970-5600 3 (4)
BYW32...BYW36
Vishay Telefunken Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances ( ODSs ). The Montreal Protocol ( 1987 ) and its London Amendments ( 1990 ) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2 . Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency ( EPA ) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C ( transitional substances ) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay-Telefunken products for any unintended or unauthorized application, the buyer shall indemnify Vishay-Telefunken against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 ( 0 ) 7131 67 2831, Fax number: 49 ( 0 ) 7131 67 2423
www.vishay.de * FaxBack +1-408-970-5600 4 (4)
Document Number 86048 Rev. 2, 24-Jun-98


▲Up To Search▲   

 
Price & Availability of BYW32

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X