Part Number Hot Search : 
SC250D RF2317 5SMC43A TGA2520 CPL2598 ALVCH SDA38HF STK412
Product Description
Full Text Search
 

To Download BUZ91A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BUZ 91 A
SIPMOS (R) Power Transistor
* N channel * Enhancement mode * Avalanche-rated
Pin 1 G
Pin 2 D
Pin 3 S
Type BUZ 91 A
VDS
600 V
ID
8A
RDS(on)
0.9
Package TO-220 AB
Ordering Code C67078-S1342-A3
Maximum Ratings Parameter Continuous drain current Symbol Values 8 Unit A
ID IDpuls
32
TC = 33 C
Pulsed drain current
TC = 25 C
Avalanche current,limited by Tjmax Avalanche energy,periodic limited by Tjmax Avalanche energy, single pulse
IAR EAR EAS
8 13 mJ
ID = 8 A, VDD = 50 V, RGS = 25 L = 16.3 mH, Tj = 25 C
Gate source voltage Power dissipation 570
VGS Ptot
20 150
V W
TC = 25 C
Operating temperature Storage temperature Thermal resistance, chip case Thermal resistance, chip to ambient DIN humidity category, DIN 40 040 IEC climatic category, DIN IEC 68-1
Semiconductor Group
Tj Tstg RthJC RthJA
-55 ... + 150 -55 ... + 150 0.83 75 E 55 / 150 / 56
C K/W
1
07/96
BUZ 91 A
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Static Characteristics Drain- source breakdown voltage Values typ. max. Unit
V(BR)DSS
600 3 0.1 10 10 0.8 4
V
VGS = 0 V, ID = 0.25 mA, Tj = 25 C
Gate threshold voltage
VGS(th)
2.1
VGS=VDS, ID = 1 mA
Zero gate voltage drain current
IDSS
1 100
A
VDS = 600 V, VGS = 0 V, Tj = 25 C VDS = 600 V, VGS = 0 V, Tj = 125 C
Gate-source leakage current
IGSS
100
nA 0.9
VGS = 20 V, VDS = 0 V
Drain-Source on-resistance
RDS(on)
VGS = 10 V, ID = 5 A
Semiconductor Group
2
07/96
BUZ 91 A
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Dynamic Characteristics Transconductance Values typ. max. Unit
gfs
5 8.5 1400 180 65 -
S pF 2100 270 100 ns 20 30
VDS 2 * ID * RDS(on)max, ID = 5 A
Input capacitance
Ciss Coss
-
VGS = 0 V, VDS = 25 V, f = 1 MHz
Output capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Reverse transfer capacitance
Crss
-
VGS = 0 V, VDS = 25 V, f = 1 MHz
Turn-on delay time
td(on)
VDD = 30 V, VGS = 10 V, ID = 3 A RGS = 50
Rise time
tr
70 110
VDD = 30 V, VGS = 10 V, ID = 3 A RGS = 50
Turn-off delay time
td(off)
250 330
VDD = 30 V, VGS = 10 V, ID = 3 A RGS = 50
Fall time
tf
80 100
VDD = 30 V, VGS = 10 V, ID = 3 A RGS = 50
Semiconductor Group
3
07/96
BUZ 91 A
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Reverse Diode Inverse diode continuous forward current IS TC = 25 C Inverse diode direct current,pulsed A 1.1 480 6.5 8 32 V 1.2 ns C Values typ. max. Unit
ISM VSD trr Qrr
TC = 25 C
Inverse diode forward voltage
VGS = 0 V, IF = 16 A
Reverse recovery time
VR = 100 V, IF=lS, diF/dt = 100 A/s
Reverse recovery charge
VR = 100 V, IF=lS, diF/dt = 100 A/s
Semiconductor Group
4
07/96
BUZ 91 A
Power dissipation Ptot = (TC)
Drain current ID = (TC) parameter: VGS 10 V
9 A
160
W
Ptot
ID
120
7 6
100 5 80 4 60 3 2 1 0 20 40 60 80 100 120 C 160 0 20 40 60 80 100 120 C 160
40
20 0 0
TC
TC
Safe operating area ID = (VDS) parameter: D = 0.01, TC = 25C
10 2
Transient thermal impedance Zth JC = (tp) parameter: D = tp / T
10 0
A
t = 3.8s p
10 s
K/W
ID
10 1
ZthJC
10 -1
100 s
D
/I
DS (on )
=V
DS
1 ms
10 ms
D = 0.50 0.20 10
-2
10
0
R
0.10 0.05 single pulse 0.02 0.01
DC 10 -1 0 10 10 -3 -7 10
10
1
10
2
V 10
3
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
s 10
0
VDS
tp
Semiconductor Group
5
07/96
BUZ 91 A
Typ. output characteristics ID = (VDS) parameter: tp = 80 s
18 A
l Ptot = 150W
Typ. drain-source on-resistance RDS (on) = (ID) parameter: VGS
2.8
k j i hg f e d
VGS [V]
a b c 4.0 4.5 5.0 5.5 6.0 6.5 7.0 7.5 8.0 9.0 10.0 20.0
2.4
a
b
c
ID
14 12
c
RDS (on) 2.2
2.0 1.8 1.6 1.4
d
d e
10 8 6 4 2 0 0
f g h i j
1.2 1.0 0.8 0.6
k
bk
l
e f g h i j
a
0.4 VGS [V] = 0.2 0.0
a 4.0 4.5 b 5.0 c 5.5 d 6.0 e f 6.5 7.0 g 7.5 h i j k 8.0 9.0 10.0 20.0
5
10
15
20
25
30
35
40
V
50
0
2
4
6
8
10
12
14
A
18
VDS
ID
Typ. transfer characteristics ID = f (VGS)
Typ. forward transconductance gfs = f (ID)
parameter: tp = 80 s VDS2 x ID x RDS(on)max
10 A
parameter: tp = 80 s, VDS2 x ID x RDS(on)max
12 S 10
ID
8 7
gfs
9 8
6 5 4 3
7 6 5 4 3
2 2 1 0 0 1 0 1 2 3 4 5 6 7 8 V 10 0 1 2 3 4 5 6 7 A ID 9
VGS
Semiconductor Group
6
07/96
BUZ 91 A
Drain-source on-resistance RDS (on) = (Tj ) parameter: ID = 5 A, VGS = 10 V
4.0
Gate threshold voltage VGS (th) = (Tj) parameter: VGS = VDS, ID = 1 mA
4.6 V 4.0
RDS (on) 3.2
2.8 2.4 2.0 1.6 1.2 0.8 0.4 0.0 -60
98%
VGS(th)
3.6 3.2 2.8 2.4 2.0
typ
2%
98% typ
1.6 1.2 0.8 0.4 0.0 -60 -20 20 60 100 C 160
-20
20
60
100
C
160
Tj
Tj
Typ. capacitances
C = f (VDS) parameter:VGS = 0V, f = 1MHz
10 1
Forward characteristics of reverse diode IF = (VSD) parameter: Tj , tp = 80 s
10 2
nF C 10 0
A
IF Ciss
10 1
Coss
10
-1
10 0
Crss
Tj = 25 C typ Tj = 150 C typ Tj = 25 C (98%) Tj = 150 C (98%)
10 -2 0
5
10
15
20
25
30
V VDS
40
10 -1 0.0
0.4
0.8
1.2
1.6
2.0
2.4
V
3.0
VSD
Semiconductor Group
7
07/96
BUZ 91 A
Avalanche energy EAS = (Tj ) parameter: ID = 8 A, VDD = 50 V RGS = 25 , L = 16.3 mH
600 mJ
Typ. gate charge VGS = (QGate) parameter: ID puls = 12 A
16
V 500
EAS
450 400
VGS
12
10 350 300 250 6 200 150 100 2 50 0 20 0 40 60 80 100 120 C 160 0 20 40 60 80 100 130 4 8 0,2 VDS max 0,8 VDS max
Tj
Q Gate
Drain-source breakdown voltage V(BR)DSS = (Tj )
710 V 680 V(BR)DSS 660
640 620 600
580 560 540 -60
-20
20
60
100
C
160
Tj
Semiconductor Group
8
07/96
BUZ 91 A
Package Outlines TO-220 AB Dimension in mm
Semiconductor Group
9
07/96


▲Up To Search▲   

 
Price & Availability of BUZ91A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X