Part Number Hot Search : 
PQ09R02 1400A LM190 4042B X6523AID R2060C MT88L85 M57732L
Product Description
Full Text Search
 

To Download BUZ61A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BUZ 61 A
SIPMOS (R) Power Transistor
* N channel * Enhancement mode * Avalanche-rated
Pin 1 G
Pin 2 D
Pin 3 S
Type BUZ 61 A
VDS
400 V
ID
11 A
RDS(on)
0.5
Package TO-220 AB
Ordering Code C67078-S1341-A3
Maximum Ratings Parameter Continuous drain current Symbol Values 11 Unit A
ID IDpuls
44
TC = 27 C
Pulsed drain current
TC = 25 C
Avalanche current,limited by Tjmax Avalanche energy,periodic limited by Tjmax Avalanche energy, single pulse
IAR EAR EAS
12.5 13 mJ
ID = 12.5 A, VDD = 50 V, RGS = 25 L = 6.38 mH, Tj = 25 C
Gate source voltage Power dissipation 570
VGS Ptot
20 150
V W
TC = 25 C
Operating temperature Storage temperature Thermal resistance, chip case Thermal resistance, chip to ambient DIN humidity category, DIN 40 040 IEC climatic category, DIN IEC 68-1
Semiconductor Group
Tj Tstg RthJC RthJA
-55 ... + 150 -55 ... + 150 0.83 75 E 55 / 150 / 56
C K/W
1
07/96
BUZ 61 A
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Static Characteristics Drain- source breakdown voltage Values typ. max. Unit
V(BR)DSS
400 3 0.1 10 10 0.4 4
V
VGS = 0 V, ID = 0.25 mA, Tj = 25 C
Gate threshold voltage
VGS(th)
2.1
VGS=VDS, ID = 1 mA
Zero gate voltage drain current
IDSS
1 100
A
VDS = 400 V, VGS = 0 V, Tj = 25 C VDS = 400 V, VGS = 0 V, Tj = 125 C
Gate-source leakage current
IGSS
100
nA 0.5
VGS = 20 V, VDS = 0 V
Drain-Source on-resistance
RDS(on)
VGS = 10 V, ID = 8 A
Semiconductor Group
2
07/96
BUZ 61 A
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Dynamic Characteristics Transconductance Values typ. max. Unit
gfs
5 11.5 1500 210 75 -
S pF 2250 315 110 ns 20 30
VDS 2 * ID * RDS(on)max, ID = 8 A
Input capacitance
Ciss Coss
-
VGS = 0 V, VDS = 25 V, f = 1 MHz
Output capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Reverse transfer capacitance
Crss
-
VGS = 0 V, VDS = 25 V, f = 1 MHz
Turn-on delay time
td(on)
VDD = 30 V, VGS = 10 V, ID = 3 A RGS = 50
Rise time
tr
65 100
VDD = 30 V, VGS = 10 V, ID = 3 A RGS = 50
Turn-off delay time
td(off)
260 340
VDD = 30 V, VGS = 10 V, ID = 3 A RGS = 50
Fall time
tf
75 100
VDD = 30 V, VGS = 10 V, ID = 3 A RGS = 50
Semiconductor Group
3
07/96
BUZ 61 A
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Reverse Diode Inverse diode continuous forward current IS TC = 25 C Inverse diode direct current,pulsed A 1.1 280 3 11 44 V 1.4 ns C Values typ. max. Unit
ISM VSD trr Qrr
TC = 25 C
Inverse diode forward voltage
VGS = 0 V, IF = 25 A
Reverse recovery time
VR = 100 V, IF=lS, diF/dt = 100 A/s
Reverse recovery charge
VR = 100 V, IF=lS, diF/dt = 100 A/s
Semiconductor Group
4
07/96
BUZ 61 A
Power dissipation Ptot = (TC)
Drain current ID = (TC) parameter: VGS 10 V
12 A
160
W
10
Ptot
ID
120
9 8
100
7 6 5
80
60
4 3 2
40
20 0 0
1 0 20 40 60 80 100 120 C 160 0 20 40 60 80 100 120 C 160
TC
TC
Safe operating area ID = (VDS) parameter: D = 0.01, TC = 25C
10 2
t = 5.5s p 10 s
Transient thermal impedance Zth JC = (tp) parameter: D = tp / T
10 0
A
K/W
ID
DS
100 s
ZthJC
10 -1
10 1
DS (o n)
/I
D
=V
1 ms
R
10 ms
D = 0.50 0.20 10
0
10
-2
0.10 0.05 single pulse 0.02 0.01
DC
10 -1 0 10
10
1
10
2
V 10
3
10 -3 -7 10
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
s 10
0
VDS
tp
Semiconductor Group
5
07/96
BUZ 61 A
Typ. output characteristics ID = (VDS) parameter: tp = 80 s
26 A 22
Typ. drain-source on-resistance RDS (on) = (ID) parameter: VGS
1.6
Ptot = 150W
l kj i
a hg f e
VGS [V] a 4.0
b 4.5
b
c
RDS (on)
1.2
ID
20 18 16 14 12 10 8 6 4 2 0 0 4 8 12 16 20
a c
d c 5.0
d 5.5 e 6.0 f 6.5
1.0
g 7.0 h 7.5 i j 8.0 9.0
0.8
d
0.6
k 10.0
b l 20.0
0.4 0.2 VGS [V] =
a 4.0 4.5 b 5.0 c 5.5 d 6.0 e f 6.5 7.0 g 7.5
e f hg ji k
h i j k 8.0 9.0 10.0 20.0
0.0 V 28 0 2 4 6 8 10 12 14 16 A 20
VDS
ID
Typ. transfer characteristics ID = f (VGS)
Typ. forward transconductance gfs = f (ID)
parameter: tp = 80 s VDS2 x ID x RDS(on)max
16
parameter: tp = 80 s, VDS2 x ID x RDS(on)max
14 S
A
12
ID
12
gfs
11 10
10
9 8
8
7 6
6
5 4
4 3 2 0 0 2 1 0 1 2 3 4 5 6 7 8 V VGS 10 0 2 4 6 8 10 12 A ID 15
Semiconductor Group
6
07/96
BUZ 61 A
Drain-source on-resistance RDS (on) = (Tj ) parameter: ID = 8 A, VGS = 10 V
2.2
Gate threshold voltage VGS (th) = (Tj) parameter: VGS = VDS, ID = 1 mA
4.6 V 4.0
RDS (on)
1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 -60 -20 20 60 100 C 160
98%
VGS(th)
3.6 3.2 2.8 2.4 2.0
typ
2%
98% typ
1.6 1.2 0.8 0.4 0.0 -60 -20 20 60 100 C 160
Tj
Tj
Typ. capacitances
C = f (VDS) parameter:VGS = 0V, f = 1MHz
10 1
Forward characteristics of reverse diode IF = (VSD) parameter: Tj , tp = 80 s
10 2
nF C 10 0
A
IF Ciss
10 1
Coss
10
-1
10 0
Crss
Tj = 25 C typ Tj = 150 C typ Tj = 25 C (98%) Tj = 150 C (98%)
10 -2 0
5
10
15
20
25
30
V VDS
40
10 -1 0.0
0.4
0.8
1.2
1.6
2.0
2.4
V
3.0
VSD
Semiconductor Group
7
07/96
BUZ 61 A
Avalanche energy EAS = (Tj ) parameter: ID = 12.5 A, VDD = 50 V RGS = 25 , L = 6.38 mH
600 mJ
Typ. gate charge VGS = (QGate) parameter: ID puls = 15 A
16
V 500
EAS
450 400
VGS
12
10 350 0,2 VDS max 300 250 6 200 150 100 2 50 0 20 0 40 60 80 100 120 C 160 0 20 40 60 80 nC 110 4 8 0,8 VDS max
Tj
Q Gate
Drain-source breakdown voltage V(BR)DSS = (Tj )
480 V 460 V(BR)DSS 450 440 430 420 410 400 390 380 370 360 -60 -20 20 60 100 C 160
Tj
Semiconductor Group
8
07/96
BUZ 61 A
Package Outlines TO-220 AB Dimension in mm
Semiconductor Group
9
07/96


▲Up To Search▲   

 
Price & Availability of BUZ61A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X