Part Number Hot Search : 
PCJ1084 PRODUCTS C0201 037AKT2L SAA2003 PS200 100BGC 27C040
Product Description
Full Text Search
 

To Download BUZ384 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BUZ 384
SIPMOS (R) Power Transistor
* N channel * Enhancement mode * FREDFET
Pin 1 G
Pin 2 D
Pin 3 S
Type BUZ 384
VDS
500 V
ID
10.5 A
RDS(on)
0.6
Package TO-218 AA
Ordering Code C67078-A3209-A2
Maximum Ratings Parameter Drain source voltage Drain-gate voltage Symbol Values 500 500 Unit V
VDS VDGR ID
RGS = 20 k
Continuous drain current
A 10.5
TC = 25 C
Pulsed drain current
IDpuls
42
TC = 25 C
Gate source voltage Power dissipation
VGS Ptot
20 125
V W
TC = 25 C
Operating temperature Storage temperature Thermal resistance, chip case Thermal resistance, chip to ambient DIN humidity category, DIN 40 040 IEC climatic category, DIN IEC 68-1
Tj Tstg RthJC RthJA
-55 ... + 150 -55 ... + 150 1 75 E 55 / 150 / 56
C K/W
Semiconductor Group
1
07/96
BUZ 384
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Static Characteristics Drain- source breakdown voltage Values typ. max. Unit
V(BR)DSS
500 3.5 20 100 10 0.55 4
V
VGS = 0 V, ID = 0.25 mA, Tj = 25 C
Gate threshold voltage
VGS(th)
2.1
VGS=VDS, ID = 1 mA
Zero gate voltage drain current
IDSS
250 1000
A
VDS = 500 V, VGS = 0 V, Tj = 25 C VDS = 500 V, VGS = 0 V, Tj = 125 C
Gate-source leakage current
IGSS
100
nA 0.6
VGS = 20 V, VDS = 0 V
Drain-Source on-resistance
RDS(on)
VGS = 10 V, ID = 6.5 A
Semiconductor Group
2
07/96
BUZ 384
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Dynamic Characteristics Transconductance Values typ. max. Unit
gfs
2.7 6.7 3800 250 100 -
S pF 4900 400 170 ns 50 75
VDS 2 * ID * RDS(on)max, ID = 6.5 A
Input capacitance
Ciss Coss
-
VGS = 0 V, VDS = 25 V, f = 1 MHz
Output capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Reverse transfer capacitance
Crss
-
VGS = 0 V, VDS = 25 V, f = 1 MHz
Turn-on delay time
td(on)
VDD = 30 V, VGS = 10 V, ID = 2.8 A RGS = 50
Rise time
tr
80 120
VDD = 30 V, VGS = 10 V, ID = 2.8 A RGS = 50
Turn-off delay time
td(off)
330 430
VDD = 30 V, VGS = 10 V, ID = 2.8 A RGS = 50
Fall time
tf
110 140
VDD = 30 V, VGS = 10 V, ID = 2.8 A RGS = 50
Semiconductor Group
3
07/96
BUZ 384
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Reverse Diode Inverse diode continuous forward current IS TC = 25 C Inverse diode direct current,pulsed A 1.3 180 0.65 10.5 42 V 1.7 ns 250 C 1.2 Values typ. max. Unit
ISM VSD trr Qrr
TC = 25 C
Inverse diode forward voltage
VGS = 0 V, IF = 21 A
Reverse recovery time
VR = 100 V, IF=lS, diF/dt = 100 A/s
Reverse recovery charge
VR = 100 V, IF=lS, diF/dt = 100 A/s
Semiconductor Group
4
07/96
BUZ 384
Power dissipation Ptot = (TC)
Drain current ID = (TC) parameter: VGS 10 V
11 A
130 W 110
Ptot
100 90 80 70 60 50 40 30
ID
9 8 7 6 5 4 3 2
20 10 0 0 20 40 60 80 100 120 C 160 1 0 0 20 40 60 80 100 120 C 160
TC
TC
Safe operating area ID = (VDS) parameter: D = 0.01, TC = 25C
10 2
t = 20.0s p
Transient thermal impedance Zth JC = (tp) parameter: D = tp / T
10 1
K/W
A
ID
DS
100 s
ZthJC
10 0
10 1
DS (o n)
=V
/I
D
R
1 ms
10 -1 D = 0.50 0.20
10
0
10 ms
0.10 10 -2 0.05 0.02 0.01
DC single pulse 10
-1
10
0
10
1
10
2
V 10
3
10
-3
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
s 10
0
VDS
tp
Semiconductor Group
5
07/96
BUZ 384
Typ. output characteristics ID = (VDS) parameter: tp = 80 s
24 A 20
Typ. drain-source on-resistance RDS (on) = (ID) parameter: VGS
1.8
a b c d e f
Ptot = 125W
l kih j g f VGS [V]
a 4.0 4.5 5.0 5.5 6.0 6.5
RDS (on)
1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0
VGS [V] =
a 4.0 b 4.5 c 5.0 d 5.5 e f 6.0 6.5 g 7.0 h i 7.5 8.0 j 9.0 k l 10.0 20.0
ID
18 16 14 12 10 8 6 4 2 0 0 4 8 12 16 20
a b c e
b c d e f
d g 7.0
h i j 7.5 8.0 9.0
g i k l h j
k 10.0 l 20.0
24
V
30
0
4
8
12
16
A
22
VDS
ID
Typ. transfer characteristics ID = f (VGS)
Typ. forward transconductance gfs = f (ID)
parameter: tp = 80 s VDS2 x ID x RDS(on)max
18 A
parameter: tp = 80 s, VDS2 x ID x RDS(on)max
10 S
ID
14 12
gfs
8 7 6
10 5 8 4 6 3 4 2 0 0 2 1 0 1 2 3 4 5 6 7 8 V 10 0 2 4 6 8 10 12
VGS
A ID
16
Semiconductor Group
6
07/96
BUZ 384
Drain-source on-resistance RDS (on) = (Tj ) parameter: ID = 6.5 A, VGS = 10 V
1.8
Gate threshold voltage VGS (th) = (Tj) parameter: VGS = VDS, ID = 1 mA
4.6 V 4.0
RDS (on)
1.4 1.2
98% typ
VGS(th)
3.6 3.2 2.8
1.0 0.8 0.6 0.4
2.4
2%
98% typ
2.0 1.6 1.2 0.8
0.2 0.0 -60
0.4 0.0 -60 -20 20 60 100 C 160
-20
20
60
100
C
160
Tj
Tj
Typ. capacitances
C = f (VDS) parameter:VGS = 0V, f = 1MHz
10 1
Forward characteristics of reverse diode IF = (VSD) parameter: Tj , tp = 80 s
10 2
nF C 10 0
Ciss IF
A
10 1
Coss
10 -1 10 0
Crss
Tj = 25 C typ Tj = 150 C typ Tj = 25 C (98%) Tj = 150 C (98%)
10 -2 0
5
10
15
20
25
30
V VDS
40
10 -1 0.0
0.4
0.8
1.2
1.6
2.0
2.4
V
3.0
VSD
Semiconductor Group
7
07/96
BUZ 384
Drain-source breakdown voltage V(BR)DSS = (Tj )
Typ. gate charge VGS = (QGate) parameter: ID puls = 14 A
16
600 V 580
V
V(BR)DSS 570
560 550 540 530 520 510 500 490 480 470 460 450 -60
VGS
12 0,2 VDS max 10 0,8 VDS max
8
6
4
2 0 -20 20 60 100 C 160 0 40 80 120 160 nC 220
Tj
Q Gate
Semiconductor Group
8
07/96
BUZ 384
Package Outlines TO-218 AA Dimension in mm
Semiconductor Group
9
07/96


▲Up To Search▲   

 
Price & Availability of BUZ384

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X