Part Number Hot Search : 
STK412 106K0 EMK31 BUW1215 S2072 S2072 TA0566A LPS25
Product Description
Full Text Search
 

To Download BUZ338 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BUZ 338
SIPMOS (R) Power Transistor
* N channel * Enhancement mode * Avalanche-rated
Pin 1 G
Pin 2 D
Pin 3 S
Type BUZ 338
VDS
500 V
ID
13.5 A
RDS(on)
0.4
Package TO-218 AA
Ordering Code C67078-S3126-A2
Maximum Ratings Parameter Continuous drain current Symbol Values 13.5 Unit A
ID IDpuls
54
TC = 28 C
Pulsed drain current
TC = 25 C
Avalanche current,limited by Tjmax Avalanche energy,periodic limited by Tjmax Avalanche energy, single pulse
IAR EAR EAS
13.5 18 mJ
ID = 13.5 A, VDD = 50 V, RGS = 25 L = 9.18 mH, Tj = 25 C
Gate source voltage Power dissipation 930
VGS Ptot
20 180
V W
TC = 25 C
Operating temperature Storage temperature Thermal resistance, chip case Thermal resistance, chip to ambient DIN humidity category, DIN 40 040 IEC climatic category, DIN IEC 68-1
Semiconductor Group
Tj Tstg RthJC RthJA
-55 ... + 150 -55 ... + 150 0.7 75 E 55 / 150 / 56
C K/W
1
07/96
BUZ 338
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Static Characteristics Drain- source breakdown voltage Values typ. max. Unit
V(BR)DSS
500 3 0.1 10 10 0.3 4
V
VGS = 0 V, ID = 0.25 mA, Tj = 25 C
Gate threshold voltage
VGS(th)
2.1
VGS=VDS, ID = 1 mA
Zero gate voltage drain current
IDSS
1 100
A
VDS = 500 V, VGS = 0 V, Tj = 25 C VDS = 500 V, VGS = 0 V, Tj = 125 C
Gate-source leakage current
IGSS
100
nA 0.4
VGS = 20 V, VDS = 0 V
Drain-Source on-resistance
RDS(on)
VGS = 10 V, ID = 8.5 A
Semiconductor Group
2
07/96
BUZ 338
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Dynamic Characteristics Transconductance Values typ. max. Unit
gfs
8 15 2500 320 120 -
S pF 3325 480 180 ns 40 60
VDS 2 * ID * RDS(on)max, ID = 8.5 A
Input capacitance
Ciss Coss
-
VGS = 0 V, VDS = 25 V, f = 1 MHz
Output capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Reverse transfer capacitance
Crss
-
VGS = 0 V, VDS = 25 V, f = 1 MHz
Turn-on delay time
td(on)
VDD = 30 V, VGS = 10 V, ID = 2.9 A RGS = 50
Rise time
tr
100 150
VDD = 30 V, VGS = 10 V, ID = 2.9 A RGS = 50
Turn-off delay time
td(off)
450 600
VDD = 30 V, VGS = 10 V, ID = 2.9 A RGS = 50
Fall time
tf
120 160
VDD = 30 V, VGS = 10 V, ID = 2.9 A RGS = 50
Semiconductor Group
3
07/96
BUZ 338
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Reverse Diode Inverse diode continuous forward current IS TC = 25 C Inverse diode direct current,pulsed A 1.1 400 6.2 13.5 54 V 1.6 ns C Values typ. max. Unit
ISM VSD trr Qrr
TC = 25 C
Inverse diode forward voltage
VGS = 0 V, IF = 27 A
Reverse recovery time
VR = 100 V, IF=lS, diF/dt = 100 A/s
Reverse recovery charge
VR = 100 V, IF=lS, diF/dt = 100 A/s
Semiconductor Group
4
07/96
BUZ 338
Power dissipation Ptot = (TC)
Drain current ID = (TC) parameter: VGS 10 V
14 A 12
190 W 160
Ptot
140 120 100 80 60 40 20 0 0
ID
11 10 9 8 7 6 5 4 3 2 1 0
20
40
60
80
100
120
C
160
0
20
40
60
80
100
120
C
160
TC
TC
Safe operating area ID = (VDS) parameter: D = 0.01, TC = 25C
10 2
t = 6.8s p
10 s
Transient thermal impedance Zth JC = (tp) parameter: D = tp / T
10 0
A
K/W
ID
/I
D
ZthJC
=V
10 1
DS
100 s
10 -1
R
DS (o n)
1 ms
D = 0.50 0.20
10 ms
10
0
10
-2
0.10 0.05 0.02
DC
0.01
10 -1 0 10
10
1
10
2
V 10
3
10 -3 -7 10
single pulse 10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
s 10
0
VDS
tp
Semiconductor Group
5
07/96
BUZ 338
Typ. output characteristics ID = (VDS) parameter: tp = 80 s
30 A 26
Typ. drain-source on-resistance RDS (on) = (ID) parameter: VGS
1.3
Ptot = 180Wl j
k i hg f
e dVGS [V]
a 4.0 b 4.5 c 5.0
1.1
a
b
c
ID
24 22 20 18 16 14 12 10 8 6 4
a b c
RDS (on)
1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0
VGS [V] =
a 4.0 4.5 b 5.0 c 5.5 d 6.0 e f 6.5 7.0 g 7.5 h i j k 8.0 9.0 10.0 20.0
d 5.5 e 6.0 f 6.5
g 7.0 h 7.5 i j 8.0 9.0
d e f g h ji k
k 10.0 l 20.0
2 0 0
4
8
12
16
20
V
28
0
4
8
12
16
20
A
28
VDS
ID
Typ. transfer characteristics ID = f (VGS)
Typ. forward transconductance gfs = f (ID)
parameter: tp = 80 s VDS2 x ID x RDS(on)max
15 A 13
parameter: tp = 80 s, VDS2 x ID x RDS(on)max
20 S
ID
12 11 10 9 8 7 6 5 4 3 2
gfs
16 14 12 10 8 6 4 2
1 0 0
0 1 2 3 4 5 6 7 8 V 10 0 2 4 6 8 10
VGS
A ID
14
Semiconductor Group
6
07/96
BUZ 338
Drain-source on-resistance RDS (on) = (Tj ) parameter: ID = 8.5 A, VGS = 10 V
1.7
Gate threshold voltage VGS (th) = (Tj) parameter: VGS = VDS, ID = 1 mA
4.6 V 4.0
RDS (on)
1.4
98%
VGS(th)
3.6 3.2 2.8 2.4
1.2 1.0
typ
2%
0.8 0.6 0.4
2.0
98% typ
1.6 1.2 0.8
0.2 0.0 -60
0.4 0.0 -60 -20 20 60 100 C 160
-20
20
60
100
C
160
Tj
Tj
Typ. capacitances
C = f (VDS) parameter:VGS = 0V, f = 1MHz
10 1
Forward characteristics of reverse diode IF = (VSD) parameter: Tj , tp = 80 s
10 2
nF C 10 0
A
Ciss
IF
10 1
Coss
10 -1
Crss
10 0
Tj = 25 C typ Tj = 150 C typ Tj = 25 C (98%) Tj = 150 C (98%)
10 -2 0 10 -1 0.0
5
10
15
20
25
30
V VDS
40
0.4
0.8
1.2
1.6
2.0
2.4
V
3.0
VSD
Semiconductor Group
7
07/96
BUZ 338
Avalanche energy EAS = (Tj ) parameter: ID = 13.5 A, VDD = 50 V RGS = 25 , L = 9.18 mH
1000 mJ
Typ. gate charge VGS = (QGate) parameter: ID puls = 20 A
16
V
EAS
800 700 600 500 400 300
VGS
12
10 0,2 VDS max 8 0,8 VDS max
6
4 200 100 0 20 2 0 40 60 80 100 120 C 160 0 20 40 60 80 100 120 140 160 nC 190
Tj
Q Gate
Drain-source breakdown voltage V(BR)DSS = (Tj )
600 V 580
V(BR)DSS 570
560 550 540 530 520 510 500 490 480 470 460 450 -60
-20
20
60
100
C
160
Tj
Semiconductor Group
8
07/96
BUZ 338
Package Outlines TO-218 AA Dimension in mm
Semiconductor Group
9
07/96


▲Up To Search▲   

 
Price & Availability of BUZ338

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X