Part Number Hot Search : 
ST10R172 MRF151 PE4444 UPD78F ST13003 HC404 31818 HLB123D
Product Description
Full Text Search
 

To Download BUZ171 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BUZ 171
SIPMOS (R) Power Transistor
* P channel * Enhancement mode * Avalanche rated
Pin 1 G
Pin 2 D
Pin 3 S
Type BUZ 171
VDS
-50 V
ID
-8 A
RDS(on)
0.3
Package TO-220 AB
Ordering Code C67078-S1450-A2
Maximum Ratings Parameter Continuous drain current Symbol Values -8 Unit A
ID IDpuls
-32
TC = 30 C
Pulsed drain current
TC = 25 C
Avalanche energy, single pulse
EAS
70
mJ
ID = -8 A, VDD = -25 V, RGS = 25 L = 1.1 mH, Tj = 25 C
Gate source voltage Power dissipation
VGS Ptot
20 40
V W
TC = 25 C
Operating temperature Storage temperature Thermal resistance, chip case Thermal resistance, chip to ambient DIN humidity category, DIN 40 040 IEC climatic category, DIN IEC 68-1
Tj Tstg RthJC RthJA
-55 ... + 150 -55 ... + 150 3.1 75 E 55 / 150 / 56
C K/W
Semiconductor Group
1
07/96
BUZ 171
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Static Characteristics Drain- source breakdown voltage Values typ. max. Unit
V(BR)DSS
-50 -3 -0.1 -10 -10 0.25 -4
V
VGS = 0 V, ID = -0.25 mA, Tj = 25 C
Gate threshold voltage
VGS(th)
-2.1
VGS=VDS, ID = 1 mA
Zero gate voltage drain current
IDSS
-1 -100
A
VDS = -50 V, VGS = 0 V, Tj = 25 C VDS = -50 V, VGS = 0 V, Tj = 125 C
Gate-source leakage current
IGSS
-100
nA 0.3
VGS = -20 V, VDS = 0 V
Drain-Source on-resistance
RDS(on)
VGS = -10 V, ID = -5 A
Semiconductor Group
2
07/96
BUZ 171
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Dynamic Characteristics Transconductance Values typ. max. Unit
gfs
1.5 2.3 750 270 120 -
S pF 1000 400 180 ns 20 30
VDS 2 * ID * RDS(on)max, ID = -5 A
Input capacitance
Ciss Coss
-
VGS = 0 V, VDS = -25 V, f = 1 MHz
Output capacitance
VGS = 0 V, VDS = -25 V, f = 1 MHz
Reverse transfer capacitance
Crss
-
VGS = 0 V, VDS = -25 V, f = 1 MHz
Turn-on delay time
td(on)
VDD = -30 V, VGS = -10 V, ID = -2.9 A RGS = 50
Rise time
tr
110 170
VDD = -30 V, VGS = -10 V, ID = -2.9 A RGS = 50
Turn-off delay time
td(off)
70 90
VDD = -30 V, VGS = -10 V, ID = -2.9 A RGS = 50
Fall time
tf
100 140
VDD = -30 V, VGS = -10 V, ID = -2.9 A RGS = 50
Semiconductor Group
3
07/96
BUZ 171
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Reverse Diode Inverse diode continuous forward current IS TC = 25 C Inverse diode direct current,pulsed A -1.25 90 0.23 -8 -32 V -1.7 ns C Values typ. max. Unit
ISM VSD trr Qrr
TC = 25 C
Inverse diode forward voltage
VGS = 0 V, IF = -16 A
Reverse recovery time
VR = -30 V, IF=lS, diF/dt = 100 A/s
Reverse recovery charge
VR = -30 V, IF=lS, diF/dt = 100 A/s
Semiconductor Group
4
07/96
BUZ 171
Power dissipation Ptot = (TC)
Drain current ID = (TC) parameter: VGS -10 V
-9 A
45 W
Ptot
35 30 25 20 15 10 5 0 0
ID
-7 -6 -5 -4 -3 -2 -1 0
20
40
60
80
100
120
C
160
0
20
40
60
80
100
120
C
160
TC
TC
Safe operating area ID = (VDS) parameter: D = 0.01, TC = 25C
-10 2
Transient thermal impedance Zth JC = (tp) parameter: D = tp / T
10 1
A
t = 90.0s p 100 s
K/W
ID
-10 1
) on S( D R
/ID =
ZthJC
1 ms
10 0
VD
S
10 -1
10 ms
D = 0.50 0.20
-10
0
0.10 DC 10 -2 0.05 0.02 single pulse 0.01
-10 -1 0 -10
-10
1
V -10
2
10 -3 -7 10
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
s 10
0
VDS
tp
Semiconductor Group
5
07/96
BUZ 171
Typ. output characteristics ID = (VDS) parameter: tp = 80 s
-18 A
VGS [V]
Typ. drain-source on-resistance RDS (on) = (ID) parameter: VGS
0.9
a b c d e f g h i
Ptot = 40W
l
k
a b c -4.0 -4.5 -5.0 -5.5 -6.0 -6.5 -7.0 -7.5 -8.0 -9.0
ID
-14 -12
RDS (on) 0.7
0.6 0.5 0.4 0.3
j
d
j
e f g
-10 -8 -6 -4 -2 0 0
i
h
hi g
j
k -10.0
f l -20.0 e d c a b
0.2 0.1 0.0 0 -2 -4 -6 -8 -10 -12 A -16
VGS [V] =
a b c d e f -4.5 -4.0 -5.5 -6.0 -6.5 -7.0 -7.5 -5.0 g h i j -8.0 -9.0 -10.0 -20.0
-2
-4
-6
-8
-10 -12 -14
-16 V -19
VDS
ID
Typ. transfer characteristics ID = f (VGS)
Typ. forward transconductance gfs = f (ID)
parameter: tp = 80 s VDS2 x ID x RDS(on)max
-15 A
parameter: tp = 80 s, VDS2 x ID x RDS(on)max
4.0 S
ID
-12 -11 -10 -9 -8 -7 -6 -5 -4 -3 -2 -1 0 0
gfs
3.2 2.8 2.4 2.0 1.6 1.2 0.8 0.4 0.0
-1
-2
-3
-4
-5
-6
-7
-8
V
-10
0
-2
-4
-6
-8
-10
-12
VGS
A ID
-15
Semiconductor Group
6
07/96
BUZ 171
Drain-source on-resistance RDS (on) = (Tj ) parameter: ID = -5 A, VGS = -10 V
0.70
Gate threshold voltage VGS (th) = (Tj) parameter: VGS = VDS, ID = 1 mA
-4.6 V -4.0
0.60
98%
RDS (on)0.55
0.50 0.45 0.40
VGS(th)
-3.6 -3.2 -2.8
typ
98%
0.35 0.30 0.25 0.20 0.15 0.10 0.05 0.00 -60
-2.4 -2.0 -1.6 -1.2 -0.8 -0.4
2%
typ
-20
20
60
100
C
160
0.0 -60
-20
20
60
100
C
160
Tj
Tj
Typ. capacitances
C = f (VDS) parameter:VGS = 0V, f = 1MHz
10 4
Forward characteristics of reverse diode IF = (VSD) parameter: Tj , tp = 80 s
-10 2
pF C 10 3
A
IF
-10 1
Ciss
Coss
10 2
Crss
-10 0
Tj = 25 C typ Tj = 150 C typ Tj = 25 C (98%) Tj = 150 C (98%)
10 1 0 -10 -1 0.0
-5
-10
-15
-20
-25
-30
V VDS
-40
-0.4
-0.8
-1.2
-1.6
-2.0
-2.4
V
-3.0
VSD
Semiconductor Group
7
07/96
BUZ 171
Avalanche energy EAS = (Tj ) parameter: ID = -8 A, VDD = -25 V RGS = 25 , L = 1.1 mH
75 mJ
Drain-source breakdown voltage V(BR)DSS = (Tj)
-60 V
EAS
60 55 50 45 40 35 30 25 20 15 10 5 0 20
V(BR)DSS-57
-56 -55 -54 -53 -52 -51 -50 -49 -48 -47 -46 -45 -60
40
60
80
100
120
C
160
-20
20
60
100
C
160
Tj
Tj
Semiconductor Group
8
07/96
BUZ 171
Package Outlines TO-220 AB Dimension in mm
Semiconductor Group
9
07/96


▲Up To Search▲   

 
Price & Availability of BUZ171

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X