Part Number Hot Search : 
INDUSTRY FM24C128 L9704D SMA5J22A C1455 UNR32A1 M28W800T 4VHC1G
Product Description
Full Text Search
 

To Download BUK556-60H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Philips Semiconductors
Product Specification
PowerMOS transistor Logic level FET
GENERAL DESCRIPTION
N-channel enhancement mode logic level field-effect power transistor in a plastic envelope. The device is intended for use in automotive and general purpose switching applications.
BUK556-60H
QUICK REFERENCE DATA
SYMBOL VDS ID Ptot Tj RDS(ON) PARAMETER Drain-source voltage Drain current (DC) Total power dissipation Junction temperature Drain-source on-state resistance; VGS = 5 V MAX. 60 60 150 175 22 UNIT V A W C m
PINNING - TO220AB
PIN 1 2 3 tab gate drain source drain DESCRIPTION
PIN CONFIGURATION
tab
SYMBOL
d
g
1 23
s
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134) SYMBOL VDS VDGR VGS ID ID IDM Ptot Tstg Tj PARAMETER Drain-source voltage Drain-gate voltage Gate-source voltage Drain current (DC) Drain current (DC) Drain current (pulse peak value) Total power dissipation Storage temperature Junction Temperature CONDITIONS RGS = 20 k Tmb = 25 C Tmb = 100 C Tmb = 25 C Tmb = 25 C MIN. - 55 MAX. 60 60 15 60 44 240 150 175 175 UNIT V V V A A A W C C
THERMAL RESISTANCES
SYMBOL Rth j-mb Rth j-a PARAMETER From junction to mounting base From junction to ambient CONDITIONS MIN. TYP. 60 MAX. 1.0 UNIT K/W K/W
October 1993
1
Rev 1.000
Philips Semiconductors
Product Specification
PowerMOS transistor Logic level FET
STATIC CHARACTERISTICS
Tj = 25 C unless otherwise specified SYMBOL V(BR)DSS VGS(TO) IDSS IDSS IGSS RDS(ON) PARAMETER Drain-source breakdown voltage Gate threshold voltage Zero gate voltage drain current Zero gate voltage drain current Gate source leakage current Drain-source on-state resistance CONDITIONS VGS = 0 V; ID = 0.25 mA VDS = VGS; ID = 1 mA VDS = 60 V; VGS = 0 V; VDS = 60 V; VGS = 0 V; Tj = 125 C VGS = 15 V; VDS = 0 V VGS = 5 V; ID = 25 A MIN. 60 1.0 -
BUK556-60H
TYP. 1.5 1 0.1 10 18
MAX. 2.0 10 1.0 100 22
UNIT V V A mA nA m
DYNAMIC CHARACTERISTICS
Tj = 25 C unless otherwise specified SYMBOL gfs Ciss Coss Crss td on tr td off tf Ld Ld Ls PARAMETER Forward transconductance Input capacitance Output capacitance Feedback capacitance Turn-on delay time Turn-on rise time Turn-off delay time Turn-off fall time internal drain inductance internal drain inductance internal source inductance CONDITIONS VDS = 25 V; ID = 25 A VGS = 0 V; VDS = 25 V; f = 1 MHz VDD = 30 V; ID = 3 A; VGS = 5 V; RGS = 50 ; Rgen = 50 Measured from contact screw on tab to centre of die Measured from drain lead 6 mm from package to centre of die Measured from source lead 6 mm from package to source bond pad MIN. 17 TYP. 30 2200 700 280 40 150 350 190 5 5 12.5 MAX. 2800 1000 400 50 250 450 250 UNIT S pF pF pF ns ns ns ns nH nH nH
REVERSE DIODE LIMITING VALUES AND CHARACTERISTICS
Tj = 25 C unless otherwise specified SYMBOL IDR IDRM VSD trr Qrr PARAMETER Continuous reverse drain current Pulsed reverse drain current Diode forward voltage Reverse recovery time Reverse recovery charge CONDITIONS IF = 50 A; VGS = 0 V IF = 50 A; -dIF/dt = 100 A/s; VGS = -10 V; VR = 30 V MIN. TYP. 1.1 80 0.4 MAX. 60 240 2.0 UNIT A A V ns C
AVALANCHE LIMITING VALUE
SYMBOL WDSS PARAMETER Drain-source non-repetitive unclamped inductive turn-off energy CONDITIONS ID = 50 A; VDD 25 V; VGS = 5 V; RGS = 50 ; Tmb = 25 C MIN. TYP. MAX. 150 UNIT mJ
October 1993
2
Rev 1.000
Philips Semiconductors
Product Specification
PowerMOS transistor Logic level FET
BUK556-60H
120 110 100 90 80 70 60 50 40 30 20 10 0
PD%
Normalised Power Derating
10
Zth j-mb / (K/W)
BUKx56-lv
1
D= 0.5
0.1
0.2 0.1 0.05 0.02 P D 0 tp tp T t 1E+01
0.01
D=
0
20
40
60
80 100 Tmb / C
120
140
160
180
0.001 1E-05 1E-03 t/s
T 1E-01
Fig.1. Normalised power dissipation. PD% = 100PD/PD 25 C = f(Tmb)
ID / IDmax % Normalised Current Derating
Fig.4. Transient thermal impedance. Zth j-mb = f(t); parameter D = tp/T
ID / A 10 8 BUK5y6-60A 7 6 VGS / V = 100 5 4.5 4
120 100 80 60 40 20 0
150
50 3.5 3 2.5 0 0 2 4 6 VDS / V 8 10 12
0
20
40
60
80 100 Tmb / C
120
140
160
180
Fig.2. Normalised continuous drain current. ID% = 100ID/ID 25 C = f(Tmb); conditions: VGS 10 V
BUK556-60H
Fig.5. Typical output characteristics, Tj = 25 C. ID = f(VDS); parameter VGS
RDS(ON) / Ohm
3 3.5 4 4.5 5
1000
ID / A
0.1
BUK5y6-60A
100
RD
S(
ON
)=
VD
S/
ID
0.08
tp = 10 us 100 us 1 ms
6
0.06
0.04
7
10
DC 10 ms 100 ms
0.02
VGS / V = 10
1 1 10 VDS / V 100
0 0 20 40 60 80 ID / A 100 120 140
Fig.3. Safe operating area. Tmb = 25 C ID & IDM = f(VDS); IDM single pulse; parameter tp
Fig.6. Typical on-state resistance, Tj = 25 C. RDS(ON) = f(ID); parameter VGS
October 1993
3
Rev 1.000
Philips Semiconductors
Product Specification
PowerMOS transistor Logic level FET
BUK556-60H
150
ID / A
BUK5y6-60A
VGS(TO) / V max.
2
Tj / C = 25
100
150
typ.
1
min.
50
0 0 2 4 VGS / V 6 8 10
0 -60 -20 20 60 Tj / C 100 140 180
Fig.7. Typical transfer characteristics. ID = f(VGS) ; conditions: VDS = 25 V; parameter Tj
gfs / S BUK5y6-60A
Fig.10. Gate threshold voltage. VGS(TO) = f(Tj); conditions: ID = 1 mA; VDS = VGS
ID / A SUB-THRESHOLD CONDUCTION
40 35
1E-01
1E-02
30 25 20 15 10 5 0 0 20 40 ID / A 60 80 100
1E-06 0 0.4 0.8 1.2 VGS / V 1.6 2 2.4 1E-04 1E-03 2% typ 98 %
1E-05
Fig.8. Typical transconductance, Tj = 25 C. gfs = f(ID); conditions: VDS = 15 V
a
Fig.11. Sub-threshold drain current. ID = f(VGS); conditions: Tj = 25 C; VDS = VGS
C / pF
BUK5y6-60A
2.0
Normalised RDS(ON) = f(Tj)
10000
1.5
Ciss 1000 Coss
1.0
Crss 100
0.5
0 -60 -20 20 60 Tj / C 100 140 180
10 0 20 VDS / V 40
Fig.9. Normalised drain-source on-state resistance. a = RDS(ON)/RDS(ON)25 C = f(Tj); ID = 25 A; VGS = 5 V
Fig.12. Typical capacitances, Ciss, Coss, Crss. C = f(VDS); conditions: VGS = 0 V; f = 1 MHz
October 1993
4
Rev 1.000
Philips Semiconductors
Product Specification
PowerMOS transistor Logic level FET
BUK556-60H
10 9 8 7 6 5 4 3 2 1 0
VGS / V VDS / V =12
BUK5y6-60A
120 110 100 90 80 70 60 50 40 30 20 10 0
WDSS%
48
0
20
40 QG / nC
60
80
20
40
60
80
100 120 Tmb / C
140
160
180
Fig.13. Typical turn-on gate-charge characteristics. VGS = f(QG); conditions: ID = 50 A; parameter VDS
IF / A BUK5y6-60A
Fig.15. Normalised avalanche energy rating. WDSS% = f(Tmb); conditions: ID = 50 A
200
150
+
L VDS
VDD
150
Tj / C = 25
100
VGS 0 T.U.T.
-ID/100
50
RGS
0 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 VSDS / V 2
R 01 shunt
Fig.14. Typical reverse diode current. IF = f(VSDS); conditions: VGS = 0 V; parameter Tj
Fig.16. Avalanche energy test circuit. 2 WDSS = 0.5 LID BVDSS /(BVDSS - VDD )
October 1993
5
Rev 1.000
Philips Semiconductors
Product Specification
PowerMOS transistor Logic level FET
MECHANICAL DATA
Dimensions in mm Net Mass: 2 g
BUK556-60H
4,5 max 10,3 max
1,3
3,7 2,8
5,9 min
15,8 max
3,0 max not tinned
3,0
13,5 min
1,3 max 1 2 3 (2x)
2,54 2,54
0,9 max (3x)
0,6 2,4
Fig.17. TO220AB; pin 2 connected to mounting base.
Notes 1. Observe the general handling precautions for electrostatic-discharge sensitive devices (ESDs) to prevent damage to MOS gate oxide. 2. Refer to mounting instructions for TO220 envelopes. 3. Epoxy meets UL94 V0 at 1/8".
October 1993
6
Rev 1.000
Philips Semiconductors
Product Specification
PowerMOS transistor Logic level FET
DEFINITIONS
Data sheet status Objective specification Product specification Limiting values
BUK556-60H
This data sheet contains target or goal specifications for product development. This data sheet contains final product specifications.
Preliminary specification This data sheet contains preliminary data; supplementary data may be published later.
Limiting values are given in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of this specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. (c) Philips Electronics N.V. 1996 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, it is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent or other industrial or intellectual property rights.
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
October 1993
7
Rev 1.000


▲Up To Search▲   

 
Price & Availability of BUK556-60H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X