Part Number Hot Search : 
00051 SR320 ALD1706Z LM317LDG PD400N16 220MC C45H7 MBZ5234B
Product Description
Full Text Search
 

To Download BSV52 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BSV52 SO2369/SO2369A
SMALL SIGNAL NPN TRANSISTORS
Type BSV52 SO2369 SO 2369A
s
Marking B2 N11 N81
s
s
SILICON EPITAXIAL PLANAR NPN TRANSISTORS MINIATURE PLASTIC PACKAGE FOR APPLICATION IN SURFACE MOUNTING CIRCUITS LOW CURRENT, FAST SWITCHING APPLICATIONS.
2 3 1
SOT-23
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol V CES V CBO V CEO V EBO I CM P t ot T stg Tj Parameter SO2369/A Collector-Emitter Voltage (V BE = 0) Collector-Base Voltage (IE = 0) Collector-Emitter Voltage (I B = 0) Emitter-Base Voltage (I C = 0) Collector Peak Current Total Dissipation at T c = 25 C Storage Temperature Max. O perating Junction Temperature
o
Value BSV52 20 20 12 5 0.2 200 -65 to 150 150 40 40 15 4.5
Uni t V V V V A mW
o o
C C
March 1996
1/5
BSV52/SO2369/SO2369A
THERMAL DATA
R t hj-amb * R th j-SR * Thermal Resistance Junction-Ambient Thermal Resistance Junction-Substrate Max Max 620 400
o o
C/W C/W
* Mounted on a ceramic substrate area = 7 x 5 x 0.5 mm
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified)
Symb ol I CBO Parameter Collector Cut-off Current (IE = 0) Test Cond ition s V CB = 20 V for SO2369/SO 2369A V CB = 10 V for BSV52 o T j = 150 C V CB = 10 V for BSV52 V CB = 20 V for SO2369A I C = 10 A for SO2369/SO 2369A for BSV52 I C = 10 mA for SO2369/SO 2369A for BSV52 I C = 10 A for SO2369/SO 2369A for BSV52 I E = 10 A for SO2369/SO 2369A for BSV52 I C = 10 mA IB = 0.3 mA for BSV52 IB = 1 mA I C = 10 mA for SO2369A for BSV52 IB = 3 mA I C = 30 mA for SO2369 BSV52 IB = 5 mA I C = 50 mA for BSV52 I C = 100 mA I B = 10 mA for SO2369A I C = 10 mA IB IB I C = 30 mA for SO2369A IB I C = 50 mA for BSV52 I C = 100 mA I B for SO2369A IC IC IC IC IC IC IC = 1 mA = 3 mA = 5 mA 1.2 = 10 mA 1.6 for BSV52 for SO2369A for All typ es for SO2369A for BSV52 for SO2369A for SO2369 25 40 40 30 25 20 20 120 120 V V 0.7 40 20 15 12 40 20 4.5 5 0.3 0.2 0.25 0.25 0.4 0.5 0.85 1.15 Min. Typ . Max. 400 100 5 400 Un it nA nA A nA V V V V V V V V V V V V V V V V
I CES
Collector Cut-off Current (V BE = 0)
V (BR)CES Collector-Emitter Breakdown Voltage (I B = 0) V ( BR)CEO Collector-Emitter Breakdown Voltage (I B = 0) V ( BR)CBO Collector-Base Breakdown Voltage (I B = 0) V (BR)EBO Emitter-Base Breakdown Voltage (I C = 0) Collector-Emitter Saturation Voltage
V CE(sat )
V BE(s at)
Collector-Base Saturation Voltage
h FE
DC Current G ain
=1mA VCE =1V =10mA VCE =0.35V =10mA VCE =1V =30mA VCE =0.4V =50mA VCE =1V =100mA V CE =1V =100mA V CE =2V
Pulsed: Pulse duration = 300 s, duty cycle 2 %
2/5
BSV52/SO2369/SO2369A
ELECTRICAL CHARACTERISTICS (Continued)
Symb ol fT Parameter Transition F requency Test Cond ition s I C = 10 mA VCE = 10V f = 100MHz for SO2369A for BSV52/SO 2369 IE = 0 V CE = 5 V f = 1 MHz f = 1 MHz Min. 500 400 4 4.5 12 13 18 Typ . Max. Un it MHz MHz pF pF ns ns ns
C CB C EB t on ts t of f
Collector Base Capacitance Emitter Base Capacitance Turn On T ime Storage Time Turn Off T ime
IC = 0 V EB = 1 V for BSV52 I C = 10 mA I B = 3 mA I C = 10 mA
VBE = -0.5 V I B1 = -IB2 = 10mA
I C = 10 mA IB1 = 3 mA I B2 = -1.5 mA
Pulsed: Pulse duration = 300 s, duty cycle 2 %
3/5
BSV52/SO2369/SO2369A
SOT-23 MECHANICAL DATA
mm MIN. A B C D E F G H L M N O 0.85 0.65 1.20 2.80 0.95 1.9 2.1 0.38 0.3 0 0.3 0.09 TYP. MAX. 1.1 0.95 1.4 3 1.05 2.05 2.5 0.48 0.6 0.1 0.65 0.17 MIN. 33.4 25.6 47.2 110.2 37.4 74.8 82.6 14.9 11.8 0 11.8 3.5 mils TYP. MAX. 43.3 37.4 55.1 118 41.3 80.7 98.4 18.8 23.6 3.9 25.6 6.7
DIM.
0044616/B
4/5
BSV52/SO2369/SO2369A
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersede and replaces all information previously supplied. s SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1995 SGS-THOMSON Microelectronics - Printed in Italy - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A .
5/5


▲Up To Search▲   

 
Price & Availability of BSV52

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X