Part Number Hot Search : 
K3050 AOC2414 1048048 MTEZ320A BU508DFI 424L4L AN3254 90W10
Product Description
Full Text Search
 

To Download BR305 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BR305 THRU BR310
SINGLE-PHASE SILICON BRIDGE Reverse Voltage - 50 to 1000 Volts Forward Current - 3.0 Amperes
Features
Surge overload rating - 50 amperes peak Low forward voltage drop Small size; simple installation Tinned copper leads Mounting Position: Any Mounting: Thru hold for #6 screw
DIM ENSIONS DIM A B C E F G inches Min. 0.580 0.193 0.405 0.75 0.028 0.140 Max. 0.620 0.213 0.445 0.032 0.150 Min. 14.96 4.9 10.29 19 0.71 3.56 mm Max. 15.71 5.4 11.31 0.81 3.81 Note
Maximum Ratings and Electrical Characteristics
Ratings at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Symbols
BR305
BR31
BR32
BR34
BR36
BR38
BR310
Units
Maximum repetitive peak reverse voltage Maximum RMS bridge input voltage Maximum average forward rectified output current at TC=50 * TC=100 * TA=50 **
VRRM VRMS I(AV) IFSM VF IR TJ TSTG
50 35
100 70
200 140
400 280 3.0 2.0 2.0 50.0 1.2 10.0 1.0 -55 to +125 -55 to +150
600 420
800 560
1000 700
Volts Volts Amps Amps Volts uA mA
Peak forward surge current, 8.3mS single half sine-wave superimposed on rated load Maximum forward Voltage drop per bridge element at 1.5A peak Maximum DC reverse current at rated DC blocking voltage per element Operating temperature range Storage temperature range
Notes: * Unit mounted on metal chassis ** Unit mounted on P.C. board
TA=25 TA=100
1
RATINGS AND CHARACTERISTIC CURVES
2


▲Up To Search▲   

 
Price & Availability of BR305

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X