Part Number Hot Search : 
MJD148 LR5360 MBR2045 DS24B33 CV5008 SR8100 B41694 CJF15031
Product Description
Full Text Search
 

To Download AZHEL11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ARIZONA MICROTEK, INC.
AZ10EL11 AZ100EL11
ECL/PECL 1:2 Differential Fanout Buffer FEATURES
* * * * * 265ps Propagation Delay 5ps Skew Between Outputs High Bandwidth Output Transitions 75k Internal Input Pulldown Resistors Direct Replacement for ON Semiconductor MC10EL11 & MC100EL11 PACKAGE AVAILABILITY PACKAGE SOIC 8 SOIC 8 T&R SOIC 8 T&R SOIC 8 SOIC 8 T&R SOIC 8 T&R TSSOP 8 TSSOP 8 T&R TSSOP 8 T&R TSSOP 8 TSSOP 8 T&R TSSOP 8 T&R PART NO. AZ10EL11D AZ10EL11DR1 AZ10EL11DR2 AZ100EL11D AZ100EL11DR1 AZ100EL11DR2 AZ10EL11T AZ10EL11TR1 AZ10EL11TR2 AZ100EL11T AZ100EL11TR1 AZ100EL11TR2 MARKING AZM10EL11 AZM10EL11 AZM10EL11 AZM100EL11 AZM100EL11 AZM100EL11 AZTEL11 AZTEL11 AZTEL11 AZHEL11 AZHEL11 AZHEL11
DESCRIPTION
The AZ10/100EL11 is a differential 1:2 fanout gate. The device is functionally similar to the E111 device but with higher performance capabilities. Having within-device skews and output transition times significantly improved over the E111, the EL11 is ideally suited for those applications that require the ultimate in AC performance. The differential inputs of the EL11 employ clamping circuitry to maintain stability under open input conditions. If the inputs are left open (pulled to VEE) the Q outputs will go LOW. NOTE: Specifications in the ECL/PECL tables are valid when thermal equilibrium is established. LOGIC DIAGRAM AND PINOUT ASSIGNMENT
Q0 1
PIN DESCRIPTION PIN D, D Q0, Q0, Q1, Q1 VCC VEE FUNCTION Data Inputs Data Outputs Positive Supply Negative Supply
8
VCC
Q0 2
7
D
Q1 3
6
D
Q1 4
5
VEE
1630 S. STAPLEY DR., SUITE 125 * MESA, ARIZONA 85204 * USA * (480) 962-5881 * FAX (480) 890-2541 www.azmicrotek.com
AZ10EL11 AZ100EL11
Absolute Maximum Ratings are those values beyond which device life may be impaired.
Symbol VCC VI VEE VI IOUT TA TSTG Characteristic PECL Power Supply (VEE = 0V) PECL Input Voltage (VEE = 0V) ECL Power Supply (VCC = 0V) ECL Input Voltage (VCC = 0V) Output Current --- Continuous --- Surge Operating Temperature Range Storage Temperature Range Rating 0 to +8.0 0 to +6.0 -8.0 to 0 -6.0 to 0 50 100 -40 to +85 -65 to +150 Unit Vdc Vdc Vdc Vdc mA C C
10K ECL DC Characteristics (VEE = -4.75V to -5.5V, VCC = GND)
Symbol Characteristic
1
VOH Output HIGH Voltage VOL Output LOW Voltage1 VIH Input HIGH Voltage VIL Input LOW Voltage Input HIGH Current IIH Input LOW Current 0.5 IIL IEE Power Supply Current 26 31 1. Each output is terminated through a 50 resistor to VCC - 2V.
Min -1080 -1950 -1230 -1950
-40C Typ
Max -890 -1650 -890 -1500 150
Min -1020 -1950 -1170 -1950 0.5
0C Typ
Max -840 -1630 -840 -1480 150 31
Min -980 -1950 -1130 -1950 0.5
25C Typ
Max -810 -1630 -810 -1480 150 31
Min -910 -1950 -1060 -1950 0.5
85C Typ
Max -720 -1595 -720 -1445 150 31
Unit mV mV mV mV A A mA
26
26
26
10K PECL DC Characteristics (VEE = GND, VCC = +5.0V)
Symbol Characteristic
1,2
VOH Output HIGH Voltage VOL Output LOW Voltage1,2 VIH Input HIGH Voltage1 VIL Input LOW Voltage1 IIH Input HIGH Current Input LOW Current 0.5 0.5 0.5 IIL IEE Power Supply Current 26 31 26 31 1. For supply voltages other that 5.0V, use the ECL table values and ADD supply voltage value. 2. Each output is terminated through a 50 resistor to VCC - 2V.
Min 3920 3050 3770 3050
-40C Typ
Max 4110 3350 4110 3500 150
Min 3980 3050 3830 3050
0C Typ
Max 4160 3370 4160 3520 150
Min 4020 3050 3870 3050
25C Typ
Max 4190 3370 4190 3520 150 31
Min 4090 3050 3940 3050 0.5
85C Typ
Max 4280 3405 4280 3555 150 31
Unit mV mV mV mV A A mA
26
26
100K ECL DC Characteristics (VEE = -4.2V to -5.5V, VCC = GND)
Symbol Characteristic
1
VOH Output HIGH Voltage VOL Output LOW Voltage1 VIH Input HIGH Voltage VIL Input LOW Voltage Input HIGH Current IIH Input LOW Current 0.5 IIL IEE Power Supply Current 26 31 1. Each output is terminated through a 50 resistor to VCC - 2V.
Min -1085 -1830 -1165 -1810
-40C Typ -1005 -1695
Max -880 -1555 -880 -1475 150
Min -1025 -1810 -1165 -1810 0.5
0C Typ -955 -1705
Max -880 -1620 -880 -1475 150 31
Min -1025 -1810 -1165 -1810 0.5
25C Typ -955 -1705
Max -880 -1620 -880 -1475 150 31
Min -1025 -1810 -1165 -1810 0.5
85C Typ -955 -1705
Max -880 -1620 -880 -1475 150 36
Unit mV mV mV mV A A mA
26
26
30
100K PECL DC Characteristics (VEE = GND, VCC = +5.0V)
Symbol Characteristic
1,2
VOH Output HIGH Voltage VOL Output LOW Voltage1,2 VIH Input HIGH Voltage1 VIL Input LOW Voltage1 IIH Input HIGH Current Input LOW Current 0.5 0.5 0.5 IIL IEE Power Supply Current 26 31 26 31 1. For supply voltages other that 5.0V, use the ECL table values and ADD supply voltage value. 2. Each output is terminated through a 50 resistor to VCC - 2V.
Min 3915 3170 3835 3190
-40C Typ 3995 3305
Max 4120 3445 4120 3525 150
Min 3975 3190 3835 3190
0C Typ 4045 3295
Max 4120 3380 4120 3525 150
Min 3975 3190 3835 3190
25C Typ 4045 3295
Max 4120 3380 4120 3525 150 31
Min 3975 3190 3835 3190 0.5
85C Typ 4045 3295
Max 4120 3380 4120 3525 150 36
Unit mV mV mV mV A A mA
26
30
October 2001 * REV - 2
www.azmicrotek.com 2
AZ10EL11 AZ100EL11
AC Characteristics (VEE =10E(-4.75V to -5.5V), 100E(-4.2V to -5.5V); VCC =GND or VEE =GND; VCC =10E(+4.75V to +5.5V), 100E(+4.2V to +5.5V))
Symbol tPLH / tPHL tSKEW VPP (AC) VCMR Characteristic Propagation Delay to Output Within-Device Skew1 Duty Cycle Skew2 Minimum Input Swing3 Common Mode Range4 Min 135 -40C Typ 260 5 5 150 VCC 2.0 VCC 0.4 150 VCC 2.0 Max 385 Min 185 0C Typ 260 5 5 Max 335 20 20 VCC 0.4 150 VCC 2.0 Min 190 25C Typ 265 5 5 Max 340 20 20 VCC 0.4 150 VCC 2.0 Min 215 85C Typ 290 5 5 Max 365 20 20 VCC 0.4 Unit ps ps mV V ps
Rise/Fall Time tr / t f 100 350 100 350 100 350 100 350 20 - 80% 1. Within-device skew defined as identical transitions on similar paths through a device. 2. Duty cycle skew is the difference between a tPLH and tPHL propagation delay through a device. 3. VPP is the minimum peak-to-peak differential input swing for which AC parameters are guaranteed. The device has a DC voltage gain of 40. 4. The VCMR range is referenced to the most positive side of the differential input signal. Normal operation is obtained if the HIGH level falls within the specified range and the peak-to-peak voltage lies between VPP(min) and 1V.
October 2001 * REV - 2
www.azmicrotek.com 3
AZ10EL11 AZ100EL11 PACKAGE DIAGRAM SOIC 8
NOTES: 1. DIMENSIONS D AND E DO NOT INCLUDE MOLD PROTRUSION. 2. MAXIMUM MOLD PROTRUSION FOR D IS 0.15mm. 3. MAXIMUM MOLD PROTRUSION FOR E IS 0.25mm.
DIM A A1 A2 A3 bp c D E e HE L Lp Q v w y Z
MILLIMETERS MIN MAX 1.75 0.10 0.25 1.25 1.45 0.25 0.36 0.49 0.19 0.25 4.8 5.0 3.8 4.0 1.27 5.80 6.20 1.05 0.40 1.00 0.60 0.70 0.25 0.25 0.10 0.30 0.70 8O 0O
INCHES MIN MAX 0.069 0.004 0.010 0.049 0.057 0.01 0.014 0.019 0.0075 0.0100 0.19 0.20 0.15 0.16 0.050 0.228 0.244 0.041 0.016 0.039 0.024 0.028 0.01 0.01 0.004 0.012 0.028 0O 8O
October 2001 * REV - 2
www.azmicrotek.com 4
AZ10EL11 AZ100EL11 PACKAGE DIAGRAM TSSOP 8
NOTES: 1. DIMENSIONS D AND E DO NOT INCLUDE MOLD PROTRUSION. 2. MAXIMUM MOLD PROTRUSION FOR D IS 0.15mm. 3. MAXIMUM MOLD PROTRUSION FOR E IS 0.25mm.
DIM A A1 A2 A3 bp c D E e HE L Lp v w y Z
MILLIMETERS MIN MAX 1.10 0.05 0.15 0.80 0.95 0.25 0.25 0.45 0.15 0.28 2.90 3.10 2.90 3.10 0.65 4.70 5.10 0.94 0.40 0.70 0.10 0.10 0.10 0.35 0.70 6O 0O
October 2001 * REV - 2
www.azmicrotek.com 5
AZ10EL11 AZ100EL11
Arizona Microtek, Inc. reserves the right to change circuitry and specifications at any time without prior notice. Arizona Microtek, Inc. makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Arizona Microtek, Inc. assume any liability arising out of the application or use of any product or circuit and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. Arizona Microtek, Inc. does not convey any license rights nor the rights of others. Arizona Microtek, Inc. products are not designed, intended or authorized for use as components in systems intended to support or sustain life, or for any other application in which the failure of the Arizona Microtek, Inc. product could create a situation where personal injury or death may occur. Should Buyer purchase or use Arizona Microtek, Inc. products for any such unintended or unauthorized application, Buyer shall indemnify and hold Arizona Microtek, Inc. and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Arizona Microtek, Inc. was negligent regarding the design or manufacture of the part.
October 2001 * REV - 2
www.azmicrotek.com 6


▲Up To Search▲   

 
Price & Availability of AZHEL11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X