Part Number Hot Search : 
CS5451A AD1857 82000 SF10A4 MSK4850 TMA1212D 1078096 U3N50
Product Description
Full Text Search
 

To Download AT76C120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
* * * * * * * * * * * * * * * * * * * * * * * * * * *
Supports Image (Up to 16 Mpixels) and Video Playback Applications ARM7TDMI(R) CPU Running at a Maximum Rate of 78 MHz 16/8-bit CCIR Digital Video Input Interface for Video/Still-Picture Capture Video Encoder for NTSC/PAL TV Signal Digital Video Outputs Include: Composite, 16/8-bit YC (CCIR-656), RGB 565, 24-bit RGB, Component (Y/Pr/Pb), VESA Up to XGA Resolutions Integrated Triple Video DAC for Composite, Component, RGB, or S-Video Outputs Direct Interface to Epson, Casio, or AU LCDs Image Scaling and Rotation Hardware Baseline JPEG Compression/Decompression MPEG-1 Encode/Decode at 24 fps VGA MPEG-4 Codec Simple Profile at 30 fps CIF Resolution SDRAM Interface Supports Up to 512 Mbit Devices Unified Memory Architecture (All Program and Data Stored in SDRAM) Static Memory Controller (Flash/SRAM) Supports Up to Four 16 MB Devices Support for All Flash Card Interfaces (MMC/SD, Memory Stick ProTM, SSFDC/Smartmedia, CompactFlash(R) with IDE I/O Mode Support) Audio Data Interface for Connection to External Stereo ADC/DAC USB 2.0 High-speed Slave Controller for PC Card Reading Applications - OR USB 1.1 Full-speed Host/Slave Controller for Direct Connection to Digital Cameras USART Interface Serial Peripheral Interface for Loading Boot Code and Controlling External Devices Three General-purpose Timers for Waveform Generation and Event Monitoring Programmable Watchdog Timer Up to Eight External Interrupts Up to 102 Pins Configurable as General-purpose I/Os All Low-level Software and Application Samples are Provided 1.8 V Core and 3.3 V I/O Operation 208-ball BGA Package
HighPerformance Digital Imaging and Video Processor AT76C120 Summary
Figure 1. Typical DSC Application Using The AT76C120
Legend SDRAM PLL Filter up to 27 MHz Subsystems ICs
Flash/SRAM Interfaces: Compact Flash, SSFDC, MMC/SD, Memory Stick, SRAM
SDRAM Interface 78 MHz Clock, CL=2 Scaler JPEG Codec MPEG-1 Codec MPEG-4 Codec
Flash Cards SRAM
Display Interface
Imager and Lens Subsystem Direct LCD Panel Subsystem TV Filters
Triple DAC
USB
to PC
USART Pushbuttons, LEDs, etc. Interrupt Controller 4KB Data RAM ARM7TDMI(R) 78 MHz 8KB Cache
to PC Serial EEPROM
(boot code)
SPI
Timers
Watchdog Timer System
Audio Data Interface
Audio Codec
12 MHz
PLL Filter
5676AS-MPIXLY-06/04
Note: This is a summary datasheet. A complete document is available under NDA. For more information, please contact your local Atmel Sales Office.
1
Description
The AT76C120 is a highly integrated solution for still-image and video playback applications. It can also operate as a video capture device for low-cost Personal Video Recording (PVR) applications. It combines a number of functions that are required in such devices: * The design is based on an ARM7(R) microprocessor that controls the entire chip. A number of hardware resources, controlled by the ARM processor, perform digital imaging functions such as image signal processing, JPEG coding/decoding, MPEG1 coding/decoding, DMA access to the SDRAM, and video encoding. All of these computationally-intensive functions are implemented in hardware which can be programmed according to user specifications, thus allowing the ARM processor to be free for other user-defined functions. The processor has 8 KB of internal instruction/data cache that helps it to operate efficiently and use minimal SDRAM bandwidth. The device also features Personal Video Recording capabilities. It has a 16/8-bit CCIR digital video input interface (shared with the display interface) that can capture still-image/video data from either a CMOS sensor or a video decoder. The video data can then be compressed using the MPEG engine. The device has numerous display capabilities. It has an integrated video encoder (double sampling) and 10-bit differential video DACs running at 78 MHz to support direct display to high-definition TVs and projectors at different VESA rates up to XGA (1024 x 768) resolutions. The device also has a 24-bit RGB output to interface to flat-panel TVs (LCDs and Plasma). It supports both square pixel and CCIR-type formats and can display in NTSC or PAL modes with the same crystal. It also has an LCD controller that supports a variety of LCD panels (Epson, Casio, AU) without the need for external ICs. Finally, it has an 8/16-bit CCIR-type output interface. The device has a high-performance image scaler that can do up-and-down scaling at floating point resolutions. This is very useful for playback applications, where images of arbitrary sizes need to be displayed on fixed resolution displays. In addition, the device supports hardware rotation, as well as flipping and mirroring in both vertical and horizontal dimensions. It takes about 120 ms to rotate a 2M image (1600 pixels) in any direction. The AT76C120 has a hardware JPEG compression/decompression engine that can decode a 2M pixel image in less than 150 ms. Non-standard Huffman JPEG tables are also supported using a combination of hardware and software resources. The engine can also do motion JPEG encoding and decoding. The integrated MPEG decoder can be used to play video clips taken from digital cameras and mobile phones. It supports Simple Profile MPEG-4 bitstreams at 30 fps CIF (I and P frames) and MPEG-1 video at 24 fps VGA (I frames only). The device utilizes a unified memory architecture using the SDRAM to process, capture, and play images and video, as well as to store program code and variables. It supports SDRAM configurations of up to 512 Mbits. A static memory controller is included that supports up to four 16 MB Flash or SRAM devices. Both 8-bit and16-bit data buses are supported, with data accesses of up to 32 bits. The number of wait states and setup, hold, and data float times are programmable on a per device (chip select) basis. The device supports all Flash cards, including MultiMedia Card (MMC), Secure Digital (SD), Memory Stick ProTM, Smartmedia/SSFDC/NAND Flash, and Compact Flash, including IDE I/O mode for streaming video. The Flash card interfaces can support read/write operations at the maximum speeds specified by the Flash cards. Data transfers between the Flash cards and the SDRAM are handled using high-
*
*
*
*
*
*
*
*
2
AT76C120
5676AS-MPIXLY-06/04
AT76C120
speed DMAs with FIFOs that leave the main processor free for other system applications. * The I2S-compatible audio data interface allows the device to connect with an external stereo ADC/DAC to capture or play voice or audio. The device can encode captured audio in various popular formats, and can package it in the same bitstream as the video or the compressed JPEG pictures. It can also play back stand-alone audio, such as MP3 files or audio embedded in MPEG bitstreams. The USB 1.1 full-speed host controller allows the playback device to connect directly to digital cameras and either display images from the DSC or download them to the playback device. The USB 1.1 full-speed slave controller can be used to connect to a PC for downloading of images from the playback device to the PC. The USB 2.0 high-speed slave controller can also be used to connect to a PC for the downloading of images from the playback device to the PC. This interface is mutually exclusive from the USB 1.1 interfaces (see "Part Versions" below). An USART interface is included for serial communication. It supports standard baud rates of up to 460.8 Kbps or non-standard rates of up to 4.875 Mbps in asynchronous mode. It supports rates of up to19.5 Mbps in synchronous mode. The serial peripheral interface (SPI) is used to boot from an external EEPROM. Once the boot code is loaded inside the program memory, the CPU can download its code from any peripheral supported by the device, including non-volatile storage media. With two chip select pins, the SPI can also be used to control other external devices at speeds of up to 19.2 Mbps with 64-bit transfers. Throughput decreases if the transfer size is reduced or the delay between transfers is increased. Three 16-bit general-purpose timers are included and can be used to generate interrupts to the internal CPU. They can generate waveforms on their associated pins via Pulse-width Modulation (PWM) or other techniques. They can also monitor and count external events on these pins. A dedicated watchdog timer is available which can provide an interrupt, an event on an external pin, or a reset to the internal CPU in the event that software is not responding as expected. Write access to the watchdog is protected by control access keys to prevent corruption of the watchdog should an error condition occur. The device provides up to eight external interrupt pins, depending on the system configuration, which can be handled by the interrupt controller as either edge or level sensitive. Up to 102 pins can also be configured as GPIOs, depending on the application. During normal operation, power consumption may be minimized by disabling the clock of any internal module that is not in use. In order to further reduce power consumption, the main CPU clock can be divided to run at a slower speed. In order to minimize power consumption when the device is not in use, a "sleep mode" is available that halts the operation of all logic and shuts down the oscillators and PLLs. Recovery from sleep mode occurs via the WKP ("wakeup") pin, at which time the device begins execution from its previous state.
*
*
*
*
*
*
*
* *
Part Versions
The AT76C120 device comes in two versions. One version has USB 1.1 full-speed host and slave interfaces, while the other version has a USB 2.0 high-speed slave interface. The corresponding part numbers are the AT76C120-U1 and the AT76C120-U2, respectively. The pin configuration of each version is mostly the same, but with a few differences as noted below. * The device is fabricated in a 0.18 micron process. It is expected that the device will operate at less than 60 mA when fully active (video compression/decompression).
Technology
3
5676AS-MPIXLY-06/04
* *
The core requires a 1.8 V power supply, while most I/O pads require a 3.3 V supply. The package is a 208-ball BGA.
4
AT76C120
5676AS-MPIXLY-06/04
Atmel Corporation
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 487-2600
Atmel Operations
Memory
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 436-4314
RF/Automotive
Theresienstrasse 2 Postfach 3535 74025 Heilbronn, Germany Tel: (49) 71-31-67-0 Fax: (49) 71-31-67-2340 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906, USA Tel: 1(719) 576-3300 Fax: 1(719) 540-1759
Regional Headquarters
Europe
Atmel Sarl Route des Arsenaux 41 Case Postale 80 CH-1705 Fribourg Switzerland Tel: (41) 26-426-5555 Fax: (41) 26-426-5500
Microcontrollers
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 436-4314 La Chantrerie BP 70602 44306 Nantes Cedex 3, France Tel: (33) 2-40-18-18-18 Fax: (33) 2-40-18-19-60
Biometrics/Imaging/Hi-Rel MPU/ High Speed Converters/RF Datacom
Avenue de Rochepleine BP 123 38521 Saint-Egreve Cedex, France Tel: (33) 4-76-58-30-00 Fax: (33) 4-76-58-34-80
Asia
Room 1219 Chinachem Golden Plaza 77 Mody Road Tsimshatsui East Kowloon Hong Kong Tel: (852) 2721-9778 Fax: (852) 2722-1369
ASIC/ASSP/Smart Cards
Zone Industrielle 13106 Rousset Cedex, France Tel: (33) 4-42-53-60-00 Fax: (33) 4-42-53-60-01 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906, USA Tel: 1(719) 576-3300 Fax: 1(719) 540-1759 Scottish Enterprise Technology Park Maxwell Building East Kilbride G75 0QR, Scotland Tel: (44) 1355-803-000 Fax: (44) 1355-242-743
Japan
9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan Tel: (81) 3-3523-3551 Fax: (81) 3-3523-7581
Literature Requests
www.atmel.com/literature
Disclaimer: Atmel Corporation makes no warranty for the use of its products, other than those expressly contained in the Company's standard warranty which is detailed in Atmel's Terms and Conditions located on the Company's web site. The Company assumes no responsibility for any errors which may appear in this document, reserves the right to change devices or specifications detailed herein at any time without notice, and does not make any commitment to update the information contained herein. No licenses to patents or other intellectual property of Atmel are granted by the Company in connection with the sale of Atmel products, expressly or by implication. Atmel's products are not authorized for use as critical components in life support devices or systems. Atmel Corporation 2004. All rights reserved. Atmel (R) and combinations thereof are the registered trademarks of Atmel Corporation or its subsidiaries. ARM (R), ARM7 (R), and ARM7TDMI(R) are the registered trademarks of ARM, Ltd. Inc. CompactFlash(R) is the registered trademark of Sandisk Corporation. Memory Stick Pro TM is the trademark of Sony Electronics Inc. Other terms and product names may be the trademarks of others.
Printed on recycled paper.
5676AS-MPIXLY-06/04


▲Up To Search▲   

 
Price & Availability of AT76C120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X