Part Number Hot Search : 
SBL2030C HS412 2SK2938 ML5203 P6KE68CA 7W14F SFT5001 LTC405
Product Description
Full Text Search
 

To Download AS7C32098A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 February 2005 Preliminary Information
AS7C32098A
(R)
3.3 V 128K x 16 CMOS SRAM Features
* Industrial and commercial temperature * Organization: 131,072 words x 16 bits * Center power and ground pins * High speed
- 10/12/15/20 ns address access time - 4/5/6/7 ns output enable access time - 28.8 mW /max CMOS
* Individual byte read/write controls * Easy memory expansion with CE, OE inputs * TTL- and CMOS-compatible, three-state I/O * 44-pin JEDEC standard packages * ESD protection 2000 volts * Latch-up current 200 mA
- TSOP 2
* Low power consumption: ACTIVE
- 650 mW /max @ 10 ns
* Low power consumption: STANDBY
Logic block diagram
Pin arrangement for TSOP 2
A0
A1 A2 A3 A4 CE I/O1 I/O2 I/O3 I/O4 VCC GND I/O5 I/O6 I/O7 I/O8 WE A5 A6 A7 A8 A9 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 A16 A15 A14 OE UB LB I/O16 I/O15 I/O14 I/O13 GND VCC I/O12 I/O11 I/O10 I/O9 NC A13 A12 A11 A10 NC
A0 A1 A2 A3 A4 A6 A7 A8 A12 A13 I/O1-I/O8 I/O9-I/O16 WE
Row Decoder
VCC 1024 x 128 x 16 Array (2,097,152) GND
I/O buffer
Control circuit Column decoder
A5 A9 A10 A11 A14 A15 A16
UB OE LB CE
Selection guide
-10 Maximum address access time Maximum output enable access time Maximum operating current Maximum CMOS standby current Industrial Commercial 10 4 180 170 8 -12 12 5 160 150 8 -15 15 6 140 130 8 -20 20 7 110 100 8 Unit ns ns mA mA mA
2/24/05, v. 1.0
Alliance Semiconductor
P. 1 of 10
Copyright (c) Alliance Semiconductor. All rights reserved.
AS7C32098A
(R)
Functional description
The AS7C32098A is a high-performance CMOS 2,097,152-bit Static Random Access Memory (SRAM) device organized as 131,072 words x 16 bits. It is designed for memory applications where fast data access, low power, and simple interfacing are desired. Equal address access and cycle times (tAA, tRC, tWC) of 10/12/15/20 ns with output enable access times (tOE) of 4/5/6/7 ns are ideal for high-performance applications. The chip enable input CE permits easy memory expansion with multiple-bank memory systems. When CE is high the device enters standby mode. The device is guaranteed not to exceed 28.8mW power consumption in CMOS standby mode. A write cycle is accomplished by asserting write enable (WE) and chip enable (CE). Data on the input pins I/O1-I/O16 is written on the rising edge of WE (write cycle 1) or CE (write cycle 2). To avoid bus contention, external devices should drive I/O pins only after outputs have been disabled with output enable (OE) or write enable (WE). A read cycle is accomplished by asserting output enable (OE) and chip enable (CE), with write enable (WE) high. The chip drives I/O pins with the data word referenced by the input address. When either chip enable or output enable is inactive, or write enable is active, output drivers stay in high-impedance mode. The device provides multiple center power and ground pins, and separate byte enable controls, allowing individual bytes to be written and read. LB controls the lower bits, I/O1-I/O8, and UB controls the higher bits, I/O9-I/O16. All chip inputs and outputs are TTL- and CMOS-compatible, and operation is for 3.3V (AS7C32098A) supply. The device is available in the JEDEC standard TSOP 2 package.
Absolute maximum ratings
Parameter Voltage on VCC relative to GND Voltage on any pin relative to GND Power dissipation Storage temperature (plastic) Ambient temperature with VCC applied DC current into outputs (low) Symbol Vt1 Vt2 PD Tstg Tbias IOUT Min -0.50 -0.50 - -65 -55 - Max +5.0 VCC +0.50 1.5 +150 +125 20 Unit V V W C C mA
Note: Stresses greater than those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions outside those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Truth table
CE
H L L
WE
X H X
OE
X H X
LB
X X H L
UB
X X
I/O1-I/O8
High Z High Z
I/O9-I/O16
High Z High Z High Z DOUT DOUT High Z DIN DIN
Mode
Standby (ISB, ISB1) Output disable (ICC)
H H L L H L L DOUT High Z DOUT DIN High Z DIN
L
H
L
H L L
Read (ICC)
L
L
X
H L
Write (ICC)
Key: X = Don't care, L = Low, H = High.
2/24/05,v. 1.0
Alliance Semiconductor
P. 2 of 10
AS7C32098A
(R)
Recommended operating conditions
Parameter Supply voltage Input voltage Ambient operating temperature commercial industrial Symbol VCC (10/12/15/20) VIH
**
Min Typical 3.0 2.0 -0.5 0 -40 3.3 - - - -
Max 3.6 VCC + 0.5 0.8 70 85
Unit V V V C C
VIL* TA TA
* VIL min = -1.0V for pulse width less than 5ns. ** V max = V + 2.0V for pulse width less than 5ns. IH CC
DC operating characteristics (over the operating range)1
-10 Parameter Input leakage current Output leakage current Operating power supply current Symbol |ILI| Test conditions VCC = Max VIN = GND to VCC VCC = Max CE = VIH or OE = VIH or WE = VIL VI/O = GND to VCC VCC = Max CE VIL, f = fmax IOUT = 0mA VCC = Max CE VIH, f = Max VCC = Max CE VCC - 0.2V, VIN VCC - 0.2V or VIN 0.2V, f = 0 Output voltage VOL VOH IOL = 8 mA, VCC = Min IOH = -4 mA, VCC = Min - 2.4 0.4 - - 2.4 0.4 - - 2.4 0.4 - - 2.4 0.4 - V V Industrial Commercial -12 -15 -20 Min Max Min Max Min Max Min Max Unit - 1 - 1 - 1 - 1 A
|ILO|
-
1
-
1
-
1
-
1
A
- -
180 170 60
- -
160 150 60
- -
140 130 60
- -
110 mA 100 mA 60 mA
ICC ISB
Standby power supply current
ISB1
-
8
-
8
-
8
-
8
mA
Capacitance (f = 1MHz, Ta = 25 C, VCC = NOMINAL)4
Parameter Input capacitance I/O capacitance Symbol CIN CI/O Signals A, CE, WE, OE, UB, LB I/O Test conditions VIN = 0V VIN = VOUT = 0V Max 6 8 Unit pF pF
2/24/05,v. 1.0
Alliance Semiconductor
P. 3 of 10
AS7C32098A
(R)
Read cycle (over the operating range)2,8
-10 Parameter Read cycle time Address access time Chip enable (CE) access time Output enable (OE) access time Output hold from address change CE Low to output in low Z CE High to output in high Z OE Low to output in low Z OE High to output in high Z LB, UB access time LB, UB Low to output in low Z LB, UB High to output in high Z Power up time Power down time Symbol tRC tAA tACE tOE tOH tCLZ tCHZ tOLZ tOHZ tBA tBLZ tBHZ tPU tPD Min 10 - - - 3 3 - 0 - - 0 - 0 - Max - 10 10 4 - - 5 - 5 5 - 5 - 10 12 - - - 3 3 - 0 - - 0 - 0 - -12 Min Max - 12 12 5 - - 6 - 6 6 - 6 - 12 15 - - - 3 3 - 0 - - 0 - 0 - -15 Min Max - 15 15 6 - - 7 - 7 7 - 7 - 15 20 - - - 3 3 - 0 - - 0 - 0 - -20 Min Max - 20 20 7 - - 9 - 9 8 - 9 - 20 Unit Notes ns ns ns ns ns ns ns ns ns ns ns ns ns ns 4 4 4 3,4 3,4 3,4 3,4
Key to switching waveforms
Rising input Falling input Undefined/don't care
Read waveform 1 (address controlled)5,6,8
tRC Address tOH DataOUT Previous data valid tAA Data valid tOH
2/24/05,v. 1.0
Alliance Semiconductor
P. 4 of 10
AS7C32098A
(R)
Read waveform 2 (CE, OE, UB, LB controlled)5,7,8
tRC Address tAA OE tOE tOLZ CE tACE tCLZ LB, UB tBA tBLZ DataOUT Data valid tBHZ tCHZ tOHZ tOH
Write cycle (over the operating range)9
-10 Parameter Write cycle time Chip enable (CE) to write end Address setup to write end Address setup time Write pulse width (OE = High) Write pulse width (OE = Low) Write recovery time Address hold from end of write Data valid to write end Data hold time Write enable to output in High-Z Output active from write end Byte enable Low to write end Symbol Min tWC tCW tAW tAS tWP1 tWP2 tWR tAH tDW tDH tWZ tOW tBW 10 7 7 0 7 10 0 0 5 0 0 3 7 Max - - - - - - - - - - 5 - - 12 8 8 0 8 12 0 0 6 0 0 3 8 - 6 - - -12 Min Max - - - - - - - - Min 15 10 10 0 10 15 0 0 7 0 0 3 10 -15 Max - - - - - - - - - - 7 - - Min 20 12 12 0 12 20 0 0 9 0 0 3 12 -20 Max - - - - - - - - - - 9 - - Unit ns ns ns ns ns ns ns ns ns ns ns ns ns 3,4 3,4 3,4 3,4 Note
2/24/05,v. 1.0
Alliance Semiconductor
P. 5 of 10
AS7C32098A
(R)
Write waveform 1(WE controlled)9
tWC tAH tWR
Address tCW CE tBW LB, UB tAS WE tDW DataIN DataOUT Data undefined tWZ tDH Data valid tOW High Z tAW tWP
Write waveform 2 (CE controlled)9
tWC Address tAS CE tCW tAW tBW LB, UB tWP WE tDW DataIN DataOUT tCLZ High Z tWZ Data undefined Data valid tOW High Z tDH tAH tWR
2/24/05,v. 1.0
Alliance Semiconductor
P. 6 of 10
AS7C32098A
(R)
Write waveform 3 9
tWC tAH tWR
Address tAS tCW CE tAW tBW LB, UB WE DataIN DataOUT High Z tWZ Data undefined tWP tDW Data valid tDH High Z
AC test conditions
Output load: see Figure B. Input pulse level: GND to 3.0V. See Figure A. Input rise and fall times: 2 ns. See Figure A. Input and output timing reference levels: 1.5V.
+3.0V GND 90% 10% 2 ns Figure A: Input pulse 90% 10% DOUT 350
+3.3V 320 C10 Thevenin equivalent: 168 DOUT +1.728V
GND Figure B: 3.3V Output load
Notes
1 2 3 4 5 6 7 8 9 10 During VCC power-up, a pull-up resistor to VCC on CE is required to meet ISB specification. For test conditions, see AC Test Conditions, Figures A and B. tCLZ and tCHZ are specified with CL = 5pF as in Figure B. Transition is measured 500mV from steady-state voltage. This parameter is guaranteed, but not tested. WE is High for read cycle. CE and OE are Low for read cycle. Address valid prior to or coincident with CE transition Low. All read cycle timings are referenced from the last valid address to the first transitioning address. All write cycle timings are referenced from the last valid address to the first transitioning address. C=30pF, except on High Z and Low Z parameters, where C=5pF.
2/24/05,v. 1.0
Alliance Semiconductor
P. 7 of 10
AS7C32098A
(R)
Package dimensions
44 434241403938373635343332313029282726252423 c
44-pin TSOP 2
e He
1 2 3 4 5 6 7 8 9 101112131415161718 19202122 d A2 0-5 A1 b E l
A
A A1 A2 b c d e He E l
44-pin TSOP 2 Min (mm) Max (mm) 1.2 0.05 0.15 0.95 1.05 0.3 0.45 0.21 0.12 18.31 18.52 10.06 10.26 11.68 11.94 0.80 (typical) 0.40 0.60
2/24/05,v. 1.0
Alliance Semiconductor
P. 8 of 10
AS7C32098A
(R)
Ordering Codes
Package TSOP 2 Temperature Commercial Industrial 10 ns AS7C32098A-10TC AS7C32098A-10TI 12 ns AS7C32098A-12TC AS7C32098A-12TI 15 ns AS7C32098A-15TC AS7C32098A-15TI 20 ns AS7C32098A-20TC AS7C32098A-20TI
Note: Add suffix `N' to the above part numbers for Lead Free Parts. (EX: AS7C32098A - 10TCN)
Part numbering system
AS7C SRAM prefix X 2098A -XX T Package: T: TSOP 2 X Temperature ranges: C: Commercial, 0C to 70C I: Industrial, -40C to 85C X N = Lead Free Parts Voltage: Device Access 3 - 3.3V CMOS number time
2/24/05,v. 1.0
Alliance Semiconductor
P. 9 of 10
AS7C32098A
(R)
(R)
Alliance Semiconductor Corporation 2575, Augustine Drive, Santa Clara, CA 95054 Tel: 408 - 855 - 4900 Fax: 408 - 855 - 4999 www.alsc.com
Copyright (c) Alliance Semiconductor All Rights Reserved Preliminary Information Part Number: AS7C32098A Document Version: v. 1.0
(c) Copyright 2003 Alliance Semiconductor Corporation. All rights reserved. Our three-point logo, our name and Intelliwatt are trademarks or registered trademarks of Alliance. All other brand and product names may be the trademarks of their respective companies. Alliance reserves the right to make changes to this document and its products at any time without notice. Alliance assumes no responsibility for any errors that may appear in this document. The data contained herein represents Alliance's best data and/or estimates at the time of issuance. Alliance reserves the right to change or correct this data at any time, without notice. If the product described herein is under development, significant changes to these specifications are possible. The information in this product data sheet is intended to be general descriptive information for potential customers and users, and is not intended to operate as, or provide, any guarantee or warrantee to any user or customer. Alliance does not assume any responsibility or liability arising out of the application or use of any product described herein, and disclaims any express or implied warranties related to the sale and/or use of Alliance products including liability or warranties related to fitness for a particular purpose, merchantability, or infringement of any intellectual property rights, except as express agreed to in Alliance's Terms and Conditions of Sale (which are available from Alliance). All sales of Alliance products are made exclusively according to Alliance's Terms and Conditions of Sale. The purchase of products from Alliance does not convey a license under any patent rights, copyrights; mask works rights, trademarks, or any other intellectual property rights of Alliance or third parties. Alliance does not authorize its products for use as critical components in life-supporting systems where a malfunction or failure may reasonably be expected to result in significant injury to the user, and the inclusion of Alliance products in such lifesupporting systems implies that the manufacturer assumes all risk of such use and agrees to indemnify Alliance against all claims arising from such use.


▲Up To Search▲   

 
Price & Availability of AS7C32098A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X