Part Number Hot Search : 
GP20M DG421CY S2071 UPD68 Z86E64 TIP29C MAZ4036 A03TKLB
Product Description
Full Text Search
 

To Download AN7712SP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Voltage Regulators
AN77xxSP Series
3-pin, positive output, low dropout voltage regulator (1.2 A type)
I Overview
The AN77xxSP series is stabilized constant-voltage power supplies with small difference between I/O voltages (0.5 V typ.). It is suitable for low-voltage, batterydriven equipment, and home appliances and industrial equipment with great fluctuation of the supply voltage. The output voltage ranges: 3.3 V, 3.5 V, 5 V, 6 V, 7 V, 8 V, 9 V, 10 V, 12 V, and 15 V AN77xxSP series
6.500.10 5.300.10 4.350.20 3.000.20
1.800.30 2.500.20
Unit: mm
1.000.20
5.500.20
0.20 max.
7.300.10
9.800.10
I Features
* Minimum I/O voltage difference: 0.5 V typ. * On-chip overcurrent limiter * On-chip thermal protection circuit * On-chip inrush current protection circuit at the time of input voltage start-up * On-chip input short-circuit protection circuit (When the input pin is short-circuited to the ground, the circuit between pins 1 and 3 is shut down to prevent current flow.)
2 1 2.30 4.600.10
2.300.10
3 0.750.10
0.80 max.
0.550.15 0.100.05
SP-3SU Note) The package of this product will be changed to lead-free type (SP-3SUA). See the new package dimensions section later of this datasheet.
I Applications
* Power supply equipment
I Block Diagram
Input short-circuit protection
Output stage
Voltage reference
Overcurrent limiter Output driver Inrush current protection R1 Thermal protection Error amplifier R2
Starter
VREF
1
Publication date: November 2001
2
SFF00003CEB
3
1
1.000.30
AN77xxSP Series
I Pin Descriptions
Pin No. 1 2 3 Description Input pin (In) Ground pin (COM) Output pin (Out)
I Absolute Maximum Ratings at Ta = 25C
Parameter Supply voltage Supply current
*2 *3 *4 *1
Symbol VIN IIN PD Topr Tstg
Rating 30 2.4 5.0 -30 to +85 -55 to +150
Unit V A W C C
Power dissipation
Operating ambient temperature Storage temperature
*1
Note) *1: Expect for the operating ambient temperature and storage temperature, all ratings are for Ta = 25C. *2: At the application of VIN = 30 V, the overvoltage protection may be operated by the ASO protection circuit, leading to the output shut down. *3: The current value does not exceed this criterion because of the on-chip current limiter. *4: The internal circuit shuts off the output when Tj 150C (designed value). The relationship between the IC power dissipation and ambient temperature shall conform to the derating curve (I Main Characteristics PD Ta).
I Recommended Operating Conditions at IOUT = 500 mA, Ta = 25C
Part No. AN77033SP AN77035SP AN7705SP AN7706SP AN7707SP AN7708SP AN7709SP AN7710SP AN7712SP AN7715SP Output voltage 3.3 3.5 5 6 7 8 9 10 12 15 Operating supply voltage range (VIN) 4.3 to 14 4.5 to 14 6 to 16 7 to 17 8 to 18 9 to 19 10 to 20 11 to 21 13 to 23 16.5 to 26.5 Unit V V V V V V V V V V
2
SFF00003CEB
AN77xxSP Series
I Electrical Characteristics at Ta = 25C
* AN77033SP (3.3 V type) Parameter Output voltage Line regulation Load regulation Input dependency of bias current Load dependency of bias current Bias current at no load Bias current before the regulation starts Symbol VOUT Conditions VIN = 4.3 V, IOUT = 500 mA, Tj = 25C Min 3.20 1.2 53 Typ 3.30 3 15 1 10 2.6 3 0.4 0.5 1.8 74 Max 3.40 35 70 10 50 5.0 5 0.6 1.0 2.4 Unit V mV mV mA mA mA mA V V A dB
REGIN VIN = 4.3 V to 14.3 V, IOUT = 500 mA, Tj = 25C REGLOA VIN = 4.3 V, IOUT = 0 mA to 1 200 mA, Tj = 25C IBias(IN) VIN = 4.3 V to 14.3 V, IOUT = 500 mA, Tj = 25C IBias(LOA) VIN = 4.3 V, IOUT = 0 mA to 1 200 mA, Tj = 25C IBias Irush VIN = 4.3 V, IOUT = 0 mA VIN = 3.0 V, IOUT = 0 mA
Minimum I/O voltage difference 1 VDIF(min)1 VIN = 3.7 V, IOUT = 500 mA, Tj = 25C Minimum I/O voltage difference 2 VDIF(min)2 VIN = 3.7 V, IOUT = 1 200 mA, Tj = 25C Peak output current 1 * Ripple rejection ratio IO(Peak)1 VIN = 4.3 V, Tj = 25 C RR VIN = 4.3 V to 8.0 V, IOUT = 100 mA, f = 120 Hz
Note) * : This current exceeds PD(max) because it is a parameter during abnormal (overcurrent) operation. However, normally, it shall conform to the derating curve ( I Main Characteristics PD Ta ).
* Design reference data
Note) The characteristics listed below are theoretical values based on the IC design and are not guaranteed.
Parameter Peak output current 2 Peak output current 3
* *
Symbol
Conditions
Min
Typ 1.5 1.0 10 150 -40
Max
Unit A A mA C ppm/C
IO(Peak)2 VIN = 13.3 V, Tj = 25C IO(Peak)3 VIN = 18.3 V, Tj = 25C IO(Short) VIN = 30 V, Tj = 25C The load is shorted. Tj(TH) a VIN = 4.3 V VIN = 4.3 V, Tj = 25C to 125C
Output short-circuit current Thermal protection operating temperature Output voltage temperature coefficient
Note) * : This current exceeds PD(max) because it is a parameter during abnormal (overcurrent) operation. However, normally, it shall conform to the derating curve ( I Main Characteristics PD Ta ).
SFF00003CEB
3
AN77xxSP Series
I Electrical Characteristics at Ta = 25C (continued)
* AN77035SP (3.5 V type) Parameter Output voltage Line regulation Load regulation Input dependency of bias current Load dependency of bias current Bias current at no load Bias current before the regulation starts Symbol VOUT Conditions VIN = 4.5 V, IOUT = 500 mA, Tj = 25C Min 3.39 1.2 53 Typ 3.50 3 15 1 10 2.6 3 0.4 0.5 1.8 74 Max 3.61 35 70 10 50 5.0 5 0.6 1.0 2.4 Unit V mV mV mA mA mA mA V V A dB
REGIN VIN = 4.5 V to 14.5 V, IOUT = 500 mA, Tj = 25C REGLOA VIN = 4.5 V, IOUT = 0 mA to 1 200 mA, Tj = 25C IBias(IN) VIN = 4.5 V to 14.5 V, IOUT = 500 mA, Tj = 25C IBias(LOA) VIN = 4.5 V, IOUT = 0 mA to 1 200 mA, Tj = 25C IBias Irush VIN = 4.5 V, IOUT = 0 mA VIN = 3.2 V, IOUT = 0 mA
Minimum I/O voltage difference 1 VDIF(min)1 VIN = 3.7 V, IOUT = 500 mA, Tj = 25C Minimum I/O voltage difference 2 VDIF(min)2 VIN = 3.7 V, IOUT = 1 200 mA, Tj = 25C Peak output current 1 * Ripple rejection ratio IO(Peak)1 VIN = 4.5 V, Tj = 25C RR VIN = 4.5 V to 8.0 V, IOUT = 100 mA, f = 120 Hz
Note) * : This current exceeds PD(max) because it is a parameter during abnormal (overcurrent) operation. However, normally, it shall conform to the derating curve ( I Main Characteristics PD Ta ).
* Design reference data
Note) The characteristics listed below are theoretical values based on the IC design and are not guaranteed.
Parameter Peak output current 2 Peak output current 3
* *
Symbol
Conditions
Min
Typ 1.5 1.0 10 150 -40
Max
Unit A A mA C ppm/C
IO(Peak)2 VIN = 13.5 V, Tj = 25C IO(Peak)3 VIN = 18.5 V, Tj = 25C IO(Short) VIN = 30 V, Tj = 25C The load is shorted. Tj(TH) a VIN = 4.5 V VIN = 4.5 V, Tj = 25C to 125C
Output short-circuit current Thermal protection operating temperature Output voltage temperature coefficient
Note) * : This current exceeds PD(max) because it is a parameter during abnormal (overcurrent) operation. However, normally, it shall conform to the derating curve ( I Main Characteristics PD Ta ).
4
SFF00003CEB
AN77xxSP Series
I Electrical Characteristics at Ta = 25C (continued)
* AN7705SP (5 V type) Parameter Output voltage Line regulation Load regulation Input dependency of bias current Load dependency of bias current Bias current at no load Bias current before the regulation starts Symbol VOUT Conditions VIN = 6 V, IOUT = 500 mA, Tj = 25C Min 4.85 1.2 50 Typ 5.00 5 25 1 10 2.6 3 0.4 0.5 1.8 70 Max 5.15 50 100 10 50 5 5 0.6 1.0 2.4 Unit V mV mV mA mA mA mA V V A dB
REGIN VIN = 6 V to 16 V, IOUT = 500 mA, Tj = 25C REGLOA VIN = 6 V, IOUT = 0 mA to 1 200 mA, Tj = 25C IBias(IN) VIN = 6 V to 16 V, IOUT = 500 mA, Tj = 25C IBias(LOA) VIN = 6 V, IOUT = 0 mA to 1 200 mA, Tj = 25C IBias Irush VIN = 6 V, IOUT = 0 mA VIN = 4.5 V, IOUT = 0 mA
Minimum I/O voltage difference 1 VDIF(min)1 VIN = 4.5 V, IOUT = 500 mA, Tj = 25C Minimum I/O voltage difference 2 VDIF(min)2 VIN = 4.5 V, IOUT = 1 200 mA, Tj = 25C Peak output current 1 * Ripple rejection ratio IO(Peak)1 VIN = 6 V, Tj = 25C RR VIN = 6 V to 8 V, IOUT = 100 mA, f = 120 Hz
Note) * : This current exceeds PD(max) because it is a parameter during abnormal (overcurrent) operation. However, normally, it shall conform to the derating curve ( I Main Characteristics PD Ta ).
* Design reference data
Note) The characteristics listed below are theoretical values based on the IC design and are not guaranteed.
Parameter Peak output current 2
*
Symbol
Conditions
Min
Typ 1.5 1.0 10 150 -40
Max
Unit A A mA C ppm/C
IO(Peak)2 VIN = 15 V, Tj = 25C IO(Peak)3 VIN = 20 V, Tj = 25C IO(Short) VIN = 30 V, Tj = 25C The load is shorted. Tj(TH) a VIN = 6 V VIN = 6 V, Tj = 25C to 125C
Peak output current 3 * Output short-circuit current Thermal protection operating temperature Output voltage temperature coefficient
Note) * : This current exceeds PD(max) because it is a parameter during abnormal (overcurrent) operation. However, normally, it shall conform to the derating curve ( I Main Characteristics PD Ta ).
SFF00003CEB
5
AN77xxSP Series
I Electrical Characteristics at Ta = 25C (continued)
* AN7706SP (6 V type) Parameter Output voltage Line regulation Load regulation Input dependency of bias current Load dependency of bias current Bias current at no load Bias current before the regulation starts Symbol VOUT Conditions VIN = 7 V, IOUT = 500 mA, Tj = 25C Min 5.82 1.2 48 Typ 6.00 6 30 1 10 2.6 3 0.4 0.5 1.8 68 Max 6.18 60 120 10 50 5.0 5 0.6 1.0 2.4 Unit V mV mV mA mA mA mA V V A dB
REGIN VIN = 7 V to 17 V, IOUT = 500 mA, Tj = 25C REGLOA VIN = 7 V, IOUT = 0 mA to 1 200 mA, Tj = 25C IBias(IN) VIN = 7 V to 17 V, IOUT = 500 mA, Tj = 25C IBias(LOA) VIN = 7 V, IOUT = 0 mA to 1 200 mA, Tj = 25C IBias Irush VIN = 7 V, IOUT = 0 mA VIN = 5.4 V, IOUT = 0 mA
Minimum I/O voltage difference 1 VDIF(min)1 VIN = 5.4 V, IOUT = 500 mA, Tj = 25C Minimum I/O voltage difference 2 VDIF(min)2 VIN = 5.4 V, IOUT = 1 200 mA, Tj = 25C Peak output current 1 * Ripple rejection ratio IO(Peak)1 VIN = 7 V, Tj = 25C RR VIN = 7 V to 9 V, IOUT = 100 mA, f = 120 Hz
Note) * : This current exceeds PD(max) because it is a parameter during abnormal (overcurrent) operation. However, normally, it shall conform to the derating curve ( I Main Characteristics PD Ta ).
* Design reference data
Note) The characteristics listed below are theoretical values based on the IC design and are not guaranteed.
Parameter Peak output current 2
*
Symbol
Conditions
Min
Typ 1.5 1.0 10 150 -40
Max
Unit A A mA C ppm/C
IO(Peak)2 VIN = 16 V, Tj = 25C IO(Peak)3 VIN = 21 V, Tj = 25C IO(Short) VIN = 30 V, Tj = 25C The load is shorted. Tj(TH) a VIN = 7 V VIN = 7 V, Tj = 25C to 125C
Peak output current 3 * Output short-circuit current Thermal protection operating temperature Output voltage temperature coefficient
Note) * : This current exceeds PD(max) because it is a parameter during abnormal (overcurrent) operation. However, normally, it shall conform to the derating curve ( I Main Characteristics PD Ta ).
6
SFF00003CEB
AN77xxSP Series
I Electrical Characteristics at Ta = 25C (continued)
* AN7707SP (7 V type) Parameter Output voltage Line regulation Load regulation Input dependency of bias current Load dependency of bias current Bias current at no load Bias current before the regulation starts Symbol VOUT Conditions VIN = 8 V, IOUT = 500 mA, Tj = 25C Min 6.79 1.2 47 Typ 7.00 7 35 1 10 2.6 3 0.4 0.5 1.8 67 Max 7.21 70 140 10 50 5.0 5 0.6 1.0 2.4 Unit V mV mV mA mA mA mA V V A dB
REGIN VIN = 8 V to 18 V, IOUT = 500 mA, Tj = 25C REGLOA VIN = 8 V, IOUT = 0 mA to 1 200 mA, Tj = 25C IBias(IN) VIN = 8 V to 18 V, IOUT = 500 mA, Tj = 25C IBias(LOA) VIN = 8 V, IOUT = 0 mA to 1 200 mA, Tj = 25C IBias Irush VIN = 8 V, IOUT = 0 mA VIN = 6.3 V, IOUT = 0 mA
Minimum I/O voltage difference 1 VDIF(min)1 VIN = 6.3 V, IOUT = 500 mA, Tj = 25C Minimum I/O voltage difference 2 VDIF(min)2 VIN = 6.3 V, IOUT = 1 200 mA, Tj = 25C Peak output current 1 * Ripple rejection ratio IO(Peak)1 VIN = 8 V, Tj = 25C RR VIN = 8 V to 10 V, IOUT = 100 mA, f = 120 Hz
Note) * : This current exceeds PD(max) because it is a parameter during abnormal (overcurrent) operation. However, normally, it shall conform to the derating curve ( I Main Characteristics PD Ta ).
* Design reference data
Note) The characteristics listed below are theoretical values based on the IC design and are not guaranteed.
Parameter Peak output current 2
*
Symbol
Conditions
Min
Typ 1.5 1.0 10 150 -40
Max
Unit A A mA C ppm/C
IO(Peak)2 VIN = 17 V, Tj = 25C IO(Peak)3 VIN = 22 V, Tj = 25C IO(Short) VIN = 30 V, Tj = 25C The load is shorted. Tj(TH) a VIN = 8 V VIN = 8 V, Tj = 25C to 125C
Peak output current 3 * Output short-circuit current Thermal protection operating temperature Output voltage temperature coefficient
Note) * : This current exceeds PD(max) because it is a parameter during abnormal (overcurrent) operation. However, normally, it shall conform to the derating curve ( I Main Characteristics PD Ta ).
SFF00003CEB
7
AN77xxSP Series
I Electrical Characteristics at Ta = 25C (continued)
* AN7708SP (8 V type) Parameter Output voltage Line regulation Load regulation Input dependency of bias current Load dependency of bias current Bias current at no load Bias current before the regulation starts Symbol VOUT Conditions VIN = 9 V, IOUT = 500 mA, Tj = 25C Min 7.76 1.2 46 Typ 8.00 8 40 1 10 2.6 3 0.4 0.5 1.8 66 Max 8.24 80 160 10 50 5.0 5 0.6 1.0 2.4 Unit V mV mV mA mA mA mA V V A dB
REGIN VIN = 9 V to 19 V, IOUT = 500 mA, Tj = 25C REGLOA VIN = 9 V, IOUT = 0 mA to 1 200 mA, Tj = 25C IBias(IN) VIN = 9 V to 19 V, IOUT = 500 mA, Tj = 25C IBias(LOA) VIN = 9 V, IOUT = 0 mA to 1 200 mA, Tj = 25C IBias Irush VIN = 9 V, IOUT = 0 mA VIN = 7.2 V, IOUT = 0 mA
Minimum I/O voltage difference 1 VDIF(min)1 VIN = 7.2 V, IOUT = 500 mA, Tj = 25C Minimum I/O voltage difference 2 VDIF(min)2 VIN = 7.2 V, IOUT = 1 200 mA, Tj = 25C Peak output current 1 * Ripple rejection ratio IO(Peak)1 VIN = 9 V, Tj = 25C RR VIN = 9 V to 11 V, IOUT = 100 mA, f = 120 Hz
Note) * : This current exceeds PD(max) because it is a parameter during abnormal (overcurrent) operation. However, normally, it shall conform to the derating curve ( I Main Characteristics PD Ta ).
* Design reference data
Note) The characteristics listed below are theoretical values based on the IC design and are not guaranteed.
Parameter Peak output current 2
*
Symbol
Conditions
Min
Typ 1.5 1.0 10 150 -40
Max
Unit A A mA C ppm/C
IO(Peak)2 VIN = 18 V, Tj = 25C IO(Peak)3 VIN = 23 V, Tj = 25C IO(Short) VIN = 30 V, Tj = 25C The load is shorted. Tj(TH) a VIN = 9 V VIN = 9 V, Tj = 25C to 125C
Peak output current 3 * Output short-circuit current Thermal protection operating temperature Output voltage temperature coefficient
Note) * : This current exceeds PD(max) because it is a parameter during abnormal (overcurrent) operation. However, normally, it shall conform to the derating curve ( I Main Characteristics PD Ta ).
8
SFF00003CEB
AN77xxSP Series
I Electrical Characteristics at Ta = 25C (continued)
* AN7709SP (9 V type) Parameter Output voltage Line regulation Load regulation Input dependency of bias current Load dependency of bias current Bias current at no load Bias current before the regulation starts Symbol VOUT Conditions VIN = 10 V, IOUT = 500 mA, Tj = 25C Min 8.73 1.2 45 Typ 9.00 9 45 1 10 2.6 3 0.4 0.5 1.8 65 Max 9.27 90 180 10 50 5.0 5 0.6 1.0 2.4 Unit V mV mV mA mA mA mA V V A dB
REGIN VIN = 10 V to 20 V, IOUT = 500 mA, Tj = 25C REGLOA VIN = 10 V, IOUT = 0 mA to 1 200 mA, Tj = 25C IBias(IN) VIN = 10 V to 20 V, IOUT = 500 mA, Tj = 25C IBias(LOA) VIN = 10 V, IOUT = 0 mA to 1 200 mA, Tj = 25C IBias Irush VIN = 10 V, IOUT = 0 mA VIN = 8.1 V, IOUT = 0 mA
Minimum I/O voltage difference 1 VDIF(min)1 VIN = 8.1 V, IOUT = 500 mA, Tj = 25C Minimum I/O voltage difference 2 VDIF(min)2 VIN = 8.1 V, IOUT = 1 200 mA, Tj = 25C Peak output current 1 * Ripple rejection ratio IO(Peak)1 VIN = 10 V, Tj = 25C RR VIN = 10 V to 12 V, IOUT = 100 mA, f = 120 Hz
Note) * : This current exceeds PD(max) because it is a parameter during abnormal (overcurrent) operation. However, normally, it shall conform to the derating curve ( I Main Characteristics PD Ta ).
* Design reference data
Note) The characteristics listed below are theoretical values based on the IC design and are not guaranteed.
Parameter Peak output current 2
*
Symbol
Conditions
Min
Typ 1.5 1.0 10 150 -40
Max
Unit A A mA C ppm/C
IO(Peak)2 VIN = 19 V, Tj = 25C IO(Peak)3 VIN = 24 V, Tj = 25C IO(Short) VIN = 30 V, Tj = 25C The load is shorted. Tj(TH) a VIN = 10 V VIN = 10 V, Tj = 25C to 125C
Peak output current 3 * Output short-circuit current Thermal protection operating temperature Output voltage temperature coefficient
Note) * : This current exceeds PD(max) because it is a parameter during abnormal (overcurrent) operation. However, normally, it shall conform to the derating curve ( I Main Characteristics PD Ta ).
SFF00003CEB
9
AN77xxSP Series
I Electrical Characteristics at Ta = 25C (continued)
* AN7710SP (10 V type) Parameter Output voltage Line regulation Load regulation Input dependency of bias current Load dependency of bias current Bias current at no load Bias current before the regulation starts Symbol VOUT Conditions VIN = 11 V, IOUT = 500 mA, Tj = 25C Min 9.7 1.2 44 Typ 10.0 10 50 1 10 2.6 3 0.4 0.5 1.8 64 Max 10.3 100 200 10 50 5.0 5 0.6 1.0 2.4 Unit V mV mV mA mA mA mA V V A dB
REGIN VIN = 11 V to 21 V, IOUT = 500 mA, Tj = 25C REGLOA VIN = 11 V, IOUT = 0 mA to 1 200 mA, Tj = 25C IBias(IN) VIN = 11 V to 21 V, IOUT = 500 mA, Tj = 25C IBias(LOA) VIN = 11 V, IOUT = 0 mA to 1 200 mA, Tj = 25C IBias Irush VIN = 11 V, IOUT = 0 mA VIN = 9 V, IOUT = 0 mA
Minimum I/O voltage difference 1 VDIF(min)1 VIN = 9 V, IOUT = 500 mA, Tj = 25C Minimum I/O voltage difference 2 VDIF(min)2 VIN = 9 V, IOUT = 1 200 mA, Tj = 25C Peak output current 1 * Ripple rejection ratio IO(Peak)1 VIN = 11 V, Tj = 25C RR VIN = 11 V to 13 V, IOUT = 100 mA, f = 120 Hz
Note) * : This current exceeds PD(max) because it is a parameter during abnormal (overcurrent) operation. However, normally, it shall conform to the derating curve ( I Main Characteristics PD Ta ).
* Design reference data
Note) The characteristics listed below are theoretical values based on the IC design and are not guaranteed.
Parameter Peak output current 2
*
Symbol
Conditions
Min
Typ 1.5 1.0 10 150 -40
Max
Unit A A mA C ppm/C
IO(Peak)2 VIN = 20 V, Tj = 25C IO(Peak)3 VIN = 25 V, Tj = 25C IO(Short) VIN = 30 V, Tj = 25C The load is shorted. Tj(TH) a VIN = 11 V VIN = 11 V, Tj = 25C to 125C
Peak output current 3 * Output short-circuit current Thermal protection operating temperature Output voltage temperature coefficient
Note) * : This current exceeds PD(max) because it is a parameter during abnormal (overcurrent) operation. However, normally, it shall conform to the derating curve ( I Main Characteristics PD Ta ).
10
SFF00003CEB
AN77xxSP Series
I Electrical Characteristics at Ta = 25C (continued)
* AN7712SP (12 V type) Parameter Output voltage Line regulation Load regulation Input dependency of bias current Load dependency of bias current Bias current at no load Bias current before the regulation starts Symbol VOUT Conditions VIN = 13 V, IOUT = 500 mA, Tj = 25C Min Typ Max Unit V mV mV mA mA mA mA V V A dB 11.64 12.00 12.36 1.2 42 12 60 1 10 2.6 3 0.4 0.5 1.8 62 120 240 10 50 5.0 5 0.6 1.0 2.4
REGIN VIN = 13 V to 23 V, IOUT = 500 mA, Tj = 25C REGLOA VIN = 13 V, IOUT = 0 mA to 1 200 mA, Tj = 25C IBias(IN) VIN = 13 V to 23 V, IOUT = 500 mA, Tj = 25C IBias(LOA) VIN = 13 V, IOUT = 0 mA to 1 200 mA, Tj = 25C IBias Irush VIN = 13 V, IOUT = 0 mA VIN = 10.8 V, IOUT = 0 mA
Minimum I/O voltage difference 1 VDIF(min)1 VIN = 10.8 V, IOUT = 500 mA, Tj = 25C Minimum I/O voltage difference 2 VDIF(min)2 VIN = 10.8 V, IOUT = 1 200 mA, Tj = 25C Peak output current 1 * Ripple rejection ratio IO(Peak)1 VIN = 13 V, Tj = 25C RR VIN = 13 V to 15 V, IOUT = 100 mA, f = 120 Hz
Note) * : This current exceeds PD(max) because it is a parameter during abnormal (overcurrent) operation. However, normally, it shall conform to the derating curve ( I Main Characteristics PD Ta ).
* Design reference data
Note) The characteristics listed below are theoretical values based on the IC design and are not guaranteed.
Parameter Peak output current 2
*
Symbol
Conditions
Min
Typ 1.5 1.0 10 150 -40
Max
Unit A A mA C ppm/C
IO(Peak)2 VIN = 22 V, Tj = 25C IO(Peak)3 VIN = 27 V, Tj = 25C IO(Short) VIN = 30 V, Tj = 25C The load is shorted. Tj(TH) a VIN = 13 V VIN = 13 V, Tj = 25C to 125C
Peak output current 3 * Output short-circuit current Thermal protection operating temperature Output voltage temperature coefficient
Note) * : This current exceeds PD(max) because it is a parameter during abnormal (overcurrent) operation. However, normally, it shall conform to the derating curve ( I Main Characteristics PD Ta ).
SFF00003CEB
11
AN77xxSP Series
I Electrical Characteristics at Ta = 25C (continued)
* AN7715SP (15 V type) Parameter Output voltage Line regulation Load regulation Input dependency of bias current Load dependency of bias current Bias current at no load Bias current before the regulation starts Symbol VOUT Conditions VIN = 16.5 V, IOUT = 500 mA, Tj = 25C Min Typ Max Unit V mV mV mA mA mA mA V V A dB 14.55 15.00 15.45 1.2 40 15 75 1 10 2.6 3 0.4 0.5 1.8 60 150 300 10 50 5 5 0.6 1.0 2.4
REGIN VIN = 16.5 V to 26.5 V, IOUT = 500 mA, Tj = 25C REGLOA VIN = 16.5 V, IOUT = 0 mA to 1 200 mA, Tj = 25C IBias(IN) VIN = 16.5 V to 26.5 V, IOUT = 500 mA, Tj = 25C IBias(LOA) VIN = 16.5 V, IOUT = 0 mA to 1 200 mA, Tj = 25C IBias Irush VIN = 16.5 V, IOUT = 0 mA VIN = 13.5 V, IOUT = 0 mA
Minimum I/O voltage difference 1 VDIF(min)1 VIN = 13.5 V, IOUT = 500 mA, Tj = 25C Minimum I/O voltage difference 2 VDIF(min)2 VIN = 13.5 V, IOUT = 1 200 mA, Tj = 25C Peak output current 1 * Ripple rejection ratio IO(Peak)1 VIN = 16.5 V, Tj = 25C RR VIN = 16.5 V to 18.5 V, IOUT = 100 mA, f = 120 Hz
Note) * : This current exceeds PD(max) because it is a parameter during abnormal (overcurrent) operation. However, normally, it shall conform to the derating curve ( I Main Characteristics PD Ta ).
* Design reference data
Note) The characteristics listed below are theoretical values based on the IC design and are not guaranteed.
Parameter Peak output current 2 * Output short-circuit current Thermal protection operating temperature Output voltage temperature coefficient
Symbol
Conditions
Min
Typ 1.5 10 150 -40
Max
Unit A mA C ppm/C
IO(Peak)2 VIN = 25 V, Tj = 25C IO(Short) VIN = 30 V, Tj = 25C The load is shorted. Tj(TH) a VIN = 16.5 V VIN = 16.5 V, Tj = 25C to 125C
Note) * : This current exceeds PD(max) because it is a parameter during abnormal (overcurrent) operation. However, normally, it shall conform to the derating curve ( I Main Characteristics PD Ta ).
12
SFF00003CEB
AN77xxSP Series
I Usage Notes
1. Input short-circuit protection circuit When the DC input pin (pin 1) and the ground pin (pin 2) of our conventional three-pin regulators (AN78xxNSP series, etc.) were short-circuited at normal use conditions in some cases, the voltage of the output pin (pin 3) becomes higher than that of the DC input pin and electrons charged in the output capacitor COUT flow into the input side, resulting in break of the element. In those cases, it was necessary for you to connect a general silicon diode as shown in the figure on the right. In the AN77xxSP series, however, it is not necessary to connect the protection diode because these series have a built-in protection circuit to safeguard the element from discharge current. 2. Capacitor for external compensation To maintain the stability, insert a 33 mF capacitor as close to pin 3 and pin 2 as possible. In case of using at low temperature, decrease in capacity of the aluminum electrolytic capacitor and increase of ESR of this capacitor may lead to oscillation. In the AN77xxSP series, for the output capacitor COUT , it is recommended to use an aluminum electrolytic capacitor or tantalum capacitor whose equivalent series resistance (ESR) has the temperature characteristic within the recommended area shown on the right.
Not required
VIN
1 CIN 0.33 F 2
3
VOUT COUT 33 F
Output capacitor ESR (Equivalent series resistance) Ta = 25C
10 000 VIN = Refer to the table below. IOUT = 0 A to 1 A COUT = 33 F
1 000
100
ESR ()
10 (typ.) 10 Usable range 1.0
0.1
1 CIN 0.33 F
2
3 COUT 33 F ESR
0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4
VIN
IOUT
IOUT (A)
GND
3. Others Cautions for the input voltage that exceeds the operating supply voltage: 1) The overvoltage protection is activated with the ASO protection circuit when VIN = 30 V is applied, and the output shuts down occasionally. (3 V type to 10 V type) 2) Please note that at IOUT < 2 mA, the output voltage rises and may exceed the maximum of the operation range. (12 V type to 24 V type)
Part No. AN77033SP AN77035SP AN7705SP AN7706SP AN7707SP AN7708SP AN7709SP AN7710SP AN7712SP AN7715SP
VIN 4.3 V to 14 V 4.5 V to 14 V 6 V to 16 V 7 V to 17 V 8 V to 18 V 9 V to 19 V 10 V to 20 V 11 V to 21 V 13 V to 23 V 16.5 V to 26.5 V
SFF00003CEB
13
AN77xxSP Series
I Main Characteristics
PD T a
16 14
VOUT VIN
(1)When AL board is mounted (Basic size : 50 x 50 x t2.0 mm3) Rth(j-a) = 25.0C/W (2)When glass epoxy is mounted 2 (Basic size : 50 x 50 x t1.5 mm3) Rth(j-a) = 89.3C/W (3)When glass epoxy is mounted 1 (Basic size : 50 x 50 x t1.7 mm3) Rth(j-a) = 147.0C/W (4)Without heat sink Rth(j-a) = 178.0C/W
AN7705SP 10 IOUT = 1 A
Power dissipation PD (W)
12 10 8 6 4 2 0 (2)
(3) (4)
Output voltage VOUT (V)
5
(1)
0
25
50
75
100
125
150
0
0
10
20
30
Ambient temperature Ta (C)
Input voltage VIN (V)
IBias VIN
6 AN7705SP 5 IOUT = 1 A
VOUT IOUT
AN7705SP 10
100
RR f
AN7705SP VIN = 6 V to 8 V IOUT = 100 mA
3
VIN = 25 V 5 VIN = 30 V
VIN = 20 V VIN = 6 V VIN = 15 V VIN = 10 V
RR (dB)
50
4
2
1
Output voltage VOUT (V)
Bias current IBias (mA)
0
0 0 10 20 30
0
1
2
3
0
1
10
100
1k
Input voltage VIN (V)
Output current IOUT (A)
f (Hz)
VDIF(min) IOUT
1.0 AN7705SP 20
IBias IOUT
AN7705SP
VOUT Ta
AN7705SP 5.1 VIN = 6 V IOUT = 0 mA
0.5
10
Output voltage VOUT (V)
VDIF(min) (V)
IBias (mA)
5.0
0
0
5
1.0
0
0
0.5
1.0
4.9 -50
-25
0
25
50
75
100
Output current IOUT
(A)
Output current IOUT (A)
Ambient temperature Ta (C)
14
SFF00003CEB
AN77xxSP Series
I New Package Dimensions (Unit: mm)
* SP-3SUA (Lead-free package) 6.500.10 5.400.10 (4.35) (3.00)
(1.80) (2.50)
(0.50)
5.500.10
(5.30) 9.800.20
2.500.20
(0.50)
2
1.000.20 3 0.75+0.10 -0.05
1
2.30 4.600.10
0.23 M
0.100.10 0.50+0.10 -0.05
SFF00003CEB
2.300.10
1.000.20
15
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuit examples of the products. It does not constitute the warranting of industrial property, the granting of relative rights, or the granting of any license. (3) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (4) The products and product specifications described in this material are subject to change without notice for reasons of modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (5) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, redundant design is recommended, so that such equipment may not violate relevant laws or regulations because of the function of our products. (6) When using products for which dry packing is required, observe the conditions (including shelf life and after-unpacking standby time) agreed upon when specification sheets are individually exchanged. (7) No part of this material may be reprinted or reproduced by any means without written permission from our company.
Please read the following notes before using the datasheets
A. These materials are intended as a reference to assist customers with the selection of Panasonic semiconductor products best suited to their applications. Due to modification or other reasons, any information contained in this material, such as available product types, technical data, and so on, is subject to change without notice. Customers are advised to contact our semiconductor sales office and obtain the latest information before starting precise technical research and/or purchasing activities. B. Panasonic is endeavoring to continually improve the quality and reliability of these materials but there is always the possibility that further rectifications will be required in the future. Therefore, Panasonic will not assume any liability for any damages arising from any errors etc. that may appear in this material. C. These materials are solely intended for a customer's individual use. Therefore, without the prior written approval of Panasonic, any other use such as reproducing, selling, or distributing this material to a third party, via the Internet or in any other way, is prohibited.
2001 MAR


▲Up To Search▲   

 
Price & Availability of AN7712SP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X