Part Number Hot Search : 
LA4700N LTM46 10721 U4285BM EX2024NL 003LF 2316312 SK369
Product Description
Full Text Search
 

To Download AG240128B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CONTENTS
AG240128B ( 240 DOTS X 128 DOTS )
FEATURES
BUILT-IN CONTROLLER (T6963C OR EQUIVALENT) +5 V POWER SUPPLY 1/128 DUTY CYCLE 8-BIT PARALLEL INTERFACE 4.2V LED FORWARD VOLTAGE
MECHANICAL DATA
ITEM
Module Size (W x H x T) Viewing Area ( W x H ) Active Area ( W x H ) Dot Size ( W x H ) Dot Pitch ( W x H )
DIMENSIONS
144 x 104 x 10.3 ( 15.1 LED ) 114.0 x 64.0 107.95 x 57.55 0.40 x 0.40 0.45 x 0.45
UNIT
mm mm mm mm mm
INTERFACE PIN CONNECTIONS
NO.
1 2 3 4 5 6 7 8 9 10 11~18 19 20
ABSOLUTE MAXIMUM RATINGS
ITEM
Supply Voltage For Logic Supply Voltage For LCD Drive Input Voltage
SYMBOL LEVEL
VSS VDD VO C/D /RD /WR DB0~DB7 /CE /RST Vout MD FS NC 0V 5V
FUNCTION Power Supply Ground
Power Supply Voltage Contrast Adjustment Voltage H : Data, L : Instruction Code Read Write Data Bus Line Enable Signal Reset Signal Power Supply Voltage For LCD H : 32 / L : 40 Select Of Columns H : 6*8 , L : 8*8 Select Of Columns No Connection
SYMBOL
V DD-VSS V DD-Vo VI
MIN.
0 0 Vss
TYP. -
MAX.
7 28 VDD
UNIT
V V V
H/L L L H/L L L
ELECTRICAL CHARACTERISTICS
ITEM
Supply Voltage For Logic LCD Supply Voltage Supply Current Input Voltage Output Voltage "HIGH" Level "LOW" Level "HIGH" Level "LOW" Level
SYMBOL CONDITION
VDD-VSS VDD-Vo IDD VIH VIL VOH VOL
MIN.
4.5 16.9 2.2 2.4 -
TYP.
5 18 15 -
MAX.
5.5 19.2 24 VDD 0.6 0.4
UNIT
V V mA V V V V
VDD=5V Ta=25 V DD=5V
H/L H/L
-
-
EXTERNAL DIMENSIONS
144.0 0.5 5.0 15.0 134.0 114.0 107.95 10.3(LED=15.1) H
9.3 17.0
3.5
5.2(LED=10.0) 0.05
45.5
0.40
104.0 0.5 97.0 79.4 64.0 57.55
BL1
0.05
BL2 LH-3
0.40
SCALE 10/1
20
1 6- 3.5 (Paid 6.0) 69.0 138.0 3.0
3.5 15.3 23.0
P2.54x19=48.26 59.0
3.0
2.5
CONTENTS
AG240128B ( 240 DOTS X 128 DOTS )
TIMING CHARACTERISTICS
ITEM
Enable cycle time Enable Pulse Width H LEVEL L Enable Rise time Enable Fall time Setup Time Data Setup Time Data Delay Time Data Hold Time Address Hold Time Data Hold Time LEVEL
SYMBOL
MIN.
1 0.45 0.45 140 225 10 10
TYP.
-
MAX.
25 25 225 -
UNIT.
us us us ns ns ns ns ns ns ns
tCYC tWEH tWEL tEr tEf tAS tDSW tDDR tDHW tAH tDH
20
-
-
ns
Bus Timing
CD CE RD,WR DO to D7 (WRITE) DO to D7 (READ) t
ACC
t
CDS
t t RD t
DS
CDH
t CE
t WR
t t
DH
DH
BLOCK DIAGRAM
DB7 DB0 C/D RD WR CE RST MD FS NC Vo V DD Vs s Vout A K POWER CIRCUIT DC/DC converter L ED BACKLIGHT CONTROLLER T6963C 5 20 8K x 8 SRAM 128
COMMENT DRIVER*2
LCD
PANEL 240
4
SEGMENT DRIVER*3


▲Up To Search▲   

 
Price & Availability of AG240128B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X