Part Number Hot Search : 
ELT21MN B1030 42008 B1030 D9778 B1030 EGF30G F49R9PC0
Product Description
Full Text Search
 

To Download AD9748 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Analog Devices: Data Converters: DAC 8-Bit, 10 ns to 100 ns Converters Selection Table
Page 1 of 1
Digital-to-Analog Selection Table
Generic Part # Resolution (Bits) Settling Time (ns typ) # DACs Output (I Data Per Pkg or V) Interface FS Out Range REF (Int/Ext) Power Supply (V nom)
Range-Single (+2.7 to +3.6), Single (+3), Single (+3.3) Range-Single (+2.7 to +5.5), Single (+3), Single (+3.3), Single (+5) Single (+3 to +5), Range-Single (+2.7 to +5.5) Dual (+15, -15)
Power Dissipation (mW max)
8-Bit, 10 ns to 100 ns, Sorted by Resolution, Update Rate and # of DACs Per Package
AD9748 8 11 1 I Par Diff (0 to 2mA), Diff (0 to 20mA) Diff Uni 2mA, Diff Uni 20 mA Adjustable Uni (2mA) to Uni (20 mA) Diff (0 to 2 mA) Int/Ext 135
AD9708
8
35
1
I
Par
Int/Ext
180
AD9709 DAC08
8 8
35 85
2 1
I I
Par Par
Int/Ext Ext
410 174 Last Updated: 2/2003


▲Up To Search▲   

 
Price & Availability of AD9748

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X