Part Number Hot Search : 
ICS85 AEXXXXXX NSM025 SF25I ORP12 LM863 DLQ5258B GMS82512
Product Description
Full Text Search
 

To Download AD588AQ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 High Precision Voltage Reference AD588*
FEATURES Low Drift: 1.5 ppm/ C Low Initial Error: 1 mV Pin Programmable Output: +10 V, +5 V, +65 V Tracking, -5 V, -10 V Flexible Output Force and Sense Terminals High Impedance Ground Sense Machine lnsertable DIP Packaging MIL-STD-883 Compliant Versions Available GENERAL DESCRIPTION FUNCTIONAL BLOCK DIAGRAM
NOISE REDUCTION VHIGH A3 IN A3 OUT SENSE
A3 RB A1 R1 R4 A4 R5
A3 OUT FORCE
A4 OUT SENSE A4 OUT FORCE
R2
The AD588 represents a major advance in the state-of-the-art in monolithic voltage references. Low initial error and low temperature drift give the AD588 absolute accuracy performance previously not available in monolithic form. The AD588 uses a proprietary ion-implanted buried Zener diode, and laser-waferdrift trimming of high stability thin-film resistors to provide outstanding performance at low cost. The AD588 includes the basic reference cell and three additional amplifiers that provide pin programmable output ranges. The amplifiers are laser-trimmed for low offset and low drift to maintain the accuracy of the reference. The amplifiers are configured to allow Kelvin connections to the load and/or boosters for driving long lines or high current loads, delivering the full accuracy of the AD588 where it is required in the application circuit. The low initial error allows the AD588 to be used as a system reference in precision measurement applications requiring 12-bit absolute accuracy. In such systems, the AD588 can provide a known voltage for system calibration in software, and the low drift allows compensation for the drift of other components in a system. Manual system calibration and the cost of periodic recalibration can therefore be eliminated. Furthermore, the mechanical instability of a trimming potentiometer and the potential for improper calibration can be eliminated by using the AD588 in conjunction with autocalibration software. The AD588 is available in four versions. The AD588JQ and AD588KQ and grades are packaged in a 16-lead CERDIP and are specified for 0C to 70C operation. AD588AQ and BQ grades are packaged in a 16-lead CERDIP and are specified for the -25C to +85C industrial temperature range.
R3 A2
R6
+VS
AD588
-VS
GAIN ADJ
GND GND SENSE SENSE +IN -IN
VLOW
BAL ADJ
VCT
A4 IN
PRODUCT HIGHLIGHTS
1. The AD588 offers 12-bit absolute accuracy without any user adjustments. Optional fine-trim connections are provided for applications requiring higher precision. The fine trimming does not alter the operating conditions of the Zener or the buffer amplifiers, and thus does not increase the temperature drift. 2. Output noise of the AD588 is very low--typically 6 V p-p. A pin is provided for additional noise filtering using an external capacitor. 3. A precision 5 V tracking mode with Kelvin output connections is available with no external components. Tracking error is less than 1 mV and a fine-trim is available for applications requiring exact symmetry between the +5 V and -5 V outputs. 4. Pin strapping capability allows configuration of a wide variety of outputs: 5 V, +5 V, +10 V, -5 V, and -10 V dual outputs or +5 V, -5 V, +10 V, and -10 V single outputs.
*Protected by Patent Number 4,644,253.
REV. D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 www.analog.com Fax: 781/326-8703 (c) 2003, Analog Devices, Inc. All rights reserved.
AD588-SPECIFICATIONS (Typical @ 25C, 10 V output, V =
S
15 V, unless otherwise noted.1)
AD588BQ/KQ Typ Max +1 +1 0.75 1.5 3 4 150
Parameter OUTPUT VOLTAGE ERROR +10 V, -10 V Outputs +5 V, -5 V Outputs 5 V TRACKING MODE Symmetry Error OUTPUT VOLTAGE DRIFT 0C to 70C (J, K, B) -25C to +85C (A, B) GAIN ADJ AND BAL ADJ2 Trim Range Input Resistance LINE REGULATION TMIN to TMAX3 LOAD REGULATION TMIN to TMAX +10 V Output, 0 mA < IOUT < 10 mA -10 V Output, -10 mA < IOUT < 0 mA SUPPLY CURRENT TMIN to TMAX Power Dissipation OUTPUT NOISE (Any Output) 0.1 Hz to 10 Hz Spectral Density, 100 Hz LONG-TERM STABILITY (@ 25C) BUFFER AMPLIFIERS Offset Voltage Offset Voltage Drift Bias Current Open-Loop Gain Output Current A3, A4 Common-Mode Rejection (A3, A4) VCM = 1 V p-p Short Circuit Current TEMPERATURE RANGE Specified Performance J, K Grades A, B Grades
Min
AD588JQ/AQ Typ Max 3 3 1.5 2 3 3
Min -1 -1
Unit mV mV mV ppm/C ppm/C mV k
4 150 200
200
V/V
50 50 6 180 6 100 15 100 1 20 110 -10 100 50 +10 -10 100 50 10 300 6 180 6 100 15 10 1 20 110
50 50 10 300
V/mA V/mA mA mW V p-p nV/Hz ppm/1000 hr V V/C nA dB mA dB mA
+10
0 -25
70 +85
0 -25
70 +85
C C
NOTES 1 Output Configuration +10 V Figure 2a -10 V Figure 2c +5 V, -5 V, 5 V Figure 2b Specifications tested using +10 V configuration, unless otherwise indicated. 2 Gain and balance adjustments guaranteed capable of trimming output voltage error and symmetry error to zero. 3 Test Conditions: +10 V Output -VS = -15 V, 13.5 V +VS 18 V -10 V Output -18 V -VS -13.5 V, +VS = 15 V 5 V Output +VS = +18 V, -VS = -18 V +VS = +10.8 V, -V S = -10.8 V For 10 V output, VS can be as low as 12 V. Specifications subject to change without notice. Specifications shown in boldface are tested on all production units at final electrical test. Results from those tests are used to calculate outgoing quality levels. All min and max specifications are guaranteed, although only those shown in boldface are tested on all production units.
-2-
REV. D
AD588
ABSOLUTE MAXIMUM RATINGS*
+VS to -VS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36 V Power Dissipation (25C) . . . . . . . . . . . . . . . . . . . . . . 600 mW Storage Temperature Range . . . . . . . . . . . . . -65C to +150C Lead Temperature Range (Soldering 10 sec) . . . . . . . . . 300C Package Thermal Resistance ( JA/ JC) . . . . . . . . 90C/25C/W Output Protection: All Outputs Safe if Shorted to Ground
*Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
PIN CONFIGURATION
A3 OUT FORCE 1 +VS 2 A3 OUT SENSE 3 A3 IN 4
16 -VS 15 A4 OUT FORCE 14 A4 OUT SENSE
13 A4 IN TOP VIEW GAIN ADJ 5 (Not to Scale) 12 BAL ADJ
AD588
VHIGH 6 NOISE 7 REDUCTION VLOW 8
11 VCT 10 GND SENSE -IN 9
GND SENSE +IN
ORDERING GUIDE
Part Number1 AD588AQ AD588BQ AD588JQ AD588KQ
Initial Error (mV) 3 1 3 1
Temperature Coefficient2 3 ppm/C 1.5 ppm/C 3 ppm/C 1.5 ppm/C
Temperature Range (C) -25 to +85 -25 to +852 0 to 70 0 to 70
Package Option CERDIP (Q-16) CERDIP (Q-16) CERDIP (Q-16) CERDIP (Q-16)
NOTES 1 For details on grade and package offerings screened in accordance with MIL-STD-883, refer to the Analog Devices Military Products Databook or current AD588/883B. 2 Temperature coefficient specified from 0C to 70C.
CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the AD588 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
REV. D
-3-
AD588
THEORY OF OPERATION APPLYING THE AD588
The AD588 consists of a buried Zener diode reference, amplifiers used to provide pin programmable output ranges, and associated thin-film resistors as shown in Figure 1. The temperature compensation circuitry provides the device with a temperature coefficient of 1.5 ppm/C or less.
NOISE REDUCTION VHIGH A3 IN A3 OUT SENSE
The AD588 can be configured to provide +10 V and -10 V reference outputs as shown in Figures 2a and 2c, respectively. It can also be used to provide +5 V, -5 V, or a 5 V tracking reference, as shown in Figure 2b. Table I details the appropriate pin connections for each output range. In each case, Pin 9 is connected to system ground and power is applied to Pins 2 and 16. The architecture of the AD588 provides ground sense and uncommitted output buffer amplifiers that offer the user a great deal of functional flexibility. The AD588 is specified and tested in the configurations shown in Figure 2a. The user may choose to take advantage of the many other configuration options available with the AD588. However, performance in these configurations is not guaranteed to meet the extremely stringent data sheet specifications. As indicated in Table I, a +5 V buffered output can be provided using amplifier A4 in the +10 V configuration (Figure 2a). A -5 V buffered output can be provided using amplifier A3 in the -10 V configuration (Figure 2c). Specifications are not guaranteed for the +5 V or -5 V outputs in these configurations. Performance will be similar to that specified for the +10 V or -10 V outputs. As indicated in Table I, unbuffered outputs are available at Pins 6, 8, and 11. Loading of these unbuffered outputs will impair circuit performance. Amplifiers A3 and A4 can be used interchangeably. However, the AD588 is tested (and the specifications are guaranteed) with the amplifiers connected as indicated in Figure 2a and Table I. When either A3 or A4 is unused, its output force and sense pins should be connected and the input tied to ground. Two outputs of the same voltage may be obtained by connecting both A3 and A4 to the appropriate unbuffered output on Pins 6, 8, or 11. Performance in these dual-output configurations will typically meet data sheet specifications.
CALIBRATION
A3 RB A1 R1 R4 A4 R5
A3 OUT FORCE
A4 OUT SENSE A4 OUT FORCE
R2
R3 A2
R6
+VS
AD588
-VS
GAIN ADJ
GND GND SENSE SENSE +IN -IN
VLOW
BAL ADJ
VCT
A4 IN
Figure 1. AD588 Functional Block Diagram
Amplifier A1 performs several functions. A1 primarily acts to amplify the Zener voltage from 6.5 V to the required 10 V output. In addition, A1 also provides for external adjustment of the 10 V output through Pin 5, GAIN ADJ. Using the bias compensation resistor between the Zener output and the noninverting input to A1, a capacitor can be added at the NOISE REDUCTION pin (Pin 7) to form a low-pass filter and reduce the noise contribution of the Zener to the circuit. Two matched 10 k nominal thin-film resistors (R4 and R5) divide the 10 V output in half. Pin VCT (Pin 11) provides access to the center of the voltage span and Pin 12 (BAL ADJ) can be used for fine adjustment of this division. Ground sensing for the circuit is provided by amplifier A2. The noninverting input (Pin 9) senses the system ground, which will be transferred to the point on the circuit where the inverting input (Pin 10) is connected. This may be Pin 6, 8, or 11. The output of A2 drives Pin 8 to the appropriate voltage. Thus, if Pin 10 is connected to Pin 8, the VLOW pin will be the same voltage as the system ground. Alternatively, if Pin 10 is connected to the VCT pin, it will be ground and Pin 6 and Pin 8 will be +5 V and -5 V, respectively. Amplifiers A3 and A4 are internally compensated and are used to buffer the voltages at Pins 6, 8, and 11, as well as to provide a full Kelvin output. Thus, the AD588 has a full Kelvin capability by providing the means to sense a system ground and provide forced and sensed outputs referenced to that ground.
Generally, the AD588 will meet the requirements of a precision system without additional adjustment. Initial output voltage error of 1 mV and output noise specs of 10 V p-p allow for accuracies of 12 bits to 16 bits. However, in applications where an even greater level of accuracy is required, additional calibration may be called for. Provision for trimming has been made through the use of the GAIN ADJ and BAL ADJ pins (Pins 5 and 12, respectively). The AD588 provides a precision 10 V span with a center tap (VCT) that is used with the buffer and ground sense amplifiers to achieve the voltage output configurations in Table I. GAIN ADJUST and BALANCE ADJUST can be used in any of these configurations to trim the magnitude of the span voltage and the position of the center tap within the span. The GAIN ADJUST should be performed first. Although the trims are not interactive within the device, the GAIN trim will move the BALANCE trim point as it changes the magnitude of the span.
-4-
REV. D
AD588
Table I. Pin Connections
Range +10 V -5 V or +5 V -10 V +5 V -5 V
Connect Pin 10 Unbuffered* Output on Pins to Pin: -10 V -5 V 0 V +5 V +10 V 8 11 6 11 11 8 8 8 11 8 11 6 6 11 6 6
Buffered Output Connections
Buffered Output on Pins -10 V -5 V 0V +5 V 15
+10 V 1
11 to 13, 14 to 15 6 to 4, and 3 to 1 8 to 13, 14 to 15, 6 to 4, and 3 to 1 8 to 13, 14 to 15, 11 to 4, and 3 to 1 1 6 to 4 and 3 to 1 8 to 13 and 14 to 15
15 1 15 1 15
*Unbuffered outputs should not be loaded.
Figure 2b shows GAIN and BALANCE trims in a +5 V and -5 V tracking configuration. A 100 k 20-turn potentiometer is used for each trim. The potentiometer for GAIN trim is connected between Pin 6 (VHIGH) and Pin 8 (VLOW) with the wiper connected to Pin 5 (GAIN ADJ). The potentiometer is adjusted to produce exactly 10 V between Pin 1 and Pin 15, the amplifier outputs. The BALANCE potentiometer, also connected between Pin 6 and Pin 8 with the wiper to Pin 12 (BAL ADJ), is then adjusted to center the span from +5 V to -5 V. Trimming in other configurations works in exactly the same manner. When producing +10 V and +5 V, GAIN ADJ is used to trim +10 V and BAL ADJ is used to trim +5 V. In the -10 V and -5 V configuration, GAIN ADJ is again used to trim the magnitude of the span, -10 V, while BAL ADJ is used to trim the center tap, -5 V. In single output configurations, GAIN ADJ is used to trim outputs utilizing the full span (+10 V or -10 V), while BAL ADJ is used to trim outputs using half the span (+5 V or -5 V). Input impedance on both the GAIN ADJ and BAL ADJ pins is approximately 150 k. The GAIN ADJUST trim network effectively attenuates the 10 V across the trim potentiometer by a factor of about 1500 to provide a trim range of -3.5 mV to +7.5 mV with a resolution of approximately 550 V/turn (20-turn potentiometer). The BAL ADJ trim network attenuates the trim voltage by a factor of about 1400, providing a trim range of 4.5 mV with resolution of 450 V/turn.
R3
A3 RB A1 R1 R4 A4 R5 +VS R6 A2
+10V
R2
+5V +15V 0.1 F SYSTEM GROUND 0.1 F -15V
AD588
-VS
SYSTEM GROUND
Figure 2a. +10 V Output
+15V 1F NOISE REDUCTION
A3 RB A1 R1 R4 A4 R5 +VS R3 A2 R6
+5V
R2
-5V -15V 0.1 F SYSTEM GROUND 0.1 F -15V
AD588
-VS
SYSTEM GROUND 100k 20T BALANCE ADJUST 100k 20T GAIN ADJUST
Figure 2b. +5 V and -5 V Outputs
REV. D
-5-
AD588
0.1 F 0.1 F NOISE REDUCTION
Note that a second capacitor is needed in order to implement the NOISE REDUCTION feature when using the AD588 in the -10 V mode (Figure 2c.). The NOISE REDUCTION capacitor is limited to 0.1 F maximum in this mode.
A3 RB A1 R1 R4 A4 R5 +VS R3 A2 R6
-5V
R2
-10V +15V 0.1 F SYSTEM GROUND 0.1 F -15V
AD588
-VS
Figure 4. Effect of 1 F Noise Reduction Capacitor on Broadband Noise
TURN-ON TIME
SYSTEM GROUND
Figure 2c. -10 V Output
Trimming the AD588 introduces no additional errors over temperature, so precision potentiometers are not required. For single-output voltage ranges, or in cases when BALANCE ADJUST is not required, Pin 12 should be connected to Pin 11. If GAIN ADJUST is not required, Pin 5 should be left floating.
NOISE PERFORMANCE AND REDUCTION
Upon application of power (cold start), the time required for the output voltage to reach its final value within a specified error band is the turn-on settling time. Two components normally associated with this are: time for active circuits to settle and time for thermal gradients on the chip to stabilize. Figures 5a and 5b show the turn-on characteristics of the AD588. It shows the settling to be about 600 s. Note the absence of any thermal tails when the horizontal scale is expanded to 2 ms/cm in Figure 5b.
The noise generated by the AD588 is typically less than 6 V p-p over the 0.1 Hz to 10 Hz band. Noise in a 1 MHz bandwidth is approximately 600 V p-p. The dominant source of this noise is the buried Zener, which contributes approximately 100 nV/Hz. In comparison, the op amp's contribution is negligible. Figure 3 shows the 0.1 Hz to 10 Hz noise of a typical AD588.
Figure 5a. Electrical Turn-On
Figure 3. 0.1 Hz to 10 Hz Noise (0.1 Hz to 10 Hz BPF with Gain of 1000 Applied)
If further noise reduction is desired, an optional capacitor, CN, may be added between the NOISE REDUCTION pin and ground, as shown in Figure 2b. This will form a low-pass filter with the 4 k RB on the output of the Zener cell. A 1 F capacitor will have a 3 dB point at 40 Hz and will reduce the high frequency (to 1 MHz) noise to about 200 V p-p. Figure 4 shows the 1 MHz noise of a typical AD588 both with and without a 1 F capacitor.
Figure 5b. Extended Time Scale Turn-On
Output turn-on time is modified when an external noise reduction capacitor is used. When present, this capacitor presents an -6- REV. D
AD588
additional load to the internal Zener diode's current source, resulting in a somewhat longer turn-on time. In the case of a 1 F capacitor, the initial turn-on time is approximately 60 ms (see Figure 6). Note: If the NOISE REDUCTION feature is used in the 5 V configuration, a 39 k resistor between Pin 6 and Pin 2 is required for proper startup.
DEVICE GRADE AD588JQ AD588JQ AD588JQ AD588JQ AD588JQ AD588JQ MAXIMUM OUTPUT CHANGE - mV 0 C TO +70 C 2.10 1.05 1.40(typ) 1.05 3.30 3.30 10.80 7.20 -25 C TO +85 C -55 C TO +125 C
Figure 8. Maximum Output Change--mV
KELVIN CONNECTIONS
Figure 6. Turn-On with CN = 1 F
TEMPERATURE PERFORMANCE
Force and sense connections, also referred to as Kelvin connections, offer a convenient method of eliminating the effects of voltage drops in circuit wires. As seen in Figure 9, the load current and wire resistance produce an error (VERROR = R x IL) at the load. The Kelvin connection of Figure 9 overcomes the problem by including the wire resistance within the forcing loop of the amplifier and sensing the load voltage. The amplifier corrects for any errors in the load voltage. In the circuit shown, the output of the amplifier would actually be at 10 V + VERROR and the voltage at the load would be the desired 10 V. The AD588 has three amplifiers that can be used to implement Kelvin connections. Amplifier A2 is dedicated to the ground force-sense function, while uncommitted amplifiers A3 and A4 are free for other force-sense chores.
R I=0 R + 10V - IL RLOAD I=0 V = 10V - RIL R IL V = 10V + RIL RLOAD V = 10V
The AD588 is designed for precision reference applications where temperature performance is critical. Extensive temperature testing ensures that the device's high level of performance is maintained over the operating temperature range. Figure 7 shows typical output voltage drift for the AD588BD and illustrates the test methodology. The box in Figure 7 is bounded on the sides by the operating temperature extremes and on top and bottom by the maximum and minimum output voltages measured over the operating temperature range. The slope of the diagonal drawn from the lower left corner of the box determines the performance grade of the device.
OUTPUT VOLTS 10.002
Figure 9. Advantage of Kelvin Connection
In some single-output applications, one amplifier may be unused. In such cases, the unused amplifier should be connected as a unity-gain follower (force + sense pin tied together), and the input should be connected to ground.
SLOPE = T.C. = VMAX - VMIN - TMIN ) x 10 x 1-6
VMAX 10.001
(TMAX
VMIN 10.000 -35 -15 5 25 45 65 85 TEMPERATURE - C Tmin Tmax
10.0013V - 10.00025V (85C - -25C) x 10 x 10-6
An unused amplifier section may be used for other circuit functions as well. Figures 10 through 14 show the typical performance of A3 and A4.
100 0
= 0.95ppm / C
80 GAIN
-30
Figure 7. Typical AD588BD Temperature Drift
Each AD588A and B grade unit is tested at -25C, 0C, +25C, +50C, +70C, and +85C. This approach ensures that the variations of output voltage that occur as the temperature changes within the specified range will be contained within a box whose diagonal has a slope equal to the maximum specified drift. The position of the box on the vertical scale will change from device to device as initial error and the shape of the curve vary. Maximum height of the box for the appropriate temperature range is shown in Figure 8. Duplication of these results requires a combination of high accuracy and stable temperature control in a test system. Evaluation of the AD588 will produce a curve similar to that in Figure 7, but output readings may vary depending on the test methods and equipment utilized. REV. D -7-
OPEN-LOOP GAIN - dB
60
-60
40 PHASE 20
-90
-120
0
-150
-20 10
100
1k
10k 100k FREQUENCY - Hz
1M
-180 10M
Figure 10. Open-Loop Frequency Response (A3, A4)
PHASE - Degrees
AD588
110 VS = 15V WITH 1V p-p SINE WAVE 100
100 110 VS = 15V VCM = 1V p-p +25 C
POWER SUPPLY REJECTION - dB
+SUPPLY 80
80
60 -SUPPLY 40
CMRR - dB
60
40
20
20
10 10
100
1k
10k 100k FREQUENCY - Hz
1M
10M
0 10
100
1k
10k 100k FREQUENCY - Hz
1M
10M
Figure 11. Power Supply Rejection vs. Frequency (A3, A4)
Figure 13. Common-Mode Rejection vs. Frequency (A3, A4)
100
NOISE SPECTRAL DENSITY - nV/ Hz
90 80 70 60 50 40 30 20 10 0 1 10 100 FREQUENCY - Hz 1k 10k
Figure 12a. Unity-Gain Follower Pulse Response (Large Signal)
Figure 14. Input Noise Voltage Spectral Density
DYNAMIC PERFORMANCE
The output buffer amplifiers (A3 and A4) are designed to provide the AD588 with static and dynamic load regulation superior to less complete references. Many A/D and D/A converters present transient current loads to the reference, and poor reference response can degrade the converter's performance.
Figure 12b. Unity-Gain Follower Pulse Response (Small Signal)
Figures 15a and 15b display the characteristics of the AD588 output amplifier driving a 0 mA to 10 mA load.
A3 OR A4 1k VOUT IL
10V
VL
10V 0V
Figure 15a. Transient Load Test Circuit
-8-
REV. D
AD588
Figure 15b. Large-Scale Transient Response
Figure 17b. Output Response with Capacitive Load
Figures 16a and 16b display the output amplifier characteristics driving a 5 mA to 10 mA load, a common situation found when the reference is shared among multiple converters or is used to provide a bipolar offset current.
A3 OR A4 VOUT +
10V
Figures 18a and 18b display the crosstalk between output amplifiers. The top trace shows the output of A4, dc-coupled and offset by 10 V, while the output of A3 is subjected to a 0 mA to 10 mA load current step. The transient at A4 settles in about 1 s, and the load-induced offset is about 100 V.
IL VL
2k 10V 0V
2k +
10V
A4
VOUT 1k VL 10V 0V
A3 +
10V
-
-
-
Figure 16a. Transient and Constant Load Test Circuit Figure 18a. Load Crosstalk Test Circuit
Figure 16b. Transient Response 5 mA to10 mA Load
In some applications, a varying load may be both resistive and capacitive in nature or be connected to the AD588 by a long capacitive cable. Figures 17a and 17b display the output amplifier characteristics driving a 1,000 pF, 0 mA to 10 mA load.
A3 OR A4 VOUT 1000pF CL VL 1k 10V 0V
Figure 18b. Load Crosstalk
10V
Figure 17a. Capacitive Load Transient Response Test Circuit
REV. D
-9-
AD588
Attempts to drive a large capacitive load (in excess of 1,000 pF) may result in ringing or oscillation, as shown in the step response photo (Figure 19a). This is due to the additional pole formed by the load capacitance and the output impedance of the amplifier, which consumes phase margin. The recommended method of driving capacitive loads of this magnitude is shown in Figure 19b. The 150 resistor isolates the capacitive load from the output stage, while the 10 k resistor provides a dc feedback path and preserves the output accuracy. The 1 F capacitor provides a high frequency feedback loop. The performance of this circuit is shown in Figure 19c.
USING THE AD588 WITH CONVERTERS
The AD588 is an ideal reference for a wide variety of A/D and D/A converters. Several representative examples follow.
14-Bit Digital-to-Analog Converter--AD7535
High resolution CMOS D/A converters require a reference voltage of high precision to maintain rated accuracy. The combination of the AD588 and AD7535 takes advantage of the initial accuracy, drift, and full Kelvin output capability of the AD588 as well as the resolution, monotonicity, and accuracy of the AD7535 to produce a subsystem with outstanding characteristics. See Figure 20.
16-Bit Digital-to-Analog Converter--AD569
Another application that fully utilizes the capabilities of the AD588 is supplying a reference for the AD569, as shown in Figure 21. Amplifier A2 senses system common and forces VCT to assume this value, producing +5 V and -5 V at Pin 6 and Pin 8, respectively. Amplifiers A3 and A4 buffer these voltages out to the appropriate reference force-sense pins of the AD569. The full Kelvin scheme eliminates the effect of the circuit traces or wires and the wire bonds of the AD588 and AD569 themselves, which would otherwise degrade system performance.
SUBSTITUTING FOR INTERNAL REFERENCES
Figure 19a. Output Amplifier Step Response, CL = 1 F
Many converters include built-in references. Unfortunately, such references are the major source of drift in these converters. By using a more stable external reference like the AD588, drift performance can be improved dramatically.
10k 1F
150 +
VIN
VOUT CL 1F
-
Figure 19b. Compensation for Capacitive Loads
Figure 19c. Output Amplifier Step Response Using Figure 19b Compensation
-10-
REV. D
AD588
N.C. VREFS VDD RFS 14-BIT DAC +10V A3 RB A1 R1 R4 DAC REGISTER AGNDF R2 A4 R5 +VS -VS WR 6 MS INPUT REGISTER 8 LS INPUT REGISTER CSLSB LDAC VREFF 14 IOUT
AD7535
AD588
AGNDS
R3 A2
R6
CSMSB
DB13
DB0
DGND
VSS
Figure 20. AD588/AD7535 Connections
+12V -12V +VS VH A3 + IN A3 A3 - IN A1 10k VCT 10k A2 A2 - IN A2 + IN A4 - IN A4 A4 OUT -5V -VREF SENSE -VREF FORCE S E G M E N T S E L E C T O R S E L T E A C P T O R +5V A3 OUT +VREF FORCE +VREF SENSE -VS
AD569
VOUT -5V TO +5V
AD588
VL
A4 + IN 8 MSBs GND 8 LSBs LATCHES
CS LDAC DB15 DB0
HBE LBE
Figure 21. High Accuracy 5 V Tracking Reference for AD569
REV. D
-11-
AD588
12-Bit Analog-to-Digital Converter--AD574A
The AD574A is specified for gain drift from 10 ppm/C to 50 ppm/C, (depending on grade) using its on-chip reference. The reference contributes typically 75% of this drift. Therefore, the total drift using an AD588 to supply the reference can be improved by a factor of 3 to 4. Using this combination may result in apparent increases in fullscale error due to the difference between the on-board reference by which the device is laser-trimmed and the external reference with which the device is actually applied. The on-board reference is specified to be 10 V 100 mV, while the external reference is specified to be 10 V 1 mV. This may result in up to 101 mV of apparent full-scale error beyond the 25 mV specified AD574 gain error. External resistors R2 and R3 allow this error to be nulled. Their contribution to full-scale drift is negligible. The high output drive capability allows the AD588 to drive up to six converters in a multiconverter system. All converters will have gain errors that track to better than 5 ppm/C.
RTD EXCITATION
ohms measurement overcomes this problem. This method uses two wires to bring an excitation current to the RTD and two additional wires to tap off the resulting RTD voltage. If these additional two wires go to a high input impedance measurement circuit, the effect of their resistance is negligible. Therefore, they transmit the true RTD voltage.
R I=0 R IEXC R RTD R I=0 + VOUT R RTD -
Figure 23. 4-Wire Ohms Measurement
The resistance temperature detector (RTD) is a circuit element whose resistance is characterized by a positive temperature coefficient. A measurement of resistance indicates the measured temperature. Unfortunately, the resistance of the wires leading to the RTD often adds error to this measurement. The 4-wire
A practical consideration when using the 4-wire ohms technique with an RTD is the self-heating effect that the excitation current has on the temperature of the RTD. The designer must choose the smallest practical excitation current that still gives the desired resolution. RTD manufacturers usually specify the self-heating effect of each of their models or types of RTDs. Figure 24 shows an AD588 providing the precision excitation current for a 100 RTD. The small excitation current of 1 mA dissipates a mere 0.1 mW of power in the RTD.
12 8 CS AO R/C R1 50 R3 500 20 TURN R4 A4 R5 VIN 10V R2 61.9 CE
STS
HIGH BITS
MIDDLE BITS
AD574A
REF IN REF OUT BIPP OFF 10VIN 20VIN LOW BITS
A3 RB A1 R1
+5V +15V -15V DIG COM
R2
R3 A2
R6
+VS
ANA COM
AD588
-VS
Figure 22. AD588/AD574A Connections
-12-
REV. D
AD588
RC VISHAY S102C OR SIMILAR A3 RB A1 R1 R4 A4 R5 100 R3 A2 R6 +VS VOUT
+ R4 - EO R1 R2 + R3
voltage equal to approximately VIN/2. Further processing of this signal may necessarily be limited to high common-mode rejection techniques such as instrumentation or isolation amplifiers. Figure 26b shows the same bridge transducer, this time driven from a pair of bipolar supplies. This configuration ideally eliminates the common-mode voltage and relaxes the restrictions on any processing elements that follow.
RC = 10k 1.0mA 0.01%
R2
+
- -15V OR GROUND
AD588
-VS
VIN
-
Figure 26a. Bridge Transducer Excitation-- Unipolar Drive
RTD = OMEGA K4515 0.24 C/mW SELF-HEATING
V1 + - + R1 R4 - EO V2 R2 - + R3
Figure 24. Precision Current Source for RTD
BOOSTED PRECISION CURRENT SOURCE
In the RTD current-source application, the load current is limited to 10 mA by the output drive capability of amplifier A3. In the event that more drive current is needed, a series-pass transistor can be inserted inside the feedback loop to provide higher current. Accuracy and drift performance are unaffected by the pass transistor.
Figure 26b. Bridge Transducer Excitation-- Bipolar Drive
+15V 220 Q1 = 2N3904
VCC 220 A3 RB A1 R1 Q1
RB A3 A1 R1 - EO +
AD588
R4 A4 R5 +VS -VS IL = 10V RC
R3 A2 R2
AD588
R4 220 A4 R5 +VS -VS Q2 = 2N3904 -15V R6
R2
R3 A2
R6
LIMITED BY Q1 AND RC POWER DISSIPATION LOAD
Figure 27. Bipolar Bridge Drive
Figure 25. Boosted Precision Current Source
BRIDGE DRIVER CIRCUITS
The Wheatstone bridge is a common transducer. In its simplest form, a bridge consists of four, two-terminal elements connected to form a quadrilateral, a source of excitation connected along one of the diagonals and a detector comprising the other diagonal. Figure 26a shows a simple bridge driven from a unipolar excitation supply. EO, a differential voltage, is proportional to the deviation of the element from the initial bridge values. Unfortunately, this bridge output voltage is riding on a common-mode
As shown in Figure 27, the AD588 is an excellent choice for the control element in a bipolar bridge driver scheme. Transistors Q1 and Q2 serve as series-pass elements to boost the current drive capability to the 28 mA required by a typical 350 bridge. A differential gain stage may still be required if the bridge balance is not perfect. Such gain stages can be expensive.
REV. D
-13-
AD588
Additional common-mode voltage reduction is realized by using the circuit illustrated in Figure 28. A1, the ground sense amplifier, serves the supplies on the bridge to maintain a virtual ground at one center tap. The voltage that appears on the opposite center tap is now single-ended (referenced to ground) and can be amplified by a less expensive circuit.
+15V 220 Q1 = 2N3904
A3 RB A1 R1 R4 220 R2 A4 R5 +VS Q2 = 2N3904 -15V R3 A2 R6
AD OP-07 + VOUT -
R1
R2
AD588
-VS
Figure 28. Floating Bipolar Bridge Drive with Minimum CMV
-14-
REV. D
AD588
OUTLINE DIMENSIONS 16-Lead Ceramic DIP-Glass Hermetic Seal Package [CERDIP] (Q-16)
Dimensions shown in inches and (millimeters)
0.005 (0.13) MIN PIN 1
1 8
0.098 (2.49) MAX
16 9
0.310 (7.87) 0.220 (5.59)
0.200 (5.08) MAX
0.840 (21.34) MAX
0.060 (1.52) 0.015 (0.38) 0.150 (3.81) MIN
0.320 (8.13) 0.290 (7.37) 0.015 (0.38) 0.008 (0.20)
0.200 (5.08) 0.125 (3.18) 0.023 (0.58) 0.014 (0.36)
0.100 (2.54) BSC
0.070 (1.78) SEATING PLANE 0.030 (0.76)
15 0
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETERS DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
Revision History
Location Page
2/03--Data Sheet changed from REV. C to REV. D. Added KQ model and deleted SQ and TQ models . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Universal Changes to GENERAL DESCRIPTION . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Change to PRODUCT HIGHLIGHTS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Changes to SPECIFICATIONS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 Change to ORDERING GUIDE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Updated OUTLINE DIMENSIONS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
10/02--Data Sheet changed from REV. B to REV. C.
Changes to GENERAL DESCRIPTION . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Changes to SPECIFICATIONS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 Changes to ORDERING GUIDE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Changes to TABLE 1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 Deleted Figure 10c . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 OUTLINE DIMENSIONS updated . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
REV. D
-15-
-16-
C00531-0-2/03(D)
PRINTED IN U.S.A.


▲Up To Search▲   

 
Price & Availability of AD588AQ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X