Part Number Hot Search : 
W83627SF PSB21384 31630 BA6392 ADTR2 MAX11611 TS103 M29F010
Product Description
Full Text Search
 

To Download 2SK2623 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number:ENN6148A
N-Channel Silicon MOSFET
2SK2623
Ultrahigh-Speed Switching Applications
Features
* Low ON-resistance. * Low Qg.
Package Dimensions
unit:mm 2083B
[2SK2623]
6.5 5.0 4
1.5
2.3
0.5
0.85 0.7
5.5
7.0
0.8 1.6
1.2
0.6 1 2 3
7.5
0.5
2.3
2.3
1 : Gate 2 : Drain 3 : Source 4 : Drain SANYO : TP
2092B
[2SK2623]
6.5 5.0 4 2.3
1.5
0.5
5.5
7.0
0.85 1 0.6
0.5
0.8
2
3
2.5
1.2
1.2 0 to 0.2
2.3
2.3
1 : Gate 2 : Drain 3 : Source 4 : Drain SANYO : TP-FA
Any and all SANYO products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO representative nearest you before using any SANYO products described or contained herein in such applications. SANYO assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other parameters) listed in products specifications of any and all SANYO products described or contained herein.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
81000TS (KOTO) TA-2287 No.6148-1/4
2SK2623 Specifications
Absolute Maximum Ratings at Ta = 25C
Parameter Drain-to-Source Voltage Gate-to-Source Voltage Drain Current (DC) Drain Current (Pulse) Allowable Power Dissipation Channel Temperature Storage Temperature Symbol VDSS VGSS ID IDP PD Tch Tstg
Tc=25C
Conditions
Ratings 600 30 1.5 6 1.0 30 150 -55 to +150
Unit V V A A W W
C C
Electrical Characteristics at Ta = 25C
Parameter Drain-to-Source Breakdown Voltage Zero-Gate Voltage Drain Current Gate-to-Source Leakage Current Cutoff Voltage Forward Transfer Admittance Static Drain-to-Source On-State Resistance Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge Turn-ON Delay Time Rise Time Turn-OFF Delay Time Fall Time Diode Forward Voltage Symbol V(BR)DSS IDSS IGSS VGS(off) | yfs | RDS(on) Ciss Coss Crss Qg td(on) tr td(off) tf VSD ID=1mA, VGS=0 VDS=600V, VGS=0 VGS=30V, VDS=0 VDS=10V, ID=1mA VDS=10V, ID=0.8A VGS=15V, ID=0.8A VDS=20V, f=1MHz VDS=20V, f=1MHz VDS=20V, f=1MHz VDS=200V, VGS=10V, ID=1.5A See specified Test Circuit See specified Test Circuit See specified Test Circuit See specified Test Circuit IS=1.5A, VGS=0 3.5 0.5 1.0 4.2 300 90 45 8 9 12 20 17 0.8 1.2 5.5 Conditions Ratings min 600 1.0 100 5.5 typ max Unit V mA nA V S pF pF pF nC ns ns ns ns V
Marking : K2623
Switching Time Test Circuit
VDD=200V PW=1s D.C.0.5% VIN 15V 0V VIN D ID=0.8A RL=250 VOUT
G
2SK2623 P.G RGS 50 S
No.6148-2/4
2SK2623
4.0 3.5
I D - VDS
15V
3.0
ID - VGS
VDS=10V
10V
2.5
Tc=-25C
Drain Current, ID - A
Drain Current, ID - A
3.0 2.5 2.0 1.5 1.0 0.5 0 0
8V
2.0
25C
75C
1.5
7V
1.0
VGS=6V
10 20 30 40 50
0.5
0 0
5
10
15
20
Drain-to-Source Voltage, VDS - V
10
Gate-to-Source Voltage, VGS - V
10 9
| yf s | - I D
VDS=10V
R DS(on) - VGS
ID=1.5A 0.8A 0.5A
Tc=25C
Forward Transfer Admittance, | yfs | - S
7 5 3 2
Static Drain-to-Source On-State Resistance, RDS (on) -
8 7 6 5 4 3 2 1 0 0 2
1.0 7 5
C -25 Tc= C 75
25C
3 2
0.1 0.1
2
3
5
7
1.0
2
3
5
4
6
8
10
12
14
16
18
20
Drain Current, ID - A
11 10 6
Gate-to-Source Voltage, VGS - V
7
R DS(on) - Tc
V GS(off) - Tc
VDS=10V VGS=10V ID=1mV
Static Drain-to-Source On-State Resistance, RDS(on) -
8 7 6 5 4 3 2 1 0 -50 -25 0 25
=1 S 5V ,V G S=1 A G .8 =0 8A,V . ID =0 ID
0V
Cutoff Voltage, VGS(off) - V
9
5
4
3
2
1
50
75
100
125
150
0 -50
0
50
100
150
Case Temperature, Tc - C
Case Temperature, Tc - C
SW Time - I D
1000 7 5
VDD=200V VGS=15V
Forward Current, IF - A
2 10 7 5 3 2 1.0 7 5 3 2
I F - VSD
VGS=0
Switching Time, SW Time - ns
3 2 100 7 5 3 2 10 7 5 3 2 1.0 7 0.1 2 3 5 7 1.0 2 3 5
tf
td (of f)
tr
td(on)
0.01 7 5 3 2 0.001 0 0.2 0.4
Tc=
75C 25C -25 C
0.6 0.8
0.1 7 5 3 2
1.0
1.2
1.4
Drain Current, ID - A
Diode Forward Voltage, VSD - V
No.6148-3/4
2SK2623
1000 7 5
Ciss,Coss,Crss - VDS
f = 1MHz
ASO
10 7 5 3 2 1.0 7 5 3 2 0.1 7 5 3 2
I DP =6A
10
10
I D =1.5A
Drain Current, ID - A
Ciss, Coss, Crss - pF
3 2
Ciss
1m
0
s
s
DC
10
s
op
ms
er
100 7 5 3 2
Cos
at
s
s
io
n
Crs
Operation in this area is limited by RDS(on).
10 0
5
10
15
20
25
30
0.01 1.0
Tc=25C Single pulse
2 3 5 7 10 2 3 5 7 100 2 3 5 7 1000
Drain-to-Source Voltage, VDS - V
1.2
Drain-to-Source Voltage, VDS - V
32
PD -
Ta
Allowable Power Dissipation, PD - W
30 28 24 20 16 12 8 4 0
PD -
Tc
Allowable Power Dissipation, PD - W
1.0
0.8
0.6
0.4
0.2
0
0
20
40
60
80
100
120
140
160
0
20
40
60
80
100
120
140
160
Ambient Temperature, Ta - C
Case Temperature, Tc - C
Specifications of any and all SANYO products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO products(including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be expor ted without obtaining the expor t license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of SANYO Electric Co., Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties.
This catalog provides information as of August, 2000. Specifications and information herein are subject to change without notice.
PS No.6148-4/4


▲Up To Search▲   

 
Price & Availability of 2SK2623

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X