Part Number Hot Search : 
SW6310 M54531P S811H1 BX6118 MBR12040 MUR12 44000 LPC1102
Product Description
Full Text Search
 

To Download 2SK1623 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SK1623(L), 2SK1623(S)
Silicon N-Channel MOS FET
November 1996 Application
High speed power switching
Features
* Low on-resistance * High speed switching * 4 V gate drive device Can be driven from 5 V source * Suitable for motor drive, DC-DC converter, power switch and solenoid drive
Outline
LDPAK 4 4
12 1 D G 2 3
3
S
1. Gate 2. Drain 3. Source 4. Drain
2SK1623(L), 2SK1623(S)
Absolute Maximum Ratings (Ta = 25C)
Item Drain to source voltage Gate to source voltage Drain current Drain peak current Body to drain diode reverse drain current Channel dissipation Channel temperature Storage temperature Notes 1. PW 10 s, duty cycle 1% 2. Value at TC = 25C Symbol V(BR)DSS VGSS ID ID(pulse)* IDR Pch* Tch Tstg
2 1
Ratings 100 20 20 80 20 50 150 -55 to +150
Unit V V A A A W C C
2
2SK1623(L), 2SK1623(S)
Electrical Characteristics (Ta = 25C)
Item Drain to source breakdown voltage Gate to source breakdown voltage Gate to source leak current Symbol Min V(BR)DSS V(BR)GSS IGSS VGS(off) 100 20 -- -- 1.0 -- -- |yfs| Ciss Coss Crss td(on) tr td(off) tf VDF trr 10 -- -- -- -- -- -- -- -- -- Typ -- -- -- -- -- 0.065 0.085 16 1300 540 160 12 100 300 150 1.3 300 Max -- -- 10 250 2.0 0.085 0.12 -- -- -- -- -- -- -- -- -- -- Unit V V A A V S pF pF pF ns ns ns ns V ns IF = 20 A, VGS = 0 IF = 20 A, VGS = 0, diF/dt = 50 A/s ID = 10 A, VGS = 10 V, RL = 3 Test conditions ID = 10 mA, VGS = 0 IG = 100 A, VDS = 0 VGS = 16 V, VDS = 0 VDS = 80 V, VGS = 0 ID = 1 mA, VDS = 10 V ID = 10 A, VGS = 10 V * ID = 10 A, VGS = 4 V * VDS = 10 V, VGS = 0, f = 1 MHz
1 1
Zero gate voltage drain current IDSS Gate to source cutoff voltage Static Drain to source on state RDS(on) resistance Forward transfer admittance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Body to drain diode forward voltage Body to drain diode reverse recovery time Note 1. Pulse test
ID = 10 A, VDS = 10 V *
1
See characteristic curves of 2SK1302.
Power vs. Temperature Derating 60 Channel Dissipation Pch (W)
40
20
0
50 100 Case Temperature TC (C)
150
3
2SK1623(L), 2SK1623(S)
Notice
When using this document, keep the following in mind: 1. This document may, wholly or partially, be subject to change without notice. 2. All rights are reserved: No one is permitted to reproduce or duplicate, in any form, the whole or part of this document without Hitachi's permission. 3. Hitachi will not be held responsible for any damage to the user that may result from accidents or any other reasons during operation of the user's unit according to this document. 4. Circuitry and other examples described herein are meant merely to indicate the characteristics and performance of Hitachi's semiconductor products. Hitachi assumes no responsibility for any intellectual property claims or other problems that may result from applications based on the examples described herein. 5. No license is granted by implication or otherwise under any patents or other rights of any third party or Hitachi, Ltd. 6. MEDICAL APPLICATIONS: Hitachi's products are not authorized for use in MEDICAL APPLICATIONS without the written consent of the appropriate officer of Hitachi's sales company. Such use includes, but is not limited to, use in life support systems. Buyers of Hitachi's products are requested to notify the relevant Hitachi sales offices when planning to use the products in MEDICAL APPLICATIONS.
Hitachi, Ltd.
Semiconductor & IC Div. Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100, Japan Tel: Tokyo (03) 3270-2111 Fax: (03) 3270-5109 For further information write to: Hitachi America, Ltd. Semiconductor & IC Div. 2000 Sierra Point Parkway Brisbane, CA. 94005-1835 USA Tel: 415-589-8300 Fax: 415-583-4207
Hitachi Europe GmbH Electronic Components Group Continental Europe Dornacher Strae 3 D-85622 Feldkirchen Munchen Tel: 089-9 91 80-0 Fax: 089-9 29 30 00
Hitachi Europe Ltd. Electronic Components Div. Northern Europe Headquarters Whitebrook Park Lower Cookham Road Maidenhead Berkshire SL6 8YA United Kingdom Tel: 0628-585000 Fax: 0628-778322
Hitachi Asia Pte. Ltd. 16 Collyer Quay #20-00 Hitachi Tower Singapore 0104 Tel: 535-2100 Fax: 535-1533 Hitachi Asia (Hong Kong) Ltd. Unit 706, North Tower, World Finance Centre, Harbour City, Canton Road Tsim Sha Tsui, Kowloon Hong Kong Tel: 27359218 Fax: 27306071
4


▲Up To Search▲   

 
Price & Availability of 2SK1623

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X