Part Number Hot Search : 
VSC870 ADP5042 ST2050AX MB39A12 BSP280 MP6TP 02241 NTH1209M
Product Description
Full Text Search
 

To Download 2SC5287 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SC5287
Silicon NPN Triple Diffused Planar Transistor (High Voltage Switchihg Transistor) sAbsolute maximum ratings (Ta=25C)
Symbol VCBO VCEO VEBO IC IB PC Tj Tstg 2SC5287 900 550 7 5(Pulse10) 2.5 80(Tc=25C) 150 -55 to +150 Unit V V V A A W C C
Application : Switching Regulator and General Purpose
(Ta=25C) 2SC5287 100max 100max 550min 10 to 25 0.5max 1.2max 6typ 50typ V MHz pF
5.450.1 B C E 20.0min 4.0max
sElectrical Characteristics
Symbol ICBO IEBO V(BR)CEO hFE VCE(sat) VBE(sat) fT COB Conditions VCB=800V VEB=7V IC=10mA VCE=4V, IC=1.8A IC=1.8A, IB=0.36A IC=1.8A, IB=0.36A VCE=12V, IE=-0.35A VCB=10V, f=1MHz
External Dimensions MT-100(TO3P)
5.00.2 15.60.4 9.6 2.0 1.8 4.80.2 2.00.1
Unit
A A
V
19.90.3
4.0
a b
o3.20.1
V
2 3 1.05 +0.2 -0.1 5.450.1 0.65 +0.2 -0.1 1.4
sTypical Switching Characteristics (Common Emitter)
VCC (V) 250 RL () 139 IC (A) 1.8 VBB1 (V) 10 VBB2 (V) -5 IB1 (A) 0.27 IB2 (A) -0.9 ton (s) 0.7max tstg (s) 4.0max tf (s) 0.5max
Weight : Approx 6.0g a. Type No. b. Lot No.
IC - VCE Characteristics (Typical)
5
0 70 mA
600mA
VCE(sat),VBE(sat) - IC Temperature Characteristics (Typical)
Collector-Emitter Saturation Voltage V C E (s at )( V ) Base-Emitter Saturation Voltage V B E (s at)( V) 1.5 IC/I B= 5 Const.
I C - VBE Temperature Characteristics (Typical)
(V C E= 4V) 7
4 Collector Current I C (A)
400 mA
6 Collector Current I C (A) 0.5 1 57
5
250 mA
3
1.0 V B E( sat)
4
150 mA
2
3
0.5
I B =50mA
2
1
1 V C E( sat) 0 0.03 0.05 0.1 0 0 0.5 1.0
0
0
1
2
3
4
Collector-Emitter Voltage V C E( V)
Collector Current I C( A)
Base-Emittor Voltage V B E( V)
(VCE=4V) 40 DC Cur rent Gain h F E
j - a( C/W)
hFE - IC Characteristics (Typical)
ton*t st g*t f ( s)
125C 25C 6 5
ton*t stg * tf - IC Characteristics (Typical)
j-a - t Characteristics
3
V C C 250V IC:I B1: I B2= 1:0.15:-0.5 1 0.5 ton 0.1 0.2 tf
t s tg
10
Swi tchi ng T im e
-55C
Transient Thermal Resistance
1
0.5
5 4 0.02
0.05
0.1
0.5
1
5
10
0.5
1
5
0.3
1
10 Time t(ms)
100
1000
Collector Current I C( A)
Collector Current I C( A)
Safe Operating Area (Single Pulse)
20 10
10
Reverse Bias Safe Operating Area
20 80
P c - T a Derating
50
0 s
5 Co lle ctor Cu rre nt I C (A)
5 Co lle ctor Cu rre nt I C (A)
Ma xim um Powe r Dissipat io n P C( W)
s
10
60
W ith In fin ite
1 0.5
1 0.5 Without Heatsink Natural Cooling IB2=-1.0A L=3mH Duty:less than 1%
he
40
at si nk
Without Heatsink Natural Cooling 0.1 0.05 0.03 10 50 100 500
20
0.1 0.05 0.03 50
Without Heatsink 100 500 1000 3.5 0 0 25 50 75 100 125 150
Collector-Emitter Voltage V C E( V)
Collector-Emitter Voltage V C E( V)
Ambient Temperature Ta(C)
133


▲Up To Search▲   

 
Price & Availability of 2SC5287

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X