Part Number Hot Search : 
LS05A BDV65B BDV65B C3506 1N4731 B4133 74AHC SUT390J
Product Description
Full Text Search
 

To Download 2SC4511 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SC4511
Silicon NPN Triple Diffused Planar Transistor (Complement to type 2SA1725) sAbsolute maximum ratings (Ta=25C)
Symbol VCBO VCEO VEBO IC IB PC Tj Tstg 2SC4511 120 80 6 6 3 30(Tc=25C) 150 -55 to +150 Unit V V V A A W C C
Application : Audio and General Purpose
(Ta=25C) 2SC4511 10max 10max 80min 50min 0.5max 20typ 110typ V MHz pF
13.0min
sElectrical Characteristics
Symbol ICBO IEBO V(BR)CEO hFE VCE(sat) fT COB hFE Rank Conditions VCB=120V VEB=6V IC=25mA VCE=4V, IC=2A IC=2A, IB=0.2A VCE=12V, IE=-0.5A VCB=10V, f=1MHz
External Dimensions FM20(TO220F)
4.00.2 10.10.2 4.20.2 2.8 c0.5
Unit
A
V
16.90.3 8.40.2
A
1.350.15 1.350.15 0.85 +0.2 -0.1 0.45 +0.2 -0.1 2.54 2.20.2 2.40.2
O(50 to100), P(70 to140), Y(90 to180)
2.54
sTypical Switching Characteristics (Common Emitter)
VCC (V) 30 RL () 10 IC (A) 3 VBB1 (V) 10 VBB2 (V) -5 IB1 (A) 0.3 IB2 (A) -0.3 ton (s) 0.16typ tstg (s) 2.60typ tf (s) 0.34typ
3.9 BCE
IC - VCE Characteristics (Typical)
0m A
15 0m A
1 m 00 A
A 80m
VCE( sat ) - I B Characteristics (Typical)
Collector-Emitter Saturation Voltage V C E (s at)( V ) 3
I C - VBE Temperature Characteristics (Typical)
6 (V CE= 4V)
6
20
5 Collector Current I C (A)
50 mA
Collector Current I C( A)
4
2
4
3
30mA
Cas e Te mp (Cas e Tem ) p)
1
I C =6A 4A 2A 0 0 0.5 1.0 1.5 0 0
0
0
1
2
3
4
-30C
25C
125
IB=10mA
C (
(Case
2
20mA
1
2
1 Base-Emittor Voltage V B E( V)
Temp
)
0.2
0.80.2
a b
o3.30.2
Weight : Approx 2.0g a. Type No. b. Lot No.
2
Collector-Emitter Voltage V C E( V)
Base Current I B( A)
hFE - IC Characteristics (Typical)
(V C E= 4V) 300 DC Curr ent Gain h F E
h FE - I C Temperature Characteristics (Typical)
(V C E= 4V) 200 125C DC Cur rent Gain h FE
j- a( C/W)
j-a - t Characteristics
5
100
25C -30C
100
Typ
50
Transient Thermal Resistance
1
50
0.5 0.4 1 10 100 Time t(ms) 1000 2000
30 0.02
0.1
0.5
1
56
20 0.02
0.1
0.5
1
56
Collector Current I C( A)
Collector Current I C( A)
fT - IE Characteristics (Typical)
(V C E= 12V) 40 20 10 Cu t-off Fre quen cy f T( M H Z) 30 Collector Curre nt I C( A) 5
Safe Operating Area (Single Pulse)
30
10 m
P c - T a Derating
10
DC
0m
M aximum Power Dissipa ti on P C( W)
s
W
s
ith
Typ
20
In fin ite he
20
1 0.5
at si nk
10
10
Without Heatsink Natural Cooling 0.1
Without Heatsink 2 5 10 50 100 0 0 25 50 75 100 125 150
0 -0.02
-0.1
-1
-6
0.05 3
Emitter Current I E( A)
Collector-Emitter Voltage V C E( V)
Ambient Temperature Ta(C)
110


▲Up To Search▲   

 
Price & Availability of 2SC4511

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X