Part Number Hot Search : 
P9630 NCP5392Q 22S1GD08 2SA111 11105 00121 M2150 FR305
Product Description
Full Text Search
 

To Download 2SC3904 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistor
2SC3904
Silicon NPN epitaxial planer type
For 2GHz band low-noise amplification
Unit: mm
2.8 -0.3
+0.2
s Features
q q
0.650.15
+0.25 1.5 -0.05
0.650.15
0.95
2
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Collector current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC PC Tj Tstg
1.1 -0.1
(Ta=25C)
Ratings 15 10 2 65 200 150 -55 ~ +150 Unit V V V mA mW C C
1:Base 2:Emitter 3:Collector
JEDEC:TO-236 EIAJ:SC-59 Mini Type Package
Marking symbol : 3S
s Electrical Characteristics
Parameter Collector cutoff current Emitter cutoff current Forward current transfer ratio Transition frequency Collector output capacitance Foward transfer gain Maximum unilateral power gain Noise figure
(Ta=25C)
Symbol ICBO IEBO hFE fT Cob | S21e |2 GUM NF Conditions VCB = 10V, IE = 0 VEB = 1V, IC = 0 VCE = 8V, IC = 20mA VCE = 8V, IC = 20mA, f = 0.8GHz VCB = 10V, IE = 0, f = 1MHz VCE = 8V, IC = 20mA, f = 1.5GHz VCE = 8V, IC = 20mA, f = 1.5GHz VCE = 8V, IC = 7mA, f = 1.5GHz 7 50 7.0 120 8.5 0.6 9 10 2.2 3 1 min typ max 1 1 300 GHz pF dB dB dB Unit A A
0 to 0.1
0.1 to 0.3 0.40.2
0.8
0.16 -0.06
+0.2
+0.1
0.4 -0.05
+0.1
High transition frequency fT. Mini type package, allowing downsizing of the equipment and automatic insertion through the tape packing and the magazine packing.
0.95
2.9 -0.05
1
1.90.2
+0.2
3
1.45
1
Transistor
PC -- Ta
240 30 Ta=25C 200 25 IB=250A 100
2SC3904
IC -- VCE
120 VCE=8V
IC -- VBE
Collector power dissipation PC (mW)
Collector current IC (mA)
Collector current IC (mA)
160
20
200A
80 Ta=75C 60
25C
-25C
120
15
150A
80
10
100A
40
40
5
50A
20
0 0 20 40 60 80 100 120 140 160
0 0 2 4 6 8 10 12
0 0 0.2 0.4 0.6 0.8 1.0 1.2
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Base to emitter voltage VBE (V)
VCE(sat) -- IC
Collector to emitter saturation voltage VCE(sat) (V)
10 3 1 0.3 0.1 0.03 0.01 0.003 0.001 0.1 Ta=75C 25C -25C IC/IB=10 240
hFE -- IC
12 VCE=8V
fT -- IC
VCB=8V f=1.5GHz Ta=25C
Forward current transfer ratio hFE
200
Transition frequency fT (GHz)
10 30 100
10
160
Ta=75C
8
120 25C 80 -25C 40
6
4
2
0.3
1
3
10
30
100
0 0.1
0 0.3 1 3 1 3 10 30 100
Collector current IC (mA)
Collector current IC (mA)
Collector current IC (mA)
Cob -- VCB
Collector output capacitance Cob (pF)
IE=0 f=1MHz Ta=25C
GUM -- IC
Maximum unilateral power gain GUM (dB)
12 VCE=8V f=1.5GHz Ta=25C 6
NF -- IC
VCE=8V f=1.5GHz Ta=25C
1.2
1.0
10
5
0.8
8
Noise figure NF (dB)
0.3 1 3 10 30 100
4
0.6
6
3
0.4
4
2
0.2
2
1
0 1 3 10 30 100
0 0.1
0 0.1
0.3
1
3
10
30
100
Collector to base voltage VCB (V)
Collector current IC (mA)
Collector current IC (mA)
2


▲Up To Search▲   

 
Price & Availability of 2SC3904

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X