Part Number Hot Search : 
AOD474BL 14514 MY51D LT44301 14514 MY51D BDA224P 00200
Product Description
Full Text Search
 

To Download 2N4392 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N/PN/SST4391 Series
N-Channel JFETs
2N4391 2N4392 2N4393 Product Summary
Part Number
2N/PN/SST4391 2N/PN/SST4392 2N/PN/SST4393
PN4391 PN4392 PN4393
SST4391 SST4392 SST4393
VGS(off) (V)
-4 to -10 -2 to -5 -0.5 to -3
rDS(on) Max (W)
30 60 100
ID(off) Typ (pA)
5 5 5
tON Typ (ns)
4 4 4
Features
D D D D D Low On-Resistance: 4391<30 W Fast Switching--tON: 4 ns High Off-Isolation: ID(off) with Low Leakage Low Capacitance: < 3.5 pF Low Insertion Loss
Benefits
D D D D D Low Error Voltage High-Speed Analog Circuit Performance Negligible "Off-Error," Excellent Accuracy Good Frequency Response, Low Glitches Eliminates Additional Buffering
Applications
D D D D D D Analog Switches Choppers Sample-and-Hold Normally "On" Switches Current Limiters Commutators
Description
The 2N/PN/SST4391 series features many of the superior characteristics of JFETs which make it a good choice for demanding analog switching applications and for specialized amplifier circuits. The 2N series hermetically-sealed TO-206AA (TO-18) can is available with processing per MIL-S-19500 (see Military Information). Both the PN, TO-226AA (TO-92), and SST, TO-236 (SOT-23), series are available in tape-and-reel for automated assembly (see Packaging Information). For similar dual products, see the 2N5564/5565/5566 data sheet.
TO-206AA (TO-18) S 1 S
TO-226AA (TO-92) D 1 D 2 S 2 1
TO-236 (SOT-23)
3
G
2 D Top View 2N4391 2N4392 2N4393
3 G and Case
G
3
Top View PN4391 PN4392 PN4393
Top View SST4391 (CA)* SST4392 (CB)* SST4393 (CC)* *Marking Code for TO-236
Updates to this data sheet may be obtained via facsimile by calling Siliconix FaxBack, 1-408-970-5600. Please request FaxBack document #70241. Applications information may also be obtained via FaxBack, request document #70597 and 70599.
Siliconix E-77090--Rev. E, 11-Aug-97
1
2N/PN/SST4391 Series
Absolute Maximum Ratings
Gate-Drain, Gate-Source Voltage: (2N/PN Prefixes) . . . . . . . . . . . . . . . -40 V (SST Prefix) . . . . . . . . . . . . . . . . . . . -35 V Gate Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 mA Lead Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300 _C Storage Temperature : (2N Prefix) . . . . . . . . . . . . . . -65 to 200 _C (PN/SST Prefixes) . . . . . . . . -55 to 150 _C Operating Junction Temperature : (2N Prefix) . . . . . . . . . . . . . . -55 to 200 _C (PN/SST Prefixes) . . . . . . . . -55 to 150 _C Power Dissipation : (2N Prefix)a . . . . . . (TC = 25_C) 1800 mW (PN/SST Prefixes)b . . . . . . . . . . . 350 mW
Notes a. Derate 10 mW/_C above 25_C b. Derate 2.8 mW/_C above 25_C
Specificationsa
Limits
4391 4392 4393
Parameter Static
Gate-Source Breakdown Voltage Gate-Source Cutoff Voltage Saturation Drain S t ti D i Currentc
Symbol
Test Conditions
Typb
Min
Max
Min
Max
Min
Max
Unit
V(BR)GSS VGS( ff) GS(off)
IG = -1 mA, VDS = 0 V VDS = 20 V VDS = 15 V 2N/PN: ID = 1 nA SST: ID = 10 nA 2N PN SST VGS = -20 V VDS = 0 V 2N/SST PN
-55
-40 -4 4 50 50 50 -10 10 150 150 -100 -1000 -200 -200
-40 -2 2 25 25 25 -100 -1000 -200 -200 -5 5 75 100
-40 V -0.5 05 5 5 5 -100 -1000 -200 -200 nA pA -3 3 30 60 mA
IDSS
VDS = 20 V, VGS = 0 V
-5 -5 -13 -1 -3 -5 5 5 5 0.005 0.005 0.005 5 13 13 13 1 1 1 3 0.25 0.3 0.35
Gate Reverse Current
IGSS
2N: TA = 150_C PN: TA = 100_C SST: TA = 125_C
Gate Operating Current
IG
VDG = 15 V, ID = 10 mA 2N: VGS = -5 V 2N: VGS = -7 V VDS = 20 V 2N: VGS = -12 V PN: VGS = -5 V PN: VGS = -7 V PN: VGS = -12 V SST VDS = 10 V, VGS = -10 V
100 100 100 1 1 1 100 100 200 200 200 200 200 nA 100 200 pA nA pA
Drain Cutoff Current
ID(off) VDS = 20 V TA = 150 C 150_C
2N: VGS = -5 V 2N: VGS = -7 V 2N: VGS = -12 V PN: VGS = -5 V VDS = 20 V TA = 100 C 100_C VDS = 10 V TA = 125_C PN: VGS = -7 V PN: VGS = -12 V SST: VGS = -10 V ID = 3 mA
0.4 0.4 0.4 V
Drain-Source DiS On-Voltage On Voltage
VDS(on)
VGS = 0 V
ID = 6 mA ID = 12 mA
2
Siliconix E-77090--Rev. E, 11-Aug-97
2N/PN/SST4391 Series
Specificationsa
Limits
4391 4392 4393
Parameter Static (Cont'd)
Drain-Source On-Resistance Gate-Source Forward Voltage
Symbol
Test Conditions
Typb
Min
Max
Min
Max
Min
Max
Unit
rDS(on) VGS(F)
VGS = 0 V, ID = 1 mA IG = 1 mA VDS = 0 V 2N PN/SST 0.7 0.7
30 1
60 1
100 1
W V
Dynamic
Common-Source Forward Transconductance Common-Source Output Conductance Drain-Source On-Resistance Common-Source C S Input Capacitance gfs VDS = 20 V, ID = 1 mA, f = 1 kHz S gos rDS(on) VGS = 0 V, ID = 0 mA , f = 1 kHz 2N Ciss VDS = 20 V VGS = 0 V V, f = 1 MHz PN SST 2N: VGS = -5 V 2N: VGS = -7 V 2N: VGS = -12 V Common Source Common-Source Reverse Transfer Capacitance PN: VGS = -5 V Crss VDS = 0 V f = 1 MHz PN: VGS = -7 V PN: VGS = -12 V SST: VGS = -5 V SST: VGS = -7 V SST: VGS = -12 V Equivalent Input Noise Voltage en VDS = 10 V, ID = 10 mA f = 1 kHz 12 12 13 3.3 3.2 2.8 3.5 3.4 3.0 3.6 3.5 3.1 3 nV Hz 5 5 3.5 5 pF 3.5 3.5 25 30 14 16 60 14 16 100 14 16 mS W 6 mS
Switching
td( ) d(on) Turn On Time Turn-On tr td( ff) d(off) Turn-Off Time tf VDD = 10 V VGS(H) = 0 V See Switching Circuit 2N/PN SST 2N/PN SST 2N/PN SST 2N/PN SST 2 2 2 2 6 6 13 13 NCB 15 20 30 20 35 50 5 5 5 ns 15 15 15
Notes a. TA = 25_C unless otherwise noted. b. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing. c. Pulse test: PW v300 ms duty cycle v3%.
Siliconix E-77090--Rev. E, 11-Aug-97
3
2N/PN/SST4391 Series
Typical Characteristics
100 rDS(on) - Drain-Source On-Resistance ( W )
On-Resistance and Drain Current vs. Gate-Source Cutoff Voltage
rDS @ ID = 1 mA, VGS = 0 V IDSS @ VDS = 20 V, VGS = 0 V
200 rDS(on) - Drain-Source On-Resistance ( W ) I DSS - Saturation Drain Current (mA)
100
On-Resistance vs. Drain Current
TA = 25_C
80 IDSS
160
80 VGS(off) = -2 V
60
rDS
120
60
40
80
40
-4 V -8 V
20
40
20
0 0 -2 -4 -6 -8 -10 VGS(off) - Gate-Source Cutoff Voltage (V)
0
0 1 10 ID - Drain Current (mA) 100
On-Resistance vs. Temperature
200 rDS(on) - Drain-Source On-Resistance ( W ) ID = 1 mA rDS changes X 0.7%/_C 160 Switching Time (ns)
5
Turn-On Switching
tr approximately independent of ID VDD = 5 V, RG = 50 W VGS(L) = -10 V tr
4
120 VGS(off) = -2 V 80 -4 V 40 -8 V
3 td(on) @ ID = 12 mA 2 td(on) @ ID = 3 mA
1
0 -55 -35 -15 5 25 45 65 85 105 125 TA - Temperature (_C) 30
0 0 -2 -4 -6 -8 -10 VGS(off) - Gate-Source Cutoff Voltage (V) 30
Turn-Off Switching
td(off) independent of device VGS(off) VDD = 5 V, VGS(L) = -10 V
Capacitance vs. Gate-Source Voltage
f = 1 MHz VDS = 0 V
24 Switching Time (ns) Capacitance (pF)
24
18 tf td(off) 6 VGS(off) = -8 V 0 0 2 4
VGS(off) = -2 V
18
12
12 Ciss 6 Crss 0
6
8
10
0
-4
-8
-12
-16
-20
ID - Drain Current (mA)
VGS - Gate-Source Voltage (V)
4
Siliconix E-77090--Rev. E, 11-Aug-97
2N/PN/SST4391 Series
Typical Characteristics (Cont'd)
100
Noise Voltage vs. Frequency
g fs - Forward Transconductance (mS) VDS = 10 V
50
Forward Transconductance and Output onductance vs. Gate-Source Cutoff Voltage*
500 gfs and gos @ VDS = 20 V VGS = 0 V, f = 1 kHz g fs - Forward Transconductance ( m S)
(nV / Hz)
40
400
30
gfs
gos
200
e n - Noise Voltage
10 ID = 1 mA
20
200
ID = 10 mA
10
100
1 10 100 1k f - Frequency (Hz) 10 k 100 k
0 0 -2 -4 -6 -8 -10 VGS(off) - Gate-Source Cutoff Voltage (V)
0
10 nA
Gate Leakage Current
IGSS @ 125_C TA = 125_C ID = 10 mA 100
Common-Gate Input Admittance
VDG = 10 V ID = 10 mA TA = 25_C 10 (mS) 1 mA big
1 nA I G - Gate Leakage
gig
100 pA
1 mA
10 pA TA = 25_C 1 pA
10 mA
IGSS @ 25_C
1
IG(on) @ ID 0.1 pA 0 6 12 18 24 30 VDG - Drain-Gate Voltage (V) 0.1 100 200 500 1000 f - Frequency (MHz)
Common-Gate Forward Admittance
100 VDG = 10 V ID = 10 mA TA = 25_C -gfg 10 (mS) (mS) gfg bfg 1.0 10
Common-Gate Reverse Admittance
VDG = 10 V ID = 10 mA TA = 25_C -brg
-grg 0.1
+grg
1
0.1 100 200 500 1000 f - Frequency (MHz)
0.01 100
200
500
1000
f - Frequency (MHz)
Siliconix E-77090--Rev. E, 11-Aug-97
5
2N/PN/SST4391 Series
Typical Characteristics (Cont'd)
Common-Gate Output Admittance
100 g fs - Forward Transconductance (mS) VDG = 10 V ID = 10 mA TA = 25_C bog 10 (mS) gog 100
Transconductance vs. Drain Current
VGS(off) = -2 V VDS = 10 V f = 1 kHz
TA = -55_C 25_C 10 125_C
1
0.1 100 200 500 1000 f - Frequency (MHz)
1 0.1 1.0 ID - Drain Current (mA) 10
100
Output Characteristics
VGS(off) = -4 V
100
Transfer Characteristics
VGS(off) = -4 V VDS = 20 V
80 I D - Drain Current (mA) I D - Drain Current (mA)
80 TA = -55_C 60 25_C 40
60
VGS = 0 V -0.5 V
40
-1.0 V -1.5 V
20
-2.0 V -2.5 V 0 2 4 6 8 10
20 125_C
0 VDS - Drain-Source Voltage (V)
0 0 -1 -2 -3 -4 -5 VGS - Gate-Source Voltage (V)
Switching Time Test Circuit
4391
VGS(L) RL* ID(on) *Non-inductive -12 V 800 W 12 mA
VDD
RL
4392
-7 V 1600 W 6 mA
4393
-5 V 3000 W 3 mA VGS(L) 1 kW VIN Scope 51 W VGS(H) OUT
Input Pulse
Rise Time < 1 ns Fall Time < 1 ns Pulse Width 100 ns PRF 1 MHz
Sampling Scope
Rise Time 0.4 ns Input Resistance 10 MW Input Capacitance 1.5 pF
51 W
See Typical Characteristics curves for changes.
6
Siliconix E-77090--Rev. E, 11-Aug-97


▲Up To Search▲   

 
Price & Availability of 2N4392

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X