Part Number Hot Search : 
2SD1455 SF315B 10051 MP508W 74HC14 C5006 SOT23 TCD10
Product Description
Full Text Search
 

To Download 2N3998 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet No. 2C5154
Chip Type 2C5154 Geometry 9201 Polarity NPN
Generic Packaged Parts: 2N4150, 2N51512, 2N5154, 2N5339
Chip type 2C5154 by Semicoa Semiconductors provides performance similar to these devices.
Part Numbers:
2N3998, 2N3999, 2N4150, 2N4150S, 2N5152, 2N5152L, 2N5154, 2N5154L, 2N5339
Product Summary: APPLICATIONS: Designed for medium power amplifier and switching and wide band amplifier applications. Features: * Medium power ratings
Al - 37.5 kA min. Au - 6.5 kA nom. 12 mils x 40 mils 12 mils x 30 mils 8 mils nominal 100 mils x 100 mils Silox Passivated
Mechanical Specifications
Metallization Bonding Pad Size Die Thickness Chip Area Top Surface Top Backside Emitter Base
Electrical Characteristics
TA = 25oC
Parameter
BVCBO ICES IEBO hFE
Test conditions
IC = 10 mA, IE = 0 VCE = 60 V, IE = 0 VBE = 4.0 VC, IC = 0 IC = 50 mA dc, VCE = 5.0 V
Min
80 ----50
Max
--1.0 1.0 ---
Unit
V dc A A ---
hFE IC = 2.5 A dc, VCE = 5.0 V 70-200 ----Due to limitations of probe testing, only dc parameters are tested. This must be done with pulse width less than 300 s, duty cycle less than 2%.


▲Up To Search▲   

 
Price & Availability of 2N3998

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X