Part Number Hot Search : 
1ETTE MMSZ15T3 ITA6V5B1 KSC5305 UM10562 AB805 ON1971 BAS140W
Product Description
Full Text Search
 

To Download 2N38662N3866A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 140 COMMERCE DRIVE MONTGOMERYVILLE, PA 18936-1013 PHONE: (215) 631-9840 FAX: (215) 631-9855
2N3866 / 2N3866A
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
Features
* * Silicon NPN, To-39 packaged VHF/UHF Transistor Specified 400 MHz, 28Vdc Characteristics - Output Power = 1.0 Watt - Minimum Gain = 10 dB - Efficiency = 45% 800 MHz Current-Gain Bandwidth Product
*
1. Emitter 2. Base 3. Collector
TO-39
DESCRIPTION:
Silicon NPN transistor, designed for VHF and UHF equipment. Applications include amplifier; pre-driver, driver, and output stages. Also suitable for oscillator and frequency-multiplier functions.
ABSOLUTE MAXIMUM RATINGS (Tcase = 25C)
Symbol VCEO VCBO VEBO IC Parameter Collector-Emitter Collector-Base Voltage Emitter-Base Voltage Collector Current Value 30 55 3.5 400 Unit Vdc Vdc Vdc mA
Thermal Data
P
D Total Device Dissipation Derate above 25C 5.0 28.6 Watts mW/ C
MSC1067.PDF 3-10-99
2N3866 / 2N3866A
ELECTRICAL SPECIFICATIONS (Tcase = 25C)
STATIC (off)
Symbol BVCER BVCEO BVCBO BVEBO ICEO ICEX Test Conditions Min. Collector-Emitter Breakdown Voltage (IC = 5.0 mAdc, RBE = 10 ohms) Collector-Emitter Sustaining Voltage (IC=5.0 mAdc, IB=0) Collector-Base Breakdown Voltage (IE = 0, IC = 0.1 mAdc) Emitter-Base Breakdown Voltage (IE = 0.1 mAdc, IC = 0) Collector Cutoff Current (VCE = 28 Vdc, IB = 0) Collector Cutoff Current (VCE = 55 Vdc, VBE = 1.5 Vdc) 55 30 55 3.5 Value Typ. Max. 20 100 Unit Vdc Vdc Vdc Vdc A A
(on)
HFE DC Current Gain (IC = 360 mAdc, VCE = 5.0 Vdc) Both (IC = 50 mAdc, VCE = 5.0 Vdc) 2N3866 (IC = 50 mAdc, VCE = 5.0 Vdc) 2N3866A Collector-Emitter Saturation Voltage (IC = 100 mAdc, IB = 20 mAdc) 5.0 10 25 200 200 -
VCE(sat)
-
-
1.0
Vdc
DYNAMIC
Symbol fT Test Conditions Min. Current-Gain - Bandwidth Product (IC = 50 mAdc, VCE = 15 Vdc, f = 200 MHz) Output Capacitance (VCB = 30 Vdc, IE = 0, f = 1.0 MHz) 2N3866 2N3866A 500 800 Value Typ. 800 2.8 Max. 3.5 Unit MHz
COB
pF
MSC1067.PDF 3-10-99
2N3866 / 2N3866A
FUNCTIONAL
Symbol GPE Power Gain Test Conditions Min. Test Circuit-Figure 1 Pin = 0.1 W, VCE = 28Vdc f = 400 MHz, TC = 25 C Test Circuit-Figure 1 Pin = 0.1 W, VCE = 28Vdc f = 400 MHz, TC = 25 C Test Circuit-Figure 1 Pin = 0.1 W, VCE = 28Vdc f = 400 MHz, TC = 25 C 10 Value Typ. Max. Unit dB
Pout
Output Power
1.0
-
-
Watts
Collector Efficiency C
45
-
-
%
8-60
LS
POUT (RL=50 OHMS)
PIN (R S=50 OHMS) L1
8-60
RFC
RFC 0.9-7
3-35
12
RFC
5.6 OHMS 1000
VCE = -28V
Figure 1 - 400 MHz RF AMPLIFIER CIRCUIT FOR GPE, POUT, AND EFFICIENCY SPECIFICATIONS.
L1: 2 TURNS No. 18 wire, 1/4" ID, 1/8" long Capacitor values in pF unless otherwise indicated.
Ls: 2 3/4 TURNS No. 18 wire, 1/4" ID, 3/16" long Tuning capacitors are air variable
MSC1067.PDF 3-10-99
2N3866 / 2N3866A
.
RF Low Power PA, LNA, and General Purpose Discrete Selector Guide
GPE Freq (MHz) Efficiency (%) Freq (MHz) NF (dB) NF IC (mA) NF VCE GNF (dB) Gu Max (dB)
12 11.4 15 17 13 5.5 11 14 11 16.5 14.5 15.5 14 15 17.8 15 18 20 15 15 11 14 10 8 10 11 12.5 17.8 14.5 17
IC max (mA)
SO-8 TO-39 POWER MACRO POWER MACRO TO-39 TO-39 TO-72
MA C R O X MA C R O X TO-39 SO-8 POWER MACRO POWER MACRO MA C R O X MA C R O X SO-8 POWER MACRO POWER MACRO
MRF4427, R2 2N4427 MRF553 MRF553T MRF607 2N6255 2N5179
MRF559 MRF559 2N3866A MRF555 MRF555T MRF559 MRF559 MRF8372,R1,R2 MRF557 MRF557T
NPN 175 NPN 175 NPN 175 NPN 175 NPN 175 NPN 175 NPN 200
NPN 512 NPN 512 NPN 400 NPN 470 NPN 470 NPN 870 NPN 870 NPN 870 NPN 870 NPN 870
0.15 1 1.5 1.5 1.75 3
18 10 11.5 11.5 11.5 7.8 20
60 50 60 50 50 50
12 12 12.5 12.5 12.5 12.5 6
20 20 16 16 16 12
16 16 30 30 16 16 16 16 16 16 16
400 400 500 500 330 50
150 150 400 400 400 400 150 150 200 400 400
TO-39 TO-39 SO-8 TO-72 TO-72 TO-39 TO-72 TO-72 MACRO T
2N5109 MRF5943C MRF5943, R1, R2 2N5179 2N2857 MRF517 MRF904 2N6304 BFR91 BFR96 MRF5812, R1, R2 MRF581A BFR90 BFY90 MRF914 MRF581 MRF586 MRF951 MRF571 BFR91 BFR90
NPN NPN NPN NPN NPN NPN NPN NPN NPN NPN NPN NPN NPN NPN NPN NPN NPN NPN NPN NPN NPN
200 200 200 200 300 300 450 450 500 500 500 500 500 500 500 500 500 1000 1000 1000 1000
3 3.4 3.4 4.5 5.5 7.5 1.5 5 1.9 2 2 2 2.4 2.5 2.5 2.5 3 1.3 1.5 2.5 3
10 30 30 1.5 50 50 5 2 2 10 50 50 2 2 5 50 90 5 10 2 2
15 15 15 6 6 15 6 5 5 10 10 10 10 5 10 10 15 6 6 5 10
1200 1000 1300 900 1600 4600 4000 1400 5000 500 5000 5000 5000 1300 4500 5000 4500 8000 8000 5000 5000
3.5
1 1 3 1 1 1 2.6
18 1000
0.5 0.5 1 1 1.5 1.5 0.5 0.5 0.75 1.5 1.5
10 13 10 10 11 11 6.5 9.5 8 8 8
65 60 45 45 50 50 70 65 55 55 55
7.5 12.5 28 28 12.5 12.5 7.5 12.5 12.5 12.5 12.5
MACRO T SO-8 MACRO X Macro TO-72 TO-72 MACRO X TO-39 MACRO X MACRO X MACRO T MACRO T
M R F 3 8 6 6 , R 1 , R 2 NPN 400
2.2 0.45 1 1 1
TO-39 TO-39
MRF545 MRF544
PNP NPN
14 13.5
1400 1500
RF (Low Power PA / General Purpose) Selection
RF (LNA / General Purpose) Selection Guide
Low Cost RF Plastic Package Options
1 1 2 3 4 2 2 3 1 8 1 5 4
MSC1067.PDF 3-10-99
Macro T
Macro X
Power
SO-8
Ccb(pF) BVCEO IC max (mA)
20 30 30 12 15 25 15 15 12 15 15 15 1 15 15 12 16 17 10 10 12 15 400 400 400 50 40 150 30 50 35 100 200 200 30 50 40 200 200 100 70 35 30
Device
Ftau (MHz)
GPE (dB)
GPE VCC
Package
BVCEO
Packag
Device
Type
Type
Pout
2
70 400 70 400
2N3866 / 2N3866A
MSC1067.PDF 3-10-99


▲Up To Search▲   

 
Price & Availability of 2N38662N3866A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X