Part Number Hot Search : 
C1827 QS32390 B9419 2SC40 J110C E46C1 MP2205A EAC319
Product Description
Full Text Search
 

To Download 24LC04B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 24LC04B/08B
4K/8K 2.5V I2CTM Serial EEPROMs
FEATURES
* Single supply with operation down to 2.5V * Low power CMOS technology - 1 mA active current typical - 10 A standby current typical at 5.5V - 5 A standby current typical at 3.0V * Organized as two or four blocks of 256 bytes (2 x 256 x 8) and (4 x 256 x 8) * 2-wire serial interface bus, I2CTM compatible * Schmitt trigger, filtered inputs for noise suppression * Output slope control to eliminate ground bounce * 100 kHz (2.5V) and 400 kHz (5V) compatibility * Self-timed write cycle (including auto-erase) * Page-write buffer for up to 16 bytes * 2 ms typical write cycle time for page-write * Hardware write protect for entire memory * Can be operated as a serial ROM * Factory programming (QTP) available * ESD protection > 4,000V * 1,000,000 erase/write cycles guaranteed * Data retention > 200 years * 8-pin DIP, 8-lead or 14-lead SOIC packages * Available temperature ranges: - Commercial (C): 0C to +70C - Industrial (I): -40C to +85C
PACKAGE TYPES
PDIP A0 A1 A2 VSS 1 24LC04B/08B 2 3 4 8 7 6 5 VCC WP SCL SDA
8-lead SOIC
A0 A1 A2 VSS
1
24LC04B/08B
8 7 6 5
VCC WP SCL SDA
2 3 4
14-lead SOIC
NC A0 A1 NC A2 VSS NC 1 2 3 4 5 6 7 14 13 12 11 10 9 8 NC VCC WP NC SCL SDA NC
24LC04B/08B
DESCRIPTION
The Microchip Technology Inc. 24LC04B/08B is a 4K or 8K bit Electrically Erasable PROM. The device is organized as two or four blocks of 256 x 8-bit memory with a 2-wire serial interface. Low voltage design permits operation down to 2.5 volts with typical standby and active currents of only 5 A and 1 mA respectively. The 24LC04B/08B also has a page-write capability for up to 16 bytes of data. The 24LC04B/08B is available in the standard 8-pin DIP and both 8-lead and 14-lead surface mount SOIC packages.
BLOCK DIAGRAM
WP HV GENERATOR
I/O CONTROL LOGIC
MEMORY CONTROL LOGIC
XDEC
EEPROM ARRAY (2 x 256 x 8) or (4 X 256 X 8) PAGE LATCHES
SDA
SCL YDEC
VCC VSS
SENSE AMP R/W CONTROL
I2C is a trademark of Philips Corporation.
(c) 1998 Microchip Technology Inc.
DS21051F-page 1
24LC04B/08B
1.0
1.1
ELECTRICAL CHARACTERISTICS
Maximum Ratings*
TABLE 1-1:
Name VSS SDA SCL WP VCC A0, A1, A2
PIN FUNCTION TABLE
Function Ground Serial Address/Data I/O Serial Clock Write Protect Input +2.5V to 5.5V Power Supply No Internal Connection
VCC...................................................................................7.0V All inputs and outputs w.r.t. VSS ...............-0.3V to VCC + 1.0V Storage temperature ..................................... -65C to +150C Ambient temp. with power applied................. -65C to +125C Soldering temperature of leads (10 seconds) ............. +300C ESD protection on all pins .................................................. 4 kV
*Notice: Stresses above those listed under "Maximum ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at those or any other conditions above those indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for extended periods may affect device reliability.
TABLE 1-2:
DC CHARACTERISTICS
VCC = +2.5V to +5.5V Commercial (C): Tamb = 0C to +70C Industrial (I): Tamb = -40C to +85C
Parameter WP, SCL and SDA pins: High level input voltage Low level input voltage Hysteresis of Schmitt trigger Inputs Low level output voltage Input leakage current Output leakage current Pin capacitance (all inputs/outputs) Operating current Standby current
Symbol VIH VIL VHYS VOL ILI ILO CIN, COUT ICC WRITE ICC READ ICCS
Min .7 VCC -- .05 VCC -- -10 -10 -- -- -- -- --
Max -- .3 VCC -- .40 10 10 10 3 1 30 100
Units V V V V A A pF mA mA A A
(Note) IOL = 3.0mA, VCC = 2.5V VIN = .1V to VCC VOUT = .1V to VCC VCC = 5.0V (Note) Tamb = 25C, Fclk = 1 MHz VCC = 5.5V, SCL = 400 kHz VCC = 3.0V, SDA = SCL = VCC VCC = 5.5V, SDA = SCL = VCC WP = VSS
Note: This parameter is periodically sampled and not 100% tested.
FIGURE 1-1:
BUS TIMING START/STOP
VHYS
SCL
TSU:STA
SDA
THD:STA TSU:STO
START
STOP
DS21051F-page 2
(c) 1998 Microchip Technology Inc.
24LC04B/08B
TABLE 1-3: AC CHARACTERISTICS
STANDARD MODE Min
Clock frequency Clock high time Clock low time SDA and SCL rise time SDA and SCL fall time START condition hold time START condition setup time Data input hold time Data input setup time STOP condition setup time Output valid from clock Bus free time FCLK THIGH TLOW TR TF THD:STA TSU:STA THD:DAT TSU:DAT TSU:STO TAA TBUF -- 4000 4700 -- -- 4000 4700 0 250 4000 -- 4700
Parameter
Symbol
VCC = 4.5 - 5.5V FAST MODE Min
-- 600 1300 -- -- 600 600 0 100 600 -- 1300
Units
kHz ns ns ns ns ns ns ns ns ns ns ns
Remarks
Max
100 -- -- 1000 300 -- -- -- -- -- 3500 --
Max
400 -- -- 300 300 -- -- -- -- -- 900 --
(Note 1) (Note 1) After this period the first clock pulse is generated Only relevant for repeated START condition
(Note 2) Time the bus must be free before a new transmission can start
Output fall time from VIH min to VIL max Input filter spike suppression (SDA and SCL pins) Write cycle time Endurance
TOF TSP TWR
-- -- --
250 50 10
20 +0.1 CB -- --
250 50 10
ns ns ms
(Note 1), CB 100 pF
(Note 3) Byte or Page mode (Note 4)
--
1M
--
1M
--
cycles 25C, Vcc = 5.0V, Block Mode
Note 1: Not 100% tested. CB = total capacitance of one bus line in pF. 2: As a transmitter, the device must provide an internal minimum delay time to bridge the undefined region (minimum 300 ns) of the falling edge of SCL to avoid unintended generation of START or STOP conditions. 3: The combined TSP and VHYS specifications are due to new Schmitt trigger inputs which provide improved noise and spike suppression. This eliminates the need for a Ti specification for standard operation. 4: This parameter is not tested but guaranteed by characterization. For endurance estimates in a specific application, please consult the Total Endurance Model whcih can be obtained on our website.
FIGURE 1-2:
BUS TIMING DATA
TF THIGH TLOW TR
SCL
TSU:STA THD:STA
SDA IN
THD:DAT TSP TAA
TSU:DAT
TSU:STO
TAA
SDA OUT
THD:STA
TBUF
(c) 1998 Microchip Technology Inc.
DS21051F-page 3
24LC04B/08B
2.0 FUNCTIONAL DESCRIPTION
3.4 Data Valid (D)
The 24LC04B/08B supports a Bi-directional 2-wire bus and data transmission protocol. A device that sends data onto the bus is defined as transmitter, and a device receiving data as receiver. The bus has to be controlled by a master device which generates the serial clock (SCL), controls the bus access, and generates the START and STOP conditions, while the 24LC04B/08B works as slave. Both, master and slave can operate as transmitter or receiver but the master device determines which mode is activated. The state of the data line represents valid data when, after a START condition, the data line is stable for the duration of the HIGH period of the clock signal. The data on the line must be changed during the LOW period of the clock signal. There is one clock pulse per bit of data. Each data transfer is initiated with a START condition and terminated with a STOP condition. The number of the data bytes transferred between the START and STOP conditions is determined by the master device and is theoretically unlimited, although only the last 16 will be stored when doing a write operation. When an overwrite does occur it will replace data in a first in first out fashion.
3.0
BUS CHARACTERISTICS
The following bus protocol has been defined: * Data transfer may be initiated only when the bus is not busy. * During data transfer, the data line must remain stable whenever the clock line is HIGH. Changes in the data line while the clock line is HIGH will be interpreted as a START or STOP condition. Accordingly, the following bus conditions have been defined (Figure 3-1).
3.5
Acknowledge
Each receiving device, when addressed, is obliged to generate an acknowledge after the reception of each byte. The master device must generate an extra clock pulse which is associated with this acknowledge bit. Note: The 24LC04B/08B does not generate any acknowledge bits if an internal programming cycle is in progress.
3.1
Bus not Busy (A)
Both data and clock lines remain HIGH.
3.2
Start Data Transfer (B)
A HIGH to LOW transition of the SDA line while the clock (SCL) is HIGH determines a START condition. All commands must be preceded by a START condition.
3.3
Stop Data Transfer (C)
A LOW to HIGH transition of the SDA line while the clock (SCL) is HIGH determines a STOP condition. All operations must be ended with a STOP condition.
The device that acknowledges, has to pull down the SDA line during the acknowledge clock pulse in such a way that the SDA line is stable LOW during the HIGH period of the acknowledge related clock pulse. Of course, setup and hold times must be taken into account. A master must signal an end of data to the slave by not generating an acknowledge bit on the last byte that has been clocked out of the slave. In this case, the slave must leave the data line HIGH to enable the master to generate the STOP condition.
FIGURE 3-1:
(A) SCL
DATA TRANSFER SEQUENCE ON THE SERIAL BUS
(B) (D) (D) (C) (A)
SDA
START CONDITION
ADDRESS OR ACKNOWLEDGE VALID
DATA ALLOWED TO CHANGE
STOP CONDITION
DS21051F-page 4
(c) 1998 Microchip Technology Inc.
24LC04B/08B
3.6 Device Addressing
4.0
4.1
WRITE OPERATION
Byte Write
A control byte is the first byte received following the start condition from the master device. The control byte consists of a 4-bit control code, for the 24LC04B/ 08B this is set as 1010 binary for read and write operations. The next three bits of the control byte are the block select bits (B2, B1, B0). B2 is a don't care for both the 24LC04B and 24LC08B; B1 is a don't care for the 24LC04B. They are used by the master device to select which of the two or four 256 word blocks of memory are to be accessed. These bits are in effect the most significant bits of the word address. The last bit of the control byte defines the operation to be performed. When set to one a read operation is selected, when set to zero a write operation is selected. Following the start condition, the 24LC04B/08B monitors the SDA bus checking the device type identifier being transmitted, upon a 1010 code the slave device outputs an acknowledge signal on the SDA line. Depending on the state of the R/W bit, the 24LC04B/ 08B will select a read or write operation. Operation Read Write Control Code 1010 1010 Block Select Block Address Block Address R/W 1 0
Following the start condition from the master, the device code (4 bits), the block address (3 bits), and the R/W bit which is a logic low is placed onto the bus by the master transmitter. This indicates to the addressed slave receiver that a byte with a word address will follow after it has generated an acknowledge bit during the ninth clock cycle. Therefore the next byte transmitted by the master is the word address and will be written into the address pointer of the 24LC04B/08B. After receiving another acknowledge signal from the 24LC04B/08B the master device will transmit the data word to be written into the addressed memory location. The 24LC04B/08B acknowledges again and the master generates a stop condition. This initiates the internal write cycle, and during this time the 24LC04B/08B will not generate acknowledge signals (Figure 4-1).
4.2
Page Write
FIGURE 3-2:
START
CONTROL BYTE ALLOCATION
READ/WRITE SLAVE ADDRESS R/W A
1
0
1
0
X
B1
B0
The write control byte, word address and the first data byte are transmitted to the 24LC04B/08B in the same way as in a byte write. But instead of generating a stop condition the master transmits up to 16 data bytes to the 24LC04B/08B which are temporarily stored in the on-chip page buffer and will be written into the memory after the master has transmitted a stop condition. After the receipt of each word, the four lower order address pointer bits are internally incremented by one. The higher order seven bits of the word address remains constant. If the master should transmit more than 16 words prior to generating the stop condition, the address counter will roll over and the previously received data will be overwritten. As with the byte write operation, once the stop condition is received an internal write cycle will begin (Figure 4-2).
X = Don't care. B1 is don't care for 24LC04B.
FIGURE 4-1:
BUS ACTIVITY MASTER
BYTE WRITE
S T A R T CONTROL BYTE WORD ADDRESS DATA S T O P
SDA LINE
S
A C K A C K A C K
P
BUS ACTIVITY
FIGURE 4-2:
BUS ACTIVITY MASTER
PAGE WRITE
S T A R T CONTROL BYTE WORD ADDRESS (n) DATA n DATA n + 1 DATA n + 15 S T O P
SDA LINE BUS ACTIVITY
S
A C K A C K A C K A C K A C K
P
(c) 1998 Microchip Technology Inc.
DS21051F-page 5
24LC04B/08B
5.0 ACKNOWLEDGE POLLING 7.0 READ OPERATION
Since the device will not acknowledge during a write cycle, this can be used to determine when the cycle is complete (this feature can be used to maximize bus throughput). Once the stop condition for a write command has been issued from the master, the device initiates the internally timed write cycle. ACK polling can be initiated immediately. This involves the master sending a start condition followed by the control byte for a write command (R/W = 0). If the device is still busy with the write cycle, then no ACK will be returned. If the cycle is complete, then the device will return the ACK and the master can then proceed with the next read or write command. See Figure 5-1 for flow diagram. Read operations are initiated in the same way as write operations with the exception that the R/W bit of the slave address is set to one. There are three basic types of read operations: current address read, random read, and sequential read.
7.1
Current Address Read
FIGURE 5-1:
ACKNOWLEDGE POLLING FLOW
Send Write Command
The 24LC04B/08B contains an address counter that maintains the address of the last word accessed, internally incremented by one. Therefore, if the previous access (either a read or write operation) was to address n, the next current address read operation would access data from address n + 1. Upon receipt of the slave address with R/W bit set to one, the 24LC04B/08B issues an acknowledge and transmits the 8-bit data word. The master will not acknowledge the transfer but does generate a stop condition and the 24LC04B/08B discontinues transmission (Figure 7-1).
7.2
Random Read
Send Stop Condition to Initiate Write Cycle
Send Start
Send Control Byte with R/W = 0
Random read operations allow the master to access any memory location in a random manner. To perform this type of read operation, first the word address must be set. This is done by sending the word address to the 24LC04B/08B as part of a write operation. After the word address is sent, the master generates a start condition following the acknowledge. This terminates the write operation, but not before the internal address pointer is set. Then the master issues the control byte again but with the R/W bit set to a one. The 24LC04B/ 08B will then issue an acknowledge and transmits the 8-bit data word. The master will not acknowledge the transfer but does generate a stop condition and the 24LC04B/08B discontinues transmission (Figure 7-2).
7.3
Did Device Acknowledge (ACK = 0)? YES Next Operation NO
Sequential Read
Sequential reads are initiated in the same way as a random read except that after the 24LC04B/08B transmits the first data byte, the master issues an acknowledge as opposed to a stop condition in a random read. This directs the 24LC04B/08B to transmit the next sequentially addressed 8-bit word (Figure 7-3). To provide sequential reads the 24LC04B/08B contains an internal address pointer which is incremented by one at the completion of each operation. This address pointer allows the entire memory contents to be serially read during one operation.
6.0
WRITE PROTECTION
The 24LC04B/08B can be used as a serial ROM when the WP pin is connected to VCC. Programming will be inhibited and the entire memory will be write-protected.
7.4
Noise Protection
The 24LC04B/08B employs a VCC threshold detector circuit which disables the internal erase/write logic if the VCC is below 1.5 volts at nominal conditions. The SCL and SDA inputs have Schmitt trigger and filter circuits which suppress noise spikes to assure proper device operation even on a noisy bus.
DS21051F-page 6
(c) 1998 Microchip Technology Inc.
24LC04B/08B
FIGURE 7-1: CURRENT ADDRESS READ
BUS ACTIVITY MASTER S T A R T CONTROL BYTE DATA n S T O P
SDA LINE
S
A C K N O A C K
P
BUS ACTIVITY
FIGURE 7-2:
RANDOM READ
S T A R T CONTROL BYTE WORD ADDRESS (n) S T A R T CONTROL BYTE S T O P
BUS ACTIVITY MASTER
DATA (n)
S
SDA LINE A C K A C K
S
A C K N O A C K
P
BUS ACTIVITY
FIGURE 7-3:
BUS ACTIVITY MASTER SDA LINE BUS ACTIVITY
SEQUENTIAL READ
CONTROL BYTE S T O P
DATA n
DATA n + 1
DATA n + 2
DATA n + X
P
A C K A C K A C K A C K N O A C K
8.0
8.1
PIN DESCRIPTIONS
SDA Serial Address/Data Input/ Output
8.3
WP
This pin must be connected to either VSS or VCC. If tied to VSS, normal memory operation is enabled (read/write the entire memory). If tied to VCC, WRITE operations are inhibited. The entire memory will be write-protected. Read operations are not affected. This feature allows the user to use the 24LC04B/08B as a serial ROM when WP is enabled (tied to VCC).
This is a Bi-directional pin used to transfer addresses and data into and data out of the device. It is an open drain terminal, therefore the SDA bus requires a pullup resistor to VCC (typical 10K for 100 kHz, 2 K for 400 kHz). For normal data transfer SDA is allowed to change only during SCL low. Changes during SCL high are reserved for indicating the START and STOP conditions.
8.4
A0, A1, A2
8.2
SCL Serial Clock
These pins are not used by the 24LC04B/08B. They may be left floating or tied to either VSS or VCC.
This input is used to synchronize the data transfer from and to the device.
(c) 1998 Microchip Technology Inc.
DS21051F-page 7
24LC04B/08B
NOTES:
DS21051F-page 8
(c) 1998 Microchip Technology Inc.
24LC04B/08B
NOTES:
(c) 1998 Microchip Technology Inc.
DS21051F-page 9
24LC04B/08B
NOTES:
DS21051F-page 10
(c) 1998 Microchip Technology Inc.
24LC04B/08B
24LC04B/08B Product Identification System
To order or to obtain information, e.g., on pricing or delivery, please use the listed part numbers, and refer to the factory or the listed sales offices.
24LC04B/08B
-
/P Package: P SL SN SM = = = = Plastic DIP (300 mil Body), 8-lead Plastic SOIC (150 mil Body), 14-lead Plastic SOIC (150 mil Body), 8-lead Plastic SOIC (207 mil Body), 8-lead
Temperature Range: Device:
Blank = 0C to +70C I = -40C to +85C 24LC04B 24LC04BT 24LC08B 24LC04BT 4K I2C Serial EEPROM 4K1 2C Serial EEPROM (Tape and Reel) 8K1 2C Serial EEPROM 8K 12C Serial EEPROM (Tape and Reel)
Sales and Support
Data Sheets Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following: 1. Your local Microchip sales office 2. The Microchip Corporate Literature Center U.S. FAX: (602) 786-7277 3. The Microchip Worldwide Web Site (www.microchip.com)
(c) 1998 Microchip Technology Inc.
DS21051F-page 11
M
WORLDWIDE SALES AND SERVICE
AMERICAS
Corporate Office
Microchip Technology Inc. 2355 West Chandler Blvd. Chandler, AZ 85224-6199 Tel: 602-786-7200 Fax: 602-786-7277 Technical Support: 602 786-7627 Web: http://www.microchip.com
AMERICAS (continued)
Toronto
Microchip Technology Inc. 5925 Airport Road, Suite 200 Mississauga, Ontario L4V 1W1, Canada Tel: 905-405-6279 Fax: 905-405-6253
ASIA/PACIFIC (continued)
Singapore
Microchip Technology Singapore Pte Ltd. 200 Middle Road #07-02 Prime Centre Singapore 188980 Tel: 65-334-8870 Fax: 65-334-8850
ASIA/PACIFIC
Hong Kong
Microchip Asia Pacific RM 3801B, Tower Two Metroplaza 223 Hing Fong Road Kwai Fong, N.T., Hong Kong Tel: 852-2-401-1200 Fax: 852-2-401-3431
Taiwan, R.O.C
Microchip Technology Taiwan 10F-1C 207 Tung Hua North Road Taipei, Taiwan, ROC Tel: 886-2-2717-7175 Fax: 886-2-2545-0139
Atlanta
Microchip Technology Inc. 500 Sugar Mill Road, Suite 200B Atlanta, GA 30350 Tel: 770-640-0034 Fax: 770-640-0307
Boston
Microchip Technology Inc. 5 Mount Royal Avenue Marlborough, MA 01752 Tel: 508-480-9990 Fax: 508-480-8575
EUROPE
United Kingdom
Arizona Microchip Technology Ltd. 505 Eskdale Road Winnersh Triangle Wokingham Berkshire, England RG41 5TU Tel: 44-1189-21-5858 Fax: 44-1189-21-5835
India
Microchip Technology Inc. India Liaison Office No. 6, Legacy, Convent Road Bangalore 560 025, India Tel: 91-80-229-0061 Fax: 91-80-229-0062
Chicago
Microchip Technology Inc. 333 Pierce Road, Suite 180 Itasca, IL 60143 Tel: 630-285-0071 Fax: 630-285-0075
Japan
Microchip Technology Intl. Inc. Benex S-1 6F 3-18-20, Shinyokohama Kohoku-Ku, Yokohama-shi Kanagawa 222-0033 Japan Tel: 81-45-471- 6166 Fax: 81-45-471-6122
France
Arizona Microchip Technology SARL Zone Industrielle de la Bonde 2 Rue du Buisson aux Fraises 91300 Massy, France Tel: 33-1-69-53-63-20 Fax: 33-1-69-30-90-79
Dallas
Microchip Technology Inc. 14651 Dallas Parkway, Suite 816 Dallas, TX 75240-8809 Tel: 972-991-7177 Fax: 972-991-8588
Dayton
Microchip Technology Inc. Two Prestige Place, Suite 150 Miamisburg, OH 45342 Tel: 937-291-1654 Fax: 937-291-9175
Korea
Microchip Technology Korea 168-1, Youngbo Bldg. 3 Floor Samsung-Dong, Kangnam-Ku Seoul, Korea Tel: 82-2-554-7200 Fax: 82-2-558-5934
Germany
Arizona Microchip Technology GmbH Gustav-Heinemann-Ring 125 D-81739 Muchen, Germany Tel: 49-89-627-144 0 Fax: 49-89-627-144-44
Detroit
Microchip Technology Inc. 42705 Grand River, Suite 201 Novi, MI 48375-1727 Tel: 248-374-1888 Fax: 248-374-2878
Italy
Arizona Microchip Technology SRL Centro Direzionale Colleoni Palazzo Taurus 1 V. Le Colleoni 1 20041 Agrate Brianza Milan, Italy Tel: 39-39-6899939 Fax: 39-39-6899883 6/11/98
Shanghai
Microchip Technology RM 406 Shanghai Golden Bridge Bldg. 2077 Yan'an Road West, Hong Qiao District Shanghai, PRC 200335 Tel: 86-21-6275-5700 Fax: 86 21-6275-5060
Los Angeles
Microchip Technology Inc. 18201 Von Karman, Suite 1090 Irvine, CA 92612 Tel: 714-263-1888 Fax: 714-263-1338
New York
Microchip Technology Inc. 150 Motor Parkway, Suite 202 Hauppauge, NY 11788 Tel: 516-273-5305 Fax: 516-273-5335
San Jose
Microchip Technology Inc. 2107 North First Street, Suite 590 San Jose, CA 95131 Tel: 408-436-7950 Fax: 408-436-7955
Microchip received ISO 9001 Quality System certification for its worldwide headquarters, design, and wafer fabrication facilities in January, 1997. Our field-programmable PICmicroTM 8-bit MCUs, Serial EEPROMs, related specialty memory products and development systems conform to the stringent quality standards of the International Standard Organization (ISO).
All rights reserved. (c) 1998, Microchip Technology Incorporated, USA. 7/98
Printed on recycled paper.
Ifraincnandi ti pbiainrgrigdvc apiain adtelk i itne frsgeto ol admyb spree b udts N rpeetto o wrat i gvnadn nomto otie n hs ulcto eadn eie plctos n h ie s nedd o ugsin ny n a e uesdd y pae. o ersnain r arny s ie n o l a i i y i a s m d b M c o h p Tc n l g I c r o a e w t r s e t t t e a c r c o u e o s c i f r a i n o i f i g m n o p t n s o o h r i t l e t a p o e t r g t a i i g f o s c u e iblt s sue y irci ehooy noprtd ih epc o h cuay r s f uh nomto, r nrneet f aet r te nelcul rpry ihs rsn rm uh s or otherwis . U e o M c o h p s p o u t a c i i a c m o e t i l f s p o t s s e s i n t a t o i e e c p w t e p e s w i t n a p o a b M c o h p N l c n e a e c n e e , i p i i l o e s f irci' rdcs s rtcl opnns n ie upr ytm s o uhrzd xet ih xrs rte prvl y irci. o iess r ovyd mlcty r otherw s , u d r a y i t l e t a p o e t r g t . T e M c o h p l g a d n m a e r g s e e t a e a k o M c o h p T c n l g I c i t e U S A a d o h r c u t i s A l r g t r s rv d A l o h r ie ne n nelcul rpry ihs h irci oo n ae r eitrd rdmrs f irci ehooy n. n h ... n te onre. l ihs ee e. l te trademarks mentioned herein are the property of their respective companies.
DS21051F-page 12
(c) 1998 Microchip Technology Inc.


▲Up To Search▲   

 
Price & Availability of 24LC04B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X