Part Number Hot Search : 
PIC16F 72C334 1002D E005233 166TQC 15510 1002D 22000
Product Description
Full Text Search
 

To Download 1N4748A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4728A...1N4761A
Vishay Telefunken
Silicon Power Z-Diodes
Features
D D D D
Very sharp reverse characteristic Very high stability Low reverse current level VZ-tolerance 5%
Applications
94 9369
Voltage stabilization
Absolute Maximum Ratings
Tj = 25_C Parameter Power dissipation Z-current Junction temperature Storage temperature range Tamb
x50C
Test Conditions
Type
Symbol PV IZ Tj Tstg
Value 1 PV/VZ 200 -65...+200
Unit W mA C C
Maximum Thermal Resistance
Tj = 25_C Parameter Junction ambient Test Conditions l=9.5mm (3/8"), TL=constant Symbol RthJA Value 100 Unit K/W
Electrical Characteristics
Tj = 25_C Parameter Forward voltage Test Conditions IF=200mA Type Symbol VF Min Typ Max 1.2 Unit V
Document Number 85587 Rev. 2, 01-Apr-99
www.vishay.de * FaxBack +1-408-970-5600 1 (4)
1N4728A...1N4761A
Vishay Telefunken
Type 1N4728A 1N4729A 1N4730A 1N4731A 1N4732A 1N4733A 1N4734A 1N4735A 1N4736A 1N4737A 1N4738A 1N4739A 1N4740A 1N4741A 1N4742A 1N4743A 1N4744A 1N4745A 1N4746A 1N4747A 1N4748A 1N4749A 1N4750A 1N4751A 1N4752A 1N4753A 1N4754A 1N4755A 1N4756A 1N4757A 1N4758A 1N4759A 1N4760A 1N4761A
1)
VZnom 1) 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75
IZT 76 69 64 58 53 49 45 41 37 34 31 28 25 23 21 19 17 15.5 14 12.5 11.5 10.5 9.5 8.5 7.5 7.0 6.5 6.0 5.5 5.0 4.5 4.0 3.7 3.3
for
rzjT < 10 < 10 <9 <9 <8 <7 <5 <2 < 3.5 < 4.0 < 4.5 < 5.0 <7 <8 <9 < 10 < 14 < 16 < 20 < 22 < 23 < 25 < 35 < 40 < 45 < 50 < 60 < 70 < 80 < 95 < 110 < 125 < 150 < 175
rzjk at < 400 < 400 < 400 < 400 < 500 < 550 < 600 < 700 < 700 < 700 < 700 < 700 < 700 < 700 < 700 < 100 < 700 < 700 < 750 < 750 < 750 < 750 < 750 < 1000 < 1000 < 1000 < 1000 < 1500 < 1500 < 1500 < 2000 < 2000 < 2000 < 2000
IZK 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 0.5 0.5 0.5 0.25 0.25 0.25 0,25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
IR at VR < 100 1 < 100 1 < 50 1 < 10 1 < 10 1 < 10 1 < 10 2 < 10 3 < 10 4 < 10 5 < 10 6 < 10 7 < 10 7.6 <5 8.4 <5 9.1 <5 9.9 <5 11.4 <5 12.2 <5 13.7 <5 15.2 <5 16.7 <5 18.2 <5 20.6 <5 22.8 <5 25.1 <5 27.4 <5 29.7 <5 32.7 <5 35.8 <5 38.8 <5 42.6 <5 47.1 <5 51.7 <5 56.0
Based on dc-measurement at thermal equilibrium while maintaining the lead temperature (TL) at 30C + 1C, 9.5mm (3/8") from the diode body.
www.vishay.de * FaxBack +1-408-970-5600 2 (4)
Document Number 85587 Rev. 2, 01-Apr-99
1N4728A...1N4761A
Vishay Telefunken Dimensions in mm
Cathode Identification
technical drawings according to DIN specifications 94 9368
0.85 max.
2.5 max.
Standard Glass Case 54 B 2 DIN 41880 JEDEC DO 41 Weight max. 0.3 g
26 min.
4.1 max.
26 min.
Document Number 85587 Rev. 2, 01-Apr-99
www.vishay.de * FaxBack +1-408-970-5600 3 (4)
1N4728A...1N4761A
Vishay Telefunken Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances ( ODSs ). The Montreal Protocol ( 1987 ) and its London Amendments ( 1990 ) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2 . Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency ( EPA ) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C ( transitional substances ) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay-Telefunken products for any unintended or unauthorized application, the buyer shall indemnify Vishay-Telefunken against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 ( 0 ) 7131 67 2831, Fax number: 49 ( 0 ) 7131 67 2423
www.vishay.de * FaxBack +1-408-970-5600 4 (4)
Document Number 85587 Rev. 2, 01-Apr-99


▲Up To Search▲   

 
Price & Availability of 1N4748A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X