|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
VISHAY TSOP48..ON1 Vishay Semiconductors IR Receiver Modules for Remote Control Systems Description The TSOP48..ON1 - series are miniaturized receivers for infrared remote control systems. PIN diode and preamplifier are assembled on lead frame, the epoxy package is designed as IR filter. The demodulated output signal can directly be decoded by a microprocessor. TSOP48..ON1 is the standard IR remote control receiver series, supporting all major transmission codes. 16115 Features * Photo detector and preamplifier in one package * Internal filter for PCM frequency * Improved shielding against electrical field disturbance * TTL and CMOS compatibility * Output active low * Low power consumption Parts Table Part TSOP4830ON1 TSOP4833ON1 TSOP4836ON1 TSOP4837ON1 TSOP4838ON1 TSOP4840ON1 TSOP4856ON1 30 kHz 33 kHz 36 kHz 36.7 kHz 38 kHz 40 kHz 56 kHz Carrier Frequency Special Features * Improved immunity against ambient light * Suitable burst length 10 cycles/burst Application Circuit Transmitter TSOPxxxx with TSALxxxx Circuit Block Diagram R1 = 100 VS C1 = 4.7 F VO +VS 3 30 k Input PIN AGC Band Pass Demodulator VS 1 OUT OUT GND C GND 2 Control Circuit GND R1 + C1 recommended to suppress power supply disturbances. The output voltage should not be hold continuously at a voltage below VO = 3.3 V by the external circuit. Absolute Maximum Ratings Tamb = 25 C, unless otherwise specified Parameter Supply Voltage (Pin 2) Test condition Symbol VS Value - 0.3 to + 6.0 Unit V Document Number 82088 Rev. 6, 15-Oct-2002 www.vishay.com 1 TSOP48..ON1 Vishay Semiconductors Parameter Supply Current Output Voltage Output Current Junction Temperature Storage Temperature Range Operating Temperature Range Power Consumption Soldering Temperature (Tamb 85 C) t 10 s (Pin 2) (Pin 1) (Pin 1) Test condition Symbol IS VO IO Tj Tstg Tamb Ptot Tsd Value 5 VISHAY Unit mA V mA C C C mW C - 0.3 to + 6.0 5 100 - 25 to + 85 - 25 to + 85 50 260 Electrical and Optical Characteristics Tamb = 25 C, unless otherwise specified Parameter Supply Current (Pin 3) Transmission Distance Supply Voltage Output Voltage Low (Pin 3) Irradiance (56 kHz) Irradiance (30-40 kHz) Irradiance Directivity IOSL = 0.5 mA, Ee = 0.7 mW/m , test signal see fig. 1 Pulse width tolerance: tpi - 5/fo < tpo < tpi + 6/fo, test signal see fig.1 Pulse width tolerance: tpi - 5/fo < tpo < tpi + 6/fo, test signal see fig.1 tpi - 5/fo < tpo < tpi + 6/fo, test signal see fig. 1 Angle of half transmission distance 2 Test condition VS = 5 V, Ev = 0 VS = 5 V, Ev = 40 klx, sunlight Ev = 0, test signal see fig.1, IR diode TSAL6200, IF = 250 mA Symbol ISD ISH d VS VOSL Ee min Ee min Ee max 1/2 Min 0.8 Typ. 1.2 1.5 35 Max 1.5 Unit mA mA m 4.5 5.5 250 0.3 0.2 0.5 0.4 V mV mW/m2 mW/m2 W/m2 30 45 deg Typical Characteristics (Tamb = 25C unless otherwise specified) Ee Optical Test Signal (IR diode TSAL6200, IF = 0.4 A, 30 pulses, f = f0, T = 10 ms) 1.0 t po - Output Pulse Width ( ms ) 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 0.1 1.0 Output Pulse t tpi * T * tpi w 10/fo is recommended for optimal function VO VOH VOL td1 ) Output Signal 1) 2) 16110 Input Burst Duration 7/f0 < td < 15/f0 tpi-5/f0 < tpo < tpi+6/f0 tpo2 ) t l = 950 nm, optical test signal, fig.1 10.0 100.0 1000.010000.0 16908 Ee - Irradiance ( mW/m2 ) Figure 1. Output Function Figure 2. Pulse Length and Sensitivity in Dark Ambient Document Number 82088 Rev. 6, 15-Oct-2002 www.vishay.com 2 VISHAY TSOP48..ON1 Vishay Semiconductors Ee Optical Test Signal Ee min- Threshold Irradiance ( mW/m 2 ) 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0 0.01 Ambient, l = 950 nm Correlation with ambient light sources: 10W/m2^1.4klx (Std.illum.A,T=2855K) 10W/m2^8.2klx (Daylight,T=5900K) 600 ms T = 60 ms Output Signal, ( see Fig.4 ) 600 ms t 94 8134 VO VOH VOL Ton Toff t 16911 0.10 1.00 10.00 100.00 E - Ambient DC Irradiance (W/m2) Figure 3. Output Function Figure 6. Sensitivity in Bright Ambient 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 0.1 1.0 l = 950 nm, optical test signal, fig.3 Toff Ton Ee min- Threshold Irradiance ( mW/m 2 ) Ton ,Toff - Output Pulse Width ( ms ) 1.0 2.0 f = fo f = 10 kHz 1.0 1.5 f = 1 kHz 0.5 f = 100 Hz 0.0 0.1 1.0 10.0 100.0 1000.0 10.0 100.0 1000.010000.0 16912 16909 Ee - Irradiance ( mW/m2 ) DVsRMS - AC Voltage on DC Supply Voltage (mV) Figure 4. Output Pulse Diagram Figure 7. Sensitivity vs. Supply Voltage Disturbances E e min- Threshold Irradiance ( mW/m 2 ) 1.2 E e min / E e - Rel. Responsivity 2.0 f(E) = f0 1.6 1.2 0.8 0.4 0.0 0.0 0.4 0.8 1.2 1.6 2.0 E - Field Strength of Disturbance ( kV/m ) 1.0 0.8 0.6 0.4 0.2 0.0 0.7 f = f0"5% Df ( 3dB ) = f0/10 0.9 1.1 1.3 16925 f/f0 - Relative Frequency 94 8147 Figure 5. Frequency Dependence of Responsivity Figure 8. Sensitivity vs. Electric Field Disturbances Document Number 82088 Rev. 6, 15-Oct-2002 www.vishay.com 3 TSOP48..ON1 Vishay Semiconductors VISHAY 0.8 0.7 Max. Envelope Duty Cycle 0 10 20 30 0.6 40 0.5 0.4 0.3 0.2 0.1 0.0 0 20 40 60 80 100 120 96 12223p2 1.0 0.9 0.8 f = 38 kHz, Ee = 2 mW/m2 0.7 50 60 70 80 0.6 0.6 0.4 0.2 0 0.2 0.4 drel - Relative Transmission Distance 16913 Burst Length ( number of cycles / burst ) Figure 9. Max. Envelope Duty Cycle vs. Burstlength Figure 12. Directivity Suitable Data Format Ee min- Threshold Irradiance ( mW/m 2 ) 0.6 0.5 0.4 0.3 0.2 0.1 0.0 -30 -15 Sensitivity in dark ambient 0 15 30 45 60 75 90 16918 Tamb - Ambient Temperature ( C ) Figure 10. Sensitivity vs. Ambient Temperature S ( l ) rel - Relative Spectral Sensitivity 1.2 1.0 0.8 0.6 0.4 0.2 0.0 750 850 950 1050 1150 16919 l - Wavelength ( nm ) Figure 11. Relative Spectral Sensitivity vs. Wavelength The circuit of the TSOP48..ON1 is designed in that way that unexpected output pulses due to noise or disturbance signals are avoided. A bandpassfilter, an integrator stage and an automatic gain control are used to suppress such disturbances. The distinguishing mark between data signal and disturbance signal are carrier frequency, burst length and duty cycle. The data signal should fulfill the following conditions: * Carrier frequency should be close to center frequency of the bandpass (e.g. 38 kHz). * Burst length should be 10 cycles/burst or longer. * After each burst which is between 10 cycles and 70 cycles a gap time of at least 14 cycles is necessary. * For each burst which is longer than 1.8 ms a corresponding gap time is necessary at some time in the data stream. This gap time should be at least 4 times longer than the burst. * Up to 800 short bursts per second can be received continuously. Some examples for suitable data format are: NEC Code (repetitive pulse), NEC Code (repetitive data), Toshiba Micom Format, Sharp Code, RC5 Code, RC6 Code, R-2000 Code, Sony Code. When a disturbance signal is applied to the TSOP48..ON1 it can still receive the data signal. However the sensitivity is reduced to that level that no unexpected pulses will occure. Some examples for such disturbance signals which are suppressed by the TSOP48..ON1 are: * DC light (e.g. from tungsten bulb or sunlight) * Continuous signal at 38 kHz or at any other frequency www.vishay.com 4 Document Number 82088 Rev. 6, 15-Oct-2002 VISHAY * Signals from fluorescent lamps with electronic ballast with high or low modulation ( see Figure 13 or Figure 14 ). TSOP48..ON1 Vishay Semiconductors IR Signal IR Signal from fluorescent lamp with low modulation 0 16920 5 10 Time ( ms ) 15 20 Figure 13. IR Signal from Fluorescent Lamp with low Modulation IR Signal from fluorescent lamp with high modulation IR Signal 0 16921 5 10 Time ( ms ) 15 20 Figure 14. IR Signal from Fluorescent Lamp with high Modulation Document Number 82088 Rev. 6, 15-Oct-2002 www.vishay.com 5 TSOP48..ON1 Vishay Semiconductors Package Dimensions in mm VISHAY 16127 Document Number 82088 Rev. 6, 15-Oct-2002 www.vishay.com 6 VISHAY Ozone Depleting Substances Policy Statement It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. TSOP48..ON1 Vishay Semiconductors 2. Regularly and continuously improve the performance of our products, processes, distribution and operatingsystems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances. We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 (0)7131 67 2831, Fax number: 49 (0)7131 67 2423 Document Number 82088 Rev. 6, 15-Oct-2002 www.vishay.com 7 |
Price & Availability of TSOP4838ON1 |