Part Number Hot Search : 
CMP04 DM74S253 JANTX1 MAX695 NTE104 GA16A A5800 BPC25
Product Description
Full Text Search
 

To Download TS13003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TS13003
High Voltage NPN Transistor
TO-126
Pin assignment: 1. Emitter 2. Collector 3. Emitter
BVCEO = 400V BVCBO = 700V Ic = 1.5A VCE (SAT), = 0.8V @ Ic / Ib = 0.5A / 0.1A
Features
High voltage. High speed switching
Ordering Information
Part No. TS13003CT TS13003CK Packing Bulk Package TO-92 TO-126
Structure
Silicon triple diffused type. NPN silicon transistor
Absolute Maximum Rating (Ta = 25 oC unless otherwise noted)
Parameter
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Collector Power Dissipation Operating Junction Temperature Operating Junction and Storage Temperature Range Note: 1. Single pulse, Pw = 5mS, Duty <= 10% DC Pulse TO-92 TO-126 TJ TSTG PD
Symbol
VCBO VCEO VEBO IC
Limit
700V 400V 9 1.5 3 0.6 20 +150 - 55 to +150
Unit
V V V A W
o o
C C
Electrical Characteristics
Ta = 25 oC unless otherwise noted
Parameter Static
Collector-Base Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Emitter Cutoff Current Collector-Emitter Saturation Voltage DC Current Gain Frequency Output Capacitance Turn On Time Storage Time Fall Time
Conditions
IC = 5mA, IB = 0 IC = 5mA, IE = 0 IE = 1mA, IC = 0 VCB = 700V, IE = 0 VEB = 9V, IC = 0 IC / IB = 1.5A / 0.5A IC / IB = 0.5A / 0.1A VCE = 2V, IC = 0.5A VCE = 10V, IC = 0.1A VCB = 10V, f = 0.1MHz VCC = 125V, IC = 1A, IB1 = 0.2A, IB2 = - 0.2A, RL = 125ohm
Symbol BVCBO BVCEO BVEBO ICBO IEBO VCE(SAT)1 VCE(SAT)2 hFE fT Cob tON tSTG tf
Min
700 400 9
Typ
Max
Unit
V V V
100 10 3 0.5 8 4 21 1.1 4 0.7 40
uA uA V
MHz pF uS uS uS
Note : pulse test: pulse width <=5mS, duty cycle <=10%
TS13003
1-3
2003/12 rev. A
Electrical Characteristics Curve
Figure 1. Static Characteric Figure 2. DC Current Gain
Figure 3. Vce(sat) v.s. Vbe(sat)
Figure 4. Switching Time
Figure 5. Safe Operating Area
Figure 6. Power Derating
TS13003
2-3
2003/12 rev. A
TO-126 Mechanical Drawing
A I
TO-126 DIMENSION
B C
DIM A B C D
MILLIMETERS MIN MAX 8.00 (typ) 4.20 (typ) 10.58 11.00 2.00 (typ) 12.00(typ) 2.50(typ) 0.74 0.78 0.8 (typ) 2.56 0.38 3.00 0.50
INCHES MIN MAX 0.315(typ) 0.165 (typ) 0.417 0.433 0.079 (typ) 0.472(typ) 0.098 (typ) 0.029 0.031 0.031(typ) 0.101 0.015 0.118 0.020
H
D
1mm
E F G
E
G
H I J
F
J K
K
1.1 (typ)
0.043 (typ)
TO-92 Mechanical Drawing
A
TO-92 DIMENSION DIM MILLIMETERS MIN 4.30 4.30 MAX 4.70 4.70 INCHES MIN 0.169 0.169 MAX 0.185 0.185
B
A B C D E F G H
14.30(typ) 0.43 0.49 2.19 3.30 2.42 0.37 2.81 3.70 2.66 0.43
0.563(typ) 0.017 0.019 0.086 0.130 0.095 0.015 0.111 0.146 0.105 0.017
C
E
F
H
D
G
TS13003
3-3
2003/12 rev. A


▲Up To Search▲   

 
Price & Availability of TS13003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X