Part Number Hot Search : 
F2514RW ST763 PC1237HA PESD5 DTC014Y TN6411 100M1 SDW85F1C
Product Description
Full Text Search
 

To Download TDA7269 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
TDA7269
10 + 10W STEREO AMPLIFIER WITH MUTE & ST-BY
WIDE SUPPLY VOLTAGE RANGE UP TO 20V SPLIT SUPPLY HIGH OUTPUT POWER 10 + 10W @ THD =10%, RL = 8, VS = +14V NO POP AT TURN-ON/OFF MUTE (POP FREE) STAND-BY FEATURE (LOW Iq) THERMAL OVERLOAD PROTECTION SHORT CIRCUIT PROTECTION TO GND DESCRIPTION The TDA7269 is class AB dual Audio power amplifier assembled in the Multiwatt package, specially designed for high quality sound application as Hi-Fi music centers and stereo TV sets. Figure 1: Typical Application Circuit
Multiwatt11 ORDERING NUMBER: TDA7269
+VS 1000F MUTE/ ST-BY IN (L) 1F 3
15K
1F
5 7 + -
4
OUT (L) 18K 4.7 100nF 560
8 15K +5V P 18K GND 9 10
IN- (L)
RL (L)
IN- (R)
560 18K
1F
IN (R)
11
+ 1 6 -VS 1000F
2
OUT (R) 4.7 100nF
RL (R)
D94AU085
July 1998
1/7
TDA7269
ABSOLUTE MAXIMUM RATINGS
Symbol VS IO Ptot Top Tstg, Tj DC Supply Voltage Output Peak Current (internally limited) Power Dissipation T case = 70C Operating Temperature Storage and Junction Temperature Parameter Value 22 3 40 0 to 70 -40 to +150 Unit V A W C C
PIN CONNECTION (Top view)
11 10 9 8 7 6 5 4 3 2 1
IN+(1) IN-(1) GND IN-(2) IN+(2) -VS MUTE OUTPUT(2) +VS OUTPUT(1) -VS
TAB CONNECTED TO PIN 6
D95AU316
THERMAL DATA
Symbol Rth j-case Description Thermal Resistance Junction-case Max Value 2.8 Unit C/W
SINGLE SUPPLY APPLICATION
D1 5.1V R1 10K PLAY 5V 0 MUTE C1 1F R3 15K MUTE/ST-BY Q1 BSX33 R2 15K C2 100F C3 1F IN (L) 5 7 + -
+VS C5 1000F 3 4 OUT (L) R4 30K R5 1K 2 IN- (R) R6 30K R7 1K C9 470F C6 0.1F
8 9 C4 1F IN (R) 11 + 10 1 6 GND
IN- (L)
R8 4.7 C7 0.1F C10 470F
OUT (L)
OUT (R)
R9 4.7 C8 0.1F
OUT (R)
D96AU444
2/7
TDA7269
ELECTRICAL CHARACTERISTICS (Refer to the test circuit, VS = + 14V; RL = 8; RS = 50; GV = 30dB; f = 1KHz; Tamb = 25C, unless otherwise specified.)
Symbol VS Iq VOS Ib PO Parameter Supply Range Total Quiescent Current Input Offset Voltage Non Inverting Input Bias Current Output Power THD = 10% R L = 8 ; VS + 12.5V; RL = 4 THD = 1% R L = 8 ; VS + 12.5V; RL = 4 THD Total Harmonic Distortion RL = 8 ; PO = 1W; f = 1KHz R L = 8 ; PO = 0.1 to 5W; f = 100Hz to 15KHz R L = 4 ; PO = 1W; f = 1KHz R L = 4 ; VS + 10V; PO = 0.1 to 5W; f = 100Hz to 15KHz CT SR GOL eN Ri SVR Tj Cross Talk Slew Rate Open Loop Voltage Gain Total Input Noise Input Resistance Supply Voltage Rejection (each channel) Thermal Shut-down Junction Temperature Mute / Play Threshold Mute Attenuation Stand-by / Mute Threshold Stand-by Attenuation Quiescent Current @ Stand-by -7 60 -3.5 fr = 100Hz Vr = 0.5V A Curve f = 20Hz to 22KHz 15 f = 1KHz f = 10KHz 50 6.5 70 60 10 80 3 4 20 60 145 8 0.02 1 8 7.5 -25 500 10 10 7.5 7.5 0.03 0.7 Test Condition Min. +5 60 Typ. Max. +20 100 +25 Unit V mA mV nA W W W W % %
% %
dB dB V/s dB V V K dB C
MUTE FUNCTION [ref: +VS] (*) VTMUTE AM VTST-BY AST-BY Iq ST-BY -6 70 -2.5 110 3 6 -1.5 -5 V dB V dB mA
STAND-BY FUNCTION [ref: +VS] (Only for Split Supply)
(*) In mute condition the current drawn from Pin 5 must be 650A.
3/7
TDA7269
MUTE STAND-BY FUNCTION The pin 5 (MUTE/STAND-BY) controls the amplifier status by two different thresholds, referred to +VS. - When Vpin5 higher than = +VS - 2.5V the amplifier is in Stand-by mode and the final stage generators are off Figure 2
+VS (V) 20
- when Vpin5 is between +VS - 2.5V and +VS - 6V the final stage current generators are switched on and the amplifier is in mute mode - when Vpin5 is lower than +VS - 6V the amplifier is play mode.
t -VS -20
VIN (mV)
Vpin5 (V) VS VS-2.5 VS-6 VS-10
Iq (mA)
0
VOUT (V)
OFF STDBY MUTE
4/7
PLAY
STDBY
PLAY
OFF STDBY
D94AU086
MUTE
MUTE
MUTE
TDA7269
Figure 3: Test and Application Circuit (Stereo Configuration)
+VS C4 C5
R2
C3
MUTE/ ST-BY IN (L) C1
+VS 5 7 + 8 3
R1 SW1
4
OUT (L) R5 IN- (L) C8 R6 R7
DZ
RL (L)
R4 SW2
R3
GND
9 10
IN- (R) R8
R9
C2
IN (R)
11
+ 1 6 -VS C7
2
OUT (R) R10 C9
RL (R)
C6
D94AU087
APPLICATIONS SUGGESTION (Demo Board Schematic) The recommended values of the external compoCOMPONENTS R1 R2 R3 R4 R5, R8 R6, R9 R7, R10 C1, C2 C3 C4, C6 C5, C7 C8, C9 Dz RECOMMENDED VALUE 10K 15K 18K 15K 18K 560 4.7 1F 1F 1000F 0.1F 0.1F 5.1V PURPOSE Mute Circuit Mute Circuit Mute Circuit Mute Circuit Closed Loop Gain Setting (*) Frequency Stability Input DC Decoupling St-By/Mute Time Constant Supply Voltage Bypass Supply Voltage Bypass Frequency Stability Mute Circuit
nents are those shown are the demo board schematic different values can be used: the following table can help the designer.
LARGER THAN RECOMMENDED VALUE Increase of Dz Biasing Current Vpin # 5 Shifted Downward Vpin # 5 Shifted Upward Vpin # 5 Shifted Upward Increase of Gain Decrease of Gain Danger of Oscillations Danger of Oscillations Higher Low Frequency Cutoff Larger On/Off Time Smaller On/Off Time Danger of Oscillations Danger of Oscillations Vpin # 5 Shifted Upward Vpin # 5 Shifted Downward Vpin # 5 Shifted Downward SMALLER THAN RECOMMENDED VALUE
(*) Closed loop gain has to be => 25dB
5/7
TDA7269
MULTIWATT11 PACKAGE MECHANICAL DATA
DIM. A B C D E F G G1 H1 H2 L L1 L2 L3 L4 L7 M M1 S S1 Dia1 21.5 21.4 17.4 17.25 10.3 2.65 4.1 4.88 1.9 1.9 3.65 4.3 5.08 17.5 10.7 0.49 0.88 1.57 16.87 19.6 20.2 22.3 22.2 18.1 17.75 10.9 2.9 4.5 5.3 2.6 2.6 3.85 0.846 0.843 0.685 0.679 0.406 0.104 0.161 0.192 0.075 0.075 0.144 0.169 0.200 0.689 0.421 1.7 17 1 0.55 0.95 1.83 17.13 0.019 0.035 0.062 0.664 0.772 0.795 0.878 0.874 0.713 0.699 0.429 0.114 0.177 0.209 0.102 0.102 0.152 0.067 0.669 mm MIN. TYP. MAX. 5 2.65 1.6 0.039 0.022 0.037 0.072 0.674 MIN. inch TYP. MAX. 0.197 0.104 0.063
6/7
TDA7269
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics (c) 1998 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
7/7


▲Up To Search▲   

 
Price & Availability of TDA7269

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X