Part Number Hot Search : 
DE1747 ICS91309 MAX92 RJP40 P6KE200 00406 MSAU101 P6KE200
Product Description
Full Text Search
 

To Download TC74HC299AF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TC74HC299AP/AF
CMOS
TC74HC299AP,TC74HC299AF
8-Bit PIPO Shift Register with Asynchronous Clear
TC74HC299A CMOS CMOS 8 CMOS LSTTL (S0, S1) 2 4 2 ( G1 , G2 ) H 8 / ( CLR ) "L"
TC74HC299AP
TC74HC299AF
* * * *
: fmax = 42 MHz () (VCC = 5 V) : ICC = 4 A () (Ta = 25C) : VNIH = VNIL = 28% VCC () : LSTTL 15 For QA~QH : LSTTL 10 For QA', QH'
*
* * *
: |IOH| = IOL = 6 mA () For QA~QH : |IOH| = IOL = 4 mA () For QA', QH' : tpLH tpHL - : VCC (opr) = 2~6 V LSTTL (74LS299)
1:
()
DIP20-P-300-2.54A : 1.30 g () SOP20-P-300-1.27A: 0.22 g () SOP20-P-300-1.27 : 0.22 g ()
1
2004-12-10
TC74HC299AP/AF
Inputs Mode
CLR
Inputs/ Outputs Serial CK SL X X X X X X X X X X H L X SR X X X X H L X X X Z L L QA0 H L QBn QBn a Z L L QH0 QGn QGn H L h A/QA H/QH
Outputs
Function Select S1 S0 H X L L H H L L H
Outputs Control G1 G2 ( 2) ( 2) X L L L L L L L X X L L L L L L L X
QA'
QH'
Z Clear
L L L
H L X L L L H H H
L L L QA0 H L QBn QBn a
L L L QH0 QGn QGn H L h
Hold Shift Right Shift Left Load
H H H H H H
2: Z
G1 , G2 "H" QA~QH Z
: High impedance
Qn0 : Qn Qnn : Qn a~h : A~H ("H" "L")
2
2004-12-10
TC74HC299AP/AF
3:
3
2004-12-10
TC74HC299AP/AF
VCC VIN VOUT IIK IOK IOUT ICC PD Tstg V V V mA mA mA mA mW C
-0.5~7 -0.5~VCC + 0.5 -0.5~VCC + 0.5 20 20 25 35 75 500 (DIP) ( 4)/180 (SOP) -65150
/ G N D (QA', QH') (QA~QH)
4:
Ta = -40~65C 500 mWTa = 65~85C -10 mW/C 300 mW
VCC VIN VOUT Topr 2~6 0~VCC 0~VCC -40~85 0~1000 (VCC = 2.0 V) tr, tf 0~500 (VCC = 4.5 V) 0~400 (VCC = 6.0 V) ns V V V C
4
2004-12-10
TC74HC299AP/AF
DC
VCC (V) 2.0 "H" "L" VIL VIH 4.5 6.0 2.0 4.5 6.0 2.0 VIN = VIH or VIL "H" VOH IOH = -20 A IOH = -4 mA IOH = -5.2 mA IOH = -6 mA IOH = -7.8 mA IOL = 20 A IOL = 4 mA IOL = 5.2 mA IOL = 6 mA IOL = 7.8 mA 4.5 6.0 4.5 6.0 4.5 6.0 2.0 VIN = VIH or VIL "L" VOL 4.5 6.0 4.5 6.0 4.5 6.0 6.0 6.0 6.0 QA', Q'H QA', Q'H 1.50 3.15 4.20 1.9 4.4 5.9 4.18 5.68 4.18 5.68 Ta = 25C 2.0 4.5 6.0 4.31 5.80 4.31 5.80 0.0 0.0 0.0 0.17 0.18 0.17 0.18 0.50 1.35 1.80 0.1 0.1 0.1 0.26 0.26 0.26 0.26 0.5 0.1 4.0 Ta = -40~85C 1.50 3.15 4.20 1.9 4.4 5.9 4.13 5.63 4.13 5.63 0.50 1.35 1.80 V 0.1 0.1 0.1 0.33 0.33 0.33 0.33 5.0 1.0 40.0 A A A V
QA~QH
QA~QH IOZ IIN ICC VIN = VIH or VIL
VOUT = VCC or GND VIN = VCC or GND VIN = VCC or GND
5
2004-12-10
TC74HC299AP/AF
(input: tr = tf = 6 ns)
VCC (V) 2.0 tw (H) tw (L) 4.5 6.0 2.0 tw (L) 4.5 6.0 (SL, SR, A~H) ts 2.0 4.5 6.0 (S0, S1) ts 2.0 4.5 6.0 th 2.0 4.5 6.0 th 2.0 4.5 6.0 ( CLR ) trem 2.0 4.5 6.0 2.0 f 4.5 6.0 Ta = 25C Limit 75 15 13 75 15 12 100 20 17 100 20 17 0 0 0 0 0 0 50 10 8 6 30 35 Ta = -40 ~85C Limit 95 19 16 88 18 15 125 25 21 125 25 21 0 0 0 0 0 0 65 13 10 5 24 28 MHz ns ns ns ns ns ns ns
(CK)

( CLR )
(SL, SR, A~H)
(S0, S1)
AC (CL = 15 pF, VCC = 5 V, Ta = 25C)
tTLH tTHL tpLH tpHL tpHL fmax 35 17 73 30 ns MHz 19 30 ns
(QA', QH')
4
8
ns

(CK-QA', QH')
( CLR -QA', QH')
6
2004-12-10
TC74HC299AP/AF
AC (input: tr = tf = 6 ns)
CL (pF) VCC (V) 2.0 tTLH tTHL 50 4.5 6.0 2.0 tTLH tTHL 50 4.5 6.0 2.0 tpLH tpHL 50 4.5 6.0 2.0 tpHL 50 4.5 6.0 2.0 50 tpLH tpHL 150 4.5 6.0 2.0 4.5 6.0 2.0 50 tpHL 150 4.5 6.0 2.0 4.5 6.0 2.0 50 tpZL tpZH RL = 1 k 150 4.5 6.0 2.0 4.5 6.0 2.0 tpLZ tpHZ RL = 1 k 50 4.5 6.0 2.0 fmax 50 4.5 6.0 CIN COUT CPD ( 5) 6 30 35 Ta = 25C 25 7 6 30 8 7 85 23 18 85 24 18 80 21 17 100 26 21 85 24 18 105 29 22 60 17 13 78 23 17 54 19 16 12 58 80 5 13 170 60 12 10 75 15 13 170 34 29 175 35 30 160 32 27 200 40 34 190 38 30 230 46 36 130 26 22 170 34 29 150 30 26 10 Ta = -40~85C 5 24 28 75 15 13 95 19 16 215 43 37 220 44 37 200 40 34 ns 250 50 43 240 48 38 ns 90 58 46 165 33 28 ns 215 43 36 190 38 33 10 pF pF pF MHz ns ns ns ns ns
(QA~QH)
(QA', QH')

(CK-QA', QH')

( CLR -QA', QH')
(CK-QA~QH)
( CLR -QA~QH)
5:
CPD IC ICC (opr) = CPDVCCfIN + ICC
7
2004-12-10
TC74HC299AP/AF
: 1.30 g ()
8
2004-12-10
TC74HC299AP/AF
: 0.22 g ()
9
2004-12-10
TC74HC299AP/AF
: 0.22 g ()
10
2004-12-10
TC74HC299AP/AF
030519TBA
* * ( ) ( ) ( "" ) * * * *
11
2004-12-10


▲Up To Search▲   

 
Price & Availability of TC74HC299AF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X