Part Number Hot Search : 
A66CXTI 6400C 02D1C 82C51 X148ACPP MP4688 7812ACD2 BCX5116
Product Description
Full Text Search
 

To Download STP80NF10FP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STP80NF10 STP80NF10FP
N-CHANNEL 100V - 0.012 - 80A TO-220/TO-220FP LOW GATE CHARGE STripFETTMII POWER MOSFET
TYPE STP80NF10 STP80NF10FP
s s s s
VDSS 100 V 100 V
RDS(on) < 0.015 < 0.015
ID 80 A 38 A
TYPICAL RDS(on) = 0.012 EXCEPTIONAL dv/dt CAPABILITY 100% AVALANCHE TESTED APPLICATION ORIENTED CHARACTERIZATION TO-220
3 1 2
1 2
3
TO-220FP
DESCRIPTION This Power MOSFET series realized with STMicroelectronics unique STripFET process has specifically been designed to minimize input capacitance and gate charge. It is therefore suitable as primary switch in advanced high-efficiency isolated DC-DC converters for Telecom and Computer application. It is also intended for any application with low gate charge drive requirements. APPLICATIONS s HIGH-EFFICIENCY DC-DC CONVERTERS s UPS AND MOTOR CONTROL ABSOLUTE MAXIMUM RATINGS
Symbol VDS VDGR VGS ID(*) ID IDM (l) PTOT dv/dt (1) EAS (2) VISO Tstg Tj Parameter
INTERNAL SCHEMATIC DIAGRAM
Value STP80NF10 STP80NF10FP 100 100 20 80 66 320 300 2 9 360 - 55 to 175
(1) I SD 80A, di/dt 300A/s, VDD V (BR)DSS, Tj T JMAX. (2) Starting T j = 25C, I D = 80A, VDD = 50V
Unit V V V 38 27 152 45 0.3 A A A W W/C V/ns mJ 2500 V C
Drain-source Voltage (VGS = 0) Drain-gate Voltage (RGS = 20 k) Gate- source Voltage Drain Current (continuous) at TC = 25C Drain Current (continuous) at TC = 100C Drain Current (pulsed) Total Dissipation at TC = 25C Derating Factor Peak Diode Recovery voltage slope Single Pulse Avalanche Energy Insulation Withstand Voltage (DC) Storage Temperature Max. Operating Junction Temperature
(q) Pulse width limited by safe operating area (*) Limited by Package
September 2002
1/9
STP80NF10/STP80NF10FP
THERMAL DATA
TO-220 Rthj-case Rthj-amb Tl Thermal Resistance Junction-case Max Thermal Resistance Junction-ambient Max Maximum Lead Temperature For Soldering Purpose 0.5 62.5 300 TO-220FP 3.33 C/W C/W C
ELECTRICAL CHARACTERISTICS (TCASE = 25 C UNLESS OTHERWISE SPECIFIED) OFF
Symbol V(BR)DSS IDSS IGSS Parameter Drain-source Breakdown Voltage Zero Gate Voltage Drain Current (VGS = 0) Gate-body Leakage Current (VDS = 0) Test Conditions ID = 250 A, VGS = 0 VDS = Max Rating VDS = Max Rating, TC = 125 C VGS = 20V Min. 100 1 10 100 Typ. Max. Unit V A A nA
ON (1)
Symbol VGS(th) RDS(on) Parameter Gate Threshold Voltage Static Drain-source On Resistance Test Conditions VDS = VGS, ID = 250A VGS = 10V, ID = 40 A Min. 2 Typ. 3 0.012 Max. 4 0.015 Unit V
DYNAMIC
Symbol gfs (1) Ciss Coss Crss Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Test Conditions VDS =25V , ID =40 A VDS = 25V, f = 1 MHz, VGS = 0 Min. Typ. 80 4300 600 230 Max. Unit S pF pF pF
2/9
STP80NF10/STP80NF10FP
ELECTRICAL CHARACTERISTICS (CONTINUED) SWITCHING ON
Symbol td(on) tr Qg Qgs Qgd Parameter Turn-on Delay Time Rise Time Total Gate Charge Gate-Source Charge Gate-Drain Charge Test Conditions VDD = 50V, ID = 40A RG = 4.7 VGS = 10V (see test circuit, Figure 3) VDD = 80V, ID = 80A, VGS = 10V Min. Typ. 40 145 140 23 51 189 Max. Unit ns ns nC nC nC
SWITCHING OFF
Symbol td(off) tf Parameter Turn-off-Delay Time Fall Time Test Conditions VDD = 50V, ID = 40A, RG = 4.7, VGS = 10V (see test circuit, Figure 3) Min. Typ. 134 115 Max. Unit ns ns
SOURCE DRAIN DIODE
Symbol ISD ISDM (2) VSD (1) trr Qrr IRRM Parameter Source-drain Current Source-drain Current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current ISD = 80A, VGS = 0 ISD = 80A, di/dt = 100A/s, VDD = 50V, Tj = 150C (see test circuit, Figure 5) 155 0.85 11 Test Conditions Min. Typ. Max. 80 320 1.3 Unit A A V ns C A
Note: 1. Pulsed: Pulse duration = 300 s, duty cycle 1.5 %. 2. Pulse width limited by safe operating area.
Safe Operating Area for TO-220
Safe Operating Area for TO-220FP
3/9
STP80NF10/STP80NF10FP
Thermal Impedence for TO-220 Thermal Impedence for TO-220FP
Output Characteristics
Transfer Characteristics
Transconductance
Static Drain-source On Resistance
4/9
STP80NF10/STP80NF10FP
Gate Charge vs Gate-source Voltage Capacitance Variations
Normalized Gate Thereshold Voltage vs Temp.
Normalized On Resistance vs Temperature
Source-drain Diode Forward Characteristics
5/9
STP80NF10/STP80NF10FP
Fig. 1: Unclamped Inductive Load Test Circuit Fig. 2: Unclamped Inductive Waveform
Fig. 3: Switching Times Test Circuit For Resistive Load
Fig. 4: Gate Charge test Circuit
Fig. 5: Test Circuit For Inductive Load Switching And Diode Recovery Times
6/9
STP80NF10/STP80NF10FP
TO-220 MECHANICAL DATA
DIM. MIN. A C D D1 E F F1 F2 G G1 H2 L2 L4 L5 L6 L7 L9 DIA. 13.0 2.65 15.25 6.2 3.5 3.75 0.49 0.61 1.14 1.14 4.95 2.4 10.0 16.4 14.0 2.95 15.75 6.6 3.93 3.85 0.511 0.104 0.600 0.244 0.137 0.147 4.40 1.23 2.40 1.27 0.70 0.88 1.70 1.70 5.15 2.7 10.40 0.019 0.024 0.044 0.044 0.194 0.094 0.393 0.645 0.551 0.116 0.620 0.260 0.154 0.151 mm TYP. MAX. 4.60 1.32 2.72 MIN. 0.173 0.048 0.094 0.050 0.027 0.034 0.067 0.067 0.203 0.106 0.409 inch TYP. MAX. 0.181 0.051 0.107
A
C
D1
L2
D
F1
G1
E
Dia. L5 L7 L6 L4
P011C
L9
F2
F
G
H2
7/9
STP80NF10/STP80NF10FP
TO-220FP MECHANICAL DATA
mm. MIN. 4.4 2.5 2.5 0.45 0.75 1.15 1.15 4.95 2.4 10 16 28.6 9.8 2.9 15.9 9 3 30.6 10.6 3.6 16.4 9.3 3.2 1.126 .0385 0.114 0.626 0.354 0.118 TYP MAX. 4.6 2.7 2.75 0.7 1 1.7 1.7 5.2 2.7 10.4 MIN. 0.173 0.098 0.098 0.017 0.030 0.045 0.045 0.195 0.094 0.393 0.630 1.204 0.417 0.141 0.645 0.366 0.126 inch TYP. MAX. 0.181 0.106 0.108 0.027 0.039 0.067 0.067 0.204 0.106 0.409
DIM. A B D E F F1 F2 G G1 H L2 L3 L4 L5 L6 L7 O
A
B
L3 L6 L7
F1
D
F
G1 H
F2
L2 L5
E
123
L4
8/9
G
STP80NF10/STP80NF10FP
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2002 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. (c) http://www.st.com
9/9


▲Up To Search▲   

 
Price & Availability of STP80NF10FP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X