Part Number Hot Search : 
P0642SC 10276BC AM27S45A AM27S45A SMBJ30C MCH6604 MAX16 2N720A
Product Description
Full Text Search
 

To Download STP6NB80FP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STP6NB80 STP6NB80FP
N - CHANNEL 800V - 1.6 - 5.7A - TO-220/TO-220FP PowerMESHTM MOSFET
PRELIMINARY DATA TYPE ST P6NB80 ST P6NB80FP
s s s s s
V DSS 800 V 800 V
R DS(on) < 1.9 < 1.9
ID 5.7 A 5.7 A
TYPICAL RDS(on) = 1.6 EXTREMELY HIGH dv/dt CAPABILITY 100% AVALANCHE TESTED VERY LOW INTRINSIC CAPACITANCES GATE CHARGE MINIMIZED
3 1 2
3 1 2
DESCRIPTION Using the latest high voltage MESH OVERLAYTM process, STMicroelectronics has designed an advanced family of power MOSFETs with outstanding performances. The new patent pending strip layout coupled with the Company's proprietary edge termination structure, gives the lowest RDS(on) per area, exceptional avalanche and dv/dt capabilities and unrivalled gate charge and switching characteristics. APPLICATIONS s HIGH CURRENT, HIGH SPEED SWITCHING s SWITCH MODE POWER SUPPLIES (SMPS) s DC-AC CONVERTERS FOR WELDING EQUIPMENT AND UNINTERRUPTIBLE POWER SUPPLIES AND MOTOR DRIVE ABSOLUTE MAXIMUM RATINGS
Symbol V DS V DGR V GS ID ID I DM (*) P tot dv/dt(1) V ISO Ts tg Tj Parameter Drain-source Voltage (VGS = 0) Drain- gate Voltage (R GS = 20 k) G ate-source Voltage Drain Current (continuous) at Tc = 25 o C Drain Current (continuous) at Tc = 100 o C Drain Current (pulsed) T otal Dissipation at Tc = 25 o C Derating F actor Peak Diode Recovery voltage slope Insulation W ithstand Voltage (DC) Storage Temperature Max. Operating Junction T emperature
TO-220
TO-220FP
INTERNAL SCHEMATIC DIAGRAM
Value ST P6NB80 STP6NB80F P 800 800 30 5.7 3.6 22.8 125 1.0 4 -65 to 150 150
( 1) ISD 5.76 A, di/dt 200 A/s, VDD V(BR)DSS, Tj TJMAX
Un it V V V 5.7(*) 2 22.8 40 0.32 4 2000 A A A W W/ C V/ns V
o o o
C C
(*) Pulse width limited by safe operating area (*) Limited only maximum temperature allowed
September 1998
1/6
STP6NB80/FP
THERMAL DATA
TO-220 R thj -case R thj -amb R thc-sink Tl Thermal Resistance Junction-case Max 1.0 62.5 0.5 300 TO220-FP 3.1
o o o
C/W C/W C/W o C
Thermal Resistance Junction-ambient Max Thermal Resistance Case-sink T yp Maximum Lead T emperature For Soldering Purpose
AVALANCHE CHARACTERISTICS
Symbo l IAR E AS Parameter Avalanche Current, Repetitive or Not-Repetitive (pulse width limited by Tj max) Single Pulse Avalanche Energy (starting Tj = 25 oC, ID = IAR, V DD = 50 V) Max Value 5.7 314 Unit A mJ
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified) OFF
Symbo l V (BR)DSS I DSS IGSS Parameter Drain-source Breakdown Voltage Test Con ditions I D = 250 A V GS = 0 Min. 800 1 50 100 Typ. Max. Unit V A A nA
V DS = Max Rating Zero Gate Voltage Drain Current (V GS = 0) V DS = Max Rating Gate-body Leakage Current (VDS = 0) V GS = 30 V
T c = 125 oC
ON ()
Symbo l V GS(th) R DS(on) I D(o n) Parameter Gate Threshold Voltage V DS = V GS Static Drain-source On Resistance On State Drain Current V GS = 10V Test Con ditions ID = 250 A ID = 3 A 5.7 Min. 3 Typ. 4 1.6 Max. 5 1.9 Unit V A
V DS > ID(o n) x R DS(on )ma x V GS = 10 V
DYNAMIC
Symbo l g f s () C iss C os s C rss Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Test Con ditions V DS > ID(o n) x R DS(on )ma x V DS = 25 V f = 1 MHz ID = 3 A V GS = 0 Min. 2.5 Typ. 4.5 1250 145 16 1625 190 21 Max. Unit S pF pF pF
2/6
STP6NB80/FP
ELECTRICAL CHARACTERISTICS (continued) SWITCHING ON
Symbo l t d(on) tr Qg Q gs Q gd Parameter Turn-on Time Rise Time Total Gate Charge Gate-Source Charge Gate-Drain Charge Test Con ditions V DD = 400 V R G = 4.7 V DD = 640 V ID = 3 A V GS = 10 V I D = 6 A V GS = 10 V Min. Typ. 19 9 33 11 14 Max. 27 13 47 Unit ns ns nC nC nC
SWITCHING OFF
Symbo l tr (Voff) tf tc Parameter Off-voltage Rise Time Fall Time Cross-over Time Test Con ditions V DD = 640V I D = 6 A R G = 4.7 VGS = 10 V Min. Typ. 11 9 16 Max. 16 13 23 Unit ns ns ns
SOURCE DRAIN DIODE
Symbo l ISD I SDM (*) V SD () t rr Q rr I RRM Parameter Source-drain Current Source-drain Current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current I SD = 6 A V GS = 0 700 5.8 16.5 I SD = 6 A di/dt = 100 A/s T j = 150 o C V DD = 100 V Test Con ditions Min. Typ. Max. 5.7 22.8 1.6 Unit A A V ns C A
() Pulsed: Pulse duration = 300 s, duty cycle 1.5 % (*) Pulse width limited by safe operating area
3/6
STP6NB80/FP
TO-220 MECHANICAL DATA
DIM. MIN. A C D D1 E F F1 F2 G G1 H2 L2 L4 L5 L6 L7 L9 DIA. 13.0 2.65 15.25 6.2 3.5 3.75 0.49 0.61 1.14 1.14 4.95 2.4 10.0 16.4 14.0 2.95 15.75 6.6 3.93 3.85 0.511 0.104 0.600 0.244 0.137 0.147
E
mm TYP. MAX. 4.60 1.32 2.72 1.27 0.70 0.88 1.70 1.70 5.15 2.7 10.40 0.019 0.024 0.044 0.044 0.194 0.094 0.393 MIN. 0.173 0.048 0.094 4.40 1.23 2.40
inch TYP. MAX. 0.181 0.051 0.107 0.050 0.027 0.034 0.067 0.067 0.203 0.106 0.409 0.645 0.551 0.116 0.620 0.260 0.154 0.151
A
C
D1
L2 F1
D
G1
Dia. F2 F
L5 L7 L6
L9
L4
G
4/6
H2
P011C
STP6NB80/FP
TO-220FP MECHANICAL DATA
DIM. MIN. A B D E F F1 F2 G G1 H L2 L3 L4 L6 L7 O 28.6 9.8 15.9 9 3 4.4 2.5 2.5 0.45 0.75 1.15 1.15 4.95 2.4 10 16 30.6 10.6 16.4 9.3 3.2 1.126 0.385 0.626 0.354 0.118 mm TYP. MAX. 4.6 2.7 2.75 0.7 1 1.7 1.7 5.2 2.7 10.4 MIN. 0.173 0.098 0.098 0.017 0.030 0.045 0.045 0.195 0.094 0.393 0.630 1.204 0.417 0.645 0.366 0.126 inch TYP. MAX. 0.181 0.106 0.108 0.027 0.039 0.067 0.067 0.204 0.106 0.409
A
B
L3 L6 L7 F1 F
D
G1
E
H
F2
123 L2 L4
G
5/6
STP6NB80/FP
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a trademark of STMicroelectronics (c) 1998 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A. http://www.st.com .
6/6


▲Up To Search▲   

 
Price & Availability of STP6NB80FP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X