Part Number Hot Search : 
SK2037 16000 HT46R53A AX3FBULK BU4319G MKW5030 MTR2815D SF1197B
Product Description
Full Text Search
 

To Download STN3NE06L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
STN3NE06L
N - CHANNEL 60V - 0.10 - 3A - SOT-223 STripFETTM POWER MOSFET
PRELIMINARY DATA
TYPE STN3NE06L
s s s s s
V DSS 60 V
R DS(on) < 0.120
ID 3A
TYPICAL RDS(on) = 0.10 EXCEPTIONAL dv/dt CAPABILITY AVALANCHE RUGGED TECHNOLOGY 100 % AVALANCHE TESTED APPLICATION ORIENTED CHARACTERIZATION
2
DESCRIPTION This Power Mosfet is the latest development of STMicroelectronics unique "Single Feature SizeTM " stip-based process. The resulting transistor shows extremely high packing density for low on-resistance, rugged avalanche characteristics and less critical alignment steps therefore a remarkable manufacturing reproducibility. APPLICATIONS s DC MOTOR CONTROL (DISK DRIVES,etc.) s DC-DC & DC-AC CONVERTERS s SYNCHRONOUS RECTIFICATION
1
SOT-223
2
3
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol V DS V DGR V GS ID ID I DM (*) Ptot dv/dt(1) T stg Tj Parameter Drain-source Voltage (V GS = 0) Drain- gate Voltage (R GS = 20 k) Gate-source Voltage Drain Current (continuous) at T c = 25 C Drain Current (continuous) at T c = 100 o C Drain Current (pulsed) Total Dissipation at T c = 25 o C Derating Factor Peak Diode Recovery voltage slope Storage Temperature Max. Operating Junction Temperature
o
Value 60 60 20 3 1.8 12 2.5 0.02 6 -65 to 150 150
(1) ISD 12 A, di/dt 200 A/s, VDD V(BR)DSS, Tj TJMAX
Unit V V V A A A W W/ o C V/ns
o o
C C
(*) Pulse width limited by safe operating area New RDS (on) spec. starting from JULY 98
August 1998
1/5
STN3NE06L
THERMAL DATA
R thj-pcb R thj-amb Tl Thermal Resistance Junction-PC Board Max Thermal Resistance Junction-ambient Max (Surface Mounted) Maximum Lead Temperature For Soldering Purpose 50 60 260
o o
C/W C/W
o
C
AVALANCHE CHARACTERISTICS
Symbol I AR E AS Parameter Avalanche Current, Repetitive or Not-Repetitive (pulse width limited by T j max) Single Pulse Avalanche Energy (starting T j = 25 o C, I D = I AR , VDD = 25 V) Max Value 3 20 Unit A mJ
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified) OFF
Symbol V (BR)DSS I DSS Parameter Drain-source Breakdown Voltage Test Conditions I D = 250 A VGS = 0 Min. 60 1 10 100 Typ. Max. Unit V A A nA
Zero Gate Voltage V DS = Max Rating Drain Current (V GS = 0) V DS = Max Rating o C Gate-body Leakage Current (V DS = 0) V GS = 20 V
T c = 125
I GSS
ON ()
Symbol V GS(th) R DS(on) Parameter Gate Threshold Voltage Static Drain-source On Resistance V DS = VGS Test Conditions ID = 250 A Min. 1 Typ. 1.7 0.080 0.1 Max. 2.5 0.100 0.12 Unit V
V GS = 10 V I D = 6A V GS = 5 V I D = 6A
ID(on)
On State Drain Current V DS > I D(on) x R DS(on)max V GS = 10 V
3
A
DYNAMIC
Symbol g fs () C iss C oss C rss Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Test Conditions V DS > I D(on) x R DS(on)max V DS = 25 V f = 1 MHz I D = 1.5 A V GS = 0 V Min. 1 Typ. 3 700 100 30 960 140 45 Max. Unit S pF pF pF
2/5
STN3NE06L
ELECTRICAL CHARACTERISTICS (continued) SWITCHING ON
Symbol t d(on) tr (di/dt)on Qg Q gs Q gd Parameter Turn-on Time Rise Time Turn-on Current Slope Total Gate Charge Gate-Source Charge Gate-Drain Charge Test Conditions V DD = 30 V R G = 4.7 V DD = 25 V R G = 4.7 V DD = 40 V ID = 6 A V GS = 5 V ID = 6 A V GS = 10 V I D = 12 A V GS = 5 V Min. Typ. 17 35 200 13 6 5 18 Max. 23 50 Unit ns ns A/s nC nC nC
SWITCHING OFF
Symbol t r(Voff) tf tc Parameter Off-voltage Rise Time Fall Time Cross-over Time Test Conditions V DD = 48 V R G = 4.7 I D = 12 A V GS =5 V Min. Typ. 9 18 30 Max. 12 25 45 Unit ns ns ns
SOURCE DRAIN DIODE
Symbol I SD I SDM (*) V SD () t rr Q rr I RRM Parameter Source-drain Current Source-drain Current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current I SD = 3 A I SD = 12 A V DD = 25 V V GS = 0 di/dt = 100 A/s T j = 150 o C 65 0.13 4 Test Conditions Min. Typ. Max. 3 12 1.5 Unit A A V ns C A
() Pulsed: Pulse duration = 300 s, duty cycle 1.5 % (*) Pulse width limited by safe operating area
3/5
STN3NE06L
SOT-223 MECHANICAL DATA
mm MIN. a b c d e1 e4 f g l1 l2 L 2.9 0.67 6.7 3.5 6.3 3 0.7 7 3.5 6.5 2.27 4.57 0.2 0.63 1.5 TYP. 2.3 4.6 0.4 0.65 1.6 MAX. 2.33 4.63 0.6 0.67 1.7 0.32 3.1 0.73 7.3 3.7 6.7 114.2 26.4 263.8 137.8 248 118.1 27.6 275.6 137.8 255.9 MIN. 89.4 179.9 7.9 24.8 59.1 mils TYP. 90.6 181.1 15.7 25.6 63 MAX. 91.7 182.3 23.6 26.4 66.9 12.6 122.1 28.7 287.4 145.7 263.8
DIM.
L
l2
e1
a b f
d c e4
C
l1
B
C
E
g
P008B
4/5
STN3NE06L
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics (c) 1998 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A. .
5/5


▲Up To Search▲   

 
Price & Availability of STN3NE06L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X