Part Number Hot Search : 
3N254 LT3437 VP2019ZM SA100 ICS91 2SC41021 DAC1408 1818M
Product Description
Full Text Search
 

To Download STK4241 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number: EN 4587B
Thick Film Hybrid IC
STK4241V AF Power Amplifier (Split Power Supply) (120W+120W min, THD = 0.08%)
Features
* Muting circuit built-in to isolate all types of shock noise * Current mirror circuit for low 0.08% total harmonic distortion * Pin compatible with the STK4201II series (THD = 0.4%) and the STK4141X series (THD = 0.02%)
Package Dimensions
unit: mm
4086A
[STK4241V]
Specifications
Maximum Ratings at Ta = 25C
Parameter Maximum supply voltage Thermal resistance Junction temperature Operating substrate temperature Storage temperature Available time for load short-circuit1 Symbol VCC max j-c Tj Tc Tstg ts VCC = 54V, RL = 8, f = 50Hz, PO = 120W Conditions Ratings 78 1.1 150 125 -30 to +125 1 Unit V C/W C C C s
Recommended Operating Conditions at Ta = 25C
Parameter Recommended supply voltage Load resistance Symbol VCC RL Conditions Ratings 54 8 Unit V
SANYO Electric Co., Ltd. Semiconductor Business Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
61197HA (ID) / 70695HA (ID) / D2593YK 5-2616 No. 4587--1/4
STK4241V
Operating Characteristics at Ta = 25C, VCC = 54V, RL = 8 (noninductive load), Rg = 600, VG = 40dB
Parameter Quiescent current Output power Total harmonic distortion Frequency response Input impedance Output noise voltage2 Neutral voltage Muting voltage Symbol ICCO PO THD fL, fH ri VNO VN VM Conditions VCC = 66V THD = 0.08%, f = 20Hz to 20kHz PO = 1.0W, f = 1kHz PO = 1.0W,
+0 -3 dB
min 20 120 - - - - -70 -2
typ 40 - - 20 to 50k 55 - 0 -5
max 100 - 0.08 - - 1.2 +70 -10
Unit mA W % Hz k mVrms mV V
PO = 1.0W, f = 1kHz VCC = 66V, Rg = 10k VCC = 66V
Notes. All tests are measured using a regulated voltage supply unless otherwise specified. 1. Available time for load short-circuit and output noise voltage are measured using the transformer supply specified below. 2. The output noise voltage is the peak value of an average-reading meter with an rms value scale (VTVM). The noise voltage waveform includes no flicker noise.
Specified Transformer Supply (MG-250 or Equivalent)
No. 4587--2/4
STK4241V
Equivalent Circuit
Sample Application Circuit (120W min 2-Channel AF Power Amplifier)
No. 4587--3/4
STK4241V
s
No products described or contained herein are intended for use in surgical implants, life-support systems, aerospace equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and the like, the failure of which may directly or indirectly cause injury, death or property loss. Anyone purchasing any products described or contained herein for an above-mentioned use shall: Accept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors and all their officers and employees, jointly and severally, against any and all claims and litigation and all damages, cost and expenses associated with such use: Not impose any responsibility for any fault or negligence which may be cited in any such claim or litigation on SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of their officers and employees, jointly or severally. Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties.
s
s
This catalog provides information as of June, 1997. Specifications and information herein are subject to change without notice.
No. 4587--4/4


▲Up To Search▲   

 
Price & Availability of STK4241

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X