Part Number Hot Search : 
HP333 28LMB050 LTC24 M1MA141K HCF4532 SZ6A270 HN4403 P4KE43
Product Description
Full Text Search
 

To Download SR240M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
SR240M
* * * * * *
Schottky Barrier Rectifier Guard Ring Protection Low Forward Voltage Low Power Loss For High Efficiency High Current Capability Surface Mount Applications
2 Amp Schottky Barrier Rectifier 40 Volts
MELF
Cathode Mark
* * * *
Maximum Ratings
Operating Temperature: -55C to +125C Storage Temperature: -55C to +150C Maximum Thermal Resistance: 10C/W Junction To Lead Maximum Thermal Resistance: 40C/W Junction To Ambient Maximum Recurrent Peak Reverse Voltage 40V Maximum DC Blocking Voltage 40V
C
MCC Part Number SR240M
Device Marking ---
Maximum RMS Voltage 28V
B
A
DIMENSIONS
Electrical Characteristics @ 25 Unless Otherwise Specified C
Average Forward Current Peak Forward Surge Current Maximum Instantaneous Forward Voltage Maximum DC Reverse Current At Rated DC Blocking Voltage Typical Junction Capacitance *Pulse test: Pulse width 300 IF(AV) IFSM VF 2.0A 50A .50V 0.5mA 10mA TA =75C 8.3ms, half sine IFM = 2.0A; TJ = 25C* TJ = 25C TJ = 100C
DIM A B C
INCHES MIN .190 --.095
MAX .205 .022 .105
MM MIN 4.80 --2.40
MAX 5.20 .55 2.67
NOTE Nominal
SUGGESTED SOLDER PAD LAYOUT
.220"
IR
.115"
Measured at 1.0MHz, VR=4.0V sec, Duty cycle 2% CJ 150pF
.035"
www.mccsemi.com
SR240M
Figure 1 Typical Forward Characteristics 100 80 60 40 pF 20 10 8.0 6.0 Amps 4.0 Figure 2 Typical Junction Capacitance 1000 600 400 200 100 60 40 25C 20 10 0.
MCC
5.0 10 Volts Junction Capacitance - pF versus Reverse Voltage - Volts
0.5
1.0
50
100
2.0 1.0 .8 .6 .4 Figure 3 Forward Derating Curve 2.4 2.2 2.0 1.8 1.6 .2 .1 0 .2 .4 .6 Volts Instantaneous Forward Current - Amperes versus Instantaneous Forward Voltage - Volts Figure 4 Peak Forward Surge Current 54 45 36 27 Amps 18 9 0 1 2 4 6 8 10 20 Cycles Peak Forward Surge Current - Amperes versus Number Of Cycles At 60Hz - Cycles 40 60 80 100 .8 1.0 1.2 1.4 1.4 1.2 Amps 1.0 .8 .6 .4 Single Phase, Half Wave .2 60Hz Resistive or Inductive Load 0 0 25 50 75 C Average Forward Rectified Current - Amperes versus Ambient Temperature - C 100 125 150
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of SR240M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X