Part Number Hot Search : 
4741A 11800 150KR120 P7831114 FW241 AS1106 CXD8871Q PHN380
Product Description
Full Text Search
 

To Download SP6137LED Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SP6137LED Evaluation Board Manual
Ideal for Automotive or 12V Bus Application Single Board for 1W, 3W and 5W Applications High Efficiency Small 10-Pin MSOP Package 900kHz Switching Frequency Enables Small Components Integrated Design with Minimal Components. Dual MOSFET for Spacing Saving DESCRIPTION AND BOARD SCHEMATIC The SP6137LED Evaluation Board is designed to help the user evaluate the performance of the SP6137 for use as a Luxeon 1W/3W/5W Driver. The evaluation board is a completely assembled and tested surface mount board which provides easy probe access points to all SP6137 inputs and outputs so that the user can quickly connect and measure electrical characteristics and waveforms.
VIN 12V 1 1 1 1 VCC 5.1V R6 499 1/4W, 1206 C1 1uF 16V, 0805
D1 BZT52C5V1S 5.1V, SOD-323
R2 24.3K 0603 1
C2 10uF 6.3V 0805
1 6 7 5 4 UVIN SS COMP VFB
U1 SP6137 10 9 8 2
D2 MBR0530 SOD-123 U2 C3 1uF 1 10V, 0603 2 3 4
Si5902DC 8 7 6 5 1 L1 4.7uH 2 SD43-4R7M D3 1W/3W/5W VOUT 1
VCC BST GH SWN GND GL
1
VSS R4 1k 0603 C4 1uF 10V 0603
1
1
3
C5 1uF 16V, 0805 2 VFB 1
200mV J1 setup: J1 no hat: J1 at 1&2: J1 at 2&3 R1,R3,R5:
J1
1 R5 0.56 R1 0.56 R3 0.33
1W LumiLED 5W LumiLED 3W LumiLED 1206, 1%, SMD
1 2 3
Rev 12/05/03
SP6137LED Evaluation Board Manual
Copyright 2003 Sipex Corporation
USING THE EVALUATION BOARD 1) Powering Up the SP6137LED Circuit The SP6137LED Evaluation Board can be powered from a 12V power supply or from 8 alkaline cells. Connect with short leads directly to the "VIN" and "GND" posts. Plug the 1W/3W/5W Luxeon LumiLED between the "VOUT" and "VFB" posts. Refer to section 2 for Jumper (J1) setup for different LumiLED applications. 2) Using the J1 Jumper for different LumiLED Applications The SP6137LED Evaluation Board can be used to drive 1W, 3W or 5W LumiLED respectively, this can be done by using the J1 Jumper. When no hat was used for the J1, it is setup for 1W application. When the hat is put on 1 & 2 position, it is used for 5W application. When the hat is put on 2 & 3 position, it is used for 3W application. 3) Selecting the Bias Resistor The feedback voltage was programmed to be 200mV by using two divider resistors (R2 and R4) at the soft start pin. (The internal 0.8V reference was overwritten by the programmed 0.2V to reduce the sense voltage and increase the efficiency). The bias resistor is used to set the operating current of the LumiLED as equation V Rb = FB IF where VFB is set as 200mV, IF is the operating current of the LumiLED. For 1W application, IF=350mA, Rb=R1=0.56Ohm For 5W application, IF=700mA, Rb=R1//R5=0.28Ohm For 3W application, IF=1000mA, Rb=R1//R3=0.2Ohm POWER SUPPLY DATA For the standard evaluation board, the following chart shows the efficiency data for different applications.
100 98 96 94 Efficiency (%) 92 90 88 86 84 82 80 78 Single Two Three 1W 3W 5W
Fig. 1 Efficiency data of the SP6137LED evaluation board 2
EVALUATION BOARD LAYOUT
FIGURE 1: SP6137LEDEB COMPONENT PLACEMENT
FIGURE 2: SP6137LEDEB PC LAYOUT TOP SIDE
FIGURE 3: SP6137LEDEB PC LAYOUT BOTTOM SIDE
3
TABLE1: SP6137LEDEB LIST OF MATERIALS
Ref. Des. U1 U2 C1, C5 C2 C3, C4 L1 D1 D2 D3 R1, R5 R3 R2 R4 R6 R7 J1 Qty. 1 1 2 1 2 1 1 1 1 2 1 1 1 1 1 1 SP6137 Buck for LumiLED List of Materials Manufacturer Part Number Layout Size LxWxH Sipex Corp. SP6137 MSOP-10 Vishay Si5902DC 1206-8 ChipFET TDK Corp C2012X5R1C105K 805 TDK Corp C2012X5R0J106M 805 TDK Corp C1608X5R1A105K 603 Easy Magentic SD43-4R7M 4X4.5X3.2 ON Semin MBR0530 SOD-123 Diodes Inc. BZT52C5V1S SOD-323 LumiLEDs Panasonic 1206 Panasonic 1206 Panasonic 603 Panasonic 603 Panasonic 1206 Panasonic 603 Component 900kHz Dual Supply Synchronous Buck Dual N-Channel 30V MOSFET 1uF/16V/X5R/10% Ceramic 10uF/6.3V/X5R/ Ceramic 1uF/10V/X5R/ Ceramic 4.7uH 2.43A 0.1 Ohm SM Inductor 0.5A Schottky 5.1V SMD zener diode Open 0.56 Ohm 1/4W 1% 1206 SM 0.33 Ohm 1/4W 1% 1206 SM 24.3K Ohm 1/16W 1% 0603 SM 1K Ohm 1/16W 1% 0603 SM 499 Ohm 1/4W 5% 1206 SM 5 Ohm 1/16W 1% 0603 SM 3-Pin Jumper Vendor Sipex 978-667-8700 Vishay TDK 847-803-6100 TDK 847-803-6100 TDK 847-803-6100 Easy Magnetic 800-388-8731 Diodes Inc. LumiLEDs 800-Digi-Key 800-Digi-Key 800-Digi-Key 800-Digi-Key 800-Digi-Key 800-Digi-Key 800-Digi-Key
ORDERING INFORMATION Model Temperature Range Package Type
SP6137LEDEB............................. -40C to +85C...................SP6137LED Evaluation Board SP6137EU.....................................-40C to +85C...................................... 10-pin SOIC
4


▲Up To Search▲   

 
Price & Availability of SP6137LED

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X