Part Number Hot Search : 
2451B PZTA4 IRF110 MC130 PSKT225 S0706 2SC358 IR3510M
Product Description
Full Text Search
 

To Download SP2338 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 
SP2337/8DP AP0221 2002.07
SP2337/8DP
SP2337/8DP CMOS UART UART UART 8 16 32 UART UART 2 2 4V~5 5V 4 4mA 9600bps VCC=5 0V 1200bps~9600bps( ) UART 0 5uA 0 25% 2 5% 10 9( 2%) 3 MODEM MODEM 4 1
1 2 3 4 5 6 7 8 9
ADRO0 ADRO1 VCC VCC GND RX0 TX0 RX1 TX1 1
ADRI0 ADRI1 OSCI OSCO VCC RX3 TX3 RX2 TX2
18 17 16 15 14 13 12 11 10
DIP SOIC
10
1 2 3 4 5 6 7 8 9 10
SP2337/8DP AP0221 2002.07
ADRO0 ADRO1 VCC VCC GND GND RX0 TX0 RX1 TX1
ADRI0 ADRI1 OSCI OSCO VCC VCC RX3 TX3 RX2 TX2
20 19 18 17 16 15 14 13 12 11
2
SSOP I I O O I O I O I O I O I O 16 ----6
1
( DIP SOIC ) ADRI0 18 ADRI1 ADRO0 ADRO1 RX0 TX0 RX1 TX1 RX2 TX2 RX3 TX3 OSCI OSCO VCC GND 3 17 1 2 6 7 8 9 11 10 13 12 16 15 4 5 14 3 4 5 ( SSOP ) 20 19 1 2 7 8 9 10 12 11 14 13 18 17 15 3 3 3 3 0 0 1 1 2 2 3 3
10
5 SP233 X XX A 2 A B C D B C X D
SP2337/8DP AP0221 2002.07
UART UART () 7 7 8 8 DP SO SS C 0C ~70C I -40C ~85C
6
(DIP SOIC )
3
10
7
SP2337/8DP AP0221 2002.07
SP2337DP 7 SP2338DP 8 0~ 2 3 4 fosc_in 10.00MHz 3 19200bps 0~ 2 19200bps/4=4800bps 0~ 2 K K=4800*fosc_in(MHz)/10.0(MHz) (Bps) ( fosc_in 20.0MHz) ADRI0 ADRI1 00 01 10 0 1 2 11 3 SP2337/8DP 0X28 2 ADRI1 1 ADRI0 0 0X28 UART 3 3 11 0X35 0XB5 30.75mS 0X55 0XD5 Sleep Wake up 0~ 3 SP2337/8XX 25mS 0X66 25mS 11 3 0X00 3 0X00 ... ... 3 0X00 ... ... 3 0X00 ... ... 3 0X00 ADRO0 ADRO1 00 01 10 0 1 2 3 UART 3 ADRO0 ADRO1
10
8 SP2337/8XX 0C~70C -40C ~85C -65C~125C 6.0V 0C~70C
SP2337/8DP AP0221 2002.07
9
VCC=5.0V5%
GND=0V
3 1 2 1 2 3.7 DC DC 1.2 4.4 0.5 20.0 16.0 1.7 7.6 1.2 2.4 GND 2.0 -1.0 0 5.5 0.8 VCC +1.0 0.6 V V V A V V MHz MHz mA mA A Input pin at VCC or GND IOL=5.0mA IOH=4.0 mA VCC=5.0V VCC=3.0V Fosc=4.0MHz Input pin at VCC Output pin floating Fosc=20.0MHz Input pin at VCC Output pin floating Input pin at VCC Output pin floating
10
10
SP2337/8DP AP0221 2002.07
4
10
11 DIP
SP2337/8DP AP0221 2002.07
5 DIP
10
SIOC
SP2337/8DP AP0221 2002.07
6
SOIC
10
SSOP
SP2337/8DP AP0221 2002.07
7 SSOP
10
SP2337/8DP AP0221 2002.07

Chengdu Seper Technology Ltd.
A4
5 . 610041 028-85138086 85188046 88074377 028-85188046 Http //www.sepertech.com seper@sepertech.com powerysp@sina.com
10


▲Up To Search▲   

 
Price & Availability of SP2338

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X