Part Number Hot Search : 
D20400 EGFZ15K T6061A 2SC4764 L9305A RBV1504 BAR6404W GU80N03
Product Description
Full Text Search
 

To Download SMP1345 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Very Low Capacitance Plastic Packaged PIN Diodes
SMP1345 Series Features
Designed for High Isolation LNB, WLAN and Wireless Switch Applications 0.15 pF Capacitance Available Lead (Pb)-Free MSL-1 @ 250C per JEDEC J-STD-020 Available in Tape and Reel Packaging
Description
The SMP1345 series of plastic packaged, surface mountable PIN diodes are designed for high volume LNB, WLAN and switch applications from 10 MHz to beyond 2 GHz. The short carrier lifetime of typically 100 nS, combined with its thin I region width of nominally, 10 m, results in a fast speed RF switching PIN diode. The RF performance of the SMP1345 series is assured by virtue of its very low capacitance (0.15 pF) and low resistance (1.5 at 10 mA). The SMP1345-518 has been specifically designed for WLAN 802.11 a, b, and g applications.
Absolute Maximum Ratings
Characteristic Reverse Voltage (VR) Power Dissipation @ 25C Lead Temperature (PD) Storage Temperature (TST) Operating Temperature (TOP) ESD Human Body Model Value 50 V 250 mW -65C to +150C -65C to +150C Class 1B
NEW
Lead (Pb)-Free "environmentally friendly" packaging available: Skyworks offers the SMP1345-079LF and SMP1345-518 Lead (Pb)-Free package as a green alternative.
Common Anode Marking: PU9 SOT-23 SMP1345-003 LS = 1.5 nH
LF denotes Lead (Pb)-Free packaging.
Common Cathode Marking: PU3 SOT-23 SMP1345-004 LS = 1.5 nH
Series Pair Marking: PU2 SOT-23 SMP1345-005 LS = 1.5 nH
Single SC-79 SMP1345-079 SMP1345-079LF LS = 0.7 nH
Ring LGA SMP1345-518 LS = 0.6 nH
Skyworks Solutions, Inc. [781] 376-3000 * Fax [781] 376-3100 * Email sales@skyworksinc.com * www.skyworksinc.com
Specifications subject to change without notice. 5/03A
1
Very Low Capacitance Plastic Packaged PIN Diodes
SMP1345 Series
Electrical Specifications at 25C
Parameter Reverse Current (IR) Capacitance (CT) Capacitance (CT) Resistance (RS) Resistance (RS) Forward Voltage (VF) Carrier Lifetime (TI) I Region Width Condition VR = 50 V F = 1 MHz, V = 1 V F = 1 MHz, V = 5 V F = 100 MHz, I = 1 mA F = 100 MHz, I = 10 mA IF = 10 mA IF = 10 mA 0.19 0.18 3.50 1.50 0.89 100 10 2.00 0.20 Typ. Max. 10 Unit A pF pF V nS m
Typical Performance Data
0.20 100
Series Resistance ()
Capacitance (pF)
10
0.15
1
0.10
0.1
0.05 0 5 10 15 20 25 30
0.01 0.01
0.1
1
10
100
Reverse Voltage (V)
Forward Current (mA)
Total Capacitance vs. Reverse Voltage Measured in an SC-79 Package
Series Resistance vs. Current @ 100 MHz
2
Skyworks Solutions, Inc. [781] 376-3000 * Fax [781] 376-3100 * Email sales@skyworksinc.com * www.skyworksinc.com
Specifications subject to change without notice. 5/03A
Very Low Capacitance Plastic Packaged PIN Diodes
SMP1345 Series
Recommended Solder Reflow Profiles
Profile Feature Average Ramp-Up Rate (TL to TP) Preheat Temperature Min. (TSmin) Temperature Max. (TSmax) Time (Min. to Max.) (ts) TSmax to TL Ramp-up Rate Time Maintained Above: Temperature (TL) Time (tL) Peak Temperature (TP) Time Within 5C of Actual Peak Temperature (tp) Ramp-Down Rate Time 25C to Peak Temperature SnPb Eutectic Assembly 3C/Second Max. 100C 150C 60-120 Seconds -- 183C 60-150 Seconds 240 +0/-5C 10-30 Seconds 6C/Second Max. 6 Minutes Max. Lead (Pb)-Free Assembly 100% Sn 3C/Second Max. 150C 200C 60-80 Seconds 3C/Second Max. 217C 60-150 Seconds 250 +0/-5C 20-40 Seconds 6C/Second Max. 8 Minutes Max.
All temperatures refer to the topside of the package, measured on the package body surface. Reference JEDEC J-STD-020B.
TP
tp
Critical Zone TL to TL TL IL TSmax
Temperature
TSmin ts Preheat
25C t 25C to Peak
Time
Reference JEDEC J-STD-020
Skyworks Solutions, Inc. [781] 376-3000 * Fax [781] 376-3100 * Email sales@skyworksinc.com * www.skyworksinc.com
Specifications subject to change without notice. 5/03A
3
Very Low Capacitance Plastic Packaged PIN Diodes
SMP1345 Series
SC-79
CATHODE 0.006 (0.15 mm) MIN. INDICATOR 0.010 (0.25 mm) MIN. 0.014 (0.35 mm) MAX.
1 2
LGA
0.058 (1.47 mm) 0.054 (1.39 mm) PIN 3 0.048 (1.23 mm) 0.044 (1.13 mm) PIN 2 0.060 (1.50 mm) MIN. 0.067 (1.70 mm) MAX. 0.043 (1.10 mm) MIN. 0.051 (1.30 mm) MAX. (1.03) 10 MAX. 0.020 (0.50 mm) MIN. 0.028 (0.70 mm) MAX. 10 MAX. PIN 4 (0.138 x 45) (0.30) PIN 1 (0.00) PIN 2 (0.076) ALL AROUND BOTTOM VIEW TOP VIEW (0.00) (0.40) (0.87) (1.27) PIN 4 0.028 (0.70 mm) 0.023 (0.58 mm) 0.028 (0.70 mm) MIN. 0.035 (0.90 mm) MAX.
PIN 1 SIDE VIEW
PIN 3
(0.73)
0.003 (0.07 mm) MIN. 0.008 (0.20 mm) MAX.
SOT-23
0.110 (2.80 mm) MIN. 0.120 (3.04 mm) MAX.
3
0.012 (0.30 mm) MIN. 0.020 (0.50 mm) MAX. 0.047 (1.20 mm) MIN. 0.055 (1.40 mm) MAX.
1 2
0.083 (2.10 mm) MIN. 0.104 (2.64 mm) MAX.
0.037 (0.95 mm) REF. 0.020 (0.51 mm) REF. 0.076 (1.92 mm) REF. 0.003 (0.080 mm) MIN. 0.008 (0.20 mm) MAX. 8 MAX. 0.035 (0.89 mm) MIN. 0.044 (1.12 mm) MAX.
0.022 (0.55 mm) REF.
0.0005 (0.01 mm) MIN. 0.004 (0.10 mm) MAX.
4
Skyworks Solutions, Inc. [781] 376-3000 * Fax [781] 376-3100 * Email sales@skyworksinc.com * www.skyworksinc.com
Specifications subject to change without notice. 5/03A


▲Up To Search▲   

 
Price & Availability of SMP1345

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X