Part Number Hot Search : 
CMOZ24L C226M IRF9140 KBU6J 2SA1550P A2003G MM1188 1N4003
Product Description
Full Text Search
 

To Download SM2LZ47 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SM2LZ47
TOSHIBA BI-DIRECTIONAL TRIODE THYRISTOR SILICON PLANAR TYPE
SM2LZ47
AC POWER CONTROL APPLICATIONS
l Repetitive Peak Off-State Voltage : VDRM = 800V l R.M.S. On-State Current l High Commutation (dv / dt) l Isolation Voltage : IT (RMS) = 2A : (dv / dt) c = 5V / s (Min.) : VISOL = 1500V AC Unit: mm
MAXIMUM RATINGS
CHARACTERISTIC Repetitive Peak Off-State Voltage R.M.S. On-State Current (Full Sine Waveform) Peak One Cycle Surge On-State Current (Non-Repetitive) I t Limit Value Critical Rate of Rise of On-State Current (Note) Peak Gate Power Dissipation Average Gate Power Dissipation Peak Gate Voltage Peak Gate Current Junction Temperature Storage Temperature Range Isolation Voltage (AC, t = 1min.)
2
SYMBOL VDRM IT (RMS) ITSM It di / dt PGM PG (AV) VFGM IGM Tj Tstg VISOL
2
RATING 800 2 8 (50Hz) 8.8 (60Hz) 0.32 50 3 0.3 10 1.6 -40~125 -40~125 1500
UNIT V A A As A / s W W V A C C V
2
JEDEC JEITA TOSHIBA Weight: 1.7g
13-10H1A
Note:
di / dt test condition VDRM = 400V, ITM 3A, tgw 10s, tgr 250ns, igp = IGT x 2.0
1
2001-07-10
SM2LZ47
ELECTRICAL CHARACTERISTICS (Ta = 25C)
CHARACTERISTIC Repetitive Peak Off-State Current I Gate Trigger Voltage II III I Gate Trigger Current II III Peak On-State Voltage Gate Non-Trigger Voltage Holding Current Thermal Resistance Critical Rate of Rise of Off-State Voltage Critical Rate of Rise of Off-State Voltage at Communication VTM VGD IH Rth (j-a) dv / dt (dv / dt) c ITM = 3A VD = 800V, Tc = 125C VD = 12V, ITM = 1A Junction to Ambient, AC VDRM = 800V, Tj = 125C Exponential Rise VDRM = 400V, Tj = 125C (di / dt) c = - 0.5A / ms IGT VD = 12V, RL = 20 VGT VD = 12V, RL = 20 SYMBOL IDRM TEST CONDITION VDRM = 800V T2 (+) , Gate (+) T2 (+) , Gate (-) T2 (-) , Gate (-) T2 (+) , Gate (+) T2 (+) , Gate (-) T2 (-) , Gate (-) MIN 0.2 5 TYP. 500 MAX 20 1.5 1.5 1.5 10 10 10 2.0 10 58 V V mA C / W V / s V / s mA V UNIT A
MARKING
NUMBER *1 *2 SYMBOL Toshiba Product Mark TYPE SM2LZ47 M2LZ47 MARK
*3
Example 8A : January 1998 8B : February 1998 8L : December 1998
2
2001-07-10
SM2LZ47
3
2001-07-10
SM2LZ47
4
2001-07-10
SM2LZ47
RESTRICTIONS ON PRODUCT USE
000707EAA
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. * The information contained herein is subject to change without notice.
5
2001-07-10


▲Up To Search▲   

 
Price & Availability of SM2LZ47

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X