Part Number Hot Search : 
D78096 D1985 FF600 D78096 HT7963 BDEXXX0G PSA1875A STV6435S
Product Description
Full Text Search
 

To Download SED1530DF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PF777-03
SED1530 Series SED1530 Series
Dot Matrix LCD Controller Driver SSC5000Series
q Ultra Low Power Consumption q Built-in Power Supply Circuit for LCD q 133 Driver Output s DESCRIPTION
The SED1530 series is a single-chip LCD driver for dot-matrix liquid crystal displays (LCD's) which is directly connectable to a microcomputer bus. It accepts 8-bit serial or parallel display data directly sent from a microcomputer and stores it in an on-chip display RAM. It generates an LCD drive signal independent of microprocessor clock. The use of the on-chip display RAM of 65 x 132 bits and a one-to-one correspondence between LCD panel pixel dots and on-chip RAM bits permits implementation of displays with a high degree of freedom. As a total of 133 circuits of common and segment outputs are incorporated, a single chip of SED1530 series can make 33 x 100-dot (16 x 16-dot kanji font: 6 columns x 2 lines) displays, and a single chip of SED1531 can make 65 x 132-dot (kanji font: 8 columns x 4 lines) displays when the SED1531 is combined with the common driver SED1635. The SED1532 can display the 65x200-dot (or 12-column by 4-line Kanji font) area using two ICs in master and slave modes. As an independent static indicator display is provided for time-division driving, the low-power display is realized during system standby and others. No external operation clock is required for RAM read/write operations. Accordingly, this driver can be operated with a minimum current consumption and its on-board low-current-consumption liquid crystal power supply can implement a high-performance handy display system with a minimum current consumption and a smallest LSI configuration. Two types of SED1530 series are available: one in which common outputs are arranged on a single side and the other in which common outputs are arranged on both sides.
s FEATURES
q Direct RAM data display using the display RAM. When RAM data bit is 0, it is not displayed. When RAM data bit is 1, it is displayed. (At normal display) q RAM capacity: 65 x 132 = 8580 bits q High-speed 8-bit microprocessor interface allowing direct connection to both the 8080 and 6800. q Serial interface q Many command functions: Read/Write Display Data, Display ON/OFF, Normal/Reverse Display, Page Address Set, Set Display Start Line, Set Column Address, Read Status, All Display ON/OFF, Set LCD Bias, Electronic contrast Controls, Read Modify Write, Select Segment Driver Direction, Power Save
1
SED1530 Series
s LINE UP
Type 1 [VREG Temperature gradient 0.2% / C] * Specifications (for chip models)
Name SED1530D0* SED1530DA* SED1531D0* SED1532D0* SED1532DB* Duty 1/33 1/33 1/65 1/65 1/65 LCD bias 1/5, 1/6 1/5, 1/6 1/6, 1/8 1/6, 1/8 1/6, 1/8 Segment driver 100 100 132 100 100 COM driver 33 33 0 33 33 Display area 33 x 100 33 x 100 65 x 132 65 x 200 65 x 200 Remarks COM single-side assignment COM dual-side assignment SED1635 is used for COM. COM single-side right assignment COM single-side left assignment
Type 2 [VREG Temperature gradient 0.00% / C]
Name SED1530DF* SED1532DE* SED1533DF* SED1534DE* Duty 1/33 1/65 1/17 1/9 LCD bias 1/5, 1/6 1/6, 1/8 1/5 1/5 Segment driver 100 100 116 124 COM driver 33 33 17 9 Display area 33 x 100 65 x 200 17 x 116 9 x 124 Remarks COM both-side layout COM single-side, right-hand layout COM both-side layout COM single-side layout
Note: The SED1530 series has the following subcodes depending on their shapes. (The SED1530 examples are given.) SED1530T : TCP (The TCP subcode differs from the inherent chip subcode.) SED1530D : Bear chips SED1530D A : Aluminum pad SED1530D B : Gold bump
** **
* *
q On-chip LCD power circuit: Liquid crystal driving power supply booster circuit, voltage regulator circuit, voltage follower x 4. q On-chip electronic contrast control functions q Ultra low power consumption q Power supply voltages: VDD - VSS -2.4 V to -6.0 V VDD - V5 -4.5 V to -16.0 V (In the case of external power supply) q Wide operating temperature range: Ta = -40 to 85C q CMOS process q Package: TCP and bare chip q Non-radiation-resistant design
2
SED1530 Series
s BLOCK DIAGRAM (SED1530D0B)
VSS
O0 O99 O100 O15 COMS *********************************************** *********************
V3 V5
V2 V4 Segment driver Common driver
Shift register
CAP1+ CAP1- CAP2+ CAP2- CAP3-
Initial display line register Line address decoder I/O buffer circuit
Power supply circuit
Display data latch
VR Output status selector circuit
132 x 65-dot display data RAM
Column address decoder Page address register 8-bit column address counter Display timing generator circuit 8-bit column address register FRS FR CL DYO DOF M//S
Bus holder
Command decoder
Status register
Line counter
VOUT
COM S
V1
VDD
Oscillator
VS1
Microprocessor interface
I/O buffer
CS1 CS2
A0
RD WR C86 P/S RES (E) (R/W)
D7 D6 D5 (SI) (SCL)
D4
D3
D2
D1
D0
3
SED1530 Series
s PIN LAYOUT
51 52
1 172
86 87 137
138
Chip Size: Pad Pitch: SED153*D*A Pad Center Size: Chip Thickness: SED153*D*B Bump Size: Bump Height: Chip Thickness:
6.65x4.57 mm 118 m (Min.) (Aluminum pad model) 90x90 m 300 m (Gold bump model) 76x76 m 23 m (Typ.) 625 m
4
SED1530 Series
s PAD CENTER COORDINATES
Unit: um PAD No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 PIN Name X 0127 2986 0128 2862 0129 2738 0130 2614 0131 2490 COMS 2366 FRS 2242 FR 2124 DYO 2006 CL 1888 DOF 1770 VS1 1652 M/S 1534 RES 1416 P/S 1298 CS1 1180 CS2 1062 C86 944 A0 826 WR(W/R) 708 RD(E) 590 VDD 354 D0 236 D1 236 D2 118 D3 0 D4 -118 D5 -236 D6(SCL) -354 D7(SI) -472 VSS -590 VOUT -708 CAP3- -826 CAP1+ -944 CAP1- -1062 CAP2+ -1180 CAP2- -1298 V5 -1416 VR -1534 VDD -1652 V1 -1770 V2 -1888 V3 -2006 V4 -2124 V5 -2242 O0 -2366 O1 -2490 O2 -2614 O3 -2738 O4 -2862 Y 2142 PAD No. 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 PIN Name O5 O6 O7 O8 O9 O10 O11 O12 O13 O14 O15 O16 O17 O18 O19 O20 O21 O22 O23 O24 O25 O26 O27 O28 O29 O30 O31 O32 O33 O34 O35 O36 O37 O38 O39 O40 O41 O42 O43 O44 O45 O46 O47 O48 O49 O50 O51 O52 O53 O54 Y 2142 2006 1888 1770 1652 1534 1416 1298 1180 1062 944 826 708 590 472 354 236 118 0 -118 -236 -354 -472 -590 -708 -826 -944 -1062 -1180 -1298 -1416 -1534 -1652 -1770 -1888 -2006 -2986 -2142 -2862 -2738 -2614 -2490 -2366 -2242 -2124 -2006 -1888 -1770 -1652 -1534 -1416 X -2986 -3178 PAD No. 101 102 103 104 105 106 107 108 109 110 111 112 113 114 115 116 117 118 119 120 121 122 123 124 125 126 127 128 129 130 131 132 133 134 135 136 137 138 139 140 141 142 143 144 145 146 147 148 149 150 PIN Name X Y O55 -1298 -2142 O56 -1180 O57 -1062 O58 -944 O59 -826 O60 -708 O61 -590 O62 -472 O63 -354 O64 -236 O65 -118 O66 0 O67 118 O68 236 O69 354 O70 472 O71 590 O72 708 O73 826 O74 944 O75 1062 O76 1180 O77 1298 O78 1416 O79 1534 O80 1652 O81 1770 O82 1888 O83 2006 O84 2124 O85 2242 O86 2366 O87 2490 O88 2614 O89 2738 O90 2862 O91 2986 O92 3178 -2006 O93 -1888 O94 -1770 O95 -1652 O96 -1534 O97 -1416 O98 -1298 O99 -1180 O100 -1062 O101 -944 O102 -826 O103 -708 O104 -590 PAD No. 151 152 153 154 155 156 157 158 159 160 161 162 163 164 165 166 167 168 169 170 171 172 PIN Name O105 O106 O107 O108 O109 O110 O111 O112 O113 O114 O115 O116 O117 O118 O119 O120 O121 O122 O123 O124 O125 O126 X 3178 Y -472 -354 -236 -118 0 118 236 354 472 590 708 826 944 1062 1180 1298 1416 1534 1652 1770 1888 2006
5
SED1530 Series
s ABSOLUTE MAXIMUM RATINGS
Rating Symbol Value -0.3 to +7.0 Supply voltage range Triple boosting Quadruple boosting Supply voltage range (1) (VDD Level) Supply voltage range (2) (VDD Level) Input voltage range Output voltage range Operating temperature range Storage temperature range TCP TSTR Bear chip -55 to +125 V5, VOUT V1, V2, V3, V4 VIN V0 TOPR VDD -0.3 to +6.0 -0.3 to +4.5 -18.0 to +0.3 V5 to +0.3 -0.3 to VDD+0.3 -0.3 to VDD+0.3 -40 to +85 -55 to +100 V V V V C C V Unit
VCC GND
VDD VSS
VDD
V1 to V4
V5, VOUT (System) (SED1530 series)
Notes: 1. V1 to V5 and VOUT voltages are based on VDD=0 V. 2. Voltages VDD V1 V2 V3 V4 V5 must always be satisfied. 3. If an LSI exceeds its absolute maximum rating, it may be damaged permanently. It is desirable to use it under electrical characteristics conditions during general operation. Otherwise, an LSI malfunction or reduced LSI reliability may result.
6
SED1530 Series
s ELECTRICAL CHARACTERISTICS
q DC Characteristics
Item Power voltage(1) Recommended Operation Operational Operating voltage Operational (2) Operational Operational High-level input voltage Symbol VDD (VSS = 0 V, VDD = 5 V 10%, Ta = -40 to +85C unless otherwise noted.) Condition Min. 4.5 2.4 V5 V1, V2 V3, V4 VIHC VDD = 2.7 V Low-level input voltage CMOS VILC VDD = 2.7 V High-level output voltage VOHC IOH = -1 mA VDD = 2.7 V, IOH = -0.5 mA Low-level output voltage VOLC IOL = 1 mA VDD = 2.7 V, IOL = 0.5 mA High-level input voltage Schmitt VIHS VDD = 2.7 V Low-level input voltage VILS VDD = 2.7 V Input leakage current Output leakage current LCD driver ON resistance ILI ILO RON Ta = 25C VDD level Static current consumption ISSQ I5Q Input pin capacity Oscillation frequency CIN V5 = -14.0 V V5 = -8.0 V VIN = VDD or VSS VDD level (VDD = 0 V) VDD level (VDD = 0 V) VDD level (VDD = 0 V) -16.0 0.4 x V5 V5 0.7 x VDD 0.8 x VDD VSS VSS 0.8 x VDD 0.8 x VDD VSS VSS 0.85 x VDD 0.8 x VDD VSS VSS -1.0 -3.0 - - - - - 18 18 2.4 2.4 -18.0 -18.0 Typ. 5.0 - - - - - - - - - - - -
- - - -
Max. 5.5 6.0 -4.5 VDD 0.6 x V5 VDD VDD 0.3 x VDD 0.2 x VDD VDD VDD 0.2 x VDD 0.2 x VDD VDD VDD 0.15 x VDD 0.2 x VDD 1.0 3.0 3.0 4.5 5.0 15.0 8.0 26 26 6.0 4.5 - -6.0
Unit V
Pin used VSS *1
V V V V
V5 V1, V2 V3, V4
*2
*3 *3
V
*3 *3
V
*5 *5
V
*5 *5 *4 *4 *4 *4
- - 2.0 3.0 0.01 0.01 5.0 22 22 - - - -
A A K SEG n COM n
*6 *7
*8 A A pF kHz VSS V5 *3 *4 *9
VIN = VDD or VSS V5 = -18.0 V (VDD level) Ta = 25C, f = 1 MHz Ta = 25C VDD = 5 V VDD = 2.7 V
fOSC
VDD
Input voltage Built-in power circuit
Triple boosting Quadruple boosting
V
*10
Booster output voltage Voltage regulator operation voltage Voltage follower operation voltage Reference voltage
VOUT VOUT
Triple voltage conversion (VDD level) (VDD level)
V V
VOUT VOUT
V5
(VDD level)
-18.0 -16.0
- - -2.55
-6.0 -4.5 -2.35
V
*11
VREG
Ta = 25C (VDD level)
-2.75
V
7
SED1530 Series
q Dynamic current consumption (1) when the built-in power supply is OFF
Item SED1530 Symbol IDD (1) SED1531 Condition VDD = 5.0 V, V5 - VDD = -8.0 V VDD = 3.0 V, V5 - VDD = -8.0 V VDD = 5.0 V, V5 - VDD = -11.0 V VDD = 3.0 V, V5 - VDD = -11.0 V SED1532 VDD = 5.0 V, V5 - VDD = -11.0 V VDD = 3.0 V, V5 - VDD = -11.0 V SED1533 SED1534 VDD = 3.0 V, V5 - VDD = -5.0 V VDD = 3.0 V, V5 - VDD = -5.0 V Min. -- -- -- -- -- -- -- -- Typ. 24 22 40 36 39 32 20 20 Max. 40 35 65 60 65 55 35 35 Ta = 25C Typ. 41 48 96 118 95 114 30 32 Max. 70 80 160 190 160 190 50 55 Unit A Note *13 Unit A Ta = 25C Note *12
q Dynamic current consumption (2) when the built-in power supply is ON
Item SED1530 Symbol IDD (1) SED1531 Condition VDD = 5.0 V, V5 - VDD = -8.0 V, dual boosting VDD = 3.0 V, V5 - VDD = -8.0 V, triple boosting VDD = 5.0 V, V5 - VDD = -11.0 V, triple boosting VDD = 3.0 V, V5 - VDD = -11.0 V, quadruple boosting SED1532 VDD = 5.0 V, V5 - VDD = -11.0 V, triple boosting VDD = 3.0 V, V5 - VDD = -11.0 V, quadruple boosting SED1533 SED1534 VDD = 3.0 V, V5 - VDD = -5.0 V, dual boosting VDD = 3.0 V, V5 - VDD = -5.0 V, dual boosting Min. -- -- -- -- -- -- -- --
q Current consumption during Power Save mode
Item Symbol Condition SED1530, SED1531, SED1532 SED1530, SED1531, SED1532 Min. -- --
VSS=0V, VDD=2.7 to 5.5V Ta = 25C Typ. 0.01 10 Max. 1 20 Unit A Note
During sleep IDDS1 During standby IDDS2
q Typical current consumption characteristics (reference data) * Dynamic current consumption (1) when LCD external power mode lamp is ON
20 (A) 15 IDD(1) (ISS+15) 10 SED1531, SED1532 Conditions: The built-in power supply is OFF and an external power supply is used. SED1530 V5-VDD = -8.0V SED1531 V5-VDD = -11.0V SED1532 V5-VDD = -11.0V SED1533 V5-VDD = -6.0V SED1534 V5-VDD = -6.0V Ta = 25C Remarks: SED1533, SED1534 *12
SED1530 5
0
1
2
3 VDD
4
5
6
7 (V)
8
SED1530 Series
* Dynamic current consumption (2) when the LCD built-in power circuit lamp is ON
200 (A) 150 IDD(1) (ISS+15) 100 SED1531, SED1532 Conditions: The built-in power supply is ON. SED1530 V5-VDD = -8.0V, triple boosting SED1531 V5-VDD = -11.0V, quadruple boosting SED1532 V5-VDD = -11.0V, quadruple boosting SED1533 V5-VDD = -5.0V, dual boosting SED1534 V5-VDD = -5.0V, dual boosting Ta = 25C Remarks: 6 7 (V) *13
SED1530 50 SED1533, SED1534 0 1 2 3 VDD 4 5
Though the wide range of operating voltages is guaranteed, a spike voltage change may affect the voltage assurance during access from the microprocessor. *2 VDD and V5 operating voltage range. (Refer to Fig.) The operating voltage range applies if an external power supply is used. *3 A0, D0 - D5, D6, D7 (SI), RD (E), WR (R/W), CS1, CS2, FR, M/S, C86, P/S and DOF pins *4 CL, SCL (D6) and RES pins *5 D0 - D5, D6, D7 (SI), FR, FRS, DYO, DOF and CL pins *6 A0, RD (E), WR (R/W), CS1, CS2, M/S, RES, C86 and P/S pins *7 Applies when the D0 - D7, FR, CL, DYO and DOF pins are in high impedance, *8 Resistance value when 0.1 V is applied between the output pin SEGn or COMn and each power supply pin (V1, V2, V3, V4). This is specified in the operating voltage (2) range. R ON = 0.1 V/I (I: Current flowing when 0.1 V is applied in the ON status.) *9 For the relationship between oscillation frequency and frame frequency. (Refer to Fig.) *10 For triple or quadruple boosting using the on-chip power using the primary-side power supply VDD must be used within the input voltage range. *11 The voltage regulator adjusts V5 within the voltage follower operating voltage range. *12, *13 Current that each IC unit consumes. It does not include the current of the LCD panel capacity, wiring capacity, etc. This is current consumption under the conditions of display data = checker, display ON, SED1530 = 1/33 duty, and SED1531 and SED1532 = 1/65 duty. *12 Applies to the case where the on-chip oscillator circuit is used and no access is made from the microprocessor. *13 Applies to the case where the on-chip oscillator circuit and the on-chip power circuit are used and no access is made from the microprocessor. The current flowing through voltage regulation resistors (R1, R2 and R3) is not included. The current consumption, when the on-chip voltage booster is used, is for the power supply VDD. * Relationship between oscillation frequency and frame frequency The relationship between oscillation frequency fOSC and LCD frame frequency fF can be obtained by the following expression.
SED1530 SED1531 SED1532 SED1533 SED1534 Duty 1/33 1/65 1/17 1/9 f CL f OSC/8 f OSC/4 f OSC/8 f OSC/8 fF f OSC/(8*33) f OSC/(4*65) f OSC/(8*17) f OSC/(8*9)
*1
(fF does not indicate the FR signal cycle but the AC cycle.) Relationship between clock (fCL) and frame frequency fF
9
SED1530 Series
* VSS and V5 operating voltage range
-20 [V] V5-VDD -16 -15 -11 -10 -5 2.4 0 2 VDD 3.5 4 [V] 6 8 Operating range
* Current consumption at access IDD (2) - Microprocessor access cycle
10 [mA] 1 IDD (2) 0.1 0.01 SED1531, SED1532 SED1530 SED1533 SED1534
This indicates current consumption when data is always written on the checker pattern at fcyc. When no access is made, only IDD (1) occurs.
Condition: SED1530 V5-VDD=-8.0V, triple boosting SED1531 V5-VDD=-11.0V, quadruple boosting SED1532 V5-VDD=-11.0V, quadruple boosting 10 SED1533 V5-VDD=-6.0V, dual boosting SED1534 V5-VDD=-6.0V, dual boosting Ta = 25C
0
0.01 0.1 1 fcyc [MHz]
10
SED1530 Series
s CONNECTION BETWEEN LCD Drivers
The LCD panel display area can easily be expanded by use of multiple SED1530 series chips. The SED1530 series can also be connected to the common driver (SED1670). q SED1531 to SED1670
VDD SED1670D1A FR YSCL FR CL SED1531 (master) DYO DOF M/S
DOFF
DIO
q SED1530 to SED1531
VDD M/S CL SED1530 (master) DYO DOF FR FR CL SED1530 (slave) DYO DOF M/S VSS
q SED1532 to SED1532
VDD M/S CL SED1532 (master) DYO DOF FR FR CL SED1532 (slave) DYO DOF M/S VSS
11
Y X W | Q P
SED1530 Series
s LCD PANEL CONNECTION EXAMPLES
SED1530 : 100 x 33dot SEG (100) SEG (100) SED1530D0A SED1530DAA COM (33) COM (17) COM (16) SED1670
COM(65)
132 x 65 dot
DOFF DIO YSCL FR
SEG(132)
VDD
FR CL DYO DOF
M/S
SED1531
@SED1532 : 200 x 65 dot
SEG(100)
SEG(100)
COM(33) VDD
SED1532
M/S
FR DOF
FR DOF
SED1532
COM(32)
CL
CL
M/S
12
SED1530 Series
NOTICE: No part of this material may be reproduced or duplicated in any form or by any means without the written permission of Seiko Epson. Seiko Epson reserves the right to make changes to this material without notice. Seiko Epson does not assume any liability of any kind arising out of any inaccuracies contained in this material or due to its application or use in any product or circuit and, further, there is no representation that this material is applicable to products requiring high level reliability, such as, medical products. Morever, no license to any intellectual property rights is granted by implication or otherwise, and there is no representation or warranty that anything made in accordance with this material will be free from any patent or copyright infringement of a third party. This material or portions thereof may contain technology or the subject relating to strategic products under the control of the Foreign Exchange and Foreign Trade Control Law of Japan and may require an export license from the Ministry of International Trade and Industry or other approval from another government agency. IBM is registered trademark of International Business Machines Corporation, U.S.A. (c) Seiko Epson Corporation 1996 All right reserved.
ELECTRONIC DEVICE MARKETING DEPARTMENT
IC Marketing & Engineering Group 421-8 Hino, Hino-shi, Tokyo 191, JAPAN Phone: 0425-87-5816 FAX: 0425-87-5624 International Marketing Department I (Europe, U.S.A.) 421-8 Hino, Hino-shi, Tokyo 191, JAPAN Phone: 0425-87-5812 FAX: 0425-87-5564 International Marketing Department II (Asia) 421-8 Hino, Hino-shi, Tokyo 191, JAPAN Phone: 0425-87-5814 FAX: 0425-87-5110
First issue Dec., 1996 Printed Nov. 1996 in Japan
H
14


▲Up To Search▲   

 
Price & Availability of SED1530DF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X