Part Number Hot Search : 
V638ME01 13002 1N5229 2SA1514K 11201 RS200 APL5315 256655
Product Description
Full Text Search
 

To Download SB1B0S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SB120S THRU SB1B0S
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 100 Volts Forward Current - 1.0 Ampere
Features
Plastic package has Underwriters Laboratory Flammability Classification 94V-0 utilizing Flame retardant epoxy molding compound 1.0 ampere operation at TL=90 with no thermal runaway For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications
Mechanical Data
Case: Molded plastic, A-405 Terminals: Axial leads, solderable per MIL-STD-202, method 208 Polarity: Color band denotes cathode Mounting Position: Any Weight: 0.008 ounce, 0.22 gram
DIMENSIONS DIM A B C D inches Min. 0.165 0.079 0.020 1.000 Max. 0.205 0.106 0.024 Min. 4.2 2.0 0.5 25.40 mm Max. 5.2 2.7 0.6 Note
Maximum Ratings and Electrical Characteristics
Ratings at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
Symbols
SB 120S
SB 130S
SB 140S
SB 150S
SB 160S
SB 180S
SB 1B0S
Units
Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current 0.375" (9.5mm) lead length at TL=90 Peak forward surge current, IFM (surge): 8.3mS single half sine-wave superimposed on rated load (MIL-STD-750D 4066 method) Maximum forward voltage at 1.0A Maximum full load reverse current, full cycle average at TA=75 Maximum DC reverse current at rated DC blocking voltage TA=25 TA=100
VRRM VRMS VDC I(AV) IFSM VF IR(AV) IR CJ R
JA
20 14 20
30 21 30
40 28 40
50 35 50 1.0 30.0
60 42 60
80 56 80
100 70 100
Volts Volts Volts Amp Amps
0.55 30.0 1.0 10.0 110.0 80.0
0.70
0.85
Volts mA mA F /W
Typical junction capacitance (Note 1) Typical thermal resistance (Note 2) Operating and storage temperature range
Notes: (1) Measured at 1.0MHz and applied reverse voltage of 4.0 VDC (2) Thermal resistance junction to ambient
TJ, TSTG
-50 to +125
1
RATINGS AND CHARACTERISTIC CURVES
2


▲Up To Search▲   

 
Price & Availability of SB1B0S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X