Part Number Hot Search : 
SST500 4AHCT1G0 00100 TSOP123 74AC04B DSWM5077 4983S BH3563FV
Product Description
Full Text Search
 

To Download RX-2409D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ECONOLINE - DC/DC-Converter
RX and RY Series, 1 Watt, DIP14/SIP7, Regulated (Dual Output) Features

Controllable Output 1kVDC Isolation UL94V-0 Package Material No Heatsink Required

Fully Encapsulated No External Components Toroidal Magnetics
Selection Guide
Part Number DIP14 RX-XX05D RX-XX09D RX-XX12D RX-XX15D RX-XX24D Part Number SiP7 RY-XX05D RY-XX09D RY-XX12D RY-XX15D RY-XX24D Input Voltage (VDC) 5, 9, 12, 15, 24 5, 9, 12, 15, 24 5, 9, 12, 15, 24 5, 9, 12, 15, 24 5, 9, 12, 15, 24 Output Voltage (VDC) 5 V 9 V 12 V 15 V 24 V Output Current (mA) 100 55 42 33 21 Efficiency (%) 54 58 62 65 65
Specifications (Core Operating Area) and Operating Temperature / Derating-Graph
Input Voltage Input Filter Output Voltage Accuracy Line Voltage Regulation Load Voltage Regulation (20% to 100% full load) Ripple and Noise (20MHz limited) Efficiency at Full Load Isolation Voltage Isolation Resistance (Viso = 500VDC) Isolation Capacitance Short Circuit Protection Switching Frequency at Full Load Operating Temperature Storage Temperature Package Weight RX types RY types 5% Capacitor Type 0.5%
Output Power (Watts) 1.5 1.0 Safe Operating Area 0.5 0 -40 0 50 100 125 150 71 Operating Temperature C 2.0
0.05% / 1.0% 0.5% / 1.0% 100mVp-p max. 50% min. 1.000VDC min. 10 G min. 40pF min./72pF max. 1 Second 30kHz min. / 88kHz max. -40C to +71C (see Graph) -55C to +125C 2.7g 2.8g
Typical Applications
Flash PROM Programming Voltage Control
Vcc
Normal Isolated Regulated Output
Vcc
1 2
1 2
RY-XX12
CTRL 5 1k
6
Vout = 12V, TTL = 0V Vout = 1.2V, TTL = 1V GND
RY-XX12
CTRL 4
6
Vout
GND 4
5
NC
TTL Input 2N2219, BC107, ZTX451 or Similar Transistors capable of Sinking 50mA Continuous Current
0V
0V
0V
EC 40
August 2002
www.recom-international.com
ECONOLINE - DC/DC-Converter
RX and RY Series, 1 Watt, DIP14/SIP7, Regulated (Dual Output) Package Style and Pinning (mm)
14 PIN DIP Package 7 PIN SIP Package
3rd angle projection
1 Bottom View
67
19.65 7.05
14
98
19.90 10.20
RX-0512D RECOM **** RY-0512D RECOM ****
0.51 typ.
RY-0512D RECOM ****
10.00
7.62 4.10 0.51 typ.
12 456
7.10 1.27 2.0
12 456
0.25
15.24 2.0
3.05
12.70
Recommended Footprint Details
1.00 o+0.15/-0 1.00 o+0.15/-0 2.54 2.54
2.54
2.54
Pin Connections Pin # 1 2 4 5 6 7 8 9 14 RX -Vin No Pin No Pin No Pin +Vout Com -Vout Com +Vin RY +Vin -Vin -Vout Com +Vout No Pin No Pin No Pin No Pin XX.X 0.5 mm XX.XX 0.25 mm
www.recom-international.com
August 2002
EC 41


▲Up To Search▲   

 
Price & Availability of RX-2409D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X